Part Number Hot Search : 
AM1303F TMP87P DT71V C6036A LG12864 256659 LTC1627 19001
Product Description
Full Text Search
 

To Download FTD2022 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ordering number:ENN6462
N-Channel Silicon MOSFET
FTD2022
Load Switching Applications
Features
* Low ON resistance. * 4V drive. * Mounting height 1.1mm. * Composite type, facilitating high-density mounting.
Package Dimensions
unit:mm 2155A
[FTD2022]
0.65 8
0.95
3.0 5
0.425
4.5 6.4
1 0.25
4
(0.95)
Absolute Maximum Ratings at Ta = 25C
Parameter Drain-to-Source Voltage Gate-to-Source Voltage Drain Current (DC) Drain Current (pulse) Allowable Power Dissipation Total Dissipation Channel Temperature Storage Temperature Symbol VDSS VGSS ID IDP PD PT Tch Tstg PW10s, duty cycle1% Conditions Ratings 30 20 4.5 20 0.8 1.3 150 -55 to +150 Unit V V A A W W
Mounted on a ceramic board (1000mm2x0.8mm) 1unit Mounted on a ceramic board (1000mm2x0.8mm)
0.1
Specifications
1.0
0.5
1 : Drain1 2 : Source1 3 : Source1 0.125 4 : Gate1 5 : Gate2 6 : Source2 7 : Source2 8 : Drain2 SANYO : TSSOP8
C C
Electrical Characteristics at Ta = 25C
Parameter Drain-to-Source Breakdown Voltage Zero-Gate Voltage Drain Current Gate-to-Source Leakage Current Cutoff Voltage Forward Transfer Admittance Static Drain-to-Source On-State Resistance Input Capacitance Output Capacitance Reverse Transfer Capacitance Symbol V(BR)DSS IDSS IGSS VGS(off) | yfs | RDS(on)1 RDS(on)2 Ciss Coss Crss ID=1mA, VGS=0 VDS=30V, VGS=0 VGS=16V, VDS=0 VDS=10V, ID=1mA VDS=10V, ID=4.5A ID=4.5A, VGS=10V ID=4A, VGS=4.5V VDS=10V, f=1MHz VDS=10V, f=1MHz VDS=10V, f=1MHz 1.0 5.6 8 26 39 530 170 90 34 55 Conditions Ratings min 30 1 10 2.4 typ max Unit V A A V S m m pF pF pF
Marking : D2022
Continued on next page.
Any and all SANYO products described or contained herein do not have specifications that can handle applications that require extremely high levels of reliability, such as life-support systems, aircraft's control systems, or other applications whose failure can be reasonably expected to result in serious physical and/or material damage. Consult with your SANYO representative nearest you before using any SANYO products described or contained herein in such applications. SANYO assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges,or other parameters) listed in products specifications of any and all SANYO products described or contained herein.
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
30100TS (KOTO) TA-2670 No.6462-1/4
FTD2022
Continued from preceding page.
Parameter Turn-ON Delay Time Rise Time Turn-OFF Delay Time Fall Time Total Gate Charge Gate-to-Source Charge Gate-to-Drain "Miller" Charge Diode Forward Voltage Symbol td(on) tr td(off) tf Qg Qgs Qgd VSD IS=4.5A, VGS=0 VDS=10V, VGS=10V, ID=4.5A Conditions See Specified Test Circuit See Specified Test Circuit See Specified Test Circuit See Specified Test Circuit Ratings min typ 9 73 41 54 10 1.5 1.0 0.79 1.2 max Unit ns ns ns ns nC nC nC V
Switching Time Test Circuit
VDD=15V 10V 0V Vin
Electrical Connection
D2 S2 S2 G2
ID=4.5A RL=3.33 Vin
PW=10s D.C.1%
D G
VOUT
P.G
50
S
FTD2022
D1 S1 S1 G1
(Top view)
10
ID -- VDS
10.0V
10 9 8
ID -- VGS
VDS=10V
8.0V
V
8
6.0
5V
9
Drain Current, ID - A
V
Drain Current, ID - A
4.5
3.
7 6 5 4 3 2 1 0 0
3.0
V
7 6 5 4 3 2 1 0 0 0.5 1.0 1.5 2.0
Ta= 7
VGS=2.5V
25
2.5 3.0
C
5C --25 C
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
3.5
4.0
Drain-to-Source Voltage, VDS - V
60 55
IT00557 60
Gate-to-Source Voltage, VGS - V
IT00558
RDS(on) -- VGS
Ta=25C
RDS(on) -- Ta
4. S= , VG 5V
Static Drain-to-Source On-State Resistance, RDS(on) - m
Static Drain-to-Source On-State Resistance, RDS(on) - m
50 45 40 35 30 25 20 15 10 5 0 0 2 4 6 8 10 12 14 16 18 20
50
ID=4.5A 4.0A
40
4. I D=
0A
30
I D=
, VG 4.5A
10. S=
0V
20
10
0 --50
--25
Gate-to-Source Voltage, VGS - V
IT00559
Ambient Temperature, Ta - C
0
25
50
75
100
125
150
IT00560
No.6462-2/4
FTD2022
Forward Transfer Admittance, | yfs | - S
100 7 5 3
yfs -- ID
VDS=10V
10 7 5 3 2
IF -- VSD
VGS=0
Forward Current, IF - A
2 10 7 5 3 2 1.0 7 5 3 2 0.1 0.1 2 3 5 7 1.0 2 3 5 7 10 IT00561
25
C
Ta
5C =--2
1.0 7 5 3 2 0.1 7 5 3 2
75C
Ta=7 5C
25C
0.5
0.01 7 5 3 2 0.001 0.2
0.3
0.4
0.6
--25
0.7
C
0.8
0.9
1.0
1.1
1.2
Drain Current, ID - A
1000 7 5
Diode Forward Voltage, VSD - V
10
IT00562
Ciss, Coss, Crss -- VDS
f=1MHz Gate-to-Source Voltage, VGS - V
VGS -- Qg
VDS=10V ID=4.5A
Ciss
9 8 7 6 5 4 3 2 1
Ciss, Coss, Crss - pF
3 2
Coss
100 7 5 3 2
Crss
10 0 5 10 15 20 25 30 IT00563
0 0
1
2
Drain-to-Source Voltage, VDS - V
1000 7 5
Total Gate Charge, Qg - nC
3
4
5
6
7
8
9
10
IT00564
SW Time -- ID
VDD=15V VGS=10V Drain Current, ID - A
Switching Time, SW Time - ns
3 2 100 7 5 3 2 10 7 5 3 2 1.0 0.1 2
100 7 5 3 2 10 7 5 3 2 1.0 7 5 3 2 0.1 7 5 3 2
ASO
IDP=20A ID=4.5A <10s
1m
10 ms
s
100s
td(off) tr td(on) tf
10
DC op er
0m
s
Operation in this area is limited by RDS(on). Ta=25C Single pulse 1 unit
ati
on
3
5
7
1.0
2
3
5
Drain Current, ID - A
1.5
10 IT00565
7
0.01 Mounted on a ceramic board (1000mm x0.8mm) 0.01 2 3 5 7 0.1 2 3 5 7 1.0 2 3 5 7 10 2 3
2
Drain-to-Source Voltage, VDS - V
5 7 100 IT00566
PD -- Ta
Mounted on a ceramic board (1000mm2x0.8mm)
Allowable Power Dissipation, PD - W
1.3
1.0 0.8
To
tal
Di
ss
ip
ati
1u
0.5
on
nit
0 0 20
Ambient Temperature, Ta - C
40
60
80
100
120
140
160
IT00567
No.6462-3/4
FTD2022
Specifications of any and all SANYO products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customer's products or equipment. To verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer's products or equipment. SANYO Electric Co., Ltd. strives to supply high-quality high-reliability products. However, any and all semiconductor products fail with some probability. It is possible that these probabilistic failures could give rise to accidents or events that could endanger human lives, that could give rise to smoke or fire, or that could cause damage to other property. When designing equipment, adopt safety measures so that these kinds of accidents or events cannot occur. Such measures include but are not limited to protective circuits and error prevention circuits for safe design, redundant design, and structural design. In the event that any or all SANYO products(including technical data,services) described or contained herein are controlled under any of applicable local export control laws and regulations, such products must not be expor ted without obtaining the expor t license from the authorities concerned in accordance with the above law. No part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise, without the prior written permission of SANYO Electric Co., Ltd. Any and all information described or contained herein are subject to change without notice due to product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification" for the SANYO product that you intend to use. Information (including circuit diagrams and circuit parameters) herein is for example only ; it is not guaranteed for volume production. SANYO believes information herein is accurate and reliable, but no guarantees are made or implied regarding its use or any infringements of intellectual property rights or other rights of third parties.
This catalog provides information as of March, 2000. Specifications and information herein are subject to change without notice.
PS No.6462-4/4


▲Up To Search▲   

 
Price & Availability of FTD2022

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X