Part Number Hot Search : 
2SA106 2SB1190 4431A 100DAM9 SMCJ3 TC400 HFA60 AJ60A
Product Description
Full Text Search
 

To Download PHP84-BPHP500 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 05027
PHP8.4-PHP500
thru
Only One Name Means ProT ek'TionTM
PIP8.4-PIP500
AC POWER BUS VOL AGE SUPPRESSOR T
APPLICA TIONS Secondary AC Power Supply Aircraft & Shipboard AC Power Bus Heavy Duty AC Switching Power FEA TURES
Meets the Following Military Specifications: - DOD-STD-1389 - MIL-STD-2036 - MIL-STD-704 - MIL-PRF-STD-19500/507 7,500 & 15,000 Watts Peak Pulse Power per Line (tp=10/1000s) Each Device 100% Tested Available in Multiple Voltages Ranging From: 8.4V to 500V
MECHANICAL CHARACTERISTICS Hermetically Sealed Glass to Metal Sub-Assemblies (PHP) Sub-Assemblies are Packaged in Molded Epoxy Case (PIP) Weight 46 grams (Approximate) Flammability rating UL 94V-0 Device Marking: Logo & Part Number Screening Available Upon Request - The PHP & PIP series can be screened upon request for military requirements in accordance with MIL-PRF-19500 (applicable test). Standard screening is available based on the following options: H1 - Submodule Screening per test plans 05231 & 05232 H2 - Submodule & Module Screening per test plan 05233 H3 - Submodule & Module Screening, Module Group B & C Lot Testing per test plans 05234 & 05235
PIP & PHP PACKAGE
MAXIMUM RATINGS @ 25C Unless Otherwise Specified
PARAMETER Peak Pulse Power (tp = 10/1000s) - See Figure 1 Operating Temperature Storage Temperature Steady State Power Dissipation @ 50C SYMBOL PPP TJ TSTG TA VALUE 7.5 & 15 -55C to 150C -55C to 150C 7.5 UNITS kilowatts C C Watts
05027.R4 11/04
1
www.protekdevices.com
PHP8.4-PHP500
thru
PIP8.4-PIP500
DEVICE CHARACTERISTICS ELECTRICAL CHARACTERISTICS PER LINE @ 25C Unless Otherwise Specified
PART NUMBER (See Notes 1-2) AVERAGE RMS VOLTAGE RATED STAND-OFF VOLTAGE MINIMUM BREAKDOWN VOLTAGE (See Note 1) @ 1mA V(BR) VOLTS 14 40 50 100 200 347 418 735 835 14 40 50 100 200 347 418 735 835 MAXIMUM CLAMPING VOLTAGE (See Fig. 2) @ IPPM VC VOLTS 22 67 84 167 319 536 652 1138 1292 22 67 84 167 319 536 652 1138 1292 MAXIMUM LEAKAGE CURRENT MAXIMUM PEAK PULSE CURRENT MAXIMUM PEAK PULSE POWER
VRMS VOLTS PHP8.4 PHP24 PHP30 PHP60 PHP120* PHP208 PHP250* PHP440 PHP500* PIP8.4 PIP24 PIP30 PIP60 PIP120* PIP208 PIP250* PIP440 PIP500* 8.4 24.0 30.0 60.0 120.0 208.0 250.0 440.0 500.0 8.4 24.0 30.0 60.0 120.0 208.0 250.0 440.0 500.0
VWM VOLTS 12.0 34.0 42.5 85.0 170.0 295.0 354.0 623.0 708.0 12.0 34.0 42.5 85.0 170.0 295.0 354.0 623.0 708.0
@VWM ID A 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250
IPPM AMPS 341 112 90 90 47 28 23 13.2 11.6 341 112 90 90 47 28 23 13.2 11.6
@ 1ms P PP KILOWATTS 7.5 7.5 7.5 15.0 15.0 15.0 15.0 15.0 15.0 7.5 7.5 7.5 15.0 15.0 15.0 15.0 15.0 15.0
Note 1: An * indicates that this series is recommended for marine applications. For military and aerospace applications, use the PHP Series. For industrial applications use the PIP Series Note 2: The following devices have a peak pulse power rating of 7,500W for a 10/1000s waveform (see Figure 1): 8.4V, 24V and 30V.
05027.R4 11/04
2
www.protekdevices.com
PHP8.4-PHP500
thru
PIP8.4-PIP500
GRAPHS
FIGURE 1 PEAK PULSE POWER VS PULSE TIME
1,000
PPP - Peak Pulse Power - kilowatts
100 15kW 10/1000s Waveform 10 7.5kW 10/1000s Waveform 0 0.1
1
10 100 1,000 td - Pulse Duration - s
10,000
100,000
100
IPP - Peak Pulse Current - % of IPP
FIGURE 2 PULSE WAVE FORM
100 tf TEST WAVEFORM PARAMETERS tf = 10s td = 1,000s td = t I /2 PP 80
% Of Rated Power
FIGURE 3 POWER DERATING CURVE
Peak Pulse Power 10/1000s
Peak Value IPP
60
50
40 20 Average Power 0 0
e-t 0 0 1 t - Time - ms 2 3
25 50 75 100 125 TL - Lead Temperature - C
150
05027.R4 11/04
3
www.protekdevices.com
PHP8.4-PHP500
thru
PIP8.4-PIP500
PACKAGE OUTLINE & DIMENSIONS
PHP & PIP PACKAGE OUTLINE
PHP & PIP PACKAGE
A C B
D G
H
DIM A B C D* E F* G H I* J
DIMENSIONS MILLIMETERS MIN MAX 56.38 49.02 3.43 20.32 8.26 3.18 DIA 16.76 34.16 6.35 11.94 57.91 50.03 4.17 20.32 9.27 3.18 DIA 18.29 35.69 6.35 13.46 INCHES MIN MAX 2.22 2.28 1.93 1.97 0.135 0.165 0.800 0.800 0.325 0.365 0.125 DIA 0.125 DIA 0.660 0.720 1.345 1.405 0.250 0.250 0.47 0.53
E
F
J I
Outline & Dimensions: Rev 0 - 4/02, 06032
Note*: Dimensions are nominal.
COPYRIGHT (c) ProTek Devices 2005 SPECIFICATIONS: ProTek reserves the right to change the electrical and or mechanical characteristics described herein without notice (except JEDEC). DESIGN CHANGES: ProTek reserves the right to discontinue product lines without notice, and that the final judgement concerning selection and specifications is the buyer's and that in furnishing engineering and technical assistance, ProTek assumes no responsibility with respect to the selection or specifications of such products.
ProTek Devices 2929 South Fair Lane, Tempe, AZ 85282 Tel: 602-431-8101 Fax: 602-431-2288 E-Mail: sales@protekdevices.com Web Site: www.protekdevices.com
05027.R4 11/04
4
www.protekdevices.com


▲Up To Search▲   

 
Price & Availability of PHP84-BPHP500

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X