Part Number Hot Search : 
V23990 200A6 DG528 74S90 TSM924C FEE16W AN7134 LMO12W
Product Description
Full Text Search
 

To Download NESG3031M05 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PRELIMINARY DATA SHEET
NEC's NPN SiGe NESG3031M05 HIGH FREQUENCY TRANSISTOR
FEATURES
* LOW NOISE FIGURE AND HIGH-GAIN NF = 0.95 dB TYP, Ga = 10 dB TYP @ VCE = 2 V, IC = 6 mA, f = 5.2 GHz NF = 1.1 dB TYP, Ga = 9.5 dB TYP @ VCE = 2 V, IC = 6 mA, f = 5.8 GHz * * * MAXIMUM STABLE POWER GAIN: MSG = 14.0 dB TYP @ VCE = 3 V, IC = 20 mA, f = 5.8 GHz SiGe HBT TECHNOLOGY: USH3 process, fmax = 110 GHz M05 PACKAGE: Flat-lead 4 pin thin-type super minimold package
ORDERING INFORMATION
PART NUMBER NESG3031M05 NESG3031M05-T1 QUANTITY 50 pcs (Non reel) 3 kpcs/reel SUPPLYING FORM * 8 mm wide embossed taping * Pin 3 (Collector), Pin 4 (Emitter) face the perforation side of the tape
Remark To order evaluation samples, contact your nearby sales office. Unit sample quantity is 50 pcs.
ABSOLUTE MAXIMUM RATINGS (TA =+25C)
PARAMETER Collector to Base Voltage Collector to Emitter Voltage Emitter to Base Voltage Collector Current Total Power Dissipation Junction Temperature Storage Temperature SYMBOL VCBO VCEO VEBO IC Ptot Note Tj Tstg RATINGS 12.0 4.3 1.5 35 150 150 -65 to +150 UNIT V V V mA mW C C
Note Mounted on 38 x 38 mm, t = 0.4 mm polyimide PCB
California Eastern Laboratories
NESG3031M05 ELECTRICAL CHARACHTERISTICS (TA = 25C)
PARAMETER DC Characteristics Collector Cut-off Current Emitter Cut-off Current DC Current Gain RF Characteristics Insertion Power Gain Noise Figure (1) Noise Figure (2) Associated Gain (1) Associated Gain (2) Reverse Transfer Capacitance Maximum Stable Power Gain Gain 1 dB Compression Output Power 3rd Order Intermodulation Distortion Output Intercept Point |S21e|2 NF NF Ga Ga Cre Note 2 MSG
Note 3
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
ICBO IEBO hFE
Note 1
VCB = 5 V, IE = 0 mA VEB = 1 V, IC = 0 mA VCE = 2 V, IC = 6 mA
- - 220
- - 300
100 100 380
nA nA -
VCE = 3 V, IC = 20 mA, f = 5.8 GHz VCE = 2 V, IC = 6 mA, f = 5.2 GHz, ZS = ZSopt, ZL = ZLopt VCE = 2 V, IC = 6 mA, f = 5.8 GHz, ZS = ZSopt, ZL = ZLopt VCE = 2 V, IC = 6 mA, f = 5.2 GHz, ZS = ZSopt, ZL = ZLopt VCE = 2 V, IC = 6 mA, f = 5.8 GHz, ZS = ZSopt, ZL = ZLopt VCB = 2 V, IE = 0 mA, f = 1 MHz VCE = 3 V, IC = 20 mA, f = 5.8 GHz VCE = 3 V, IC (set) = 20 mA, f = 5.8 GHz, ZS = ZSopt, ZL = ZLopt VCE = 3 V, IC (set) = 20 mA, f = 5.8 GHz, ZS = ZSopt, ZL = ZLopt
6.0 - - - 7.5 - 11.0 - -
8.5 0.95 1.1 10.0 9.5 0.15 14.0 13.0 18.0
- - 1.5 - - 0.25 - - -
dB dB dB dB dB pF dB dBm dBm
PO (1 dB) OIP3
Notes 1. Pulse measurement: PW 350 s, Duty Cycle 2% 2. Collector to base capacitance when the emitter grounded 3. MSG = S21 S12
hFE CLASSIFICATION
RANK Marking hFE Value FB T1K 220 to 380
NESG3031M05 PACKAGE DIMENSIONS (Units in mm)
FLAT LEAD 4-PIN THIN TYPE SUPER MINIMOLD (M05, 2012 PACKAGE
2.050.1 1.250.1
3
T1K
4 1
2.00.1
0.65
2
0.65
0.590.05
PIN CONNECTIONS
1. 2. 3. 4. Base Emitter Collector Emitter
Life Support Applications These NEC products are not intended for use in life support devices, appliances, or systems where the malfunction of these products can reasonably be expected to result in personal injury. The customers of CEL using or selling these products for use in such applications do so at their own risk and agree to fully indemnify CEL for all damages resulting from such improper use or sale.
0.11+0.1 -0.05
0.30+0.1 -0.05
1.30
04/05/2004
A Business Partner of NEC Compound Semiconductor Devices, Ltd.


▲Up To Search▲   

 
Price & Availability of NESG3031M05

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X