Part Number Hot Search : 
22E0430 BLP6060A R101G LTC2321 MC35001B LM117 230CC P6SMB15A
Product Description
Full Text Search
 

To Download MBR3045WT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD-2.324 rev. B 03/99
MBR3035WT MBR3045WT
SCHOTTKY RECTIFIER 30 Amp
TO-247AC
Major Ratings and Characteristics Characteristics
I F(AV) Rectangular waveform (Per Device) I FRM @ T C= 125C (Per Leg) VRRM I FSM @ tp = 5 s sine VF TJ @ 20 Apk, TJ = 125C range 30 35/45 1020 0.60 - 65 to 150 A V A V C
3. 65 (0 .14 4) 15 .90 (0 . 626 ) 15 .30 (0 . 602 ) 5. 70 (0 .22 5) 5.30 ( 0.208) 20 .30 ( 0. 800) 19 .70 ( 0. 775) 3. 55 (0 .13 9)
Description/Features
The MBR30..WT center tap Schottky rectifier has been optimized for very low forward voltage drop, with moderate leakage. The proprietary barrier technology allows for reliable operation up to 150 C junction temperature. Typical applications are in switching power supplies, converters, free-wheeling diodes, and reverse battery protection. 150 C T J operation Center tap TO-247 package High purity, high temperature epoxy encapsulation for enhanced mechanical strength and moisture resistance Very low forward voltage drop High frequency operation Guard ring for enhanced ruggedness and long term reliability
MBR30..WT Units
30 A
DIA.
5. 30 ( 0. 209) 4.70 ( 0. 185) 2.5 ( 0. 098)
1.5 ( 0. 059)
5.50 ( 0.217) 4. 50 (0 .17 7) 1 2 3 (2 PLCS.)
1
BASE COMMON CATHODE 2
2
3 ANODE 2
14. 80 ( 0. 583)
14 .20 ( 0. 559 )
ANODE CO MMON CATHODE 1
4. 30 ( 0. 170) 3. 70 ( 0. 14 5) 2. 20 (0 .08 7) 2. 40 (0 .09 5) MAX . 0. 80 ( 0.032) 0. 40 (0 .21 3)
1. 40 (0 .05 6)
M AX .
1. 00 (0 .03 9) 10. 94 ( 0.430) 10. 86 (0 .427 )
Conform to JEDEC outline TO-247AC (TO-3P) Dimensions in millimeters and (inches)
www.irf.com
1
MBR3035WT, MBR3045WT
PD-2.324 rev. B 03/99
Voltage Ratings
Part number
VR Max. DC Reverse Voltage (V) 35 45 VRWM Max. Working Peak Reverse Voltage (V)
MBR3035WT
MBR3045WT
Absolute Maximum Ratings
Parameters
IF(AV) Max.AverageForward (PerLeg) Current (Per Device) IFRM Peak Repetitive Forward Current (Per Leg) IFSM Non Repetitive Peak Surge Current
Values
15 30 30 1020
Units
A A
Conditions
@ TC = 125 C, (Rated VR) Rated VR , square wave, 20kHz TC = 125 C 5s Sine or 3s Following any rated load condition and with rated V RRM applied Rect. pulse Surge applied at rated load conditions halfwave, single phase, 60Hz 2.0 sec 1.0 KHz
A 200
IRRM
Peak Repetitive Reverse Surge Current
2.0
A
Electrical Specifications
Parameters
VFM Max. Forward Voltage Drop (1) IRM Max. Instantaneus Reverse Current (1) VF(TO) Threshold Voltage rt CT LS Forward Slope Resistance Max. Junction Capacitance Typical Series Inductance
Values
0.76 0.60 0.72 1.0 100 0.29 13.8 800 7.5 1,000
Units
V V V mA mA V m pF nH V/ s @ 30A @ 20A @ 30A
Conditions
TJ = 25 C T J = 125 C Rated DC voltage
TJ = 25 C TJ = 125 C TJ = T J max.
VR = 5VDC, (test signal range 100Khz to 1Mhz) 25C Measured from top of terminal to mounting plane
dv/dt Max. Voltage Rate of Change (Rated VR)
(1) Pulse Width < 300s, Duty Cycle <2%
Thermal-Mechanical Specifications
Parameters
TJ Tstg Max. Junction Temperature Range Max. Storage Temperature Range
Values
-65 to 150 -65 to 175 1.40 0.24 6 (0.21) Min. Max. 6 (5) 12 (10)
Units
C C
Conditions
RthJC Max. Thermal Resistance Junction to Case (Per Leg) RthCS Typical Thermal Resistance Case to Heatsink wt T Approximate Weight Mounting Torque Case Style
C/W DC operation C/W Mounting surface, smooth and greased g (oz.) Kg-cm (Ibf-in) JEDEC
TO-247AC(TO-3P)
2
www.irf.com
MBR3035WT, MBR3045WT
PD-2.324 rev. B 03/99
100
1000 100 10 1 0.1 25C 0.01 0.001
Reverse Current - I R (mA)
T J = 150C 125C 100C 75C 50C
Instantaneous Forward Current - I F (A)
T J = 150C T J = 125C T J = 25C 10
0
5
10
15 20 25
30 35 40
45
Reverse Voltage - VR (V)
Fig. 2 - Typical Values Of Reverse Current Vs. Reverse Voltage (Per Leg)
1000 (pF)
Junction Capacitance - C
T = 25C
J
T
1 0 0.2 0.4 0.6 0.8 1 1.2 1.4 Forward Voltage Drop - V FM (V)
100 0 10 20 30 40 50 Reverse Voltage - VR (V)
Fig. 1 - Max. Forward Voltage Drop Characteristics (PerLeg)
10 Thermal Impedance Z thJC (C/W)
Fig. 3 - Typical Junction Capacitance Vs. Reverse Voltage (Per Leg)
1
D= D= D= D= D=
0.75 0.50 0.33 0.25 0.20
PDM
0.1 Single Pulse (Thermal Resistance) 0.01 0. 00001 Notes:
t1 t2
1. Duty factor D = t 1/ t 2 2. Peak TJ = PDM x Z thJC+ T C 0.01 0. 1 1 10
0.0001
0.001
t 1 , Rectangular Pulse Duration (Seconds)
Fig. 4 - Max. Thermal Impedance ZthJC Characteristics (Per Leg)
www.irf.com
3
MBR3035WT, MBR3045WT
PD-2.324 rev. B 03/99
150 Allowable Case Temperature - (C)
16 Average Power Loss - (Wat ts) 14 12 10 8 6 4 2
see note (2)
140
DC
D = 0.20 D = 0.25 D = 0.33 D = 0.50 D = 0.75
130
RMS Limit
DC
120
Square wave (D = 0.50) V R applied
110
100 0 4 8 12 16 20 24 Average Forward Current - I F(AV) (A)
0 0 4 8 12 16 20 24 Average Forward Current - I F (AV) (A)
Fig. 5 - Max. Allowable Case Temperature Vs. Average Forward Current (Per Leg)
(A) 1000
Fig. 6 - Forward Power Loss Characteristics (PerLeg)
Non-Repetitive Surge Current - I
FSM
At Any Rated Load Condition And With Rated V Applied RRM Following Surge 100 10
100
1000
10000
Square Wave Pulse Duration - t p (microsec)
Fig. 7 - Max. Non-Repetitive Surge Current (Per Leg)
L HIGH-SPEED SWITCH FREE-WHEEL DIODE 40HFL40S02 Vd = 25 Volt
DUT
IRFP460 Rg = 25 ohm
+
CURRENT MONITOR
Fig. 8 - Unclamped Inductive Test Circuit
(2) Formula used: TC = TJ - (Pd + PdREV) x R thJC ; Pd = Forward Power Loss = I F(AV) x VFM @ (IF(AV) / D) (see Fig. 6); Pd REV = Inverse Power Loss = VR1 x I R (1 - D); IR @ VR1 = rated VR
4
www.irf.com
MBR3035WT, MBR3045WT
PD-2.324 rev. B 03/99
Ordering Information Table
Device Code
MBR 30
1 1 2 3 4 2
45
3
WT
4
Essential Part Number Current Rating Voltage code: Code = VRRM Center Tap TO-247 35 = 35V 45 = 45V
WORLD HEADQUARTERS: EUROPEAN HEADQUARTERS: IR CANADA: IR GERMANY: IR ITALY: IR FAR EAST: IR SOUTHEAST ASIA: IR TAIWAN:
233 Kansas St., El Segundo, California 90245 U.S.A. Tel: (310) 322 3331. Fax: (310) 322 3332. Hurst Green, Oxted, Surrey RH8 9BB, U.K. Tel: ++ 44 1883 732020. Fax: ++ 44 1883 733408. 15 Lincoln Court, Brampton, Markham, Ontario L6T3Z2. Tel: (905) 453 2200. Fax: (905) 475 8801. Saalburgstrasse 157, 61350 Bad Homburg. Tel: ++ 49 6172 96590. Fax: ++ 49 6172 965933. Via Liguria 49, 10071 Borgaro, Torino. Tel: ++ 39 11 4510111. Fax: ++ 39 11 4510220. K&H Bldg., 2F, 30-4 Nishi-Ikebukuro 3-Chome, Toshima-Ku, Tokyo, Japan 171. Tel: 81 3 3983 0086. 1 Kim Seng Promenade, Great World City West Tower,13-11, Singapore 237994. Tel: ++ 65 838 4630. 16 Fl. Suite D.207, Sec. 2, Tun Haw South Road, Taipei, 10673, Taiwan. Tel: 886 2 2377 9936.
http://www.irf.com
Fax-On-Demand: +44 1883 733420
Data and specifications subject to change without notice.
www.irf.com
5


▲Up To Search▲   

 
Price & Availability of MBR3045WT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X