Part Number Hot Search : 
MC1488 J3353K AD7685 MTD502E 20N06 MSM82C43 20N06 1N4596R
Product Description
Full Text Search
 

To Download CZRB2100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Surface Mount Zener Diode
COMCHIP
www.comchip.com.tw
CZRB2011 Thru CZRB2100
Voltage: 11 - 100 Volts Power: 2.0 Watt
Features
- For surf ace mounted applications in order to optimize board space - Low profile package - Built-in strain relief - Glass passivated junction - Low inductance - Excellent clamping capability - Typical ID less than 1uA above 11V - High temperature soldering 260C /10 seconds at terminals - Plastic package has underwriters laboratory flammability classification 94V-O
SMB/DO-214AA
0.083(2.11) 0.075(1.91) 0.185(4.70) 0.160(4.06)
0.155(3.94) 0.130(3.30)
0.012(0.31) 0.006(0.15) 0.096(2.44) 0.083(2.13) 0.050(1.27) 0.030(0.76) 0.008(0.20) 0.203(0.10)
Mechanical data
- Case: JEDEC DO-214AA, Molded plastic over passivated junction - Terminals: Solder plated, solderable per MILSTD-750, method 2026 - Polarity: Color band denotes positive end (cathode) except Bidirectional - Standard Packaging: 12mm tape (EIA-481) - Weight: 0.002 ounce, 0.064 gram
0.220(5.59) 0.200(5.08)
Dimensions in inches and (maillimeter)
Maximum Ratings and Electrical Characterics
Ratings at 25C ambient temperature unless otherwise specified.
Rating Peak Pulse Power Dissipation (Note A) Derate above 75C Peak forward Surge Current 8.3ms single half s ine-wave superimposed on rated load (JEDEC Method) (Note B) Operating Junction and Storage Temperature Range
Symbol PD IFSM TJ,TSTG
Value 2 24 15 -55 to +150
Units Watts mW/C Amps C
MDS0302004A
Page 1
Surface Mount Zener Diode
COMCHIP
www.comchip.com.tw
Rating and Characteristic Curevs (CZRB2011 Thru CZRB2100)
ELECTRICAL CHARACTERISTICS
(TA=25C unless otherwise noted) (VF=1.2Volts Max, IF=500mA for all types.)
Device (Note 1.)
Nominal Zener Voltage VZ @ IZT (Note 2.)
(Volts)
Test current IZT
(mA)
Maximum Zener Impedance (Note 3.) ZZT @ IZT
(Ohms)
Leakage Current IR
(uA)
ZZK @ IZK
(Ohms)
IZK
(mA)
VR
(Volts)
Surge Maximum Current Zener @TA=25C Current IZM (Note 4.)
(mA) Ir - mA
CZRB2011 CZRB2012 CZRB2013 CZRB2014 CZRB2015 CZRB2016 CZRB2017 CZRB2018 CZRB2019 CZRB2020 CZRB2022 CZRB2024 CZRB2027 CZRB2030 CZRB2033 CZRB2036 CZRB2039 CZRB2043 CZRB2047 CZRB2051 CZRB2056 CZRB2062 CZRB2068 CZRB2075 CZRB2082 CZRB2091 CZRB2100
11 12 13 14 15 16 17 18 19 20 22 24 27 30 33 36 39 43 47 51 56 62 68 75 82 91 100
45.5 41.5 38.5 35.7 33.4 31.2 29.4 27.8 26.3 25 22.8 20.8 18.5 16.6 15.1 13.9 12.8 11.6 10.6 9.8 9 8.1 7.4 6.7 6.1 5.5 5
4 4.5 5 5.5 7 8 9 10 11 11 12 13 18 20 23 25 30 35 40 48 55 60 75 90 100 125 175
700 700 700 700 700 700 750 750 750 750 750 750 750 1000 1000 1000 1000 1500 1500 1500 2000 2000 2000 2000 3000 3000 3000
0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25
1.0 1.0 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5
8.4 9.1 9.9 10.6 11.4 12.2 13 13.7 14.4 15.2 16.7 18.2 20.6 22.5 25.1 27.4 29.7 32.7 35.6 38.8 42.6 47.1 51.7 56 62.2 69.2 76
166 152 138 130 122 114 107 100 95 90 82 76 68 60 55 50 47 43 39 36 32 29 27 24 22 20 18
1.82 1.66 1.54 1.43 1.33 1.25 1.18 1.11 1.05 1.00 0.91 0.83 0.74 0.67 0.61 0.56 0.51 0.45 0.42 0.39 0.36 0.32 0.29 0.27 0.24 0.22 0.20
NOTE: 1. TOLERANCES - Suffix indicates 5% tol erance any other tolerance will be considered as a special devic e. 2. ZENER VOLTAGE (Vz) MEASUREMENT - guarantees the zener voltage when m easured at 40 ms 10ms from the diode body, and an ambient temperat ure of 25 C (+ 8 C , -2 C ). 3.ZENER IMPEDANCE (Zz) DERIVATION - The zener im pedance is derived from the 60 cycle ac voltage, which results when an ac current having an rms falue equal to 10% of the dc zener current (I ZT or IZK) is superimposed on I ZT or IZK. 4. SURGE CURRENT (Ir) NON-REPETITIVE - The rating li sted in the electrical characteris tics table is maximum peak, non-repetitive, reverse surge c urrent of 1/2 square wave or equivalent sine wave pulse of 1/120 second duration superimposed on the tes t current, I ZT, per JEDEC standards, however, actual device capability is as described in Figure 3.
MDS0302004A
Page 2
Surface Mount Zener Diode
COMCHIP
www.comchip.com.tw
Rating and Characteristic Curves (CZRB2011 Thru CZRB2100)
30
TRANSIENT THERMAL RESISTANCE JUNCTION-TO-LEAD(C/W)
20 10 7 5 3 2 1 0.7 0.5
D = 0.5 0.2 0.1 0.05
0.02 NOTE BELOW 0.1 SECOND, THERMAL RESPONSE CURVE IS APPLICABLE TO ANY LEAD LENGTH (L)
0.01 0.3 0.0001 0.0002
D=0
SINGLE PULSE TJL = JL(t)PPK JL(t,D)PPK REPETITIVE PULSES TJL = 0.1 0.2 0.5 1 2 5 10
0.0005
0.001
0.002
0.005
0.01
0.02
0.05
Fig. 2-TYPICAL THERMAL RESPONSE L,
PPK, PEAK SURGE POWER(WATTS)
1K
300 200 100 50 30 20 10 .1 .2 .3
RECTANGULAR NONREPETITIVE WAVEFORM TJ = 25C PRIOR TO INITIAL PULSE
IR, REVERSE LEADAGE(uAdc) @VR AS SPECIFIED IN ELEC. CHAR. TABLE
100
500
0.1 0.05 0.03 0.02 0.01 0.005 0.003 0.002 0.001 0.0005 0.0003 0.0002 0.0001
5
1
235
10
20
50
1
2
5
10
20
50
100
200
500
1K
P.W. PULSE WIDTH (ms)
NOMINAL VZ (VOLTS)
Fig. 3-MAXIMUM SURGE POWER
TEMPERATURE COEFFICIENT(mV/C ) @ IZT
8 6 4 2 0 -2 -4 3 4 6 8 10 12 RANGE
Fig. 4-TYPICAL REVERSE LEAKAGE
200 100
TEMPERATURE COEFFICIENT(mV/C) @ IZT
50 40 30 20 10
RANGE
VZ, ZENER VOLTAGE @IZT (VOLTS)
0
20
40
60
80
100
VZ, ZENER VOLTAGE @IZT (VOLTS)
Fig. 5 - UNITS TO 12 VOLTS
Fig. 6 - UNITS 10 TO 100 VOLTS
MDS0302004A
Page 3
Surface Mount Zener Diode
COMCHIP
www.comchip.com.tw
Rating and Characteristic Curves (CZRB2011 Thru CZRB2100)
100 50 30 20 10 5 3 2 1 0.5 0.3 0.2 0.1 0 1 23 4 5 67 8 9 10
100
IZ, ZENER CURRENT (mA)
50 30 20 10 5 3 2 1 0.5 0.3 0.2 0.1 0 10 20 30 40 50 60 70 80 90 100
VZ, ZENER VOLTAGE (VOLTS)
VZ, ZENER VOLTAGE (VOLTS)
JUNCTION-LEAD THERMAL RESISTANCE (C/W)
80 70 60 50 40 30 20 10 0 0
PRIMARY PATH OF CONDUCTION IS THROUGH THE CATHODE LEAD
1/8
1/4
3/8
1/2
5/8
3/4
7/8
1
L, LEAD LENGTH TO HEAT SINK (INCH)
Fig. 9 -TYPICAL THERMAL RESISTANCE
MDS0302004A
Page 4
Surface Mount Zener Diode
APPLICATION NOTE: Since the actual voltage available from a given zener diode is temperature dependent, it is necessary to determine junction temperature under any set of operating conditions in order to calculate its value. The following procedure is recommended: Lead Temperature, T L, should be determined from: TL = LAPD + TA is the lead-to-ambient thermal resistance (C/W) LA and PD is the power dissipation. The value for LA will vary and depends on the device mounting method. LA is generally 30-40 C/W for the various chips and tie points in common use and for printed circuit board wiring. The temperature of the lead can also be measured using a thermocouple placed on the lead as close as possible to the tie point. The thermal mass connected to the tie point is normally large enough so that it will not significantly respond to heat surges generated in the diode as a result of pulsed operation once steady-state conditions are achieved. Using the measured value of TL, the junction temperature may be determined by: TJ = TL + TJL
COMCHIP
www.comchip.com.tw
TJL is the increase in junction temperature above the lead temperature and may be found from Figure 2 for a train of power pulses or from Figure 10 for dc power. TJL = LAPD For worst-case design, using expected limits of Iz, limits of PD and the extremes of TJ ( TJL ) may be estimated. Changes in voltage, Vz, can then be found from: V = VZ TJ VZ , the zener voltage temperature coefficient, is found from Figures 5 and 6. Under high power-pulse operation, the zener voltage will vary with time and may also be affected significantly be the zener resistance. For best regulation, keep current excursions as low as possible. Data of Figure 2 should not be used to compute surge capability. Surge limitations are given in Figure 3. They are lower than would be expected by considering only junction temperature, as current crowding effects cause temperatures to be extremely high in small spots resulting in device degradation should the limits of Figure 3 be exceeded.
MDS0302004A
Page 5


▲Up To Search▲   

 
Price & Availability of CZRB2100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X