Part Number Hot Search : 
MAX11 MURS120A SS5416US 1941113W UPD703 14515 SM5022 D963103
Product Description
Full Text Search
 

To Download BZX85C75RL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BZX85C3V3RL Series 1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
This is a complete series of 1 Watt Zener diodes with limits and excellent operating characteristics that reflect the superior capabilities of silicon-oxide passivated junctions. All this in an axial-lead hermetically sealed glass package that offers protection in all common environmental conditions.
Specification Features: http://onsemi.com
Cathode
Anode
* * * * * *
Zener Voltage Range - 3.3 V to 85 V ESD Rating of Class 3 (>16 KV) per Human Body Model DO-41 (DO-204AL) Package Double Slug Type Construction Metallurgical Bonded Construction Oxide Passivated Die
Mechanical Characteristics: CASE: Double slug type, hermetically sealed glass FINISH: All external surfaces are corrosion resistant and leads are
AXIAL LEAD CASE 59 GLASS
MARKING DIAGRAM
L BZX 85C xxx YWW
readily solderable
MAXIMUM LEAD TEMPERATURE FOR SOLDERING PURPOSES:
230C, 1/16 from the case for 10 seconds POLARITY: Cathode indicated by polarity band MOUNTING POSITION: Any
MAXIMUM RATINGS
Rating Max. Steady State Power Dissipation @ TL 50C, Lead Length = 3/8 Derate above 50C Operating and Storage Temperature Range Symbol PD Value 1 6.67 TJ, Tstg -65 to +200 Unit W mW/C C
L = Assembly Location BZX85Cxxx = Device Code = (See Table Next Page) Y = Year WW = Work Week
ORDERING INFORMATION
Device BZX85CxxxRL BZX85CxxxRL2 Package Axial Lead Axial Lead Shipping 6000/Tape & Reel 6000/Tape & Reel
* The "2" suffix refers to 26 mm tape spacing.
(c) Semiconductor Components Industries, LLC, 2002
1
February, 2002 - Rev. 1
Publication Order Number: BZX85C3V3RL/D
BZX85C3V3RL Series
ELECTRICAL CHARACTERISTICS (TA = 25C unless
otherwise noted, VF = 1.2 V Max., IF = 200 mA for all types) Symbol VZ IZT ZZT IZK ZZK IR VR IF VF IR Parameter Reverse Zener Voltage @ IZT Reverse Current Maximum Zener Impedance @ IZT Reverse Current Maximum Zener Impedance @ IZK Reverse Leakage Current @ VR Breakdown Voltage Forward Current Forward Voltage @ IF Surge Current @ TA = 25C VZ VR IR VF IZT V IF I
Zener Voltage Regulator
http://onsemi.com
2
BZX85C3V3RL Series
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted, VF = 1.2 V Max., IF = 200 mA for all types)
Zener Voltage (Notes 2 and 3) Device (Note 1) BZX85C3V3RL BZX85C3V6RL BZX85C3V9RL BZX85C4V3RL BZX85C4V7RL BZX85C5V1RL BZX85C5V6RL BZX85C6V2RL BZX85C6V8RL BZX85C7V5RL BZX85C8V2RL BZX85C9V1RL BZX85C10RL BZX85C12RL BZX85C13RL BZX85C15RL BZX85C16RL BZX85C18RL BZX85C22RL BZX85C24RL BZX85C27RL BZX85C30RL BZX85C33RL BZX85C36RL BZX85C43RL BZX85C47RL BZX85C62RL BZX85C75RL BZX85C82RL Device Marking BZX85C3V3 BZX85C3V6 BZX85C3V9 BZX85C4V3 BZX85C4V7 BZX85C5V1 BZX85C5V6 BZX85C6V2 BZX85C6V8 BZX85C7V5 BZX85C8V2 BZX85C9V1 BZX85C10 BZX85C12 BZX85C13 BZX85C15 BZX85C16 BZX85C18 BZX85C22 BZX85C24 BZX85C27 BZX85C30 BZX85C33 BZX85C36 BZX85C43 BZX85C47 BZX85C62 BZX85C75 BZX85C82 VZ (Volts) Min 3.1 3.4 3.7 4.0 4.4 4.8 5.2 5.8 6.4 7.0 7.7 8.5 9.4 11.4 12.4 13.8 15.3 16.8 20.8 22.8 25.1 28 31 34 40 44 58 70 77 Nom 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.45 8.2 9.05 10 12.05 13.25 14.7 16.2 17.95 22.05 24.2 27 30 33 36 43 47 62 75 82 Max 3.5 3.8 4.1 4.6 5.0 5.4 6.0 6.6 7.2 7.9 8.7 9.6 10.6 12.7 14.1 15.6 17.1 19.1 23.3 25.6 28.9 32 35 38 46 50 66 80 87 @ IZT mA 80 60 60 50 45 45 45 35 35 35 25 25 25 20 20 15 15 15 10 10 8 8 8 8 6 4 4 4 2.7 Zener Impedance (Note 4) ZZT @ IZT W 20 15 15 13 13 10 7 4 3.5 3 5 5 7 9 10 15 15 20 25 25 30 30 35 40 50 90 125 150 200 ZZK @ IZK W 400 500 500 500 600 500 400 300 300 200 200 200 200 350 400 500 500 500 600 600 750 1000 1000 1000 1000 1500 2000 2000 3000 mA 1 1 1 1 1 1 1 1 1 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 Leakage Current IR @ VR A Max 1 1 1 1 1.5 2 2 3 4 4.5 5 6.5 7 8.4 9.1 10.5 11 12.5 15.5 17 19 21 23 25 30 33 43 51 56 Volts 60 30 5 3 3 1 1 1 1 1 1 1 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 IR (Note 5) mA 1380 1260 1190 1070 970 890 810 730 660 605 550 500 454 380 344 304 285 250 205 190 170 150 135 125 110 95 70 60 55
1. TOLERANCE AND TYPE NUMBER DESIGNATION The type numbers listed have zener voltage min/max limits as shown and have a standard tolerance on the nominal zener voltage of 5%. 2. AVAILABILITY OF SPECIAL DIODES For detailed information on price, availability and delivery of nominal zener voltages between the voltages shown and tighter voltage tolerances, contact your nearest ON Semiconductor representative. 3. ZENER VOLTAGE (VZ) MEASUREMENT VZ measured after the test current has been applied to 40 10 msec, while maintaining the lead temperature (TL) at 30C 1C, 3/8 from the diode body. 4. ZENER IMPEDANCE (ZZ) DERIVATION The zener impedance is derived from 1 kHz cycle AC voltage, which results when an AC current having an rms value equal to 10% of the DC zener current (IZT or IZK) is superimposed on IZT or IZK. 5. SURGE CURRENT (IR) NON-REPETITIVE The rating listed in the electrical characteristics table is maximum peak, non-repetitive, reverse surge current of 1/2 square wave or eqivalent sine wave pulse of 1/120 second duration superimposed on the test current, IZT. However, actual device capability is as described in Figure 5 of the General Data - DO-41 Glass.
http://onsemi.com
3
BZX85C3V3RL Series
PD, STEADY STATE POWER DISSIPATION (WATTS)
1.25 1 0.75 0.5 0.25 L = 1 L = 1/8 L = 3/8
L = LEAD LENGTH TO HEAT SINK
0
20
40
60 80 100 120 140 TL, LEAD TEMPERATURE (C)
160
180
200
Figure 1. Power Temperature Derating Curve
http://onsemi.com
4
BZX85C3V3RL Series
a. Range for Units to 12 Volts
VZ , TEMPERATURE COEFFICIENT (mV/C) VZ , TEMPERATURE COEFFICIENT (mV/C) +12 +10 +8 +6 +4 +2 0 -2 -4 2 3 4 5 6 7 8 9 VZ, ZENER VOLTAGE (VOLTS) 10 11 12 RANGE VZ @ IZT 100 70 50 30 20 10 7 5 3 2 1 10 20 30 50 VZ, ZENER VOLTAGE (VOLTS) 70 100 RANGE VZ @ IZT
b. Range for Units to 12 to 100 Volts
Figure 2. Temperature Coefficients (-55C to +150C temperature range; 90% of the units are in the ranges indicated.)
JL , JUNCTION TO LEAD THERMAL RESISTANCE (mV/C/W)
150 125 100 75 50 25 0 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1
VZ , TEMPERATURE COEFFICIENT (mV/C)
175
+6 +4 +2 0 -2 -4 VZ @ IZ TA = 25C 20 mA
0.01 mA 1 mA NOTE: BELOW 3 VOLTS AND ABOVE 8 VOLTS NOTE: CHANGES IN ZENER CURRENT DO NOT NOTE: EFFECT TEMPERATURE COEFFICIENTS 3 4 5 6 7 8 VZ, ZENER VOLTAGE (VOLTS)
L, LEAD LENGTH TO HEAT SINK (INCHES)
Figure 3. Typical Thermal Resistance versus Lead Length
100 70 50 30 20 10 7 5 3 2 1 0.01 10% DUTY CYCLE 20% DUTY CYCLE 5% DUTY CYCLE
Figure 4. Effect of Zener Current
Ppk , PEAK SURGE POWER (WATTS)
11 V-100 V NONREPETITIVE 3.3 V-10 V NONREPETITIVE
RECTANGULAR WAVEFORM TJ = 25C PRIOR TO INITIAL PULSE
0.02
0.05
0.1
0.2
0.5
This graph represents 90 percentile data points. For worst case design characteristics, multiply surge power by 2/3.
1 2 5 PW, PULSE WIDTH (ms)
10
20
50
100
200
500
1000
Figure 5. Maximum Surge Power
http://onsemi.com
5
BZX85C3V3RL Series
1000 500 200 100 50 20 10 5 2 1 0.1 0.2 0.5 1 2 5 10 IZ, ZENER CURRENT (mA) 20 50 100 6.2 V VZ = 2.7 V 47 V 27 V TJ = 25C iZ(rms) = 0.1 IZ(dc) f = 60 Hz 1000 700 500 200 100 70 50 20 10 7 5 2 1 1 2 3 5 7 10 20 30 VZ, ZENER VOLTAGE (V) 50 70 100 TJ = 25C iZ(rms) = 0.1 IZ(dc) f = 60 Hz
Z Z , DYNAMIC IMPEDANCE (OHMS)
Z Z , DYNAMIC IMPEDANCE (OHMS)
IZ = 1 mA 5 mA 20 mA
Figure 6. Effect of Zener Current on Zener Impedance
Figure 7. Effect of Zener Voltage on Zener Impedance
10000 7000 5000 2000 1000 700 500 200 100 70 50 I R , LEAKAGE CURRENT ( A) 20 10 7 5 2 1 0.7 0.5 0.2 0.1 0.07 0.05 0.02 0.01 0.007 0.005 0.002 0.001 3 4 5 6 7 8
400 300 TYPICAL LEAKAGE CURRENT AT 80% OF NOMINAL BREAKDOWN VOLTAGE 200 C, CAPACITANCE (pF) 100 50 20 10 8 4 1 2 0 V BIAS 1 V BIAS
50% OF BREAKDOWN BIAS 5 10 20 VZ, NOMINAL VZ (VOLTS) 50 100
Figure 9. Typical Capacitance versus VZ
1000 500 I F , FORWARD CURRENT (mA) 200 100 50 20 10 5 150C 2 9 10 11 12 13 14 15 1 0.4 0.5 0.6 0.7 0.8 75C 25C 0C 0.9 1 1.1
+125C
MINIMUM MAXIMUM
+25C
VZ, NOMINAL ZENER VOLTAGE (VOLTS)
VF, FORWARD VOLTAGE (VOLTS)
Figure 8. Typical Leakage Current
Figure 10. Typical Forward Characteristics
http://onsemi.com
6
BZX85C3V3RL Series
APPLICATION NOTE Since the actual voltage available from a given zener diode is temperature dependent, it is necessary to determine junction temperature under any set of operating conditions in order to calculate its value. The following procedure is recommended: Lead Temperature, TL, should be determined from:
TL = LAPD + TA. TJ = TL + TJL. TJL = JLPD.
JL may be determined from Figure 3 for dc power conditions. For worst-case design, using expected limits of IZ, limits of PD and the extremes of TJ(TJ) may be estimated. Changes in voltage, VZ, can then be found from:
V = VZ TJ.
LA is the lead-to-ambient thermal resistance (C/W) and PD is the power dissipation. The value for LA will vary and depends on the device mounting method. LA is generally 30 to 40C/W for the various clips and tie points in common use and for printed circuit board wiring. The temperature of the lead can also be measured using a thermocouple placed on the lead as close as possible to the tie point. The thermal mass connected to the tie point is normally large enough so that it will not significantly respond to heat surges generated in the diode as a result of pulsed operation once steady-state conditions are achieved. Using the measured value of TL, the junction temperature may be determined by: TJL is the increase in junction temperature above the lead temperature and may be found as follows:
VZ, the zener voltage temperature coefficient, is found from Figure 2. Under high power-pulse operation, the zener voltage will vary with time and may also be affected significantly by the zener resistance. For best regulation, keep current excursions as low as possible. Surge limitations are given in Figure 5. They are lower than would be expected by considering only junction temperature, as current crowding effects cause temperatures to be extremely high in small spots, resulting in device degradation should the limits of Figure 5 be exceeded.
http://onsemi.com
7
BZX85C3V3RL Series
OUTLINE DIMENSIONS
Zener Voltage Regulators - Axial Leaded
1 Watt DO-41 Glass
GLASS DO-41 CASE 59-10 ISSUE R
B
K F
D
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. 59-04 OBSOLETE, NEW STANDARD 59-09. 4. 59-03 OBSOLETE, NEW STANDARD 59-10. 5. ALL RULES AND NOTES ASSOCIATED WITH JEDEC DO-41 OUTLINE SHALL APPLY 6. POLARITY DENOTED BY CATHODE BAND. 7. LEAD DIAMETER NOT CONTROLLED WITHIN F DIMENSION. DIM A B D F K INCHES MIN MAX 0.161 0.205 0.079 0.106 0.028 0.034 --0.050 1.000 --MILLIMETERS MIN MAX 4.10 5.20 2.00 2.70 0.71 0.86 --1.27 25.40 ---
A F K
ON Semiconductor and are trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer.
PUBLICATION ORDERING INFORMATION
Literature Fulfillment: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: ONlit@hibbertco.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada JAPAN: ON Semiconductor, Japan Customer Focus Center 4-32-1 Nishi-Gotanda, Shinagawa-ku, Tokyo, Japan 141-0031 Phone: 81-3-5740-2700 Email: r14525@onsemi.com ON Semiconductor Website: http://onsemi.com For additional information, please contact your local Sales Representative.
http://onsemi.com
8
BZX85C3V3RL/D


▲Up To Search▲   

 
Price & Availability of BZX85C75RL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X