Part Number Hot Search : 
IC18F 1N4001L SFF10 100PF CR22J 01502 HV9982 7139A
Product Description
Full Text Search
 

To Download BZX85C75 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BZX85C Series
VZ : 2.4 - 200 Volts PD : 1.3 Watts
FEATURES :
* Complete Voltage Range 2.7 to 200 Volts * High peak reverse power dissipation * High reliability * Low leakage current
SILICON ZENER DIODES
DO - 41
0.107 (2.7) 0.080 (2.0)
1.00 (25.4) MIN.
0.205 (5.2) 0.166 (4.2)
MECHANICAL DATA
* Case : DO-41 Molded plastic * Epoxy : UL94V-O rate flame retardant * Lead : Axial lead solderable per MIL-STD-202, method 208 guaranteed * Polarity : Color band denotes cathode end * Mounting position : Any * Weight : 0.339 gram
0.034 (0.86) 0.028 (0.71) 1.00 (25.4) MIN.
Dimensions in inches and ( millimeters )
MAXIMUM RATINGS
Rating at 25 C ambient temperature unless otherwise specified
Rating
DC Power Dissipation at TL = 50 C (Note1) Maximum Forward Voltage at I F = 200 mA Maximum Thermal Resistance Junction to Ambient Air (Note2) Junction Temperature Range Storage Temperature Range
Symbol
PD VF RJA TJ Ts
Value
1.3 1.0 130 - 55 to + 175 - 55 to + 175
Unit
Watts Volts K/W C C
Note : (1) TL = Lead temperature at 3/8 " (9.5mm) from body (2) Valid provided that leads are kept at ambient temperature at a distance of 10 mm from case. Fig. 1 POWER TEMPERATURE DERATING CURVE 1.5 PD, MAXIMUM DISSIPATION (WATTS)
L = 3/8" (9.5mm)
1.2 0.9 0.6 0.3 0 25 50 75 100 125 TL, LEAD TEMPERATURE (C) 150 175
UPDATE : SEPTEMBER 9, 2000
ELECTRICAL CHARACTERISTICS
Rating at = 25 C ambient temperature unless otherwise specified
TYPE
Nominal Zener Voltage VZ @ I ZT IZT (V) (mA) 2.4 2.7 3.0 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10 11 12 13 15 16 18 20 22 24 27 30 33 36 39 43 47 51 56 62 68 75 82 91 100 110 120 130 150 160 180 200 80 80 80 80 70 60 50 45 45 45 35 35 35 25 25 25 20 20 20 15 15 15 10 10 10 8.0 8.0 8.0 8.0 6.0 6.0 4.0 4.0 4.0 4.0 4.0 4.0 2.7 2.7 2.7 2.7 2.0 2.0 2.0 1.5 1.5 1.5
ZZT @ I ZT () 20 20 20 20 20 15 13 13 10 7.0 4.0 3.5 3.0 5.0 5.0 7.0 8.0 9.0 10 15 15 20 24 25 25 30 30 35 40 50 50 90 115 120 125 130 135 200 250 350 450 550 700 1000 1100 1200 1500
Maximum Zener Impedance ZZK @ I ZK () 400 400 400 400 500 500 500 500 500 400 300 300 200 200 200 200 300 350 400 500 500 500 600 600 600 750 1000 1000 1000 1000 1000 1500 1500 2000 2000 2000 2000 3000 3000 3000 4000 4500 5000 6000 6500 7000 8000
IZK (mA) 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25
Maximum Reverse Leakage Current IR @ V R (V) ( A) 150 150 100 40 20 10 3.0 3.0 1.0 1.0 1.0 50 50 50 50 50 50 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.5 2.0 3.0 4.0 4.5 6.2 6.8 7.5 8.2 9.1 10 11 12 13 15 16 18 20 22 24 27 30 33 36 39 43 47 51 56 62 68 75 82 91 100 110 120 130 150
Maximum DC Zener Current IZM (mA) 410 370 340 320 290 280 250 215 200 190 170 155 140 130 120 105 97 88 79 71 66 62 56 52 47 41 36 33 30 28 26 23 21 19 16 15 14 12 10 9.4 8.6 7.8 7.0 6.4 5.8 5.2 4.7
BZX85 C2V4 BZX85 C2V7 BZX85 C3V0 BZX85 C3V3 BZX85 C3V6 BZX85 C3V9 BZX85 C4V3 BZX85 C4V7 BZX85 C5V1 BZX85 C5V6 BZX85 C6V2 BZX85 C6V8 BZX85 C7V5 BZX85 C8V2 BZX85 C9V1 BZX85 C10 BZX85 C11 BZX85 C12 BZX85 C13 BZX85 C15 BZX85 C16 BZX85 C18 BZX85 C20 BZX85 C22 BZX85 C24 BZX85 C27 BZX85 C30 BZX85 C33 BZX85 C36 BZX85 C39 BZX85 C43 BZX85 C47 BZX85 C51 BZX85 C56 BZX85 C62 BZX85 C68 BZX85 C75 BZX85 C82 BZX85 C91 BZX85 C100 BZX85 C110 BZX85 C120 BZX85 C130 BZX85 C150 BZX85 C160 BZX85 C180 BZX85 C200 Note :
(1) The type number listed have a standard tolerance on the nominal zener voltage of 5.0%. (2) " BZX " will be omitted in marking on the diode


▲Up To Search▲   

 
Price & Availability of BZX85C75

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X