Part Number Hot Search : 
FFM107 2SK1161 106K0 MBR2515L 106K0 02003 EPF8162S 7C660X
Product Description
Full Text Search
 

To Download BT302 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DC/DC Converters
International Power Sources, Inc.
260 Hopping Brook Road Holliston, Massachusetts 01746 Tel. (508) 429-4440 Fax (800) 226-2100 http://www.intlpower.com
BT Series: 3 Watts Single and Dual Outputs
FEATURES
* Fully Regulated Outputs * Industry Standard Pinouts * Input/Output Isolation * 5, 12, 24 and 48 VDC Inputs * PCB Mountable * Low Cost
MODELS CHART
MODEL NUMBER
BT101 BT102 BT103 BT104 BT105 BT201 BT202 BT203 BT204 BT205 BT301 BT302 BT303 BT304 BT305 BT401 BT402 BT403 BT404 BT405
INPUT VOLTAGE
5VDC 5VDC 5VDC 5VDC 5VDC 12VDC 12VDC 12VDC 12VDC 12VDC 24VDC 24VDC 24VDC 24VDC 24VDC 48VDC 48VDC 48VDC 48VDC 48VDC
OUTPUT VOLTAGE
5VDC 12VDC 15VDC 12VDC 15VDC 5VDC 12VDC 15VDC 12VDC 15VDC 5VDC 12VDC 15VDC 12VDC 15VDC 5VDC 12VDC 15VDC 12VDC 15VDC
OUTPUT CURRENT
600mA 250mA 200mA 120mA 100mA 600mA 250mA 200mA 120mA 100mA 600mA 250mA 200mA 120mA 100mA 600mA 250mA 200mA 120mA 100mA
INPUT CURRENT NO LOAD FULL LOAD
80mA 80mA 80mA 120mA 105mA 40mA 40mA 40mA 40mA 45mA 15mA 15mA 30mA 25mA 20mA 15mA 15mA 15mA 15mA 15mA 960mA 934mA 930mA 921mA 963mA 380mA 403mA 364mA 380mA 400mA 193mA 195mA 192mA 193mA 192mA 105mA 95mA 107mA 100mA 113mA
% EFF
63 64 65 63 63 66 62 69 63 63 65 64 65 62 65 60 66 58 60 56
22
Electrical Specifications
All specifications typical at nominal line, full load and 25C
OUTPUT SPECIFICATIONS
Voltage Accuracy Line Regulation (Full Input Range) Load Regulation (1/4-Full Load) Ripple and Noise (DC-20MHz) Temperature Coefficient Short Circuit Protection 3% max. 1% max. 1% max. 1% of Vout p-p max. 0.05%/C max. Short Term 10% Capacitor
INPUT SPECIFICATIONS
Input Voltage Range Input Filter
GENERAL SPECIFICATIONS
Switching Frequency Efficiency Isolation (Input-Output) Operating Temperature Storage Temperature 25 kHz. See Table 500VDC (1000 Mohm/80pF)
ENVIRONMENTAL SPECIFICATIONS
-25C. to +71C -55C. to +105C
Dimensions and Connections
PIN
1 2 3 10 11 12 13 14 15 22 23 24
SINGLE OUTPUT
+ V Input No Connection No Connection - V Output + V Output - V Input - V Input + V Output - V Output No Connection No Connection + V Input
DUAL OUTPUT
+ V Input - V Output Common Common + V Output - V Input - V Input + V Output Common Common - V Output + V Input
(BOTTOM VIEW)
Dimensions in inches (mm) Specifications subject to change.
23


▲Up To Search▲   

 
Price & Availability of BT302

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X