Part Number Hot Search : 
MBR3015 SM4002 FDN5630 2000314 7032A 80000 IRF370 NTXV2N6
Product Description
Full Text Search
 

To Download HMC284MS8G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MICROWAVE CORPORATION
v03.0404
HMC284MS8G
SPDT NON-REFLECTIVE SWITCH, DC - 3.5 GHz
Features
High Isolation: >45 dB Positive control: 0/+5V Non-Reflective Design Ultra Small Pakcage: MSOP8G
Typical Applications
The HMC284MS8G is ideal for: * Cellular/PCS Base Stations * 2.4 GHz ISM * 3.5 GHz Wireless Local Loop
Functional Diagram
General Description
The HMC284MS8G is a low-cost SPDT switch in an 8-lead grounded base MSOP package. The design has been optimized to provide high isolation with minimal insertion loss for medium and low power applications. On-chip circuitry allows positive voltage control operation at very low DC currents with control inputs compatible with CMOS and most TTL logic families. In the "OFF" state, RF1 and RF2 are non-reflective. See reflective high isolation SPDT version, HMC194MS8.
14
SWITCHES - SMT
Electrical Specifications, TA = +25 C, Vctl = 0/+5 Vdc, 50 Ohm System
Parameter Frequency DC - 2.0 GHz DC - 3.0 GHz DC - 3.5 GHz RF1 & RF2 RF1 / RF2 RF1 / RF2 RF1 & RF2 DC - 2.0 GHz DC - 2.5 GHz DC - 3.0 GHz DC - 3.5 GHz DC - 2.0 GHz DC - 2.5 GHz DC - 3.5 GHz 0.5 - 3.5 GHz 0.5 - 1.0 GHz 0.5 - 3.5 GHz 0.5 - 3.5 GHz DC - 3.5 GHz tRISE, tFALL (10/90% RF) tON, tOFF (50% CTL to 10/90% RF) 40 60 ns ns 41 38/41 34/36 30 21 13 10 10 20 18 43 Min. Typ. 0.5 0.6 0.7 45 41/45 37/39 33 25 17 12 13 25 24 48 Max. 0.8 0.9 1.1 Units dB dB dB dB dB dB dB dB dB dB dB dBm dBm dBm
Insertion Loss
Isolation
Return Loss (On State)
Return Loss (Off State) Input Power for 1 dB Compression Input Third Order Intercept (Two-Tone Input Powew = 0 dBm Each Tone) Switching Speed
14 - 158
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com
v03.0404
MICROWAVE CORPORATION
HMC284MS8G
SPDT NON-REFLECTIVE SWITCH, DC - 3.5 GHz
Insertion Loss
0 -0.5
Isolation
0 -10
INSERTION LOSS (dB)
ISOLATION (dB)
-1 -1.5 -2 -2.5 -3 0 0.5 1 1.5 2 2.5 3 3.5 4 FREQUENCY (GHz) +85 C -40 C +25 C
-20 RF1 -30 -40 -50 RF2 -60 0 0.5 1 1.5 2 2.5 3 3.5 4 FREQUENCY (GHz)
Return Loss
0 -5 S11 (ON)
14
SWITCHES - SMT
14 - 159
RETURN LOSS (dB)
-10 -15 -20 -25 -30 -35 S22 (ON) -40 0 0.5 1 1.5 2 2.5 3 3.5 4 FREQUENCY (GHz) S22 (OFF)
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com
v03.0404
MICROWAVE CORPORATION
HMC284MS8G
SPDT NON-REFLECTIVE SWITCH, DC - 3.5 GHz
Compression vs Frequency
Carrier at 900 MHz CTL Input (Vdc) +5 Input Power for 0.1 dB Compression (dBm) 23 Input Power for 1.0 dB Compression (dBm) 25 Carrier at 1900 MHz Input Power for 0.1 dB Compression (dBm) 22 Input Power for 1.0 dB Compression (dBm) 24
Caution: Do not operate continuously at RF power input greater than 1 dB compression and do not "hot switch" power levels greater than +18 dBm (Control = 0/+5 Vdc).
Distortion vs Frequency
Control Input (Vdc) +5 Third Order Intercept (dBm) 0 dBm Each Tone 900 MHz 48 1900 MHz 50
14
SWITCHES - SMT
Truth Table
*Control Input Tolerances are +/-0.2 Vdc
Control Input* A (Vdc) 0 +5 B (Vdc) +5 0 Control Current Ia (uA) -25 25 Ib (uA) 25 -25 Signal Path State RFC to RF1 ON OFF RFC to RF2 OFF ON
DC blocks are required at ports RFC, RF1, RF2.
14 - 160
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com
v03.0404
MICROWAVE CORPORATION
HMC284MS8G
SPDT NON-REFLECTIVE SWITCH, DC - 3.5 GHz
Absolute Maximum Ratings
Control Voltage Range Channel Temperature Thermal Resistance (Insertion Loss Path) Thermal Resistance (Terminated Path) Storage Temperature Operating Temperature RF Input Power Vctl = 0/+5V -0.2 to +7.5 Vdc 150 C 140 C/W
190 C/W -65 to +150 C -40 to +85 C +26 dBm
Outline Drawing
14
SWITCHES - SMT
14 - 161
NOTES: 1. PACKAGE BODY MATERIAL: LOW STRESS INJECTION MOLDED PLASTIC SILICA AND SILICON IMPREGNATED. 2. LEADFRAME MATERIAL: COPPER ALLOY 3. LEADFRAME PLATING: Sn/Pb SOLDER 4. DIMENSIONS ARE IN INCHES [MILLIMETERS]. 5. DIMENSION DOES NOT INCLUDE MOLDFLASH OF 0.15mm PER SIDE. 6. DIMENSION DOES NOT INCLUDE MOLDFLASH OF 0.25mm PER SIDE. 7. ALL GROUND LEADS AND GROUND PADDLE MUST BE SOLDERED TO PCB RF GROUND.
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com
v03.0404
MICROWAVE CORPORATION
HMC284MS8G
SPDT NON-REFLECTIVE SWITCH, DC - 3.5 GHz
Typical Application Circuit
14
Notes:
SWITCHES - SMT
1. Set A/B control to 0/+5V, Vdd = +5V and use HCT series logic to provide a TTL driver interface. 2. Control inputs A/B can be driven directly with CMOS logic (HC) with Vdd = +5 Volts applied to the CMOS logic gates. 3. DC blocking capacitors are required for each RF port as shown. Capacitor value determines lowest frequency of operation. 4. Highest RF signal power capability is acheived wiht Vdd = +7V and A/B set to 0/+7V. 5. Back side paddle must be connected to RF ground. 6. A grounded coplanar waveguide PCB layout technique is recommended to achieve high isolation. The component side ground plane between RFC/grounded paddle and RF1/RF2 should be continuous, see below. There should be a continuous ground plane under component side layout.
14 - 162
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com
v03.0404
MICROWAVE CORPORATION
HMC284MS8G
SPDT NON-REFLECTIVE SWITCH, DC - 3.5 GHz
Evaluation PCB
14
SWITCHES - SMT
14 - 163
List of Material
Item J1 - J3 J4 - J6 C1 - C3 R1, R2 U1 PCB* Description PC Mount SMA RF Connector DC Pin 100 pF capacitor, 0402 Pkg. 100 resistor, 0402 Pkg. HMC284MS8 SPDT Switch 107821 Evaluation PCB
The circuit board used in the final application should be generated with proper RF circuit design techniques. Signal lines at the RF port should have 50 ohm impedance and the package ground leads and package bottom should be connected directly to the ground plane similar to that shown above. The evaluation circuit board shown above is available from Hittite Microwave Corporation upon request.
* Circuit Board Material: Rogers 4350
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com


▲Up To Search▲   

 
Price & Availability of HMC284MS8G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X