Part Number Hot Search : 
TCSH0303 EPA3679G NC7S14 THS4304 13FR005 ML665 US5881 USD210
Product Description
Full Text Search
 

To Download 2KBB10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Bulletin E2733 rev. D
2KBB SERIES 1.9A single phase rectifier bridge
Maximum Ratings and Characteristics 2KBB.. Units
A A A A2s A2s V C
Description/Features
A 1.9A single phase diode brodge rectifier assembly consisting of four silicon junction diodes in a plastic encapsulation, intended for general applications in industrial and consumer equipment. Suitable for printed circuit board mounting Leads on standard 2.54mm (0.1in.) grid Compact construction High surge current capability Polarized package Equivalent to standard DIN parts
IO
IFSM 50Hz 60Hz I2t 50Hz 60Hz VRRM TJ
1.9 50 52 17.7 16.1 100 to 1000 - 40 to 150
Part number
2KBB05 2KBB10 2KBB20 2KBB40 2KBB60 2KBB80 2KBB100
DIN code equivalent
B20C1500 B40C1500 B80C1500 B125C1500 B250C1500 B380C1500 B500C1500
2KBB..
2KBB Series
Reverse voltage ratings and application data
Part number VRRM, VRSM max. peak rev. voltage TJ = 15C V
2KBB05, 2KBB05R 2KBB10, 2KBB10R 2KBB20, 2KBB20R 2KBB40, 2KBB40R 2KBB60, 2KBB60R 2KBB80, 2KBB80R 2KBB100, 2KBB100R 50 100 200 400 600 800 1000
IRM, typical peak rev. current per diode at rated VRRM TJ = 150C A
10 10 10 10 10 10 10
Application data (see figure 3) VRSM max. Cmax max. Rmin min. recommended AC load source supply voltage capacitance resistance V
20 40 80 125 250 380 500
A
500 500 500 500 500 500 500
F
7000 5000 3300 1600 1200 800 600
0.3 0.5 0.8 1.5 2.5 3.0 5.0
Electrical Specification
Forward Conduction Parameters
IO IFSM Maximum DC output current Maximum peak, one-cycle non-repetitive surge current, 52 I2t Maximum I 2 t for fusing, initial TJ = TJ max 12.5 11.3 17.7 16.1 I2t Maximum I 2 t capability for fusing VFM f Maximum peak forward voltage per diode Operating frequency range 1.1 40 to 2000 V Hz 177 A2s As
2
2KBB...
1.9 1.5 50
Unit
A
Conditions
TC = 45C, Resistive & inductive load TC = 45C, Capacitive load t = 6ms t = 5ms
Following any rated load condition,and with rated VRRM applied following surge Rated VRRM applied following surge, initial TJ = 150C
A2s
t = 10ms t = 8.3ms t = 10ms t = 8.3ms
VRRM following surge = 0, t = 0.1 to 10 ms
I2t for time tx = I2 t .tx IO = 1.9A (3.0 A pk)
Thermal and Mechanical Specifications
Parameters
TJ Tstg Wt Operating and storage temperature range Approximate weight 4 (0.14) g (oz)
2KBB...
-40 to 150
Unit
o
Conditions
C


▲Up To Search▲   

 
Price & Availability of 2KBB10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X