Part Number Hot Search : 
KSR1103 1078096 K12A50 13442 4081B SF10A4 AD1857 MSK4850
Product Description
Full Text Search
 

To Download MAX9211 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 19-2828; Rev 0; 4/03
Programmable DC-Balance 21-Bit Serializers
General Description
The MAX9209/MAX9211/MAX9213/MAX9215 serialize 21 bits of LVTTL/LVCMOS parallel input data to three LVDS outputs. A parallel rate clock on a fourth LVDS output provides timing for deserialization. The MAX9209/MAX9211/MAX9213/MAX9215 feature programmable DC balance, which allows isolation between the serializer and deserializer using AC-coupling. The DC balance circuits on each channel code the data, limiting the imbalance of transmitted ones and zeros to a defined range. The companion MAX9210/ MAX9212/MAX9214/MAX9216 deserializers decode the data. When DC balance is not programmed, the serializers are compatible with non-DC-balanced, 21-bit serializers like the DS90CR215 and DS90CR217. Two frequency ranges and two DC-balance default conditions are available for maximum replacement flexibility and compatibility with existing non-DC-balanced serializers. The MAX9209/MAX9211/MAX9213/MAX9215 are available in TSSOP and space-saving thin QFN packages, and operate from a single +3.3V supply over the -40C to +85C temperature range.
Features
o Programmable DC-Balanced or Non-DC-Balanced Operation o DC Balance Allows AC-Coupling for Ground-Shift Tolerance o As Low as 8MHz Operation o Pin Compatible with DS90CR215 and DS90CR217 in Non-DC-Balanced Mode o Integrated 110 (DC-Balanced) and 410 (NonDC-Balanced) Output Resistors o 5V Tolerant LVTTL/LVCMOS Data Inputs o PLL Requires No External Components o Up to 1.785Gbps Throughput o LVDS Outputs Meet IEC 61000-4-2 Level 4 ESD Requirements o LVDS Outputs Conform to ANSI TIA/EIA-644 LVDS Standard o Low-Profile 48-Lead TSSOP and Space-Saving QFN Packages o -40C to +85C Operating Temperature Range o +3.3V Supply
MAX9209/MAX9211/MAX9213/MAX9215
Applications
Automotive Navigation Systems Automotive DVD Entertainment Systems Digital Copiers Laser Printers
Ordering Information Functional Diagram
PART MAX9209ETM* MAX9209EUM* TEMP RANGE -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C PIN-PACKAGE 48 Thin QFN-EP** 48 TSSOP 48 Thin QFN-EP** 48 TSSOP 48 Thin QFN-EP** 48 TSSOP 48 Thin QFN-EP** 48 TSSOP
MAX9209 MAX9211 MAX9213 MAX9215
TxIN 0 - 20 TIMING CONTROL 21 PARALLEL-TOSERIAL CONVERTER AND DC-BALANCE LOGIC
MAX9211ETM*
LVDS DRIVER 0 TxOUT0+ TxOUT0LVDS DRIVER 1 TxOUT1+ TxOUT1LVDS DRIVER 2 TxOUT2+ TxOUT2LVDS CLK TxCLK OUT+
MAX9211EUM* MAX9213ETM* MAX9213EUM MAX9215ETM* MAX9215EUM*
DCB/NC
*Future product--contact factory for availability. **EP = Exposed pad.
TxCLK IN
PLL 7X OR 9X
CLOCK GENERATOR TxCLK OUT-
Pin Configurations appear at end of data sheet. ________________________________________________________________ Maxim Integrated Products 1
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at 1-888-629-4642, or visit Maxim's website at www.maxim-ic.com.
Programmable DC-Balance 21-Bit Serializers MAX9209/MAX9211/MAX9213/MAX9215
ABSOLUTE MAXIMUM RATINGS
VCC to GND ...........................................................-0.5V to +4.0V LVDS Outputs (TxOUT_, TxCLK OUT_) to GND ...-0.5V to +4.0V 5V Tolerant LVTTL/LVCMOS Inputs (TxIN_, TxCLK IN, PWRDWN) to GND ..............-0.5V to +6.0V (DCB/NC) to GND ......................................-0.5V to (VCC + 0.5V) LVDS Outputs (TxOUT_, TxCLK OUT_) Short to GND and Differential Short .......................Continuous Continuous Power Dissipation (TA = +70C) 48-Pin TSSOP (derate 16mW/C above +70C) ....... 1282mW 48-Lead QFN (derate 26.3mW/C above +70C) ......2105mW Storage Temperature Range .............................-65C to +150C Junction Temperature ......................................................+150C ESD Protection Human Body Model (RD = 1.5k, CS = 100pF) All Pins..............................................................................2kV IEC 61000-4-2 Level 4 (RD = 330, CS = 150pF) Contact Discharge LVDS Outputs (TxOUT_, TxCLK OUT_) ...................................................8kV Air-Grap Discharge LVDS Outputs (TxOUT_, TxCLK OUT_) .................................................15kV Lead Temperature (soldering, 10s) .................................+300C
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
DC ELECTRICAL CHARACTERISTICS
(VCC = +3.0V to +3.6V, RL = 100 1%, PWRDWN = high, DCB/NC = high or low, TA = -40C to +85C, unless otherwise noted. Typical values are at VCC = +3.3V, TA = +25C.) (Notes 1, 2)
PARAMETER SYMBOL CONDITIONS TxIN_, TxCLK IN, PWRDWN High-Level Input Voltage Low-Level Input Voltage Input Current Input Clamp Voltage Differential Output Voltage Change in VOD Between Complementary Output States Output Offset Voltage Change in VOS Between Complementary Output States VIH VIL IIN VCL VOD VOD VOS VOS VIN = high or low, PWRDWN = high or low ICL = -18mA Figure 1 Figure 1 Figure 1 Figure 1 VOUT+ or VOUT- = 0V or VCC, non-DC-balanced mode Output Short-Circuit Current IOS VOUT+ or VOUT- = 0V or VCC, DC-balanced mode VOD = 0V, non-DC-balanced mode (Note 3) VOD = 0V, DC-balanced mode (Note 3) Differential Output Resistance Output High-Impedance Current RO IOZ DC-balanced mode Non-DC-balanced mode PWRDWN = low or VCC = 0V, VOUT+ = 0V or 3.6V, VOUT- = 0V or 3.6V 78 292 -0.5 -10 -15 1.125 250 DCB/NC MIN 2.0 2.0 -0.3 -20 -0.9 350 2 1.25 10 5.7 8.2 5.7 8.2 110 410 0.1 TYP MAX 5.5 VCC + 0.3 +0.8 +20 -1.5 450 25 1.375 30 +10 mA +15 10 15 147 547 +0.5 A V V A V mV mV V mV UNITS SINGLE-ENDED INPUTS (TxIN_, TxCLK IN, PWRDWN, DCB/NC)
LVDS OUTPUTS (TxOUT_, TxCLK OUT)
Magnitude of Differential Output Short-Circuit Current
IOSD
mA
2
_______________________________________________________________________________________
Programmable DC-Balance 21-Bit Serializers
DC ELECTRICAL CHARACTERISTICS (continued)
(VCC = +3.0V to +3.6V, RL = 100 1%, PWRDWN = high, DCB/NC = high or low, TA = -40C to +85C, unless otherwise noted. Typical values are at VCC = +3.3V, TA = +25C.) (Notes 1, 2)
PARAMETER SYMBOL CONDITIONS 16MHz, DC balanced 34MHz, DC balanced 66MHz, DC balanced 20MHz, Non-DC balanced Worst-Case Supply Current ICCW MAX9213/MAX9215 33MHz, worst-case pattern, Non-DC balanced CL = 5pF, Figure 2 40MHz, Non-DC balanced 66MHz, Non-DC balanced 85MHz, Non-DC balanced Power-Down Supply Current ICCZ PWRDWN = low MIN TYP 46 59 94 36 45 49 68 83 17 MAX 64 87 108 49 62 70 89 100 50 A UNITS
MAX9209/MAX9211/MAX9213/MAX9215
mA
AC ELECTRICAL CHARACTERISTICS
(VCC = +3.0V to +3.6V, RL = 100 1%, CL = 5pF, PWRDWN = high, DCB/NC = high or low, TA = -40C to +85C, unless otherwise noted. Typical values are at VCC = +3.3V, TA = +25C.) (Notes 4, 5)
PARAMETER LVDS Low-to-High Transition Time LVDS High-to-Low Transition Time TxCLK IN Transition Time SYMBOL LLHT LHLT TCIT Figure 3 Figure 3 Figure 4 20MHz N = 0, 1, 2, 3, 4, 5, 6; non-DC-balanced mode, Figure 6 (Note 6), MAX9213/MAX9215 Output Pulse Position TPPosN 16MHz N = 0, 1, 2, 3, 4, 5, 6, 7, 8; DC-balanced mode, Figure 6 (Note 6), MAX9213/MAX9215 34MHz 66MHz N/9 x TCIP N/9 x TCIP N/9 x TCIP + 0.25 - 0.25 N/9 x TCIP N/9 x TCIP N/9 x TCIP + 0.15 - 0.15 N/9 x TCIP N/9 x TCIP N/9 x TCIP - 0.1 + 0.1 40MHz 85MHz CONDITIONS MIN 150 150 TYP 260 260 MAX 350 350 4 N/7 x TCIP N/7 x TCIP N/7 x TCIP + 0.25 - 0.25 N/7 x TCIP N/7 x TCIP N/7 x TCIP + 0.15 - 0.15 N/7 x TCIP N/7 x TCIP N/7 x TCIP + 0.1 - 0.1 ns UNITS ps ps ns
_______________________________________________________________________________________
3
Programmable DC-Balance 21-Bit Serializers MAX9209/MAX9211/MAX9213/MAX9215
AC ELECTRICAL CHARACTERISTICS (continued)
(VCC = +3.0V to 3.6V, RL = 100 1%, CL = 5pF, PWRDWN = high, DCB/NC = high or low, TA = -40C to +85C, unless otherwise noted. Typical values are at VCC = +3.3V, TA = +25C.) (Notes 4, 5)
PARAMETER TxCLK IN High Time TxCLK IN Low Time TxIN to TxCLK IN Setup TxIN to TxCLK IN Hold TxCLK IN to TxCLK OUT Delay Serializer Phase-Locked Loop Set Serializer Power-Down Delay TxCLK IN Cycle-to-Cycle Jitter (Input Clock Requirement) Magnitude of Differential Output Voltage SYMBOL TCIH TCIL TSTC THTC TCCD TPLLS TPDD TJIT VOD 595Mbps data rate, worst-case pattern 250 CONDITIONS Figure 7 Figure 7 Figure 7 Figure 7 Non-DC-balanced mode, Figure 8 DC-balanced mode, Figure 8 Figure 9 Figure 10 14 MIN 0.3 x TCIP 0.3 x TCIP 2.2 0 3.5 4.7 4.5 5.9 6.0 7.2 32800 x TCIP 50 2 TYP MAX UNITS 0.7 x TCIP ns 0.7 x TCIP ns ns ns ns ns ns ns mV
Note 1: Current into a pin is defined as positive. Current out of a pin is defined as negative. All voltages are referenced to ground except VOD , VOD, and VOS. Note 2: Maximum and minimum limits over temperature are guaranteed by design and characterization. Devices are production tested at TA = +25C. Note 3: Guaranteed by design. Note 4: TCIP is the period of TxCLK IN. Note 5: AC parameters are guaranteed by design and characterization, and are not production tested. Limits are set at 6 sigma. Note 6: Pulse position TPPosN is characterized using 27 - 1 PRBS data.
Typical Operating Characteristics
(VCC = +3.3V, RL = 100 1%, CL = 5pF, PWRDWN = high, TA = +25C, unless otherwise noted.)
WORST-CASE PATTERN AND PRBS SUPPLY CURRENT vs. FREQUENCY
MAX9209 toc01
WORST-CASE PATTERN AND PRBS SUPPLY CURRENT vs. FREQUENCY
MAX9209 toc02
WORST-CASE AND PRBS SUPPLY CURRENT vs. FREQUENCY
MAX9213 NON-DC-BALANCED MODE
MAX9209 toc03
100
MAX9209 DC-BALANCED MODE
100
120
MAX9209 NON-DC-BALANCED MODE
SUPPLY CURRENT (mA)
WORST-CASE PATTERN 60
SUPPLY CURRENT (mA)
SUPPLY CURRENT (mA)
80
100
80 WORST-CASE PATTERN
80
60
WORST-CASE PATTERN
60 27 - 1 PRBS
40
27 - 1 PRBS
40
27 - 1 PRBS
40
20 0 10 20 30 40 50 FREQUENCY (MHz)
20 0 10 20 30 40 50 60 FREQUENCY (MHz)
20 15 30 45 60 75 90 FREQUENCY (MHz)
4
_______________________________________________________________________________________
Programmable DC-Balance 21-Bit Serializers
Typical Operating Characteristics (continued)
(VCC = +3.3V, RL = 100 1%, CL = 5pF, PWRDWN = high, TA = +25C, unless otherwise noted.)
MAX9209/MAX9211/MAX9213/MAX9215
WORST-CASE PATTERN AND PRBS SUPPLY CURRENT vs. FREQUENCY
MAX9209 toc04
MAX9213 EYE DIAGRAM--NON-DC-BALANCED MODE
MAX9209 TOC05
MAX9213 EYE DIAGRAM--NON-DC-BALANCED MODE
TxCLK IN = 85MHz DC-COUPLED 5m OF CAT-5 UTP CABLE
MAX9209 TOC06
120
MAX9213 DC-BALANCED MODE
TxCLK IN = 85MHz DC-COUPLED
2m OF CAT-5 UTP CABLE
100 SUPPLY CURRENT (mA) WORST-CASE PATTERN
80
100mV/div 60 27 - 1 PRBS 40 ALL-CHANNELS SWITCHING 15 30 45 FREQUENCY (MHz) 60 75 27 - 1 PRBS PATTERN 100 TERMINATION 300ps/div 0V DIFFERENTIAL
100mV/div 0V DIFFERENTIAL
20
ALL-CHANNELS SWITCHING
27 - 1 PRBS PATTERN 100 TERMINATION 300ps/div
MAX9213 EYE DIAGRAM--NON-DC-BALANCED MODE
MAX9209 TOC07
MAX9213 EYE DIAGRAM--DC-BALANCED MODE
TxCLK IN = 66MHz AC-COUPLED USING 0.1F CAPACITORS 2m OF CAT-5 UTP CABLE
MAX9209 TOC08 MAX9209 TOC10
TxCLK IN = 85MHz DC-COUPLED
10m OF CAT-5 UTP CABLE
100mV/div
0V DIFFERENTIAL
100mV/div
0V DIFFERENTIAL
ALL-CHANNELS SWITCHING
27 - 1 PRBS PATTERN 100 TERMINATION 300ps/div
ALL-CHANNELS SWITCHING
27 - 1 PRBS PATTERN 100 TERMINATION 300ps/div
MAX9213 EYE DIAGRAM--DC-BALANCED MODE
MAX9209 TOC09
MAX9213 EYE DIAGRAM--DC-BALANCED MODE
TxCLK IN = 66MHz AC-COUPLED USING 0.1F CAPACITORS 10m OF CAT-5 UTP CABLE
TxCLK IN = 66MHz AC-COUPLED USING 0.1F CAPACITORS
5m OF CAT-5 UTP CABLE
100mV/div 0V DIFFERENTIAL
100mV/div
0V DIFFERENTIAL
ALL-CHANNELS SWITCHING
27 - 1 PRBS PATTERN 100 TERMINATION 300ps/div
ALL-CHANNELS SWITCHING
27 - 1 PRBS PATTERN 100 TERMINATION 300ps/div
_______________________________________________________________________________________
5
Programmable DC-Balance 21-Bit Serializers MAX9209/MAX9211/MAX9213/MAX9215
Pin Description
PIN TSSOP 1, 3, 4, 44, 45, 47, 48, 2, 8, 14, 21 5, 11, 17, 24, 46 6, 7, 9, 10, 12, 13, 15 16, 18, 19, 20, 22, 23, 25 26 QFN 38, 39, 41, 42, 43, 45, 46 2, 8, 15, 44 5, 11, 18, 40, 47 1, 3, 4, 6, 7, 9, 48 10, 12, 13, 14, 16, 17, 19 20 NAME TxIN0-TxIN6 VCC GND TxIN7-TxIN13 TxIN14-TxIN20 TxCLK IN FUNCTION 5V Tolerant LVTTL/LVCMOS Channel 0 Data Inputs. Internally pulled down to GND. Digital Supply Voltage Ground 5V Tolerant LVTTL/LVCMOS Channel 1 Data Inputs. Internally pulled down to GND. 5V Tolerant LVTTL/LVCMOS Channel 2 Data Inputs. Internally pulled down to GND. 5V Tolerant LVTTL/LVCMOS Parallel Rate Clock Input. Internally pulled down to GND. 5V Tolerant LVTTL/LVCMOS Power-Down Input. Internally pulled down to GND. Outputs are high impedance when PWRDWN = low or open. PLL Ground PLL Supply Voltage LVDS Ground Noninverting LVDS Parallel Rate Clock Output Inverting LVDS Parallel Rate Clock Output Noninverting Channel 2 LVDS Serial Data Output Inverting Channel 2 LVDS Serial Data Output LVDS Supply Voltage Noninverting Channel 1 LVDS Serial Data Output Inverting Channel 1 LVDS Serial Data Output Noninverting Channel 0 LVDS Serial Data Output Inverting Channel 0 LVDS Serial Data Output LVTTL/LVCMOS DC-Balance Programming Input: MAX9209: pulled up to VCC MAX9211: pulled down to GND MAX9213: pulled up to VCC MAX9215: pulled down to GND See Table 1. Exposed Paddle. Solder to ground.
27 28, 30 29 31, 36, 42 32 33 34 35 37 38 39 40 41
21 22, 24 23 25, 30, 36 26 27 28 29 31 32 33 34 35
PWRDWN PLL GND PLL VCC LVDS GND TxCLK OUT+ TxCLK OUTTxOUT2+ TxOUT2LVDS VCC TxOUT1+ TxOUT1TxOUT0+ TxOUT0-
43
37
DCB/NC
--
EP
EP
6
_______________________________________________________________________________________
Programmable DC-Balance 21-Bit Serializers MAX9209/MAX9211/MAX9213/MAX9215
TxOUT_- OR TxCLK OUTTxOUT_+ OR TxCLK OUT+ VOS = |VOS(+) - VOS(-)| VOD(+) VOD(-) (TxOUT_+) - (TxOUT_-) OR (TxCLK OUT+) - (TxCLK OUT-) VOD = |VOD(+) - VOD(-)| 0V VOD(-) VOS(-) VOS(+) VOS(-)
Figure 1. LVDS Output DC Parameters
TCIP TxCLK IN
ODD TxIN EVEN TxIN
Figure 2. Worst-Case Test Pattern
TxOUT_+ OR TxCLK OUT+
80% RL (TxOUT_+) - (TxOUT_-) OR (TxCLK OUT+) - (TxCLK OUT-) 20% LLHT
80%
20% LHLT
CL
CL
TxOUT_- OR TxCLK OUT-
Figure 3. LVDS Output Load and Transition Times
VIH 90% 90%
10% TxCLK IN TCIT TCIT
10%
VIL
Figure 4. Clock Transition Time Waveform _______________________________________________________________________________________ 7
Programmable DC-Balance 21-Bit Serializers MAX9209/MAX9211/MAX9213/MAX9215
TxCLK OUT (DIFFERENTIAL) CYCLE N - 1 CYCLE N
TxOUT2 (SINGLE ENDED)
TxIN15
TxIN14
TxIN20
TxIN19
TxIN18
TxIN17
TxIN16
TxIN15
TxIN14
TxOUT1 (SINGLE ENDED)
TxIN8
TxIN7
TxIN13
TxIN12
TxIN11
TxIN10
TxIN9
TxIN8
TxIN7
TxOUT0 (SINGLE ENDED)
TxIN1
TxIN0
TxIN6
TxIN5
TxIN4
TxIN3
TxIN2
TxIN1
TxIN0
TPPos0 TPPos1 TPPos2 TPPos3 TPPos4 TPPos5 TPPos6
Figure 5. Non-DC-Balanced Mode LVDS Output Pulse Position Measurement
Detailed Description
The MAX9209/MAX9211 operate at a parallel clock frequency of 8MHz to 34MHz in DC-balanced mode and 10MHz to 40MHz in non-DC-balanced mode. The MAX9213/MAX9215 operate at a parallel clock frequency of 16MHz to 66MHz in DC-balanced mode and 20MHz to 85MHz in non-DC-balanced mode. DC-balanced or non-DC-balanced operation is controlled by the DCB/NC pin (see Table 1). In non-DCbalanced mode, each channel serializes 7 bits every cycle of the parallel clock. In DC-balanced mode, 9 bits are serialized every clock cycle (7 data bits + 2 DC-balance bits). The highest data rate in DC-balanced mode for the MAX9213 or MAX9215 is 66MHz x 9 = 594Mbps. In non-DC-balanced mode, the maximum data rate is 85MHz x 7 = 595Mbps. A bit time is 1 divided by the data rate, for example, 1/595Mbps = 1.68ns.
Table 1. DC-Balance Programming
DEVICE DCB/NC High or open MAX9209 Low High MAX9211 Low or open High or open MAX9213 Low High MAX9215 Low or open OPERATING MODE DC balanced Non-DC balanced DC balanced Non-DC balanced DC balanced Non-DC balanced DC balanced Non-DC balanced OPERATING FREQUENCY (MHz) 8 to 34 10 to 40 8 to 34 10 to 40 16 to 66 20 to 85 16 to 66 20 to 85
DC Balance
Through data coding, the DC-balance circuits limit the imbalance of ones and zeros transmitted on each channel. If +1 is assigned to each binary 1 transmitted and -1 is assigned to each binary zero transmitted, the vari8
ation in the running sum of assigned values is called the digital sum variation (DSV). The maximum DSV for the MAX9209/MAX9211/MAX9213/MAX9215 data chan-
_______________________________________________________________________________________
Programmable DC-Balance 21-Bit Serializers MAX9209/MAX9211/MAX9213/MAX9215
TxCLK OUT (DIFFERENTIAL) CYCLE N - 1 CYCLE N
TxOUT2 (SINGLE ENDED)
DCA2
DCB2
TxIN20
TxIN19
TxIN18
TxIN17
TxIN16
TxIN15
TxIN14
DCA2
DCB2
TxOUT1 (SINGLE ENDED)
DCA1
DCB1
TxIN13
TxIN12
TxIN11
TxIN10
TxIN9
TxIN8
TxIN7
DCA1
DCB1
TxOUT0 (SINGLE ENDED)
DCA0
DCB0
TxIN6
TxIN5
TxIN4
TxIN3
TxIN2
TxIN1
TxIN0
DCA0
DCB0
TPPos0 TPPos1 TPPos2 TPPos3 TPPos4 TPPos5 TPPos6 TPPos7 TPPos8
Figure 6. DC-Balanced Mode LVDS Output Pulse Position Measurement
TCIP
TxCLK IN TCIH TCIL TSTC TxIN 0:20 1.5V SETUP THTC HOLD 1.5V
2.0V
1.5V
0.8V
Figure 7. Setup and Hold, High and Low Times
1.5V TxCLK IN TxCLK OUT+ TxCLK OUTTCCD DIFFERENTIAL 0
Figure 8. Clock-In to Clock-Out Delay _______________________________________________________________________________________ 9
Programmable DC-Balance 21-Bit Serializers MAX9209/MAX9211/MAX9213/MAX9215
2.0V PWRDWN 3.0V VCC TPPLS 3.6V
TxCLK IN TxOUT_, TxCLK OUT HIGH-Z VOD = 0 DIFFERENTIAL
Figure 9. PLL Set Time
PWRDWN 0.8V
TxCLK IN TPDD TxOUT_, TxCLK OUT HIGH-Z
Figure 10. Power-Down Delay
TxCLK OUT+
TxCLK OUTCYCLE N - 1 DCA2 TxOUT2 DCB2 TxIN20 TxIN19 TxIN18 CYCLE N TxIN17 TxIN16 TxIN15 TxIN14 DCA2 DCB2 TxIN20 TxIN19 TxIN18 CYCLE N + 1 TxIN17 TxIN16 TxIN15 TxIN14
DCA1 TxOUT1
DCB1
TxIN13
TxIN12
TxIN11
TxIN10
TxIN9
TxIN8
TxIN7
DCA1
DCB1
TxIN13
TxIN12
TxIN11
TxIN10
TxIN9
TxIN8
TxIN7
DCA0 TxOUT0
DCB0
TxIN6
TxIN5
TxIN4
TxIN3
TxIN2
TxIN1
TxIN0
DCA0
DCB0
TxIN6
TxIN5
TxIN4
TxIN3
TxIN2
TxIN1
TxIN0
Figure 11. DC-Balanced Mode Inputs Mapped to LVDS Outputs
nels is 10. At most, 10 more zeros than ones, or 10 more ones than zeros, are transmitted. The maximum DSV for the clock channel is 5. Limiting the DSV and choosing the correct coupling capacitors maintain differential signal amplitude and reduce jitter due to droop on AC-coupled links. To obtain DC balance on the data channels, the parallel input data is inverted or not inverted, depending on the sign of the digital sum at the word boundary. Two complementary bits are appended to each group of 7 parallel input data bits to indicate to the MAX9210/MAX9212/
10
MAX9214/MAX9216 deserializers whether the data bits are inverted (Figure 11). The deserializer restores the original state of the parallel data. The LVDS clock signal alternates duty cycles of 4/9 and 5/9, which maintains DC balance. Figure 12 shows the non-DC-balanced mode inputs mapped to LVDS outputs.
AC-Coupling Benefits
Bit errors experienced with DC-coupling can be eliminated by increasing the receiver common-mode voltage range by AC-coupling. AC-coupling increases the
______________________________________________________________________________________
Programmable DC-Balance 21-Bit Serializers MAX9209/MAX9211/MAX9213/MAX9215
TxCLK OUT+
TxCLK OUTCYCLE N - 1 TxIN15 TxOUT2 TxIN14 TxIN20 TxIN19 TxIN18 CYCLE N TxIN17 TxIN16 TxIN15 TxIN14 TxIN20 TxIN19 CYCLE N + 1 TxIN18 TxIN17 TxIN16 TxIN15 TxIN14
TxIN8 TxOUT1
TxIN7
TxIN13
TxIN12
TxIN11
TxIN10
TxIN9
TxIN8
TxIN7
TxIN13
TxIN12
TxIN11
TxIN10
TxIN9
TxIN8
TxIN7
TxIN1 TxOUT0
TxIN0
TxIN6
TxIN5
TxIN4
TxIN3
TxIN2
TxIN1
TxIN0
TxIN6
TxIN5
TxIN4
TxIN3
TxIN2
TxIN1
TxIN0
Figure 12. Non-DC-Balanced Mode Inputs Mapped to LVDS Outputs
MAX9209 MAX9211 MAX9213 MAX9215
TxOUT 7 7:1 RO
TRANSMISSION LINE RxIN
MAX9210 MAX9212 MAX9214 MAX9216
RT = 100
7 1:7
7 TxIN 7:1 RO RT = 100 1:7
7 RxOUT
7 7:1 RO
RT = 100
7 1:7
PWRDWN PLL TxCLK IN TxCLK OUT 21:3 SERIALIZER RO
RT = 100
PWRDWN PLL RxCLK OUT
RxCLK IN 3:21 DESERIALIZER
Figure 13. DC-Coupled Link, Non-DC-Balanced Mode
common-mode voltage range of an LVDS receiver to nearly the voltage rating of the capacitor. The typical LVDS driver output is 350mV centered on an offset voltage of 1.25V, making single-ended output voltages of 1.425V and 1.075V. An LVDS receiver accepts signals
from 0V to 2.4V, allowing approximately 1V commonmode difference between the driver and receiver on a DC-coupled link (2.4V - 1.425V = 0.975V and 1.075V 0V = 1.075V). Figure 13 shows the DC-coupled link, non-DC-balanced mode.
11
______________________________________________________________________________________
Programmable DC-Balance 21-Bit Serializers MAX9209/MAX9211/MAX9213/MAX9215
MAX9209 MAX9211 MAX9213 MAX9215
HIGH-FREQUENCY CERAMIC SURFACE-MOUNT CAPACITORS CAN ALSO BE PLACED AT SERIALIZER INSTEAD OF DESERIALIZER. TxOUT RxIN
MAX9210 MAX9212 MAX9214 MAX9216
7 (7 + 2):1 RO
RT = 100
7 1:(9 - 2)
7 TxIN (7 + 2):1 RO
RT = 100
7 1:(9 - 2) RxOUT
7 (7 + 2):1 RO
RT = 100
7 1:(9 - 2)
PWRDWN PLL TxCLK IN TxCLK OUT 21:3 SERIALIZER RO
RT = 100
PWRDWN PLL RxCLK OUT
RxCLK IN 3:21 DESERIALIZER
Figure 14. Two Capacitors per Link, AC-Coupled, DC-Balanced Mode
Common-mode voltage differences may be due to ground potential variation or common-mode noise. If there is more than 1V of difference, the receiver is not guaranteed to read the input signal correctly and may cause bit errors. AC-coupling filters low-frequency ground shifts and common-mode noise and passes high-frequency data. A common-mode voltage difference up to the voltage rating of the coupling capacitor (minus half the differential swing) is tolerated. DC-balanced coding of the data is required to maintain the differential signal amplitude and limit jitter on an AC-coupled link. A capacitor in series with each output of the LVDS driver is sufficient for AC-coupling. However,
two capacitors--one at the serializer output and one at the deserializer input--provide protection in case either end of the cable is shorted to a high voltage.
5V Tolerant Inputs
All signal and control inputs except DCB/NC are 5V tolerant and are internally pulled down to GND. The DCB/NC pin has a pulldown on MAX9211/MAX9215 and a pullup on the MAX9209/MAX9213.
DCB/NC Pin Default Conditions
The MAX9209/MAX9211/MAX9213/MAX9215 have programmable DC balance/non-DC balance. See Table 1 for DCB/NC default settings and operating modes.
12
______________________________________________________________________________________
Programmable DC-Balance 21-Bit Serializers MAX9209/MAX9211/MAX9213/MAX9215
MAX9209 MAX9211 MAX9213 MAX9215
HIGH-FREQUENCY CERAMIC SURFACE-MOUNT CAPACITORS
MAX9210 MAX9212 MAX9214 MAX9216
RxIN 7 1:(9 - 2)
TxOUT 7 (7 + 2):1 RO
RT = 100
7 TxIN (7 + 2):1 RO
RT = 100
7 1:(9 - 2) RxOUT
7 (7 + 2):1 RO
RT = 100
7 1:(9 - 2)
PWRDWN PLL TxCLK IN TxCLK OUT 21:3 SERIALIZER RO
RT = 100
PWRDWN PLL RxCLK OUT
RxCLK IN 3:21 DESERIALIZER
Figure 15. Four Capacitors per Link, AC-Coupled, DC-Balanced Mode
Applications Information
Selection of AC-Coupling Capacitors
Voltage droop and the DSV of transmitted symbols cause signal transitions to start from different voltage levels. Because the transition time is finite, starting the signal transition from different voltage levels causes timing jitter. The time constant for an AC-coupled link needs to be chosen to reduce droop and jitter to an acceptable level. The RC network for an AC-coupled link consists of the LVDS receiver termination resistor (RT), the LVDS driver output resistor (RO), and the series AC-coupling capacitors (C). The RC time constant for two equal-value series capacitors is (C x (RT + RO))/2 (Figure 14). The RC time constant for four equal-value series capacitors is (C x (RT + RO))/4 (Figure 15).
RT is required to match the transmission line impedance (usually 100) and RO is determined by the LVDS driver design, with a minimum value of 78 (see the DC Electrical Characteristics table). This leaves the capacitor selection to change the system time constant. In the following example, the capacitor value for a droop of 2% is calculated. Jitter due to this droop is then calculated assuming a 1ns transition time: C = -(2 x tB x DSV) / (ln (1 - D) x (RT + RO)) (Eq 1) where: C = AC-coupling capacitor (F) tB = bit time (s) DSV = digital sum variation (integer) ln = natural log D = droop (% of signal amplitude) RT = termination resistor ()
13
______________________________________________________________________________________
Programmable DC-Balance 21-Bit Serializers MAX9209/MAX9211/MAX9213/MAX9215
RO = output resistance () Equation 1 is for two series capacitors (Figure 14). The bit time (tB) is the period of the parallel clock divided by 9. The DSV is 10. See equation 3 for four series capacitors (Figure 15). The capacitor for 2% maximum droop at 8MHz parallel rate clock is: C = -(2 x tB x DSV) / (ln (1 - D) x (RT + RO)) C = -(2 x 13.9ns x 10) / (ln (1 - .02) x (100 + 78)) C = 0.0773F Jitter due to droop is proportional to the droop and transition time: tJ = tT x D (Eq 2) where: tJ = jitter (s) tT = transition time (s) (0% to 100%) D = droop (% of signal amplitude) Jitter due to 2% droop and assumed 1ns transition time is: tJ = 1ns x 0.02 tJ = 20ps The transition time in a real system depends on the frequency response of the cable driven by the serializer. The capacitor value decreases for a higher frequency parallel clock and for higher levels of droop and jitter. Use high-frequency, surface-mount ceramic capacitors. Equation 1 altered for four series capacitors (Figure 15) is: C = -(4 x tB x DSV) / (ln (1 - D) x (RT + RO)) (Eq 3) lock to the input clock and switches in the output termination resistors. The LVDS outputs are not driven until the PLL locks. The differential output resistance pulls the outputs together and the LVDS outputs are high impedance to ground. If the power supply is turned off, the output resistors are switched out and the LVDS outputs are high impedance.
Input Clock
There is no required timing sequence for the application or reapplication of the parallel rate clock (TxCLK IN) relative to PWRDWN, or a power-supply ramp for proper PLL lock. The PLL lock time is set by an internal counter. The maximum time to lock is 32,800 clock periods. Power and clock should be stable to meet the lock-time specification. When the PLL is locking, the LVDS outputs are not active and have a differential output resistance of RO.
Power-Supply Bypassing
There are separate power domains for LVDS, PLL, and digital circuits. Bypass each LVDS VCC, PLL VCC, and VCC pin with high-frequency surface-mount ceramic 0.1F and 0.001F capacitors in parallel as close to the device as possible, with the smallest value capacitor closest to the supply pin.
LVDS Outputs
The LVDS outputs are current sources. The voltage swing is proportional to the load impedance. The outputs are rated for a differential load of 100 1%.
Cables and Connectors Integrated Termination
The MAX9209/MAX9211/MAX9213/MAX9215 have an integrated output termination resistor across each of the four LVDS outputs. These resistors damp reflections from induced noise and mismatches between the transmission line impedance and termination resistor at the deserializer input. In DC-balanced mode, the differential output resistance is part of the RC time constant. In non-DC-balanced mode, the output termination is increased to 410 (typ) to reduce power. In powerdown mode (PWRDWN = low) or when the power supply is off, the output resistor is switched out and the LVDS outputs are high impedance. Interconnect for LVDS typically has a differential impedance of 100. Use cables and connectors that have matched differential impedance to minimize impedance discontinuities. Twisted-pair and shielded twisted-pair cables offer superior signal quality compared to ribbon cable and tend to generate less EMI due to magnetic field canceling effects. Balanced cables pick up noise as common mode, which is rejected by the LVDS receiver.
Board Layout
Keep the LVTTL/LVCMOS input and LVDS output signals separated to prevent crosstalk. A four-layer PC board with separate layers for power, ground, LVDS outputs, and digital signals is recommended.
PWRDWN and Power-Off
Driving PWRDWN low stops the PLL, switches out the integrated output termination resistors, puts the LVDS outputs in high impedance, and reduces supply current to 50A or less. Driving PWRDWN high starts the PLL
14
______________________________________________________________________________________
Programmable DC-Balance 21-Bit Serializers
IEC 61000-4-2 Level 4 ESD Protection
The IEC 61000-4-2 standard specifies ESD tolerance for electronic systems. The IEC 61000-4-2 model (Figure 16) specifies a 150pF capacitor that is discharged into the device through a 330 resistor. The MAX9209/MAX9211/MAX9213/MAX9215 LVDS outputs are rated for IEC61000-4-2 level 4 (8kV contact discharge and 15kV air discharge). IEC 61000-4-2 discharges higher peak current and more energy than the Human Body Model (HBM) due to the lower series resistance and larger capacitor. The HBM (Figure 17) specifies a 100pF capacitor that is discharged into the device through a 1.5k resistor. All pins are rated for 2kV HBM.
MAX9209/MAX9211/MAX9213/MAX9215
R1 50 TO 100 CHARGE-CURRENTLIMIT RESISTOR HIGHVOLTAGE DC SOURCE CS 150pF
R2 330 DISCHARGE RESISTANCE STORAGE CAPACITOR DEVICE UNDER TEST HIGHVOLTAGE DC SOURCE
R1 1M CHARGE-CURRENTLIMIT RESISTOR CS 100pF
R2 1.5k DISCHARGE RESISTANCE STORAGE CAPACITOR DEVICE UNDER TEST
Figure 16. IEC 61000-4-2 Contact Discharge ESD Test Circuit
Figure 17. Human Body ESD Test Circuit
______________________________________________________________________________________
15
Programmable DC-Balance 21-Bit Serializers MAX9209/MAX9211/MAX9213/MAX9215
Pin Configurations
TOP VIEW
TxIN4 1 VCC 2 TxIN5 3 TxIN6 4 GND 5 TxIN7 6 TxIN8 7 VCC 8 TxIN9 9 TxIN10 10 GND 11 TxIN11 12 TxIN12 13 VCC 14 TxIN13 TxIN14 15 16
48 47 46 45 44 43 42 41
TxIN3 TxIN2 GND TxIN1 TxIN0 DCB/NC
37 36 35 34 33 32 31 30 29 28 27 26 25 13 14 15 16 17 18 19 20 21 22 23 24
DCB/NC GND TxIN6 TxIN7 TxIN5 TxIN4 TxIN3 TxIN2 GND
41 40
LVDS GND TxOUT0TxOUT0+ TxOUT1TxOUT1+ LVDS VCC LVDS GND TxOUT2TxOUT2+ TxCLK OUTTxCLK OUT+ LVDS GND PLL GND PLL VCC PLL GND PWRDWN TxCLK IN TxIN20 TxIN8 VCC TxIN9 TxIN10 GND TxIN11 TxIN12 VCC TxIN13 TxIN14 GND TxIN15
1 2 3 4 5 6 7 8 9 10 11 12
48
47
46
45
44
43
42
39
MAX9209 MAX9211 MAX9213 MAX9215
40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25
38
TxIN1 TxIN0
VCC
LVDS GND TxOUT0TxOUT0+ TxOUT1TxOUT1+ LVDS VCC LVDS GND TxOUT2TxOUT2+ TxCLK OUTTxCLK OUT+ LVDS GND
MAX9209 MAX9211 MAX9213 MAX9215
EXPOSED PAD
GND 17 TxIN15 18 TxIN16 19 TxIN17 20 VCC 21
TxCLK IN PWRDN
TxIN18 22 TxIN19 23
Thin QFN
GND 24
TSSOP
Chip Information
MAX9209 TRANSISTOR COUNT: 9458 MAX9211 TRANSISTOR COUNT: 9458 MAX9213 TRANSISTOR COUNT: 9458 MAX9215 TRANSISTOR COUNT: 9458 PROCESS: CMOS
16 ______________________________________________________________________________________
PLL GND PLL VCC PLL GND
TxIN16
TxIN17
VCC TxIN18 TxIN19 GND TxIN20
Programmable DC-Balance 21-Bit Serializers
Package Information
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline information go to www.maxim-ic.com/packages.)
48L TSSOP.EPS
E H
MAX9209/MAX9211/MAX9213/MAX9215
321
N
TOP VIEW
BOTTOM VIEW
SEE DETAIL A
b A1 A2 e D
SEATING PLANE
;
A
C L
c b
SIDE VIEW
END VIEW
WITH PLATING
b1
(;
)
PARTING LINE BASE METAL
c1
c
0.25
DETAIL A
SECTION C-C
NOTES: 1. DIMENSIONS D & E ARE REFERENCE DATUMS AND DO NOT INCLUDE MOLD FLASH. 2. MOLD FLASH OR PROTRUSIONS NOT TO EXCEED 0.15MM ON D SIDE, AND 0.25MM ON E SIDE. 3. CONTROLLING DIMENSION: MILLIMETERS. 4. THIS PART IS COMPLIANT WITH JEDEC SPECIFICATION MO-153, VARIATIONS, ED. 5. "N" REFERS TO NUMBER OF LEADS. 6. THE LEAD TIPS MUST LIE WITHIN A SPECIFIED ZONE. THIS TOLERANCE ZONE IS DEFINED BY TWO PARALLEL PLANES. ONE PLANE IS THE SEATING PLANE, DATUM (-C-), THE OTHER PLANE IS AT THE SPECIFIED DISTANCE FROM (-C-) IN THE DIRECTION INDICATED.
PROPRIETARY INFORMATION TITLE:
PACKAGE OUTLINE, 48L TSSOP, 6.1mm BODY
APPROVAL DOCUMENT CONTROL NO. REV.
21-0155
1 2
A
______________________________________________________________________________________
17
Programmable DC-Balance 21-Bit Serializers MAX9209/MAX9211/MAX9213/MAX9215
Package Information (continued)
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline information go to www.maxim-ic.com/packages.)
D2 D D/2 k
C L
b D2/2
E/2 E2/2 (NE-1) X e
C L
E
E2
k L DETAIL A e (ND-1) X e
C L
C L
L
L
e
e
A1
A2
A
PROPRIETARY INFORMATION TITLE:
PACKAGE OUTLINE 32, 44, 48L QFN THIN, 7x7x0.8 mm
DOCUMENT CONTROL NO. REV.
APPROVAL
21-0144
1 2
B
18
______________________________________________________________________________________
32, 44, 48L QFN .EPS
Programmable DC-Balance 21-Bit Serializers
Package Information (continued)
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline information go to www.maxim-ic.com/packages.)
MAX9209/MAX9211/MAX9213/MAX9215
COMMON DIMENSIONS
EXPOSED PAD VARIATIONS
** NOTE: T4877-1 IS A CUSTOM 48L PKG. WITH 4 LEADS DEPOPULATED. TOTAL NUMBER OF LEADS ARE 44.
PROPRIETARY INFORMATION TITLE:
PACKAGE OUTLINE 32, 44, 48L QFN THIN, 7x7x0.8 mm
DOCUMENT CONTROL NO. REV.
APPROVAL
21-0144
2 2
B
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600 ____________________ 19 (c) 2003 Maxim Integrated Products Printed USA is a registered trademark of Maxim Integrated Products.


▲Up To Search▲   

 
Price & Availability of MAX9211

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X