Part Number Hot Search : 
C1510 09231 200AB PUMD6 32M10 T24C0 CH490DPT RFP4668
Product Description
Full Text Search
 

To Download MAX1181EVKIT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 19-2054; Rev 2; 7/02
MAX1181 Evaluation Kit
General Description
The MAX1181 Evaluation kit (EV Kit) is a fully assembled and tested circuit board that contains all the components necessary to evaluate the performance of the nonmultiplexed MAX1180-MAX1184 and MAX1190 or multiplexed MAX1185 and MAX1186, dual 10-bit analog-to-digital converters (ADC). The MAX1180-MAX1186 and MAX1190 accept differential or single-ended analog inputs and the EV kit allows for evaluation of each ADC with both types of signals from one single-ended analog signal. The digital output produced by the ADC can easily be sampled with a user-provided high-speed logic analyzer or data-acquisition system. The EV kit operates from 3.0V analog and 2.0V digital power supplies. It includes circuitry that generates a clock signal from an AC signal provided by the user. The EV kit comes with the MAX1181 installed. Order free samples of the pin-compatible MAX1180, MAX1182, MAX1183, MAX1184, MAX1185, MAX1186, or MAX1190 to evaluate these parts. o Low Voltage and Power Operation o Single-Ended or Fully Differential Signal Input Configuration o Clock-Shaping Circuit o Fully Assembled and Tested o Supports Both Nonmultiplexed (MAX1180-MAX1184/MAX1190) and Multiplexed (MAX1185/MAX1186) Output Operation
Features
o Up to 80Msps Sampling Rate (MAX1181)
Evaluates: MAX1180-MAX1186/MAX1190
Ordering Information
PART MAX1181EVKIT TEMP RANGE 0C to +70C IC PACKAGE 48 TQFP-EP
Selector Guide
PART MAX1190ECM MAX1180ECM MAX1181ECM MAX1182ECM MAX1183ECM MAX1184ECM MAX1185ECM MAX1186ECM SPEED (Msps) 120 105 80 65 40 20 20, multiplexed 40, multiplexed
Component List
DESIGNATION C1-C5, C7, C9, C11, C16-C19, C21, C23, C27, C31, C33, C34, C36-C39, C42-C49, C51, C52 C24, C25, C28, C29 C8, C10, C20, C22, C26, C32, C35, C40, C41 QTY DESCRIPTION 0.1F, 16V, X7R, 10% ceramic capacitors (0603) Taiyo Yuden EMK107BJ104KA or TDK C1608X7R1E104KT 22pF, 50V, 5% ceramic capacitors (0603) TDK C1608CCOG1H220JT 2.2F, 10V tantalum capacitors (A) AVX TAJA225K010 or Kemet T494A225K010AS 1000pF, 50V 10% ceramic capacitor (0603) TDK C1608X7R1H102KT DESIGNATION C12-C15 C6, C50 R1, R6, R19 R31-R33 4 R7 R38 R2-R5, R35, R51-R71 R15-R18 R8, R21-R30, R41-R50 QTY 4 0 0 0 1 1 26 4 21 DESCRIPTION 10F, 10V, tantalum capacitors (B) AVX TAJB106M010 or Kemet T494B106K010AS Not installed (0603) Not installed (0603) Not installed (0805) 0 5% resistor (0603) 3.9 5% resistor (0805) 49.9 1% resistors (0603) 24.9 1% resistors (0603) 100 1% resistors (0603)
32
9
C30
1
Component List continued on next page. 1
________________________________________________________________ Maxim Integrated Products
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at 1-888-629-4642, or visit Maxim's website at www.maxim-ic.com.
MAX1181 Evaluation Kit Evaluates: MAX1180-MAX1186/MAX1190
Component List (continued)
DESIGNATION R9, R10, R13, R14, R36 R11 R12, R37 R20 R34 T1, T2 U1 U2 QTY 5 1 2 1 1 2 1 1 DESCRIPTION 2k 1% resistors (0603) 6.04k 1% resistor (0603) 4.02k 1% resistors (0603) 10k 1% resistor (0603) 5k potentiometer, 12-turn, 1/4" BI Technologies 3266W-1-502 RF transformers Mini-Circuits TT1-6-KK81 MAX1181ECM (48-pin TQFP-EP) Dual CMOS differential line receiver (8-pin SO) Maxim MAX9113ESA Buffer/Driver three-state outputs (48-pin TSSOP) Texas Instrument SN74ALVCH16244DGG Ferrite chip beads, 90 at 100MHz (1206), Fair-Rite Products Corp. 2512069007Y0 or Mouser 436-2600 (60 at 100MHz) 2 x 25-pin header SUPPLIER AVX Fair-Rite Products Kemet Mini-Circuits Pericom Taiyo Yuden TDK Texas Instruments
Component Suppliers
PHONE 843-448-9411 888-324-7748 864-963-6300 718-934-4500 800-435-2336 800-348-2496 847-803-6100 972-644-5580 FAX 843-448-1943 888-337-7483 864-963-6322 718-934-7092 408-435-1100 847-952-0899 847-803-6296 214-480-7800
Note: Please indicate that you are using the MAX1181 when contacting these component suppliers.
*
Logic analyzer or data-acquisition system (e.g., HP16500C with HP16517A High-Speed Logic State Card) Analog bandpass filters (e.g., TTE Elliptical Bandpass Filter Q56 series) Digital voltmeter
* *
U3, U4
2
L1, L2
2
J1 S/E_INA, D/E_INA, S/E_INB, D/E_ INB, CLOCK JU1-JU8 None None None None
1
5
SMA PC-mount connectors
The MAX1181 EV kit is a fully assembled and tested surface-mount board. Follow the steps below for board operation. Do not turn on power supplies or enable function generators until all connections are complete. 1) Verify that shunts are installed across pins 2 and 3 of jumpers JU5 (offset binary digital output), JU6 (normal operation), JU7 (MAX1181 operating), and JU8 (outputs enabled). 2) Connect the clock function generator to the CLOCK SMA connector.
8 8 1 1 1
3-pin headers Shunt (JU1-JU8) MAX1181 PC board MAX1181 data sheet MAX1181 EV kit data sheet
3) Connect the output of the analog signal function generator to the input of the bandpass filter. 4) a) To evaluate differential analog signals on Channel A, verify that shunts are installed on pins 2 and 3 of jumpers JU1 and JU2. Connect the output of the analog bandpass filter to the D/E_INA SMA connector. For single-ended analog signal evaluation on Channel A, verify that shunts are installed on pins 1 and 2 of jumpers JU1 and JU2, and connect the output of the bandpass filter to the S/E_INA SMA connector. b) To evaluate differential analog signals on Channel B, verify that shunts are installed on pins 2 and 3 of jumpers JU3 and JU4. Connect the output of the analog bandpass filter to the D/E_INB SMA connector. For single-ended analog signal evaluation on Channel B, verify that shunts are installed on pins 1 and 2 of jumper JU3 and JU4, and connect the output of the bandpass filter to the S/E_INB SMA connector.
Quick Start
Required equipment: * DC power supplies Digital 2.0V, 100mA Analog 3.0V, 300mA Function generator with low-phase noise and lowjitter for clock input (e.g., HP8662A) Function generators for analog signal inputs (e.g., HP8662A)
* *
2
_______________________________________________________________________________________
MAX1181 Evaluation Kit
Note: Both input channels may be configured identically or differently. 5) Connect the logic analyzer to the square pin header (J1). Channel A (Channel B) data is captured on J11 (J1-23) through J1-19 (J1-41). If evaluating the multiplexed ADC (MAX1185 or MAX1186), the output data for Channel A and Channel B is captured on a single 10-bit bus (J1-1 through J1-19) and the A/B indicator signal can be monitored on J1-23 (see Table 4 for bit locations and J1 header designators). The system clock for both multiplexed and nonmultiplexed output operation is available on pin J1-43. 6) Connect a 3.0V, 300mA power supply to VA and VADUT. Connect the ground terminal of this supply to AGND. 7) Connect a 2.0V, 100mA power supply to VD and VDDUT. Connect the ground terminal of this supply to DGND. 8) Turn on both power supplies. 9) With a voltmeter, verify that 1.20V is measured across test points TP1 and TP2. If the voltage is not 1.20V, adjust potentiometer R34 until 1.20V is obtained. 10) Enable the function generators. Set the clock function generator for an output amplitude of 2.4V P-P and frequency (fCLK) 80MHz. Set the analog input signal generators for an output amplitude 2VP-P and to the desired frequency. The two function generators should be phase-locked to each other. 11) Set the logic analyzer to capture on the clock's rising edge. In multiplexed output operation mode capture Channel A data on the falling edge and Channel B data on the rising edge of the logic analyzer clock. 12) Enable the logic analyzer. 13) Collect data using the logic analyzer. (fCLK) of 80MHz. The MAX1181 accepts differential or single-ended analog input signals. With the proper board configuration (as specified below), the ADC can be evaluated with both types of signals by supplying only one single-ended analog signal to the EV kit. The EV kit was designed as a four-layer PC board to optimize the performance of the MAX1181. Separate analog and digital power planes minimize noise coupling between analog and digital signals. For simple operation, the EV kit is specified to have 3.0V and 2.0V DC power supplies applied to analog and digital power planes, respectively. However, the digital plane can be operated down to 1.7V without compromising the board's performance. The logic analyzer's threshold must be adjusted accordingly. Access to Channel A and Channel B outputs is provided through connector J1. The 50-pin connector interfaces directly with a user-provided logic analyzer or data acquisition system.
Evaluates: MAX1180-MAX1186/MAX1190
Power Supplies
The MAX1181 EV kit requires separate analog and digital power supplies for best performance. A 3.0V power supply is used to power the analog portion of the MAX1181 and the clock signal circuit. The MAX1181 analog supply voltage has a range of 2.7V to 3.6V, however, 3.0V must be supplied to the EV kit (VADUT, VA) to meet the minimum input voltage supply to the clock shaping circuit. A separate 2.0V power supply is used to power the digital portion (VDDUT, VD) of the MAX1181 and the buffer/driver. It will operate with a voltage supply as low as 1.7V and as high as 3.6V. Enhanced dynamic performance is normally achieved when the digital supply voltage is lower than the analog supply voltage.
Clock
An on-board clock-shaping circuit generates a clock signal from an AC sine-wave signal applied to the CLOCK SMA connector. The input signal should not exceed a magnitude of 2.6VP-P. The frequency of the signal should not exceed 80MHz for the MAX1181. The frequency of the sinusoidal input signal determines the sampling frequency (fCLK) of the ADC. A differential line receiver (U2) processes the input signal to generate the CMOS clock signal. The signal's duty cycle can be adjusted with potentiometer R34. A clock signal with a 50% duty cycle (recommended) can be achieved by adjusting R34 until 1.20V is produced across test points TP1 and TP2, when the analog voltage supply is set to 3.0V (40% of the analog power supply). The clock signal is available at the J1-J43 pin (CK), which can be used to synchronize the output signal to the logic analyzer.
Detailed Description
The MAX1181 EV kit is a fully-assembled and tested circuit board that contains all the components necessary to evaluate the performance of the MAX1180, MAX1181, MAX1182, MAX1183, MAX1184, MAX1185, MAX1186, or MAX1190, dual 10-bit ADCs (Channel A and Channel B). The MAX1180-MAX1184/MAX1190 dual outputs (Channel A and Channel B) are nonmultiplexed and the data is captured with two separate 10-bit buses. The MAX1185 and MAX1186 dual outputs (Channel A and Channel B) are multiplexed and data is captured with a single 10-bit bus. The EV kit comes with the MAX1181 which can be evaluated with a maximum clock frequency
_______________________________________________________________________________________
3
MAX1181 Evaluation Kit Evaluates: MAX1180-MAX1186/MAX1190
Input Signal
The MAX1181 accepts differential or single-ended analog input signals applied to Channels A or B. The EV kit requires only single-ended analog input signals, with an amplitude of less than 2VP-P provided by the user. During single-ended operation the signal is applied directly to the ADC, while in differential mode, an onboard transformer takes the single-ended analog input and generates a differential analog signal at the ADCs differential input pins. To evaluate single-ended signal input, connect the input signal to the S/E_INA (Channel A) or S/E_INB (Channel B) SMA connectors. To evaluate differential signals, connect the input signal to the D/E_INA (Channel A) or D/E_INB (Channel B) SMA connectors. For single-ended or differential operation, see Table 1 for jumper configuration. Note: When a differential signal is applied to the ADC, the positive and negative input pins of the ADC each receive half of the input signal supplied at SMA connector D/E_INA(D/E_INB) centered at the common mode voltage of VADUT/2.
Output Enable/Power-Down/Sleep Modes
The MAX1181 EV kit also features jumpers that allow the user to enable or disable certain functions or the entire data converter. Jumper JU6 controls the Sleep mode, jumper JU7 controls a full power-down mode, and jumper JU8 controls the outputs enable/disable mode. Operating the ADC in these modes supports the reduction of the IC's overall power consumption. Refer to Table 2 to configure the board and operate the ADC in these modes.
Table 1. Single-Ended/Differential Operation Jumper Configuration
JUMPER SHUNT STATUS 1 and 2 JU1, JU2 2 and 3 1 and 2 JU3, JU4 2 and 3 INB+ and INB- pins connected to transformer T2 Analog input signal is applied to Channel B as a differential input INA+ and INA- pins connected to transformer T1 INB+ pin connected to SMA connector S/E_INB and INB- pin connected to COM pin Analog input signal is applied to Channel A as a differential input Analog input signal is applied to the ADC's Channel B as a single-ended input PIN CONNECTION INA+ pin connected to SMA connector S/E_INA and INA- pin connected to COM pin EV KIT OPERATION Analog input signal is applied to the ADC's Channel A as a single-ended input
Table 2. Output Enable/Power-Down/Sleep Mode Configuration
JUMPER SHUNT STATUS 1 and 2 2 and 3 JU7 JU8 1 and 2 2 and 3 1 and 2 2 and 3 PIN CONNECTION SLEEP connected to VDDUT SLEEP connected to DGND PD connected to VDDUT PD connected to DGND OE connected to VDDUT OE connected to DGND EV KIT OPERATION MAX1181 is disabled except for the internal reference MAX1181 in normal operation mode MAX1181 is powered down MAX1181 in normal operation mode Digital outputs disabled Digital output enabled
JU6
4
_______________________________________________________________________________________
MAX1181 Evaluation Kit
Reference Voltage
The MAX1181 requires an input voltage reference at its REFIN pin to set the full-scale analog signal voltage input. The ADC has a stable on-chip voltage reference of 2.048V that can be accessed at REFOUT. The EV kit was designed to use the on-chip voltage reference by connecting REFIN to REFOUT through resistor R20. The user can externally adjust the reference level, and hence the full-scale range, by installing a resistor at the R19 pad. The adjusted reference level can be calculated by applying the following equation: R19 VREFIN = x VREFOUT R19 + R20 where R19 is the value of the resistor installed, R20 is a 10k resistor, and VREFOUT is 2.048V. Alternatively, the user can apply a stable, low noise, external voltage reference directly at the REFIN pad to set the full scale.
Output Signal
The MAX1181 features two 10-bit, parallel, CMOS-compatible, digital outputs channels (Channels A and B). The digital output coding can be chosen to be either in two's complement format or straight offset binary format by configuring jumper JU5. Refer to Table 3 for jumper configuration. Two drivers buffer the ADC's Channel A and B digital outputs. The buffer is able to drive large capacitive loads, which may be present at the logic analyzer connection, without compromising the digital output signal. The outputs of the buffers are connected to a 50-pin header (J1) located on the right side of the EV kit, where the user can connect a logic analyzer or data-acquisition system. Refer to Table 4 for channel and bit location on header J1.
Evaluates: MAX1180-MAX1186/MAX1190
Table 3. Output Format
JUMPER JU5 SHUNT STATUS 1 and 2 2 and 3 PIN CONNECTION T/B connected to VDDUT T/B connected to DGND EV KIT OPERATION Digital output in two's complement Digital output in straight offset binary
Table 4. Output Bit Location (Nonmultiplexed/Multiplexed Output Operation)
CHANNEL A/B STATE BIT D0 BIT D1 BIT D2 BIT D3 BIT D4 BIT D5 BIT D6 BIT D7 BIT D8 BIT D9
NONMULTIPLEXED OUTPUT OPERATION A CLK B CLK N/A J1-19 A0 J1-23 B0 J1-17 A1 J1-25 B1 J1-15 A2 J1-27 B2 J1-13 A3 J1-29 B3 J1-11 A4 J1-31 B4 J1-9 A5 J1-33 B5 J1-7 A6 J1-35 B6 J1-5 A7 J1-37 B7 J1-3 A8 J1-39 B8 J1-1 A9 J1-41 B9
N/A
MULTIPLEXED OUTPUT OPERATION* A CLK B CLK J1-23 1 J1-23 0 J1-19 A0 J1-19 A0 J1-17 A1 J1-17 A1 J1-15 A2 J1-15 A2 J1-13 A3 J1-13 A3 J1-11 A4 J1-11 A4 J1-9 A5 J1-9 A5 J1-7 A6 J1-7 A6 J1-5 A7 J1-5 A7 J1-3 A8 J1-3 A8 J1-1 A9 J1-1 A9
*For multiplexed output operation, Channel A and Channel B data is captured with a single 10-bit bus. Leave header designators J25 (B1) through J41 (B9) open.
_______________________________________________________________________________________
5
Evaluates: MAX1180-MAX1186/MAX1190
VD REFIN C19 0.1F C14 10F 10V VDDUT REFIN C18 0.1F C13 10F 10V R9 2k 1% C6 OPEN C7 0.1F R13 2k 1% C8 2.2F 10V C9 0.1F C11 0.1F R22 100 44 D9A D1A 36 R29 100 D1A D8A D7A D6A D5A D4A D3A D2A 43 42 41 40 39 38 37 R23 100 R24 R25 100 100 R26 100 R27 R28 100 100 48 REFN REFP REFIN 1 COM C20 2.2F 10V C21 0.1F 2 VDD D0A 35 C23 0.1F 3 GND DGND OVDD OVDD 5 INAINA+ 4 C24 22pF 1 JU2 2 4 VADUT COM 1 6 VDD C27 0.1F 7 GND INBD2B 8 C28 22pF 9 INB+ C29 22pF VADUT 11 VDD CLK GND 13 R37 4.02k 1% C32 2.2F 10V C30 1000pF C33 0.1F TP1 1 14 VADUT VDD VDD 15 GND 16 T/B 17 VDDUT 12 3 JU5 C35 2.2F 10V R7 0 R8 100 1A1 R31 OPEN R32 OPEN R33 OPEN R38 3.9 C36 0.1F VDDUT 12 3 JU6 VDDUT 12 3 JU7 VDDUT 12 3 JU8 D9B D8B D7B D6B R41 100 R42 100 R43 100 R44 100 SLEEP 18 PO 19 OE 20 D9B 21 D8B 22 D7B 23 D6B 24 D5B 25 VA C34 0.1F 12 10 GND D1B 29 C26 22pF 10V R17 24.9 1% JU3 2 6 C52 0.1F 5 4 3 3 C25 22pF R16 24.9 1% 34 FERRITE L2 33 32 VDDUT C22 2.2F 10V 1 JU1 2 6 C51 0.1F 5 COM 3 R15 24.9 1% R30 100 D0A REFOUT 47 R20 R21 10k 100 1% 46 45 D9A D8A D7A D6A D5A D4A D3A D2A S/E_B R19 OPEN REFIN
MAX1181 Evaluation Kit
Figure 1. MAX1181 EV Kit Schematic
R14 2k 1% R10 2k 1% S/E_B C10 2.2F 10V COM VADUT C37 0.1F DGND 31 R50 100 D0B 30 D0B R49 100 D1B R48 100 28 D2B R47 100 D3B 27 D3B R46 100 D4B 26 D4B R45 100 D5B C38 0.1F C39 0.1F
R34 5k 3 2 TP2 2 IN1+ OUT2 6 GND 5 3 IN2+ R12 4.02k 1% R36 2k 1% C31 0.1F R11 6.04k 1%
6
U1 MAX1181
C40 2.2pF 10V 3 JU4 2 1 R18 24.9 1% U2 MAX9113 1 8 IN1VCC 4 IN2OUT1 7
VA
VA
VD
AGND
C16 0.1F
C15 10F 10V
DGND
VADUT
VADUT
VDDUT
C17 0.1F
C12 10F 10V
S/E_INA
C1 0.1F
R2 49.9 1%
R1 OPEN
D/E_INA
C2 0.1F
1
T1
R3 49.9 1%
2
3
COM
1
T2
D/E_INB
C3 0.1F
2
3
R4 49.9 1%
S/E_INB
C4 0.1F
S/E_B
_______________________________________________________________________________________
R5 49.9 1%
R16 OPEN
CLOCK
C5 0.1F
R35 49.9 1%
U3 SN74ALVCH16244 VDB VD 1 L1 47 J1-43 3 1Y2 J1-4 J1-6 J1-8 5 1Y3 1Y4 VCC 2Y1 2Y2 GND 2Y3 2A3 J1-41 R62 49.9 1% D1A J1-39 R63 49.9 1% D2A R64 49.9 1% D3A J1-35 15 R65 49.9 1% D4A J1-33 VDB J1-31 VDB R66 49.9 1% 16 17 18 C42 0.1F D6A D7A C49 0.1F J1-29 R68 49.9 1% J1-27 R67 49.9 1% 19 20 21 R69 49.9 1% D8A J1-25 R70 49.9 1% D9A J1-23 22 23 24 14 3Y2 GND 3Y3 3Y4 VCC 4Y1 4Y2 GND 4Y3 4Y4 40E J1-37 13 3Y1 2Y4 12 2A4 3A1 3A2 GND 3A3 3A4 VCC 4A1 4A2 GND 4A3 4A4 30E 37 36 35 34 33 32 31 30 29 28 27 26 25 C46 0.1F D3B D2B 2A4 3A1 3A2 GND 3A3 3A4 D5A VCC 4A1 4A2 GND 4A3 4A4 30E 25 26 27 28 29 30 31 32 33 34 35 36 37 2A3 2Y4 3Y1 3Y2 GND 3Y3 3Y4 VCC 4Y1 4Y2 GND 4Y3 4Y4 40E 38 D0A 2Y3 R61 49.9 1% 11 38 GND 39 GND GND 10 39 2A2 40 2Y2 2A2 9 40 2A1 41 2Y1 2A1 C44 0.1F C43 0.1F 8 41 C47 0.1F VCC 42 VCC VCC 7 42 1A4 43 1Y4 1A4 VDB VDB 6 43 VDB 1A3 1Y3 1A3 6 7 C48 0.1F 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 44 5 44 J1-10 J1-12 J1-14 J1-16 J1-18 J1-20 J1-21 J1-22 J1-24 D9B D8B J1-26 J1-28 J1-30 J1-32 D7B J1-34 D6B J1-36 J1-38 J1-40 D5B VDB D4B J1-42 J1-44 J1-45 J1-46 J1-47 J1-48 J1-49 J1-50 GND GND 45 1A2 4 46 C50 OPEN J1-2 C41 2.2F 10V 1Y1 1A1 1A1 2 46 45 R71 49.9 1% 47 10E 20E 48 48 1 10E 1Y1 1Y2 GND GND 1A2 1A1 20E 2 3 4
U4 SN74ALVCH16244
Figure 2. MAX1181 EV Kit Schematic (continued)
D1B D0B
VDB
R60 49.9 1%
J1-19
R59 49.9 1%
J1-17
R58 49.9 1%
J1-15
R57 49.9 1%
J1-13
R56 49.9 1%
J1-11
VDB
R55 49.9 1%
J1-9
C45 0.1F
R54 49.9 1%
J1-7
R53 49.9 1%
J1-5
R52 49.9 1%
J1-3
R51 49.9 1%
Evaluates: MAX1180-MAX1186/MAX1190
_______________________________________________________________________________________
J1-1
MAX1181 Evaluation Kit
7
MAX1181 Evaluation Kit Evaluates: MAX1180-MAX1186/MAX1190
1.0"
1.0"
Figure 3. MAX1181 EV Kit Component Placement Guide-- Component Side
Figure 4. MAX1181 EV Kit PC Board Layout--Component Side
1.0"
1.0"
Figure 5. MAX1181 EV Kit PC Board Layout--Ground Planes
Figure 6. MAX1181 EV Kit PC Board Layout--Power Planes
8
_______________________________________________________________________________________
MAX1181 Evaluation Kit Evaluates: MAX1180-MAX1186/MAX1190
1.0"
1.0"
Figure 7. MAX1181 EV Kit PC Layout--Solder Side
Figure 8. MAX1181 EV Kit Component Placement Guide-- Solder Side
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600 _____________________ 9 (c) 2002 Maxim Integrated Products Printed USA is a registered trademark of Maxim Integrated Products.


▲Up To Search▲   

 
Price & Availability of MAX1181EVKIT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X