Part Number Hot Search : 
IC16F887 MICROS E36CA 1N6003 50A01 SBR120S3 TFMM5300 HT9435
Product Description
Full Text Search
 

To Download IRLR3410 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD - 91607B
IRLR/U3410
HEXFET(R) Power MOSFET
Logic Level Gate Drive l Ultra Low On-Resistance l Surface Mount (IRLR3410) l Straight Lead (IRLU3410) l Advanced Process Technology l Fast Switching l Fully Avalanche Rated Description
l
D
VDSS = 100V
G S
RDS(on) = 0.105 ID = 17A
Fifth Generation HEXFETs from International Rectifier utilize advanced processing techniques to achieve the lowest possible on-resistance per silicon area. This benefit, combined with the fast switching speed and ruggedized device design that HEXFET Power MOSFETs are well known for, provides the designer with an extremely efficient device for use in a wide variety of applications. The D-PAK is designed for surface mounting using vapor phase, infrared, or wave soldering techniques. The straight lead version (IRFU series) is for throughhole mounting applications. Power dissipation levels up to 1.5 watts are possible in typical surface mount applications.
D -P A K T O -2 52 A A I-P A K T O -25 1 A A
Absolute Maximum Ratings
Parameter
ID @ TC = 25C ID @ TC = 100C IDM PD @TC = 25C VGS EAS IAR EAR dv/dt TJ TSTG Continuous Drain Current, VGS @ 10V Continuous Drain Current, VGS @ 10V Pulsed Drain Current Power Dissipation Linear Derating Factor Gate-to-Source Voltage Single Pulse Avalanche Energy Avalanche Current Repetitive Avalanche Energy Peak Diode Recovery dv/dt Operating Junction and Storage Temperature Range Soldering Temperature, for 10 seconds
Max.
17 12 60 79 0.53 16 150 9.0 7.9 5.0 -55 to + 175 300 (1.6mm from case )
Units
A W W/C V mJ A mJ V/ns C
Thermal Resistance
Parameter
RJC RJA RJA Junction-to-Case Junction-to-Ambient (PCB mount) ** Junction-to-Ambient
Typ.
--- --- ---
Max.
1.9 50 110
Units
C/W
www.irf.com
1
5/11/98
IRLR/U3410
Electrical Characteristics @ TJ = 25C (unless otherwise specified)
V(BR)DSS
V(BR)DSS/TJ
Parameter Drain-to-Source Breakdown Voltage Breakdown Voltage Temp. Coefficient Static Drain-to-Source On-Resistance Gate Threshold Voltage Forward Transconductance Drain-to-Source Leakage Current Gate-to-Source Forward Leakage Gate-to-Source Reverse Leakage Total Gate Charge Gate-to-Source Charge Gate-to-Drain ("Miller") Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Internal Drain Inductance Internal Source Inductance Input Capacitance Output Capacitance Reverse Transfer Capacitance
RDS(on) VGS(th) gfs IDSS IGSS Qg Qgs Qgd td(on) tr td(off) tf LD LS Ciss Coss Crss
Min. 100 --- --- --- --- 1.0 7.7 --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- ---
Typ. --- 0.122 --- --- --- --- --- --- --- --- --- --- --- --- 7.2 53 30 26 4.5 7.5 800 160 90
Max. Units Conditions --- V VGS = 0V, ID = 250A --- V/C Reference to 25C, ID = 1mA 0.105 VGS = 10V, ID = 10A 0.125 W VGS = 5.0V, ID = 10A 0.155 VGS = 4.0V, ID = 9.0A 2.0 V VDS = VGS, ID = 250A --- S VDS = 25V, ID = 9.0A 25 VDS = 100V, VGS = 0V A 250 VDS = 80V, VGS = 0V, TJ = 150C 100 VGS = 16V nA -100 VGS = -16V 34 ID = 9.0A 4.8 nC VDS = 80V 20 VGS = 5.0V, See Fig. 6 and 13 --- VDD = 50V --- ID = 9.0A ns --- RG = 6.0, VGS = 5.0V --- RD = 5.5, See Fig. 10 Between lead, --- nH 6mm (0.25in.) G from package --- and center of die contact --- VGS = 0V --- pF VDS = 25V --- = 1.0MHz, See Fig. 5
D
S
Source-Drain Ratings and Characteristics
IS
ISM
VSD trr Qrr ton Notes:
Parameter Continuous Source Current (Body Diode) Pulsed Source Current (Body Diode) Diode Forward Voltage Reverse Recovery Time Reverse RecoveryCharge Forward Turn-On Time
Min. Typ. Max. Units
Conditions D MOSFET symbol 17 --- --- showing the A G integral reverse --- --- 60 p-n junction diode. S --- --- 1.3 V TJ = 25C, IS = 9.0A, VGS = 0V --- 140 210 ns TJ = 25C, IF =9.0A --- 740 1100 nC di/dt = 100A/s Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Repetitive rating; pulse width limited by
max. junction temperature. ( See fig. 11 ) VDD = 25V, starting TJ = 25C, L = 3.1mH RG = 25, IAS = 9.0A. (See Figure 12) TJ 175C
Pulse width 300s; duty cycle 2% Uses IRL530N data and test conditions
ISD 9.0A, di/dt 540A/s, VDD V(BR)DSS, This is applied for I-PAK, LS of D-PAK is measured between lead and
center of die contact ** When mounted on 1" square PCB (FR-4 or G-10 Material ) . For recommended footprint and soldering techniques refer to application note #AN-994
2
www.irf.com
IRLR/U3410
100
ID , D rain-to-S ource C urrent (A )
ID , D rain-to-S ource C urrent (A )
VGS 15V 12V 10V 8.0V 6.0V 4.0V 3.0V BOTTOM 2.5V TOP
100
VGS 15V 12V 10V 8.0V 6.0V 4.0V 3.0V BOTTOM 2.5V TOP
10
10
2.5V
1
1
2.5V 20 s P U LS E W ID TH T J = 25C
0.1 1 10
0.1
A
0.1 0.1 1
20 s P U LS E W ID TH T J = 175C
10
A
100
100
V D S , D rain-to-S ource V oltage (V )
V D S , D rain-to-S ource V oltage (V )
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
100
3.0
T J = 2 5 C
R D S (on ) , D rain-to-S ource O n R esistance (N orm alized)
I D = 15A
I D , D ra in -to-S o urc e C urren t (A )
2.5
T J = 1 7 5 C
10
2.0
1.5
1
1.0
0.5
0.1 2 3 4 5 6
V DS = 5 0V 2 0 s P U L S E W ID T H
7 8 9 10
A
0.0 -60 -40 -20 0 20 40 60 80
V G S = 10V
100 120 140 160 180
A
V G S , G a te -to -S o u rc e V o lta g e (V )
T J , Junction T em perature (C )
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance Vs. Temperature
www.irf.com
3
IRLR/U3410
1400
1200
V G S , G ate-to-S ource V oltage (V )
V GS C iss C rss C oss
= = = =
0V , f = 1M H z C gs + C gd , C ds S H O R TE D C gd C ds + C gd
15
I D = 9.0A V D S = 8 0V V D S = 5 0V V D S = 2 0V
12
C , C apacitanc e (pF )
1000
C is s
800
9
600
C os s
400
6
C rs s
200
3
0 1 10 100
A
0 0 10 20
FO R TE S T C IR C U IT S E E FIG U R E 13
30 40 50
A
V D S , D rain-to-S ource V oltage (V )
Q G , Total G ate C harge (nC )
Fig 5. Typical Capacitance Vs. Drain-to-Source Voltage
Fig 6. Typical Gate Charge Vs. Gate-to-Source Voltage
100
1000
I S D , R everse D rain C urrent (A )
O P E R A TIO N IN TH IS A R E A LIM ITE D B Y R D S (on)
T J = 175C
I D , D rain C urrent (A )
100
10
10 s
T J = 25C
10
10 0 s
1 0.4 0.6 0.8 1.0
V G S = 0V
1.2
A
1 1
T C = 25C T J = 175C S ingle P ulse
10
1m s 10m s 100
A
1000
1.4
V S D , S ource-to-D rain V oltage (V )
V D S , D rain-to-S ource V oltage (V )
Fig 7. Typical Source-Drain Diode Forward Voltage
Fig 8. Maximum Safe Operating Area
4
www.irf.com
IRLR/U3410
20
VDS VGS
RD
D.U.T.
+
I D , Drain Current (A)
15
RG
-VDD
5.0V
10
Pulse Width 1 s Duty Factor 0.1 %
5
Fig 10a. Switching Time Test Circuit
VDS 90%
0 25 50 75 100 125 150 175
TC , Case Temperature ( C)
10% VGS
td(on) tr t d(off) tf
Fig 9. Maximum Drain Current Vs. Case Temperature
Fig 10b. Switching Time Waveforms
10
Thermal Response (Z thJC )
1
D = 0.50 0.20 0.10 0.05 P DM SINGLE PULSE (THERMAL RESPONSE) t1 t2 Notes: 1. Duty factor D = t 1 / t 2 2. Peak TJ = P DM x Z thJC + TC 0.0001 0.001 0.01 0.1 1
0.1
0.02 0.01
0.01 0.00001
t1 , Rectangular Pulse Duration (sec)
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case
www.irf.com
5
IRLR/U3410
350
E A S , S ingle P ulse A valanc he E nergy (m J)
TO P
300
15V
B O TTO M
250
ID 3.7A 6.4A 9.0A
VDS
L
D R IV E R
200
RG
10V
D .U .T
IA S tp
+ V - DD
150
A
0 .0 1
100
Fig 12a. Unclamped Inductive Test Circuit
50
0
V D D = 25V
25 50 75 100 125 150
A
175
V (B R )D S S tp
S tarting T J , Junc tion T em perature (C )
Fig 12c. Maximum Avalanche Energy Vs. Drain Current
IAS
Fig 12b. Unclamped Inductive Waveforms
Current Regulator Same Type as D.U.T.
50K
QG
12V
.2F .3F
5.0 V
QGS VG QGD
VGS
3mA
D.U.T.
+ V - DS
Charge
IG
ID
Current Sampling Resistors
Fig 13a. Basic Gate Charge Waveform
Fig 13b. Gate Charge Test Circuit
6
www.irf.com
IRLR/U3410
Peak Diode Recovery dv/dt Test Circuit
D.U.T
+
+
Circuit Layout Considerations * Low Stray Inductance * Ground Plane * Low Leakage Inductance Current Transformer
-
+
RG * * * * dv/dt controlled by RG Driver same type as D.U.T. ISD controlled by Duty Factor "D" D.U.T. - Device Under Test
+ VDD
Driver Gate Drive P.W. Period D=
P.W. Period VGS=10V
*
D.U.T. ISD Waveform Reverse Recovery Current Body Diode Forward Current di/dt D.U.T. VDS Waveform Diode Recovery dv/dt
VDD
Re-Applied Voltage Inductor Curent
Body Diode
Forward Drop
Ripple 5%
ISD
* VGS = 5V for Logic Level Devices Fig 14. For N-Channel HEXFETS
www.irf.com
7
IRLR/U3410 Package Outline
TO-252AA Outline Dimensions are shown in millimeters (inches)
6.73 (.265) 6.35 (.250) -A5.46 (.215) 5.21 (.205) 4 6.45 (.245) 5.68 (.224) 6.22 (.245) 5.97 (.235) 1.02 (.040) 1.64 (.025) 1 2 3 0.51 (.020) M IN. 10.42 (.410) 9.40 (.370) 1.27 (.050) 0.88 (.035) 2.38 (.094) 2.19 (.086)
1.14 (.045) 0.89 (.035) 0.58 (.023) 0.46 (.018)
LE A D A S S IG N M E N T S 1 - GATE 2 - D R A IN 3 - SOURCE 4 - D R A IN
-B1.52 (.060) 1.15 (.045) 3X 2X 1.14 (.045) 0.76 (.030) 2.28 (.090) 4.57 (.180) 0.89 (.035) 0.64 (.025) 0.25 (.010) M AMB
0.58 (.023) 0.46 (.018)
N O TE S : 1 D IM E N S IO N IN G & TO LE R A N C IN G P E R A N S I Y 14.5M , 1982. 2 C O N TR O LLIN G D IM E N S IO N : IN C H . 3 C O N F O R M S T O JE D E C O U TLIN E TO -252A A . 4 D IM E N S IO N S S H O W N A RE B E F O R E S O LD E R D IP , S O LD E R D IP M A X. +0.16 (.006).
Part Marking Information
TO-252AA (D-PARK)
E XA M P L E : TH IS IS A N IR F R 1 20 W IT H A S S E M B LY LOT CODE 9U1P
IN TE R N A TIO N A L R E C T IF IE R LO G O
A
IR F R 1 20 9U 1P
F IR S T P O R TIO N OF PART NUMBER
A S S E M B LY LOT CODE
S E C O N D P O R TIO N OF PART NUMBER
8
www.irf.com
IRLR/U3410 Package Outline
TO-251AA Outline Dimensions are shown in millimeters (inches)
6.73 (.265) 6.35 (.250) -A5.46 (.215) 5.21 (.205) 4 6.45 (.245) 5.68 (.224) 1.52 (.060) 1.15 (.045) 1 -B2.28 (.090) 1.91 (.075) 9.65 (.380) 8.89 (.350) 2 3 N O TE S : 1 D IM E N S IO N IN G & TO LE R A N C IN G P E R A N S I Y 14.5M , 1982. 2 C O N T R O LLIN G D IM E N S IO N : IN C H . 3 C O N F O R M S TO J E D E C O U T LIN E T O -252A A . 4 D IM E N S IO N S S H O W N A R E B E F O R E S O LD E R D IP , S O LD E R D IP M A X. +0.16 (.006). 1.14 (.045) 0.76 (.030) 6.22 (.245) 5.97 (.235) 1.27 (.050) 0.88 (.035) 2.38 (.094) 2.19 (.086) 0.58 (.023) 0.46 (.018) LE A D A S S IG N M E N T S 1 - GATE 2 - D R A IN 3 - SOURCE 4 - D R A IN
3X
3X
0.89 (.035) 0.64 (.025) M AMB
1.14 (.045) 0.89 (.035) 0.58 (.023) 0.46 (.018)
2.28 (.090) 2X
0.25 (.010)
Part Marking Information
TO-251AA (I-PARK)
E X A M P L E : T H IS IS A N IR F U 1 2 0 W IT H A S S E M B L Y LO T C OD E 9U 1P
IN T E R N A T IO N A L R E C TIF IE R LO GO
IR F U 120 9U 1P
F IR S T P O R T IO N OF PART NUMBER
ASSEMBLY LOT CODE
S E C O N D P O R T IO N OF PART NUMBER
www.irf.com
9
IRLR/U3410 Tape & Reel Information
TO-252AA
TR
TRR
TRL
1 6.3 ( .6 41 ) 1 5.7 ( .6 19 )
16 .3 ( .64 1 ) 15 .7 ( .61 9 )
12 .1 ( .4 7 6 ) 11 .9 ( .4 6 9 )
F E E D D IR E C T IO N
8 .1 ( .3 18 ) 7 .9 ( .3 12 )
F E E D D IR E C T IO N
NOTES : 1 . C O N T R O LL IN G D IM E N S IO N : M ILL IM E T E R . 2 . A LL D IM E N S IO N S A R E S H O W N IN M ILL IM E T E R S ( IN C H E S ). 3 . O U T L IN E C O N F O R M S T O E IA -4 81 & E IA -54 1.
1 3 IN C H
16 m m NO TES : 1. O U T L IN E C O N F O R M S T O E IA -4 81 .
WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, Tel: (310) 322 3331 EUROPEAN HEADQUARTERS: Hurst Green, Oxted, Surrey RH8 9BB, UK Tel: ++ 44 1883 732020 IR CANADA: 15 Lincoln Court, Brampton, Ontario L6T 3Z2, Tel: (905) 453 2200 IR GERMANY: Saalburgstrasse 157, 61350 Bad Homburg Tel: ++ 49 6172 96590 IR ITALY: Via Liguria 49, 10071 Borgaro, Torino Tel: ++ 39 11 451 0111 IR FAR EAST: 171 (K&H Bldg.) 30-4 Nishi-ikebukuro 3-chome, Toshima-ku, Tokyo Japan Tel: 81 33 983 0086 IR SOUTHEAST ASIA: 315 Outram Road, #10-02 Tan Boon Liat Building, Singapore 16907 Tel: 65 221 8371 Data and specifications subject to change without notice. 5/98
10
www.irf.com


▲Up To Search▲   

 
Price & Availability of IRLR3410

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X