Part Number Hot Search : 
HMC197E MAX924 CS4811 MHO14TAD G79LXX MAX6033 SB360A 600TTS
Product Description
Full Text Search
 

To Download 1N5399 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N5391 THRU 1N5399
GENERAL PURPOSE PLASTIC RECTIFIER
Reverse Voltage - 50 to 1000 Volts
DO-204AL
Forward Current - 1.5 Amperes
FEATURES
Plastic package has Underwriters Laboratory Flammability Classification 94V-0 High surge current capability 1.5 Ampere operation at TL=70C with no thermal runaway Low reverse leakage Construction utilizes void-free molded plastic technique High temperature soldering guaranteed: 250C/10 seconds, 0.375" (9.5mm) lead length, 5 lbs. (2.3kg) tension
1.0 (25.4) MIN. 0.107 (2.7) 0.080 (2.0) DIA.
0.205 (5.2) 0.160 (4.1)
MECHANICAL DATA
1.0 (25.4) MIN. 0.034 (0.86) 0.028 (0.71) DIA.
Case: JEDEC DO-204AL molded plastic body Terminals: Plated axial leads, solderable per MIL-STD-750, Method 2026 Polarity: Color band denotes cathode end Mounting Position: Any Weight: 0.012 ounce, 0.3 gram
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified.
SYMBOLS
1N 5391
1N 5392
1N 5393
1N 5394
1N 5395
1N 5396
1N 5397
1N 1N 5398 5399
UNITS
*Maximum repetitive peak reverse voltage *Maximum RMS voltage *Maximum DC blocking voltage *Maximum average forward rectified current 0.500" (12.7mm) lead length at TL=70C *Peak forward surge current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) at TA=75C *Maximum instantaneous forward voltage at 1.5A TA=70C *Maximum DC reverse current at rated DC blocking voltage TA=25C TA=150C
VRRM VRMS VDC I(AV)
50 35 50
100 70 100
200 140 200
300 210 300
400 280 400 1.5
500 350 500
600 420 600
800 1000 Volts 560 700 800 1000 Volts Volts Amps
IFSM
50.0
Amps
VF
1.4 5.0 300.0 300.0 2.0 15.0 50.0 25.0 +150 -50 to + 170 -50 to+175
Volts A A s pF C/W C C C
IR IR(AV) trr CJ RJA RJL TA TJ TSTG
*Maximum full load reverse current full cycle average, 0.375",(9.5mm) lead length at TL=70C Typical reverse recovery time (NOTE 1) Typical junction capacitance (NOTE 2) Typical thermal resistance (NOTE 3) *Maximum DC blocking voltage temperature *Operating junction temperature range *Storage temperature range
NOTES: (1) Measured with IF=0.5A, IR=0.1A, Irr= 0.25A (2) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts (3) Thermal resistance from junction to ambient and from junction to lead at 0.375" (9.5mm) lead length, P.C.B. mounted *JEDEC registered value
4/98
RATINGS AND CHARACTERISTIC CURVES 1N5391 THRU 1N5399
FIG. 1 - FORWARD CURRENT DERATING CURVE AVERAGE FORWARD RECTIFIED CURRENT, AMPERES FIG. 2 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
2.4 2.0 1.6 1.2 0.8 0.4
50
PEAK FORWARD SURGE CURRENT, AMPERES
60 HZ RESISTIVE OR INDUCTIVE LOAD 0.50" (12.7mm) LEAD LENGTH
8.3ms SINGLE HALF SINE WAVE (JEDEC Method) TA=75C
40
30
0.2 x 0.2" (5.0 x 5.0mm) COPPER PADS 10 Ipk/IAV = 20 CAPACITIVE LOADS 5
20
10
0 25
50
75
100
125
150
175
LEAD TEMPERATURE, C
0
1
10
NUMBER OF CYCLES AT 60HZ
100
FIG. 3 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
FIG. 4 - TYPICAL REVERSE CHARACTERISTICS
100
INSTANTANEOUS FORWARD CURRENT, AMPERES INSTANTANEOUS REVERSE CURRENT, MICROAMPERES
1,000
10
TJ=25C PULSE WIDTH=300s 1% DUTY CYCLE
100
TJ=150C
10
1
1
0.1
0.1
TJ=25C
0.01 0.6
0.8
1.0
1.2
1.4
1.6
1.8
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
0.01 0
20
40
60
80
100
PERCENT OF RATED PEAK REVERSE VOLTAGE, %
FIG. 5 - TYPICAL JUNCTION CAPACITANCE
100
TRANSIENT THERMAL IMPEDANCE, C/W
TJ=25C f=1.0 MHz Vsig=50mVp-p
FIG. 6 - TYPICAL TRANSIENT THERMAL IMPEDANCE
100
JUNCTION CAPACITANCE, pF
10
10
1
1 0.1
1
10
100
0.1 0.01
0.1
1
t, PULSE DURATION, sec.
10
100
REVERSE VOLTAGE, VOLTS


▲Up To Search▲   

 
Price & Availability of 1N5399

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X