Part Number Hot Search : 
IN74HC M67201A CHIPS BLF546 A2403 CS5550 WSD751B AC03FGM
Product Description
Full Text Search
 

To Download 1N5392S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N5391/S - 1N5399/S
1.5A RECTIFIER Features
* * * * * * Diffused Junction Fast Switching for High Efficiency High Current Capability and Low Forward Voltage Drop Low Reverse Leakage Current Surge Overload Rating to 50A Peak Plastic Material - UL Flammability Classification Rating 94V-0
A
B
A
D
DO-41 Plastic Dim A B C D Min 25.40 4.06 0.71 2.00 Max 3/4 5.21 0.864 2.72 DO-15 Min 25.40 5.50 0.686 2.60 Max 3/4 7.62 0.889 3.60
C
Mechanical Data
* * * * * * Case: Molded Plastic Terminals: Plated Leads Solderable per MIL-STD-202, Method 208 Polarity: Cathode Band Weight: DO-41 0.30 grams (approx.) DO-15 0.40 grams (approx.) Mounting Position: Any Marking: Type Number
All Dimensions in mm "S" Suffix Designates DO-41 Package No Suffix Designates DO-15 Package
Maximum Ratings and Electrical Characteristics
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectified Output Current (Note 1) @ TA = 70C Non-Repetitive Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) Forward Voltage Drop Peak Reverse Leakage Current at Rated DC Blocking Voltage Typical Junction Capacitance (Note 2) Typical Thermal Resistance Junction to Lead Typical Thermal Resistance Junction to Ambient (Note 1) Operating and Storage Temperature Range @ IF = 1.5A @ TA = 25C @ TA = 100C
@ TA = 25C unless otherwise specified
1N 1N 1N 1N 1N 1N 1N Symbol 5391/S 5392/S 5393/S 5395/S 5397/S 5398/S 5399/S Unit VRRM VRWM VR VR(RMS) IO IFSM VFM IRM Cj RqJL RqJA Tj, TSTG 50 35 100 70 200 140 400 280 1.5 50 1.1 5.0 50 20 25 55 -65 to +150 600 420 800 560 1000 700 V V A A V mA pF K/W K/W C
Notes:
1. Leads maintained at ambient temperature at a distance of 9.5mm from the case. 2. Measured at 1.0 MHz and Applied Reverse Voltage of 4.0V DC.
DS28003 Rev. D-2
1 of 2
1N5391/S-1N5399/S
I(AV), AVERAGE FORWARD RECTIFIED CURRENT (A)
IF, INSTANTANEOUS FORWARD CURRENT (A)
1.5
10
1.0
1.0
0.5
0.1
T = 25C Pulse Width = 300s Duty Cycle l 2%
j
0
0.01 0.6 0.8 1.0 1.2 1.4 1.6 VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typical Forward Characteristics
25
50
75
100
125
150
175
TA AMBIENT TEMPERATURE (C) Fig. 1, Forward Current Derating Curve
IFSM, PEAK FORWARD SURGE CURRENT (A)
50
8.3 ms SINGLE HALF SINE-WAVE (JEDEC METHOD)
100
Tj = 25C f = 1MHz
40
30
Cj, CAPACITANCE (pF)
10
20
10
0 1.0 10 100
1.0 1.0 10 VR, REVERSE VOLTAGE (V) Fig. 4 Typical Junction Capacitance 100
NUMBER OF CYCLES AT 60Hz Fig. 3 Maximum Non-Repetitive Peak Forward Surge Current
DS28003 Rev. D-2
2 of 2
1N5391/S-1N5399/S


▲Up To Search▲   

 
Price & Availability of 1N5392S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X