Part Number Hot Search : 
CS8305 ATMEG 74LCX543 HB13210 SFBDY58A GBJ10005 1N3034C 280384
Product Description
Full Text Search
 

To Download M74HC4514 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 M74HC4514 M74HC4515
HC4514: 4 TO 16 LINE DECODER/LATCH HC4515: 4 TO 16 LINE DECODER LATCH (INV.)
.HI .LOWPOWERDI .HI .OUTPUTDRI .SYMMETRI .BALANCEDPROPAGATI .WI .PI
GH SPEED tPD = 18 ns (TYP.) AT VCC = 5 V SSIPATION ICC = 4 A (MAX.) AT TA = 25 C GH NOISE IMMUNITY VNIH = VNIL = 28 % VCC (MIN.) VE CAPABILITY 10 LSTTL LOADS CAL OUTPUT IMPEDANCE |IOH| = IOL = 4 mA (MIN.) ON DELAYS tPLH = tPHL DE OPERATING VOLTAGE RANGE VCC(OPR) = 2 V TO 6 V N AND FUNCTION COMPATIBLE WITH 4514B/4515B
B1R (Plastic Package)
M1R (Micro Package)
ORDER CODES : M74HCXXXXM1R M74HCXXXXB1R
PIN CONNECTIONS (top view)
HC4514
DESCRIPTION The 74HC4514 and the 74HC4515 are high speed CMOS 4-LINE TO 16-LINE DECODERS WITH LATCHED INPUTS fabricated in silicon gate 2 C MOS technology. They have the same high speed performance of LSTTL combined with true CMOS low power consumption. A binary code stored in the four input latches (A to D) provides a high level (HC4514) or a low level (HC4515) at the selected one of sixteen outputs excluding the other fifteen outputs, when the inhibit input (INHIBIT) is held low. When the inhibit input is held high, all outputs are kept low level (HC4514) or high level (HC4515), while the latch function is available. The data applied to the data inputs are transfered to the Q outputs of latches when the strobe input is held high. When the strobe input is taken low, the information data applied to the data input at a time is retained at the output of the latches. All inputs are equipped with protection circuits against static discharge and transient excess voltage.
October 1993
HC4515
1/10
M74HC4514/4515
TRUTH TABLE
INPUTS INHIBIT L L L L L L L L L L L L L L L L H A L H L H L H L H L H L H L H L H X B L L H H L L H H L L H H L L H H X C L L L L H H H H L L L L H H H H X D L L L L L L L L H H H H H H H H X
STROBE
STROBE STROBE = 'H' Refer to truth table STROBE = 'L' Data at the negative going transition of strobe shall be provided on the each output while strobe is held low.
t n-1 tn
SELECT OUTPUT HC4514 - 'H' (HC4515 - 'L') S0 (S0) S1 (S1) S2 (S2) S3 (S3) S4 (S4) S5 (S5) S6 (S6) S7 (S7) S8 (S8) S9 (S9) S10 (S10) S11 (S11) S12 (S12) S13 (S13) S14 (S14) S15 (S15) HC4514 - ALL OUTPUTS 'L' (HC4515 - ALL OUTPUTS 'H')
LOGIC DIAGRAM (HC4514)
FOR HC4515 DEVICE LOGIC DIAGRAM SHOWN AT THE BOTTOM SHALL TAKE THE PLACE OF OUTPUT CIRCUITS.
2/10
M74HC4514/4515
PIN DESCRIPTION (HC4514)
PIN No 1 2, 3, 21, 22 11, 9, 10, 8, 7, 6, 5, 4, 18, 17, 20, 19, 14, 13, 16, 15 23 12 24 SYMBOL STROBE A to D S0 to S15 NAME AND FUNCTION Strobe Input Address Inputs Multiplexer Outputs (Active HIGH)
PIN DESCRIPTION (HC4515)
PIN No 1 2, 3, 21, 22 11, 9, 10, 8, 7, 6, 5, 4, 18, 17, 20, 19, 14, 13, 16, 15 23 12 24 SYMBOL STROBE A to D S0 to S15 NAME AND FUNCTION Strobe Input Address Inputs Multiplexer Outputs (Active LOW)
INHIBIT GND VCC
Enable Input Ground (0V) Positive Supply Voltage
INHIBIT GND VCC
Enable Input Ground (0V) Positive Supply Voltage
IEC LOGIC SYMBOLS
HC4514
HC4515
3/10
M74HC4514/4515
INPUT AND OUTPUT EQUIVALENT CIRCUIT
ABSOLUTE MAXIMUM RATINGS
Symbol VCC VI VO IIK IOK ICC IO or IGND PD Tstg TL Parameter Supply Voltage DC Input Voltage DC Output Voltage DC Input Diode Current DC Output Diode Current DC Output Source Sink Current Per Output Pin DC VCC or Ground Current Power Dissipation Storage Temperature Lead Temperature (10 sec) Value -0.5 to +7 -0.5 to VCC + 0.5 -0.5 to VCC + 0.5 20 20 25 50 500 (*) -65 to +150 300 Unit V V V mA mA mA mA mW
o o
C C
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these condition isnotimplied. (*) 500 mW: 65 oC derate to 300 mW by 10mW/oC: 65 oC to 85 oC
RECOMMENDED OPERATING CONDITIONS
Symbol VCC VI VO Top tr, tf Parameter Supply Voltage Input Voltage Output Voltage Operating Temperature Input Rise and Fall Time VCC = 2 V VCC = 4.5 V VCC = 6 V Value 2 to 6 0 to VCC 0 to VCC -40 to +85 0 to 1000 0 to 500 0 to 400 Unit V V
o
V C
ns
4/10
M74HC4514/4515
DC SPECIFICATIONS
Test Conditions Symbol VIH Parameter High Level Input Voltage VCC (V) 2.0 4.5 6.0 V IL Low Level Input Voltage High Level Output Voltage 2.0 4.5 6.0 V OH 2.0 4.5 6.0 4.5 6.0 VOL Low Level Output Voltage 2.0 4.5 6.0 4.5 II IOZ ICC Input Leakage Current 3 State Output Off State Current Quiescent Supply Current 6.0 6.0 6.0 6.0 VI = IO=-20 A VIH or V IL IO=-4.0 mA IO=-5.2 mA VI = IO= 20 A VIH or V IL IO= 4.0 mA IO= 5.2 mA VI = VCC or GND VI = VIH or VIL VO = VCC or GND VI = VCC or GND 1.9 4.4 5.9 4.18 5.68 2.0 4.5 6.0 4.31 5.8 0.0 0.0 0.0 0.17 0.18 0.1 0.1 0.1 0.26 0.26 0.1 0.5 4 Value TA = 25 oC Min. Typ. Max. 1.5 3.15 4.2 0.5 1.35 1.8 1.9 4.4 5.9 4.13 5.63 0.1 0.1 0.1 0.33 0.33 1 5.0 40 A A A V V -40 to 85 oC Min. Max. 1.5 3.15 4.2 0.5 1.35 1.8 V V Unit
5/10
M74HC4514/4515
AC ELECTRICAL CHARACTERISTICS (C L = 50 pF, Input t r = tf = 6 ns)
Test Conditions Symbol tTLH tTHL tPLH tPHL tPHL tPLH tPHL tPLH tW(L) Parameter Output Transition Time VCC (V) 2.0 4.5 6.0 Propagation Delay Time (DATA - Sn, Sn) Propagation Delay Time (STROBE - Sn, Sn) Propagation Delay Time (INHIBIT - Sn, Sn) Minimum Pulse Width (STROBE) Minimum Set-up Time (DATA) Minimum Hold Time (DATA) Input Capacitance Power Dissipation Capacitance 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 ts 2.0 4.5 6.0 th 2.0 4.5 6.0 CIN CPD (*) 5 61
o
Value TA = 25 C Min. Typ. Max. 30 8 7 65 22 19 75 24 20 60 20 17 14 6 6 10 2 2 75 15 13 175 35 30 175 35 30 175 35 30 75 15 13 50 10 9 5 5 5 10 -40 to 85 oC Min. Max. 95 19 16 220 44 37 220 44 37 220 44 37 95 19 16 65 13 11 5 5 5 10 pF pF ns ns ns ns ns ns ns Unit
(*) CPD is defined as the value of the IC's internal equivalent capacitance which is calculated from the operating current consumption without load. (Refer to Test Circuit). Average operting current can be obtained by the following equation. ICC(opr) = CPD *VCC *fIN + ICC
6/10
M74HC4514/4515
SWITCHING CHARACTERISTICS TEST WAVEFORM
TEST CIRCUIT ICC (Opr.)
INPUT WAVEFORM IS THE SAME AS THAT IN CASE OF SWITCHING CHARACTERISTICS TEST.
7/10
M74HC4514/4515
Plastic DIP24 (0.25) MECHANICAL DATA
mm MIN. a1 b b1 b2 D E e e3 F I L 4.445 3.3 15.2 2.54 27.94 14.1 0.175 0.130 0.23 1.27 32.2 16.68 0.598 0.100 1.100 0.555 TYP. 0.63 0.45 0.31 0.009 0.050 1.268 0.657 MAX. MIN. inch TYP. 0.025 0.018 0.012 MAX.
DIM.
P043A
8/10
M74HC4514/4515
SO24 MECHANICAL DATA
mm MIN. A a1 a2 b b1 C c1 D E e e3 F L S 7.40 0.50 15.20 10.00 1.27 13.97 7.60 1.27 8 (max.) 0.291 0.19 15.60 10.65 0.35 0.23 0.50 45 (typ.) 0.598 0.393 0.05 0.55 0.299 0.050 0.614 0.420 0.10 TYP. MAX. 2.65 0.20 2.45 0.49 0.32 0.013 0.009 0.020 0.004 MIN. inch TYP. MAX. 0.104 0.007 0.096 0.019 0.012
DIM.
L C c1
a2
A
e3
E
D
24
13
1
12
F
a1
b
e
s
b1
9/10
M74HC4514/4515
Information furnished is believed to be accurate and reliable. However, SGS-THOMSON Microelectronics assumes no responsability for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may results from its use. No license is granted by implication or otherwise under any patent or patent rights of SGS-THOMSON Microelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. SGS-THOMSON Microelectronics products are not authorized for use ascritical components in life support devices or systems without express written approval of SGS-THOMSON Microelectonics. (c) 1994 SGS-THOMSON Microelectronics - All Rights Reserved SGS-THOMSON Microelectronics GROUP OF COMPANIES Australia - Brazil - France - Germany - Hong Kong - Italy - Japan - Korea - Malaysia - Malta - Morocco - The Netherlands Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A
10/10


▲Up To Search▲   

 
Price & Availability of M74HC4514

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X