Part Number Hot Search : 
FMMT4 P6KE13CA BU401 F24A1 EM4022 00130 LTC3251 GSC4435
Product Description
Full Text Search
 

To Download H2N5401 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HE6203 Issued Date : 1992.09.22 Revised Date : 2002.02.20 Page No. : 1/4
H2N5401
PNP EPITAXIAL PLANAR TRANSISTOR
Description
The H2N5401 is designed for general purpose applications requiring high breakdown voltages.
Features
* Complements to NPN Type H2N5551 * High Collector-Emitter Breakdown Voltage (VCEO=150V (@IC=1mA))
TO-92
Absolute Maximum Ratings
* Maximum Temperatures Storage Temperature ............................................................................................ -55 ~ +150 C Junction Temperature .................................................................................... +150 C Maximum * Maximum Power Dissipation Total Power Dissipation (Ta=25C) ................................................................................ 625 mW * Maximum Voltages and Currents (Ta=25C) VCBO Collector to Base Voltage ...................................................................................... -160 V VCEO Collector to Emitter Voltage ................................................................................... -150 V VEBO Emitter to Base Voltage ............................................................................................. -5 V IC Collector Current....................................................................................................... -600 mA
Characteristics (Ta=25C)
Symbol BVCBO BVCEO BVEBO ICBO IEBO *VCE(sat)1 *VCE(sat)2 *VBE(sat)1 *VBE(sat)2 *hFE1 *hFE2 *hFE3 fT Cob Min. -160 -150 -5 50 80 50 100 Typ. 160 Max. -50 -50 -0.2 -0.5 -1 -1 400 300 6 Unit V V V nA nA V V V V Test Conditions IC=-100uA, IE=0 IC=-1mA, IB=0 IE=-10uA, IC=0 VCB=-120V, IE=0 VEB=-3V. IC=0 IC=-10mA, IB=-1mA IC=-50mA, IB=-5mA IC=-10mA, IB=-1mA IC=-50mA, IB=-5mA VCE=-5V, IC=-1mA VCE=-5V, IC=-10mA VCE=-5V, IC=-50mA VCE=-10V, IC=-10mA, f=100MHz VCB=-10V, f=1MHz, IE=0
MHz pF
*Pulse Test: Pulse Width 380us, Duty Cycle2%
Classification of hFE2
Rank Range
H2N5401
A 80-200
N 100-240
C 160-400
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
Characteristics Curve
Current Gain & Collector Current
1000
o
Spec. No. : HE6203 Issued Date : 1992.09.22 Revised Date : 2002.02.20 Page No. : 2/4
Saturation Voltage & Collector Current
100000 VCE(sat) @ IC=10IB
125 C
100
25 C 75 C
o
o
Saturation Voltage (mV)
10000
hFE
1000 75 C 125 C 100
o o
10
25 C
o
hFE @ VCE=5V
1 1 10 100 1000
10 0.1 1 10 100 1000
Collector Current-IC (mA)
Collector Current-IC (mA)
Saturation Voltage & Collector Current
1000 25 C
o
Capacitance & Reverse-Biased Voltage
100
Saturation Voltage (mV)
75 C 125 C
o
o
Capacitance (pF)
10 Cob
VBE(sat) @ IC=10IB
100 0.1 1 10 100 1000
1 0.1 1 10 100
Collector Current-IC (mA)
Reverse Biased Voltage (V)
Cutoff Frequency & IC
1000 10000
Safe Operating Area
PT=1ms
Cutoff Frequency (MHz).. .
Collector Current-IC (mA)
1000 PT=1s
VCE=10V 100
100 PT=100ms
10
10 1 10 100
1 1 10 100 1000
Collector Current-IC (mA)
Forward Biased Voltage-VCE (V)
H2N5401
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HE6203 Issued Date : 1992.09.22 Revised Date : 2002.02.20 Page No. : 3/4
PD-Ta
700 600
Power Dissipation-PD (mW)
500 400 300 200 100 0 0 50 100
o
150
200
Ambient Temperature-Ta ( C)
H2N5401
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
TO-92 Dimension
A B
1 2 3
Date Code
Spec. No. : HE6203 Issued Date : 1992.09.22 Revised Date : 2002.02.20 Page No. : 4/4
2
Marking:
H 2N 5401 Rank Control Code
3
C
Style: Pin 1.Emitter 2.Base 3.Collector
D
H I E F
G
1
3-Lead TO-92 Plastic Package HSMC Package Code: A
*: Typical
DIM A B C D E F
Inches Min. Max. 0.1704 0.1902 0.1704 0.1902 0.5000 0.0142 0.0220 *0.0500 0.1323 0.1480
Millimeters Min. Max. 4.33 4.83 4.33 4.83 12.70 0.36 0.56 *1.27 3.36 3.76
DIM G H I 1 2 3
Inches Min. Max. 0.0142 0.0220 *0.1000 *0.0500 *5 *2 *2
Millimeters Min. Max. 0.36 0.56 *2.54 *1.27 *5 *2 *2
Notes: 1.Dimension and tolerance based on our Spec. dated Apr. 25,1996.
2.Controlling dimension: millimeters. 3.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 4.If there is any question with packing specification or packing method, please contact your local HSMC sales office.
Material:
* Lead: 42 Alloy; solder plating * Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0
Important Notice:
* All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of HSMC. * HSMC reserves the right to make changes to its products without notice. * HSMC semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems. * HSMC assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
Head Office And Factory:
* Head Office (Hi-Sincerity Microelectronics Corp.): 10F.,No. 61, Sec. 2, Chung-Shan N. Rd. Taipei Taiwan R.O.C. Tel: 886-2-25212056 Fax: 886-2-25632712, 25368454 * Factory 1: No. 38, Kuang Fu S. Rd., Fu-Kou Hsin-Chu Industrial Park Hsin-Chu Taiwan. R.O.C Tel: 886-3-5983621~5 Fax: 886-3-5982931
H2N5401
HSMC Product Specification


▲Up To Search▲   

 
Price & Availability of H2N5401

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X