Part Number Hot Search : 
2300H MC1441 P512F T8050 RC5128ZZ P512F 1B43BS 101M1
Product Description
Full Text Search
 

To Download KDZ30V Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SEMICONDUCTOR
TECHNICAL DATA
CONSTANT VOLTAGE REGULATION APPLICATION. REFERENCE VOLTAGE APPLICATION.
KDZ2.0V~24V
ZENER DIODE SILICON EPITAXIAL PLANAR DIODE
CATHODE MARK
B 1 K
G
FEATURES
Small Package : USC Nominal Voltage Tolerance About 6%.
A
H F
2 D
E
J C I
MAXIMUM RATING (Ta=25
CHARACTERISTIC Power Dissipation Junction Temperature Storage Temperature Range
)
SYMBOL PD Tj Tstg RATING 150 150 -55 150 UNIT mW
M M
DIM A B C D E F G H I J K L M
MILLIMETERS _ 2.50 + 0.1 _ 1.25 + 0.05 _ 0.90 + 0.05 0.30+0.06/-0.04 _ 1.70 + 0.05 MIN 0.17 _ 0.126 + 0.03 0~0.1 1.0 MAX _ 0.15 + 0.05 _ 0.4 + 0.05 2 +4/-2 4~6
1. ANODE 2. CATHODE
USC
Example 1) 2.0V ~ 2.7V
Example 2) 3.0V ~ 9.1V
Example 3) 10V ~ 24V
2
KDZ2.0V KDZ2.2V KDZ2.4V KDZ2.7V 2A 2B 2C 2D
30
Example : KDZ3.0V
10
Example : KDZ10V
2001. 6. 11
Revision No : 6
L
1/3
KDZ2.0V~24V
ELECTRICAL CHARACTERISTICS (Ta=25 ) Zener Voltage Vz (V) TYPE No. Min.
KDZ2.0V KDZ2.2V KDZ2.4V KDZ2.7V KDZ3.0V KDZ3.3V KDZ3.6V KDZ3.9V KDZ4.3V KDZ4.7V KDZ5.1V KDZ5.6V KDZ6.2V KDZ6.8V KDZ7.5V KDZ8.2V KDZ9.1V KDZ10V KDZ11V KDZ12V KDZ13V KDZ15V KDZ16V KDZ18V KDZ20V KDZ22V KDZ24V 1.85 2.05 2.28 2.50 2.80 3.10 3.40 3.70 4.00 4.40 4.80 5.30 5.80 6.40 7.00 7.70 8.50 9.40 10.40 11.40 12.40 13.80 15.30 16.80 18.80 20.80 22.80
Dynamic Impedance Zz ( ) MAX.
100 100 100 110 120 130 130 130 130 120 70 40 30 25 23 20 18 15 15 15 15 15 18 20 25 30 40
KNEE Dynamic Impedance Zzk ( ) MAX.
1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 900 500 150 120 120 120 120 120 110 110 110 150 150 200 200 200
Reverse Current IR ( A) MAX.
120 120 120 120 50 20 10 10 5 5 1 1 1 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5
Max.
2.15 2.38 2.60 2.90 3.20 3.50 3.80 4.10 4.50 4.90 5.40 6.00 6.60 7.20 7.90 8.70 9.60 10.60 11.60 12.60 14.10 15.60 17.10 19.10 21.20 23.30 25.60
Iz (mA)
5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5
Iz (mA)
5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5
Iz (mA)
0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5
VR(V)
1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.5 2.5 3.0 5.0 6.0 6.5 7.0 8.0 8.5 9.0 10 11 12 14 15 17 19
2001. 6. 11
Revision No : 6
2/3
2001. 6. 11
ZENER CURRENT I Z (mA) 2 4 6 8 10 0 0
KDZ2.0V
4
KDZ6.8V
8
KDZ12V KDZ15V KDZ16V KDZ18V KDZ20V KDZ22V KDZ24V
I Z - VZ
12 16 20
KDZ2.4V KDZ3.0V KDZ3.6V KDZ4.3V KDZ5.1V KDZ6.2V KDZ7.5V KDZ8.2V KDZ9.1V KDZ10V KDZ11V KDZ13V
ZENER VOLTAGE VZ (V)
Revision No : 6
24 28 POWER DISSIPATION Pd (mW) 100 200 150 50 0 0 50 100 150 200 AMBIENT TEMPERATURE Ta ( C)
KDZ2.0V~24V
Pd - Ta
3/3


▲Up To Search▲   

 
Price & Availability of KDZ30V

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X