Part Number Hot Search : 
SY89845U KRA309 0XS18D7 AD2S93 74HC42 4G102G1G OPF391A AN6337S
Product Description
Full Text Search
 

To Download AD9765 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Analog Devices: Data Converters: DAC 12-Bit, 10 ns to 100 ns Converters Selection Table
Page 1 of 1
Digital-to-Analog Converters Selection Table
Generic Part # Resolution (Bits) Settling Time (ns typ) # DACs Output (I Data Per Pkg or V) Interface REF (Int/Ext) Power Supply (V nom)
Range-Single (+2.7 to +3.6), Single (+3), Single (+3.3) Single (+3) Single (3.1 to 3.5) Range-Single (+2.7 to +5.5), Single (+3), Single (+3.3), Single (+5) Single (+5) Dual (+15, -15) Range-Single (+3.0 to +5.5), Single (+3), Single (+3.3), Single (+5)
FS Out Range
Power Dissipation (mW max)
12-Bit, 10 ns to 100 ns, Sorted by Resolution, Settling Time and Number of DACs/Package
AD9742 AD9753 AD9773 12 12 12 11 11 11 1 1 2 I I I Par Par Par Diff (0 to 2 mA), Diff (0 to 20 mA) Diff (0 to 2 mA), Diff (0 to 20 mA) Diff (0 to 2 mA), Diff (0 to 20 mA) Diff (0 to 2 mA), Diff (0 to 20 mA) Diff-Uni (20 mA) Int/Ext Int/Ext Int/Ext 135 330 1600
AD9762 AD9752 AD568
12 12 12
35 35 35
1 1 1
I I I or V
Par Par
Int/Ext Int/Ext Int
160 220 625
Uni 10.24 mA, Bip Unbuff'd Par 5.12 mA, Uni 1.024 V, Bip 0.512 V Par Diff (0 to 2 mA), Diff (0 to 20 mA)
AD9765
12
35
2
I
Int/Ext
410
Last Updated: 4/2004


▲Up To Search▲   

 
Price & Availability of AD9765

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X