Part Number Hot Search : 
DTA114E 4KE20 11N60C CW080 MX23C P7N80 BR305 KSC5025
Product Description
Full Text Search
 

To Download CT2511 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CT2512 / CT2513 / CT2510 / CT2511 Dual Redundant Remote Terminal
FOR MIL-STD-1553B
Features
* CT2512 Replaces DDC BUS-65112 and BUS-65117 * CT2513 Replaces DDC BUS-65113 and BUS-65118 * CT2510 Replaces DDC BUS-65110 and BUS-65120 * CT2511 Replaces DDC BUS-65111 and BUS-65121 * Functions as a Complete Remote Terminal Unit * Supports 13 Mode Codes, Illegalization of Codes Allowed * Transfers Data with DMA Type Handshaking * Latched Outputs for Command Word and Word Count * 14 Bit Built-ln-Test Word Register * 4 Error Flag Outputs * Advanced Low Power VLSI Technology * Approved DESC SMD# 5962-87535
www.aeroflex.com/act1.htm
CIRCUIT TECHNOLOGY
A E RO
F
LE
X LA
C
ISO 9001
E
RTIFIE D
B
S
I NC .
General Description
The CT2512 contains 2 transceivers, 2 encoder/decoders, bit processors and complete Remote Terminal (RT) logic. The device is constructed using Aeroflex advanced VLSI custom chip and hybrid technology. It functions as a complete dual redundant MIL-STD-1553B RT Unit supporting all 13 mode codes for dual redundant operation. The CT2512 is a pin-for-pin functional equivalent of the DDC BUS-65112/117 and performs parallel data transfers with a DMA type handshake. Multiple error flag outputs and host access to many of the RT Status Word bits are just some of the features that make this part ideal for many RT applications. The unit has an operating range of -55C to + 125C. Aeroflex is a MIL-PRF-38534 Certified Manufacturer. See "Ordering Information" (last sheet) for CT2513 / CT2510 / CT2511.
DATA BUS A DUAL TRANSCEIVER DATA BUS B
ENCODER/ DECODER
MIL-STD-1553B PROTOCOL AND BIT I/O INTERFACE
DB0-DB15 A0-A11 ERROR FLAG TIMING FLAGS STATUS BITS
ENCODER/ DECODER
PROCESSING LOGIC
Figure 1 - Functional Block Diagram
eroflex Circuit Technology - Data Bus Modules For The Future (c) SCDCT2512 REV C 8/14/01
Absolute Maximum Ratings
Parameter
Power Supply Voltage (VCC) (Pins 18, 76) Power Supply Voltage (VEE) (Pins 38, 57) Power Supply Voltage (VCCL) (Pins 37, 58 / 51) Receiver Differential Input (Pins 20, 59 / 74, 36) Receiver Input Voltage (Pins 20, 59 / 74, 36) Driver Output Current (Pins 56, 17 / 39, 77) Transmission Duty Cycle at TC = 125C Operating Case Temperature Range (TC)
Limits
-0.3 to +18.0
Units
Volts
+0.3 to -18.0
Volts
-0.3 to +7.0
Volts
20 (40Vp-p)
Volts
15
Volts
+200
mA
100 -55 to +125
% C
Power and Thermal Data (Transceiver and Logic Section)
Parameter/Conditions
Power Supply Voltage
Symbol
VCC VEE VCCL
Min
14.25 -14.25 4.5
Typ
15 -15 5
Max
15.75 -15.75 5.5
Units
V V V
Power Dissipation of most critical (hottest) device in hybrid during continuous transmission (100% Duty Cycle) Thermal Resistance, most critical device Junction to case temperaturer rise of most critical device at 100% duty cycle Total supply current standby mode, or transmitting at less than 1% duty cycle (e.g. 20us of transmission every 2ms or longer interval) Total supply curren transmitting at 1Mhz into a 35-ohm load at point A in Figure 2
PC
Note 1
350
mW
OJC TJC ICC IEE ICC1 ICC @ 25% ICC @ 100% Note 2 Note 2 Note 3 Note 3
60 60 30 50 90 70 200 80 44 70 130 100 260
C/W C mA mA mA mA mA
Note 1: Decreases linearly to zero at zero duty cycle. Note 2: IEE limit does not change with mode of operation or duty cycle. Note 3: Decreases linearly to applicable "standby" values at zero duty cycle.
Aeroflex Circuit Technology
2
SCDCT2512 REV C 8/14/01 Plainview NY (516) 694-6700
Electrical Characteristics (Receiver Section)
Parameter/Conditions
Differential input impedance DC to 1MHz Differential voltage range Input common mode voltage range Common mode rejection ratio (from point A, Figure 1) Threshold characteristics (Sine wave at 1MHz) Note: Threshold voltages refer to point A, Figure 2.
Symbol
ZIN VDIR VICR CMMR
Min
9K 20V 10V 40
Typ
Max
Units
V Vpeak Vpeak dB
Vth
0.8
1.1
Vp-p
Electrical Characteristics (Transmitter Section)
Parameter/Conditions
Differential output level at point B, Figure 1 (145 ohm load)
Symbol
VO
Min
26
Typ
28
Max
35
Units
Vp-p
Rise and Fall times (10% to 90% of p-p output) Output offset at point A in Figure 2 (35-ohm load) 2.5us after mid-bit crossing of parity bit of last word of a 660us message Differential output noise
Tr
100
160
300
nS
VOS
20
90
mV Vpeak
VNOI
10
mV pp
Aeroflex Circuit Technology
3
SCDCT2512 REV C 8/14/01 Plainview NY (516) 694-6700
Logic Characteristics
Symbol
VIH VIL IIL IIH IIL IIH VOH VOL
Parameter
Input "1" Input "0" Input l Input l Input l Input l Output "1" Output "0"
Min
2.4
Typ
Max
0.7
Units
VDC VDC A A A A VDC VDC
Conditions
-100 -20 -20 2.7
-650 -650 +20 +20 0.4
Note 1A Note 1B Note 2A Note 1B Note 3A/4A Note 3B/4B
Note 1:
For INPUT pins 12,13,14,15, 53, 54, 55. VCC= 5.5V A. @ VIL = 0.4V B. @ VIH = 2.4V All remaining INPUTS other than in Note 1. VCC= 5.5V A. @ VIL = 0.4V B. @ VIH = 2.4V For OUTPUT pins 4 through 11 and 43 through 50. A. @ VCC = 4.5V and IOH = 3mA B. @ VCC = 2.4V and IOL = 6mA All remaining OUTPUTS other than in Note 3. A. @ VCC = 4.5V and IOH = 2mA B. @ VCC = 5.5V and IOL = 4mA
Note 2:
Note 3:
Note 4:
Aeroflex Circuit Technology
4
SCDCT2512 REV C 8/14/01 Plainview NY (516) 694-6700
CT2512
55
TX DATA CH A/B
GND
CT
}
Taps at N1:N3 For Stub Coupling (See Table)
B
55
A
For Direct Coupling
TX DATA CH A/B
(N1 : N2) (See Table)
Turns Ratio N1:N2 N1:N3 Technitrol Part #
CT2512 1.4:1 2:1 T-1553-2
Figure 2 - Typical Direct Coupled Configuration
Aeroflex Circuit Technology
5
SCDCT2512 REV C 8/14/01 Plainview NY (516) 694-6700
Aeroflex Circuit Technology 11s .75s 0 STATUS SYNC 4.5 0.5s 5s 0.5s 2.5s MAX 16s max 15 14 13 0 P DATA SYNC 15 14 13 P 0 P 250ns MAX 250ns MAX DON'T CARE 160ns DATA WORD FROM SUBSYSTEM STROBED IN 1s 4.5s R/W SUB ADDRESS
PREVIOUS STATE
COMMAND SYNC
15
14
13
1
NBGT
DTREQ
DTGRT
DTACK
DTSTB
INCMD
6
ADDRESS = 00h
WORD COUNT
TRISTATE
A5 (D/C)
STATEN
A11 (T/R)
A6 - A10
A0 - A4
ADDRESS = 01h STATUS WORD
TRISTATE TRISTATE
DB0 - DB4 COMMAND WORD
DATA WORD FROM SUBSYSTEM
BUFFENA ILLCMD STROBED IN 3s (STATUS BITS STROBED IN) (SRQ,BUSY,SSFLAG,RDBC,RTFLAG)
SCDCT2512 REV C 8/14/01 Plainview NY (516) 694-6700
Figure 3 - Timing Diagram, Transmit One Word
Aeroflex Circuit Technology 9.5s 0.75s DATA SYNC 4.5 0.5s 4.5 0.5s 2.5s MAX 16s max 15 14 13 12 11 0 P STATUS SYNC 8 7 6 5 0 P 5s 0.5s 250ns MAX 250ns MAX DON'T CARE 160ns 1s 250ns FOR HANDSHAKES > 3.5s 4.5s FOR HANDSHAKES < 3.5s
PREVIOUS STATE
COMMAND SYNC
1
0
P
NBGT
DTREQ
DTGRT
DTACK
DTSTB
INCMD
A5 (D/C)
7
SUB ADDRESS ADDRESS = 00h
WORD COUNT
TRISTATE
STATEN
GBR
A11 (T/R)
R/W
A6 - A10
A0 - A4
ADDRESS = 01h
STATUS WORD
TRISTATE TRISTATE
DB0 - DB15 COMMAND WORD
RECEIVE DATA WORD
STATUS WORD
BUFFENA 3s (STATUS BITS STROBED IN) (SRQ,BUSY,SSFLAG,RDBC,RTFLAG)
ILLCMD STROBED IN
SCDCT2512 REV C 8/14/01 Plainview NY (516) 694-6700
Figure 4 - Timing Diagram, Receive One Word
TRANSMITTING RT RESPONSE TIME 14 TX STATUS SYNC 15 13 1 0 P TX COMMAND SYNC 15 14 13 12 11 10 0 P 14 13
Aeroflex Circuit Technology 4.0 0.5s 2.25s MAX 250ns MAX DON'T CARE 250ns MAX SUB ADDRESS ADDRESS = 00h WORD COUNT
TRISTATE TRISTATE TRISTATE
RX COMMAND SYNC
15
4.5 0.5s
NBGT
DTREQ
DTGRT
DTACK
160ns
DTSTB
INCMD
8
1s
A5 (D/C)
STATEN
GBR
A11 (T/R)
PREVIOUS STATE
R/W
A6 - A10
A0 - A4
DB0 - DB15
TRISTATE
TX COMMAND WORD
COMMAND WORD
SCDCT2512 REV C 8/14/01 Plainview NY (516) 694-6700
BUFFENA
Figure 5 - Timing Diagram, RT to RT Receive One Word (Part A)
9.5s 0.75s 15 STATUS SYNC 8 7 6 5 1 0 P 14 13 1 0 P
Aeroflex Circuit Technology 4.5 0.5s 5 0.5s 16s MAX 250ns MAX DON'T CARE 250ns FOR HANDSHAKES > 3.5s 4.5 s FOR HANDSHAKES < 3.5s ADDRESS = 01h
TRISTATE TRISTATE
0
P
DATA SYNC
4.5 0.5s
NBGT
DTREQ
DTGRT
DTACK
DTSTB
INCMD
A5 (D/C)
9
RECEIVE DATA WORD
STATEN
GBR
A11 (T/R)
R/W
A6 - A10
A0 - A4
500ns TYP
DB0 - DB15
TX RT STATUS RESPONSE
STATUS WORD
BUFFENA
SCDCT2512 REV C 8/14/01 Plainview NY (516) 694-6700
Figure 5 - Timing Diagram, RT to RT Receive One Word (Part B)
NBGT 166ns DTREQ 0ns MIN 2.25s MAX DTGRT 250ns MAX DTACK 666ns DTSTB 166ns INCMD 1s 166ns 500ns
A5 (D/C) 166ns A11 (T/R) VALID
WHEN T/R = 0
A6 - A10
SUB ADDRESS
A0 - A4
WORD COUNT
ADDRESS = 00h OR MODE
75ns MAX DB0 - DB15
TRISTATE TRISTATE
75ns MAX
TRISTATE
75ns MAX BUFFENA NOTE: 1. R/W = LOGIC 0
75ns MAX COMMAND WORD
Figure 6 - TIMING DIAGRAM, COMMAND WORD TRANSFER
Aeroflex Circuit Technology
10
SCDCT2512 REV C 8/14/01 Plainview NY (516) 694-6700
STATEN
GBR
Receive Only 500ns 166ns
DTSTB 166ns 75ns DB0 - DB15
TRISTATE TRISTATE
STATUS 75ns
NOTE: 1. R/W = 0
BUFFENA
Figure 7 - Timing Diagram, Status Word Transfer
BITEN 500 ns 166ns DTSTB 166ns 75ns DB0 - DB15
TRISTATE
BIT WORD
TRISTATE
75ns BUFFENA
NOTE: 1. R/W = 0
Figure 8 - Timing Diagram, Bit Word Transfer
Aeroflex Circuit Technology
11
SCDCT2512 REV C 8/14/01 Plainview NY (516) 694-6700
DTREQ 0ns MIN DTGRT 250ns MAX DTACK 166ns TYP DTSTB 166ns TYP 75ns MAX DB0 - DB15 VALID
DON'T CARE
500ns TYP
75ns MAX
TRISTATE
RECEIVED DATA WORD BUFFENA 50ns MAX A0 - A4 NOTES: 1. R/W = Logic 0 2. (*) = Non-Mode Only 3. BUFFENA = DTACK ADDRESS or MODE *ADDRESS +1
Figure 9 - Timing Diagram, Data to Subsystem
DTREQ 0ns MIN DTGRT 250ns MAX DTACK 166ns TYP DTSTB 166ns TYP R/W 50ns MIN DB0 - DB15 TRANSMIT DATA WORD VALID 50ns MAX 50ns MAX *ADDRESS +1 500ns TYP DON'T CARE
A0 - A4 NOTES: 1. (*) = Non-Mode Only 2. Word Count for Mode Code 3. BUFFENA = Don't Care
Aeroflex Circuit Technology
ADDRESS or MODE
Figure 10 - Timing Diagram, Data from Subsystem
12
SCDCT2512 REV C 8/14/01 Plainview NY (516) 694-6700
Aeroflex Circuit Technology
DTSTB 166ns TYP 250ns MIN 250ns MIN VALID DON'T CARE RECEIVED DATA
TRISTATE TRISTATE
DB0 - DB15
DON'T CARE
BUFFENA
13
A0 - A4
ADDRESS OR MODE FIELD
NOTES: 1. R/W = LOGIC 0 2. DTGRT = DTREQ = LOGIC 1 3. INCMD = DAT/CMD ARE LOGIC 1
SCDCT2512 REV C 8/14/01 Plainview NY (516) 694-6700
Figure 11 - Timing Diagram, Data Transfers to Subsystem (No Handshake)
CT2512 Pin Out Description (DDIP)
Pin #
1 2 3
Function
A10 A8 A6 DB1 DB3 DB5 DB7 DB9 DB11 DB13 DB15 BRO ENA ADDRE ADDRC ADDRA RTADERR TXDATA B +15V B GND B RXDATA B A3 A1 DTGRT INCMD HSFAIL DTSTR A5 (DAT/CMD) RTFAIL DTREQ ADBC TP2 (NC) A11 (T/R) ILLCMD SRQ BITEN RXDATA A +5V A -15V A TXDATA A
Pin #
40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78
Function
NBGT A9 A7 DB0 DB2 DB4 DB6 DB8 DB10 DB12 DB14 +5V GND ADDRD ADDRB ADDRP TXDATA B -15V B +5V B RXDATA B A2 A0 DTACK A4 R/W GBR 12MHz IN BUF ENA RESET RTFLAG TP1 (NC) BUSY SSFLAG ME RXDATA A GND A +15V A TXDATA A STATEN
1 41 2 42 3 43 4 44 5 45 6 46 7 47 8 48 9 49 10 50 11 51 12 52 13 53 14 54 15 55 16 56 17 57 18 58 19 59 20
A10 A9 A8 A7 A6 DB0 DB1 DB2 DB3 DB4 DB5 DB6 DB7 DB8 DB9 DB10 DB11 DB12 DB13 DB14 DB15 +5V BRO ENA GND ADDRE ADDRD ADDRC ADDRB ADDRA ADDRP RTADERR TXDATA B TXDATA B -15V B +15V B +5V B GND B RXDATA B RXDATA B
A3 A2 A1 A0 MIL-STD-1553B DTGRT REMOTE TERMINAL DTACK PROTOCOL UNIT INCMD A4 HSFAIL R/W DISTR GBR A5(DAT/CMD) 12MHz IN RTFAIL BUF ENA DTREQ RESET ADBC RTFLAG TP2 TP1 A11(T/R) BUSY ILLCMD SSFLAG SRQ ME BITEN RXDATA A RXDATA A GND A +5V +15V -15V TXDATA A TXDATA A STATEN NBGT
CT2512
21 60 22 61 23 62 24 63 25 64 26 65 27 66 28 67 29 68 30 69 31 70 32 71 33 72 34 73 35 74 36 75 37 76 38 77 39 78 40
4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39
Figure 12 - DDIP Pin Connection Diagram, CT2512 and Pinout Table
Aeroflex Circuit Technology
14
SCDCT2512 REV C 8/14/01 Plainview NY (516) 694-6700
CT2512 Pin Out Description (FP)
Pin #
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41
Function
NC A10 A9 A8 A7 A6 DB0 DB1 DB2 DB3 DB4 DB5 DB6 DB7 DB8 DB9 DB10 DB11 DB12 DB13 DB14 DB15 +5V BRO ENA GND ADDRE ADDRD ADDRC ADDRB ADDRA ADDRP RTADERR TXDATA B TXDATA B -15V B +15V B +5V B GND B RXDATA B RXDATA B NC
Pin #
42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82
Function
NC NBGT STATEN TXDATA A TXDATA A -15V A +15V A +5V A GND A RXDATA A RXDATA A BITEN ME SRQ SSFLAG ILLCMD BUSY A11 (T/R) TP1 TP2 RTFLAG ADBC RESET DTREQ BUF ENA RTFAIL 12MHz IN A5 (DAT/CMD) GBR DTSTR R/W HSFAIL A4 INCMD DTACK DTGRT A0 A1 A2 A3 NC
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41
N/C A10 A9 A8 A7 A6 DB0 DB1 DB2 DB3 DB4 DB5 DB6 DB7 DB8 DB9 DB10 DB11 DB12 DB13 DB14 DB15 +5V BR0 ENA GND ADDRE ADDRD ADDRC ADDRB ADDRA ADDRP RTADERR TXDATA B TXDATA B -15V B +15V B +5V B GND B RXDATA B RXDATA B N/C
N/C A3 A2 A1 MIL-STD-1553B A0 DTGRT REMOTE TERMINAL DTACK PROTOCOL UNIT INCMD A4 HSFAIL R/W DISTR GBR A5(DAT/CMD) 12MHz IN RTFAIL BUF ENA DTREQ RESET ADBC RTFLAG TP2 TP1 A11(T/R) BUSY ILLCMD SSFLAG SRQ ME BITEN RXDATA A RXDATA A GND A +5V +15V -15V TXDATA A TXDATA A STATEN NBGT N/C
CT2512-FP
82 81 80 79 78 77 76 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42
Figure 13 - Flat package Pin Connection Diagram, CT2512 and Pinout Table
Aeroflex Circuit Technology
15
SCDCT2512 REV C 8/14/01 Plainview NY (516) 694-6700
Plug In Package Outline
2.100
1.870 Lead 1 & ESD Designator
.100 .110
Pin 1 Pin 2
1.900
.050 Pin 19 TYP Pin 20 Pin 59 Pin 41 .018 DIA TYP
.250 MAX
1.650 1.500
Pin 60 Pin 78 Pin 21 Pin 22 .100 TYP Pin 39 Pin 40
.250
1.800
Flat Package Outline
.050 Pin 82
2.195 MAX
.015 Pin 42
.010 .002 .190 MAX
1.600 MAX Lead 1 & ESD Designator .500 TYP .095 (4 Places) 2.000 .050 Lead Centers 41 Leads/Side
16
Pin 41
.105
Aeroflex Circuit Technology
SCDCT2512 REV C 8/14/01 Plainview NY (516) 694-6700
CIRCUIT TECHNOLOGY
Ordering Information
Model Number
CT2512 CT2512-FP * CT2513 * CT2513-FP * CT2510 * CT2510-FP * CT2511 * CT2511-FP * Contact Factory
Screening
Military Temperature, -55C to +125C, Screened to the individual test methods of MIL-STD-883
DESC SMD
5962-8753503X_ 5962-8753503Z_ -
Power Supply
+5V, 15V
Package
Plug in Flat Package
+5V, 12V
Plug in Flat Package
+5V, -15V
Plug in Flat Package
+5V, -12V
Plug in Flat Package
Aeroflex Circuit Technology 35 South Service Road Plainview New York 11803
Specifications subject to change without notice.
Aeroflex Circuit Technology
Telephone: (516) 694-6700 FAX: (516) 694-6715 Toll Free Inquiries: 1-(800)THE-1553
17
SCDCT2512 REV C 8/14/01 Plainview NY (516) 694-6700


▲Up To Search▲   

 
Price & Availability of CT2511

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X