Part Number Hot Search : 
SI5310 DG408EUE D2313 TS805C04 OV9750 SY89828L MMSZ47 03101
Product Description
Full Text Search
 

To Download 74ABT162244 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INTEGRATED CIRCUITS
74ABT162244 74ABTH162244 16-bit buffer/line driver with 30 series termination resistors (3-State)
Product specification Supersedes data of 1998 Feb 25 IC23 Data Handbook 1998 Oct 22
Philips Semiconductors
Philips Semiconductors
Product specification
16-bit buffer/line driver with 30 series termination resistors (3-State)
74ABT162244 74ABTH162244
FEATURES
* 16-bit bus interface * Multiple VCC and GND pins minimize switching noise * Power-up 3-State * 3-State buffers * Output capability: +12 mA/-32mA * Live insertion/extraction permitted * Latch-up protection exceeds 500mA per JEDEC Std 17 * ESD protection exceeds 2000 V per MIL STD 883 Method 3015
and 200 V per Machine Model
PIN CONFIGURATION
1OE 1Y0 1Y1 GND 1Y2 1Y3 VCC 2Y0 2Y1 GND 2Y2 2Y3 3Y0 3Y1 GND 3Y2 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 2OE 1A0 1A1 GND 1A2 1A3 VCC 2A0 2A1 GND 2A2 2A3 3A0 3A1 GND 3A2 3A3 VCC 4A0 4A1 GND 4A2 4A3 3OE
* Same part as 74ABT162244-1 * 74ABTH162244 incorporates bus hold data inputs which eliminate * Bus-hold data inputs eliminate the need for external pull-up
resistors to hold unused inputs the need for external pull-up resistors to hold unused inputs
DESCRIPTION
The 74ABT162244 high-performance BiCMOS device combines low static and dynamic power dissipation with high speed. The 74ABT162244 device is a 16-bit buffer that is ideal for driving bus lines. The device features four Output Enables (1OE, 2OE, 3OE, 4OE), each controlling four of the 3-State outputs. The 74ABT162244 is designed with 30 series resistance in both the upper and lower output structures. This design reduces line noise in applications such as memory address drivers, clock drivers and bus receivers/transmitters. The 74ABT162244 is the same as the 74ABT16244-1. The part number has been changed to reflect industry standards. Two options are available, 74ABT162244 which does not have the bus hold feature and the 74ABTH162244 which incorporates the bus hold feature.
3Y4 VCC 4Y0 4Y1 GND 4Y2 4Y3 4OE
SA00013
QUICK REFERENCE DATA
SYMBOL tPLH tPHL CIN COUT ICCZ ICCL Propagation delay nAx to nYx Input capacitance Output capacitance Quiescent supply current PARAMETER CONDITIONS Tamb = 25C; GND = 0V CL = 50pF; VCC = 5V VI = 0V or VCC VO = 0V or VCC; 3-State Outputs disabled; VCC = 5.5V Outputs Low; VCC = 5.5V TYPICAL 1.8 3.2 3 7 500 10 UNIT ns pF pF A mA
ORDERING INFORMATION
PACKAGES 48-Pin Plastic SSOP Type III 48-Pin Plastic TSSOP Type II 48-Pin Plastic SSOP Type III 48-Pin Plastic TSSOP Type II TEMPERATURE RANGE -40C to +85C -40C to +85C -40C to +85C -40C to +85C OUTSIDE NORTH AMERICA 74ABT162244 DL 74ABT162244 DGG 74ABTH162244 DL 74ABTH162244 DGG NORTH AMERICA BT162244 DL BT162244 DGG BH162244 DL BH162244 DGG DWG NUMBER SOT370-1 SOT362-1 SOT370-1 SOT362-1
1998 Oct 22
2
853-1773 20224
Philips Semiconductors
Product specification
16-bit buffer/line driver with 30 series termination resistors (3-State)
74ABT162244 74ABTH162244
LOGIC SYMBOL
47 46 44 43 1 41 40 38 37 48 1A0 1A1 1A2 1A3 1OE 2A0 2A1 2A2 2A3 2OE 2Y0 2Y1 2Y2 2Y3 1Y0 1Y1 1Y2 1Y3 2 3 5 6 36 35 33 32 25 8 9 11 12 30 29 27 26 24 3A0 3A1 3A2 3A3 3OE 4A0 4A1 4A2 4A3 4OE 4Y0 4Y1 4Y2 4Y3 3Y0 3Y1 3Y2 3Y3 13 14 16 17
LOGIC SYMBOL (IEEE/IEC)
1OE 2OE 3OE 4OE 1A0 1A1 1A2 19 20 22 23 1A3 2A0 2A1 2A2 2A3 3A0 3A1 3A2 1 48 25 24 47 46 44 43 41 1 40 38 37 36 35 33 32 30 29 27 26 1 4 1 3 2 EN1 EN2 EN3 EN4 1 1 2 3 5 6 8 9 11 12 13 14 16 17 19 20 22 23 1Y0 1Y1 1Y2 1Y3 2Y0 2Y1 2Y2 2Y3 3Y0 3Y1 3Y2 3Y3 4Y0 4Y1 4Y2 4Y3
SA00014
3A3 4A0
FUNCTION TABLE
INPUTS nOE L L H H L X Z = High voltage level = Low voltage level = Don't care = High impedance "off" state nAx L H X OUTPUTS nYx L H Z
4A1 4A2 4A3
SH00089
PIN DESCRIPTION
PIN NUMBER 47, 46, 44, 43 41, 40, 38, 37 36, 35, 33, 32 30, 29, 27, 26 2, 3, 5, 6 8, 9, 11, 12 13, 14, 16, 17 19, 20, 22, 23 1, 48 25, 24 4, 10, 15, 21 28, 34, 39, 45 SYMBOL 1A0 - 1A3, 2A0 - 2A3, 3A0 - 3A3, 4A0 - 4A3 1Y0 - 1Y3, 2Y0 - 2Y3, 3Y0 - 3Y3, 4Y0 - 4Y3 1OE, 2OE, 3OE, 4OE GND VCC NAME AND FUNCTION
Data inputs
SCHEMATIC OF Y OUTPUTS
VCC
Data outputs
Output enables Ground (0V) Positive supply voltage
27
7, 18, 31, 42
OUTPUT
27
GND
SA00042
1998 Oct 22
3
Philips Semiconductors
Product specification
16-bit buffer/line driver with 30 series termination resistors (3-State)
74ABT162244 74ABTH162244
ABSOLUTE MAXIMUM RATINGS1, 2
SYMBOL VCC IIK VI IOK VOUT IO OUT Tstg DC supply voltage DC input diode current DC input voltage3 VO < 0 output in Off or High state output in Low state DC output current output in High state Storage temperature range -64 -65 to 150 C VI < 0 PARAMETER CONDITIONS RATING -0.5 to +7.0 -18 -1.2 to +7.0 -50 -0.5 to +5.5 128 mA UNIT V mA V mA V
DC output diode current DC output voltage3
NOTES: 1. Stresses beyond those listed may cause permanent damage to the device. These are stress ratings only and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. 2. The performance capability of a high-performance integrated circuit in conjunction with its thermal environment can create junction temperatures which are detrimental to reliability. The maximum junction temperature of this integrated circuit should not exceed 150C. 3. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
RECOMMENDED OPERATING CONDITIONS
LIMITS SYMBOL VCC VI VIH VIL IOH IOL t/v Tamb DC supply voltage Input voltage High-level input voltage Low-level input voltage High-level output current Low-level output current Input transition rise or fall rate Operating free-air temperature range 0 -40 PARAMETER Min 4.5 0 2.0 0.8 -32 12 10 +85 Max 5.5 VCC V V V V mA mA ns/V C UNIT
1998 Oct 22
4
Philips Semiconductors
Product specification
16-bit buffer/line driver with 30 series termination resistors (3-State)
74ABT162244 74ABTH162244
DC ELECTRICAL CHARACTERISTICS
LIMITS SYMBOL PARAMETER TEST CONDITIONS Tamb = +25C Min VIK Input clamp voltage VCC = 4.5V; IIK = -18mA VCC = 4.5V; IOH = -3mA; VI = VIL or VIH VOH High-level output voltage3 VCC = 5V; IOH = -3mA; VI = VIL or VIH VCC = 4.5V; IOH = -32mA; VI = VIL or VIH VO OL II Low-level Low level output voltage Input leakage current VCC = 4.5V; IOL = 8mA; VI = VIL or VIH VCC = 4.5V; IOL = 12mA; VI = VIL or VIH VCC = 5.5V; VI = GND or 5.5V VCC = 5.5V; VI = VCC or GND II Input leakage current In ut 74ABTH162244 VCC = 5.5V; VI = VCC VCC = 5.5V; VI = 0 Bus H ld C B Hold Current A Inputs4 tI t 74ABTH162244 Power-off leakage current Power-up/down 3-State output current 3-State output High current 3-State output Low current Output High leakage current Output current1 VCC = 4.5V; VI = 0.8V VCC = 5.5V; VI = 2.0V VCC = 5.5V; VI = 0 to 5.5V IOFF IPU/PD IOZH IOZL ICEX IO ICCH ICCL ICCZ Quiescent supply current3 VCC = 0.0V; VO or VI 4.5V VCC = 2.0V; VO = 0.5V; VI = GND or VCC; V OE = Don't care VCC = 5.5V; VO = 5.5V; VI = VIL or VIH VCC = 5.5V; VO = 0.0V; VI = VIL or VIH VCC = 5.5V; VO = 5.5V; VI = GND or VCC VCC = 5.5V; VO = 2.5V VCC = 5.5V; Outputs High, VI = GND or VCC VCC = 5.5V; Outputs Low, VI = GND or VCC VCC = 5.5V; Outputs 3-State; VI = GND or VCC Outputs enabled, one data input at 3.4V, other inputs at VCC or GND; VCC = 5.5V ICC Additional supply current per in ut in input pin2, 3 Outputs disabled, one data input at 3.4V, other inputs at VCC or GND; VCC = 5.5V Control pins, outputs disabled, one enable input at 3.4V, other inputs at VCC or GND; VCC = 5.5V -50 50 -75 500 5.0 5.0 0.1 -0.1 5.0 -100 0.50 10 0.50 100 100 100 50 10 -10 50 -180 1.0 19 1.0 250 250 -50 100 50 10 -10 50 -180 1.0 19 1.0 250 250 A A A A A mA mA mA mA A A A Control pins Data pins -2.0 -3.0 50 -75 A -5.0 0.01 0.01 0.01 2.5 3.0 2.0 Typ -0.9 2.9 3.4 2.4 0.65 0.80 1.0 1.0 1.0 Max -1.2 2.5 3.0 2.0 0.65 0.80 1.0 1.0 1.0 Tamb = -40C to +85C Min Max -1.2 V V V V V V A A A A UNIT
IHOLD
100
250
250
NOTES: 1. Not more than one output should be tested at a time, and the duration of the test should not exceed one second. 2. This is the increase in supply current for each input at 3.4V. 3. This data sheet limit may vary among suppliers. 4. This is the bus hold overdrive current required to force the input to the opposite logic state.
1998 Oct 22
5
Philips Semiconductors
Product specification
16-bit buffer/line driver with 30 series termination resistors (3-State)
74ABT162244 74ABTH162244
AC CHARACTERISTICS
GND = 0V; tR = tF = 2.5ns; CL = 50pF, RL = 500 LIMITS SYMBOL PARAMETER WAVEFORM Min tPLH tPHL tPZH tPZL tPHZ tPLZ Propagation delay nAx to nYx Output enable time to High and Low level Output disable time from High and Low level 1 2 2 1.0 1.6 1.2 2.6 1.5 1.3 Tamb = +25C VCC = +5.0V Typ 1.8 3.2 2.7 5.0 3.0 2.6 Max 2.4 4.0 3.5 6.2 3.8 3.3 Tamb = -40C to +85C VCC = +5.0V 0.5V Min 1.0 1.6 1.2 2.6 1.5 1.3 Max 2.7 4.4 4.3 7.3 4.5 4.6 ns ns ns UNIT
AC WAVEFORMS
VM = 1.5V, VIN = GND to 3.0V
3.0V or VCC whichever is less nAx INPUT VM VM 0V tPLH tPHL VOH nYx OUTPUT VM VM VOL
nOE INPUT
VM
VM
tPZL
tPLZ
3.5V
nYx OUTPUT
VM
VOL + 0.3V VOL tPHZ VOH VOH - 0.3V
tPZH
nYx OUTPUT
VM 0V
SA00016
SA00017
Waveform 1.
Input (An) to Output (Yn) Propagation Delays
Waveform 2.
3-State Output Enable and Disable Times
1998 Oct 22
6
Philips Semiconductors
Product specification
16-bit buffer/line driver with 30 series termination resistors (3-State)
74ABT162244 74ABTH162244
TEST CIRCUIT AND WAVEFORMS
VCC 7.0V RL 90% NEGATIVE PULSE VM 10% tTHL (tF) CL RL POSITIVE PULSE 10% tW tTLH (tR) 90% 90% VM 10% 0V 10% 0V tTLH (tR) tTHL (tF) AMP (V) tW VM 90% AMP (V)
PULSE GENERATOR
VIN D.U.T. RT
VOUT
Test Circuit for 3-State Outputs
VM
SWITCH POSITION
TEST tPLZ tPZL All other SWITCH closed closed open
VM = 1.5V Input Pulse Definition
DEFINITIONS
RL = Load resistor; see AC CHARACTERISTICS for value. CL = Load capacitance includes jig and probe capacitance; see AC CHARACTERISTICS for value. RT = Termination resistance should be equal to ZOUT of pulse generators.
INPUT PULSE REQUIREMENTS FAMILY Amplitude 74ABT/H16 3.0V Rep. Rate 1MHz tW 500ns tR 2.5ns tF 2.5ns
SA00018
1998 Oct 22
7
Philips Semiconductors
Product specification
16-bit buffer/line driver with 30 series termination resistors (3-State)
74ABT162244 74ABTH162244
SSOP48: plastic shrink small outline package; 48 leads; body width 7.5 mm
SOT370-1
1998 Oct 22
8
Philips Semiconductors
Product specification
16-bit buffer/line driver with 30 series termination resistors (3-State)
74ABT162244 74ABTH162244
TSSOP48: plastic thin shrink small outline package; 48 leads; body width 6.1mm
SOT362-1
1998 Oct 22
9
Philips Semiconductors
Product specification
16-bit buffer/line driver with 30 series termination resistors (3-State)
74ABT162244 74ABTH162244
Data sheet status
Data sheet status Objective specification Preliminary specification Product specification Product status Development Qualification Definition [1] This data sheet contains the design target or goal specifications for product development. Specification may change in any manner without notice. This data sheet contains preliminary data, and supplementary data will be published at a later date. Philips Semiconductors reserves the right to make chages at any time without notice in order to improve design and supply the best possible product. This data sheet contains final specifications. Philips Semiconductors reserves the right to make changes at any time without notice in order to improve design and supply the best possible product.
Production
[1] Please consult the most recently issued datasheet before initiating or completing a design.
Definitions
Short-form specification -- The data in a short-form specification is extracted from a full data sheet with the same type number and title. For detailed information see the relevant data sheet or data handbook. Limiting values definition -- Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information -- Applications that are described herein for any of these products are for illustrative purposes only. Philips Semiconductors make no representation or warranty that such applications will be suitable for the specified use without further testing or modification.
Disclaimers
Life support -- These products are not designed for use in life support appliances, devices or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips Semiconductors customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips Semiconductors for any damages resulting from such application. Right to make changes -- Philips Semiconductors reserves the right to make changes, without notice, in the products, including circuits, standard cells, and/or software, described or contained herein in order to improve design and/or performance. Philips Semiconductors assumes no responsibility or liability for the use of any of these products, conveys no license or title under any patent, copyright, or mask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless otherwise specified. Philips Semiconductors 811 East Arques Avenue P.O. Box 3409 Sunnyvale, California 94088-3409 Telephone 800-234-7381 (c) Copyright Philips Electronics North America Corporation 1998 All rights reserved. Printed in U.S.A. print code Document order number: Date of release: 05-96 9397-750-04708
Philips Semiconductors
yyyy mmm dd 10


▲Up To Search▲   

 
Price & Availability of 74ABT162244

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X