Part Number Hot Search : 
0469PWR 2SC374 SDS20WK 9162B MM13204N MBR4060W EPF8147S TCM809RV
Product Description
Full Text Search
 

To Download TCA965 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Window Discriminator
TCA 965 B
Preliminary Features
q
Bipolar IC
q q q
Two window settings - direct setting of lower and upper edge voltage (window edges) - indirect setting by window center voltage and half window width Adjustable hysteresis Digital outputs with open collectors for currents up to 50 mA Adjustable reference voltage VStab
P-DIP-14-1
Type s TCA 965 B s Not for new design
Ordering Code Q67000-A8338
Package P-DIP-14-1
The window discriminator compares an input voltage to a defined voltage window. The digital outputs show whether the input voltage is below, within or above this window. The TCA 965 B window discriminator is especially suitable as a tracking or compensating controller with a dead band in control engineering and for the selection of DC voltages within a certain tolerance of the required setpoint value in measurement engineering. When it is used as a Schmitt trigger, switching frequencies up to a typical value of 50 kHz are possible.
Semiconductor Group
1
1998-02-10
TCA 965 B
Functional Description Amplifier Amp 3 increases the voltage of the reference source R to VStab = 2 x VREF. The amplification factor can be altered by external wiring. With direct setting of the window, the input voltage appears on amplifier Amp 1 (V8), the upper edge voltage on comparator K2 (V6) and the lower edge voltage on comparator K1 (V7). With indirect setting of the window, the input voltage appears on inputs V6 and V7, while the center voltage is connected to amplifier A1 (V8). The voltage applied to the input (V9) of amplifier Amp 2 is subtracted symmetrically from the output voltage of amplifier Amp 1 and added. The comparators switch with hysteresis. The logic gates have open-collector outputs. If the inhibit input A or B is connected to ground, output A or B will always be high.
+VS 11 1
VREF
5
20 k
20 k
R
Amp 3
10
V7
7 _ +
+ _ K1
Amp 1
V8
8
1
V=1 12 Amp 2 _
V9 V6
9 6 V=1
+ _ K2
Outputs A, B, C, D are open-collector
Block Diagram Semiconductor Group 2 1998-02-10
+
_
VStab
1
2
A
4
_ <1
Inhibit A
13
C
3
D
Inhibit B
+
1
14
B
IEB00091
TCA 965 B
Pin Configuration (top view)
TCA 965 B
GND A D Inhibit A 1 2 3 4 5 6 7 14 13 12 11 10 9 8
IEP00292
B C Inhibit B +V S
V REF V6 V7
V Stab V9 V8
Pin Definitions and Functions Pin Symbol Direct Setting of Window 1 2 3 4 5 6 7 8 9 10 11 12 13 14 GND A D Inhibit A GND Logic output A Logic output D = A @ B (AND) Connected to GND: logic output A = HIGH Internal VREF = 3 V Upper edge voltage Lower edge voltage Input voltage GND Input voltage V6/7 Input voltage V6/7 Center voltage Half window width Pin Function in Indirect Setting
VREF V6 V7 V8 V9 VStab + VS
Inhibit B C B
Internal VStab = 6 V Supply voltage Connected to GND: logic output B = HIGH Logic output C = A @ B (NAND) Logic output B 3 1998-02-10
Semiconductor Group
TCA 965 B
Absolute Maximum Ratings Maximum ratings for ambient temperature TA = - 25 to 85 C Parameter Symbol Limit Values min. Supply voltage (pin 11) Difference in input voltage between pins 6, 7, 8 Input voltage (pins 6, 7, 8, 9) Output current (pins 2, 3, 13, 14) Output voltage (pins 2, 3, 13, 14) independent of VS Voltage on VREF (pin 5) Output current of stabilized voltage (pin 10) Inhibit input voltage (pins 4, 12) Junction temperature Storage temperature Thermal resistance system - air Operating Range Supply voltage Ambient temperature P-DIP-14-1 max. 30 15 30 50 30 8 10 7 150 125 80 V V V mA V V mA V C C K/W Unit
VS VI VI IQ VQ VR I10 VIH Tj Tstg Rth SA
- - - - - - - - - - 55 -
VS TA
4.5 - 25
30 85
V C
Semiconductor Group
4
1998-02-10
TCA 965 B
Characteristics VS = 10 V; TA = 25 C Parameter Symbol Limit Values min. typ. max. Current consumption Input current (pins 6, 7, 8) Input current, pin 9 Input offset voltage in direct setting of window Input offset voltage in indirect setting of window Input-voltage range on pins 6, 7, 8 Input-voltage range on pin 9 Differential input voltage Unit Test Condition Test Circuit 1 1 1 1 2 VI < 13 V 1 2
IS II
- II
- - - - 20 - 50 1.5 50
5
7
mA
V2, V13 = VQH
nA 50 20 400 3000 nA 20 50 mV mV
VIO VIO VI VI
V6 - (V8 - V9) (V8 + V9) - V7
VS - 1 V VS/2 13 13
3 6 0.4 3.2 6.5 mV V V V
Reference voltage Stabilized voltage on pin 10 TC of reference voltage Sensitivity of reference voltage to supply-voltage variation Output reverse current
V5 V10
V5 V5/VS
2.8 5.5
IREF = 0
V VS > 7.9 V mV/K
2 - - 10
mV/V A mV mV mV V A kHz kHz - - - - 1 2 - -
IQH
Output saturation voltage VQL Hysteresis of window edges Inhibit threshold Inhibit current Switching frequency
100 200 500 800 18 1 - - - 22 35 1.8
IQ = 10 mA 1 IQ = 50 mA
VU - VL V4, 12 I4, 12 fdir find
- 100 - 20 50 - -
Semiconductor Group
5
1998-02-10
TCA 965 B
VS
S11 11 6
6 2 3
RL
RL
RL
RL
QH2 QH3 QH13 QH14
7
13 7
TCA 965B
14 10
8
8
5
=
V6
=
V7
=
V8
9 9
1
4
12
V5
V10
VQL14
VQL13
VQL3
VQL2
IES00086
=
V4
=
V12
Test Circuit 1 Direct Setting of Window
Semiconductor Group
6
1998-02-10
TCA 965 B
VS
S11 11
6 2 3 7
RL
RL
RL
RL
QH2 QH3 QH13 QH14
13
TCA 965B
8
14 10
9
5
=
V6/7
=
V8
=
V9
1
4
12
V5
V10
VQL14
VQL13
VQL3
VQL2
IES00087
=
V4
=
V12
Test Circuit 2 Indirect Setting of Window by Center Voltage and Half Window Width
Semiconductor Group
7
1998-02-10
TCA 965 B
Inhibit Inputs 4,12
VS V4,12
100 1 k GND >7V open > 1.8 V Outputs A, B
V4,12
High Not permitted Normal function Low
Inputs 6, 7, 8
Input 9
V6,7,8
1 k
V9
Outputs VREF , VStab Outputs 2, 3, 13, 14
VStab R VREF
Q
IES00088
Schematic Circuit Diagrams
Semiconductor Group
8
1998-02-10
TCA 965 B
VS C1 R1
10 11
R4
6V 6
2
A
R2
3
D
TCA 965 B
R5 C2 R6 V C3 R3 V9
9 1 4 12 8V 8 14 B 7V 7 13 C
R7
IES00294
To increase the switching frequency, pin 9 may be grounded via R 7 ( V9 approx. 30...40 mV).
Application Circuit 1 Direct Setting of Lower and Upper Edge Voltages
V6 - V9 = Upper edge voltage V7 + V9 = Lower edge voltage V8 = Input voltage
Semiconductor Group
9
1998-02-10
TCA 965 B
V10
A
VL
VU V7
t
IES00296
Definition of the Offset Voltage VIO
VL + VU V 10 = --------------------- - V 7
2
Semiconductor Group
10
1998-02-10
TCA 965 B
V8
Upper Edge Lower Edge
V6
V7 t
L
t
U
t
A B C
D Inhibit A Pin 4 on GND A B 1 0 A B C C D D Inhibit B Pin 12 on GND A B C A 1 0 B C 1 0 1 0 1 0
IES00295
1.8 V < Pin
4<7V 1 0
1 0 1 0
1.8 V < Pin
12 < 7 V
D
D
t
L
t
U
t
L
t
U
Application Circuit 1 Direct Setting of Lower and Upper Edge Voltages Semiconductor Group 11 1998-02-10
TCA 965 B
VS C1
10 11
R1
R3
C2
R5
8V 8
2
A
R6
9V 9
3
D
TCA 965 B
R7 V C3
7V 7 14 B 6V 6 13 C
1
4
12
R2
R4
IES00297
Application Circuit 2 Indirect Setting of Window by Center Voltage and Half-Window Width V
V6 = V7 = Input voltage V8 = Center voltage V9 = Half window width
Semiconductor Group
12
1998-02-10
TCA 965 B
V10
B
VL
VU V8 - V9
t
V10 =
VL - VU
2
- (V 8 - V 9 )
IES00299
Definition of the Offset Voltage VIO
VL + VU V 10 = --------------------- - ( V 8 - V 9 )
2
Semiconductor Group
13
1998-02-10
TCA 965 B
V8
Upper Edge Lower Edge
V6
V7 t
A
L
t
U
t
B C
D Inhibit A Pin 4 on GND A B B C C D D Inhibit B Pin 12 on GND A B 1 0 A 1 0 1 0 1 0 1.8 V < Pin 12 < 7 V 1 0 1 0 1 0 A 1.8 V < Pin 4<7V 1 0
B C
C D D
t
L
t
U
t
L
t
U
IED00298
Application Circuit 2 Indirect Setting of Window by Center Voltage and Half-Window Width V Semiconductor Group 14 1998-02-10
TCA 965 B
VS
10 11 13 6 14 2
RL
RL
RL
R1
V R2
8
TCA 965B
7 3 9
R4
R3
1
P = R5
V3
VH V8
0
VH V7 V6
IES00089
Application Circuit 3 Symmetrically Enlarged Edge Hysteresis in Direct Setting of Window Calculation of Hysteresis VH
R5 V H = V 10 ------------------R4 + R5
10 ------------------ + -------------------------------- 10 mA R4 + R5 R1 + R2 + R3
V
V 10
Semiconductor Group
15
1998-02-10
TCA 965 B
VS RL
2 8 14 13
10
11
RL
RL
R1
V
6 7
TCA 965B
3
R5
9
R3
R2
1
R4
V3
V9/1 V9/2 V8
0
VH = V9/2 - V9/1 V6/7
IES00090
Application Circuit 4 Symmetrically Enlarged Edge Hysteresis in Indirect Setting of Window Calculation of Hysteresis VH
VH = V9/2 - V9/1 R 4 || R 5 V 9/1 = V 10 ------------------------------R 3 + R 4 || R 5 R4 V 9/2 = V 10 ------------------R3 + R4
Semiconductor Group
16
1998-02-10
TCA 965 B
P-DIP-14-1 (Plastic Dual In-line Package)
Sorts of Packing Package outlines for tubes, trays etc. are contained in our Data Book "Package Information".
Dimensions in mm
Semiconductor Group
17
1998-02-10
GPD05005


▲Up To Search▲   

 
Price & Availability of TCA965

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X