Part Number Hot Search : 
BPC2510 PCF0805H SLE66 471M16 57X00 P3407 2N493 S1T8501
Product Description
Full Text Search
 

To Download LST0500-FC-A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Connectorized ELEDS Technical Data
LST0X00
Features
* Industry Standard FC and ST(R) Connectors * 1300 nm Wavelength * Linewidth <110 nm * High Reliability * Range of Flange Options * -40C to +80C Operation
Description
The LST range of products includes a wide variety of connectorized ELED emitters for both single mode and multimode operation. The products have been developed for low cost and wide operating temperature applications such as telecom FITL and datacom FDDI LANS. Variants are available in industry standard connector types with a selection of mounting flange options. The product range features a high reliability ridge waveguide ELED manufactured using our MOVPE process. The construction of the products includes a hermetically sealed ELED and is designed to be compatible with the environmental requirements of the Bellcore TA-TSY-000983 document.
Applications
* Optical Data Communication Transmitters * E-O Convertors * LANS * FDDI Networks * FITL * Single Mode: LST0400 Multimode: LST0500
5963-5305E (12/94)
487
Absolute Maximum Ratings
Absolute maximum limits mean that no catastrophic damage will occur if the product is subjected to these ratings for short periods, provided each limiting parameter is in isolation and all other parameters have values within the performance specification. It should not be assumed that limiting values of more than one parameter can be applied to the product at the same time.
Limits Parameter Forward Current Reverse Voltage Operating Temperature Storage Temperature Soldering Symbol If Vr Tc Ts Conditions DC DC Min -40 -40 Max 175 2 +80 +85 260 Units mA V C C C
10 seconds
Performance Specification
Parameter Symbol Test Conditions CW, Tc = 25C, If = 100mA unless otherwise stated Launched Optical Power Optical Power Over Temp. Central Wavelength Spectral Width Wavelength Temp Coefficient Rise/Fall Times Forward Voltage Reverse Leakage Po dPo/dT d/dT r/f Vf Vr LST0400: into 9/125 fiber LST0500: into 50/125 fiber Tc = -40C to +80C Tc = -40C to +80C Tc = -40C to +80C 10% to 90% points Bias = -2 V 5 50 1285 12 6 1345 110 0.8 3 1.7 200 W W dB nm nm nm/C nS V A Minimum Maximum Units
Electrical Pin Out
SLO2 1 3 PIN 1 - NO CONNECTION PIN 2 - CATHODE (-ve) PIN 3 - ANODE (+ve) 3 2
LST0X00 Pinouts
488
Mechanical Outline Options LST0X00-FC-A
TOP VIEW C REAR VIEW N P FRONT VIEW K
Q
D F
G
H
A
E L M J B
DIM. A B C D E F G H
MIN. MAX. 19.50 - 9.50 - 13.0 - 9.0 - - 12.0 0.47 0.41 M8 x 0.75 13.55 13.35
DIM. J K L M N P Q
MIN. MAX. 2.32 2.08 4.20 - 1.70 - 2.20 - 4.80 - 8.20 - 2.54 NOM.
ALL DIMENSIONS IN MILLIMETERS
LST0X00-ST-F
TOP VIEW LST0X00-FC-A Mech Dimen REAR VIEW E H R C Q
D
F K
G
N J
B A
P
DIM. A B C D E F G
MIN. MAX. - 21.0 1.8 2.2 9.6 9.8 - 12.9 9.3 9.7 9.43 9.63 3/8-32 UNEF-2A
DIM. H J K N P Q R
MIN. MAX. 2-56 UNC-2B 12.0 - 0.41 0.47 2.54 NOM. 14.9 15.3 2.54 NOM. 0.50 NOM.
ALL DIMENSIONS IN MILLIMETERS
LST0X00-ST-F Mech Dimen
489
Ordering Information LST0X00 - XX - X
Flange Type: A = 2 Hole Panel Mount F = 2 Hole PCB Mount, Threaded Connector Type: FC = FC ST(R) = ST Fiber Type: 4 = Single mode 5 = Multimode
Preferred Options: LST0400-FC-A LST0400-ST-F LST0500-FC-A LST0500-ST-F Additional options are available to meet your specific needs. Please contact your local representative for details.
ST(R) is a Registered Trademark of AT&T
490


▲Up To Search▲   

 
Price & Availability of LST0500-FC-A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X