Part Number Hot Search : 
04365 LV5230LG 12XXX MTA306F LTC4155 SPA257 PE3411LF ZT230E
Product Description
Full Text Search
 

To Download TMS06105 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MicroSwitcher
TMS Series 6, 10, 15, 25 Watt
Features
Ultraminiature AC/DC Switching Power Supply Modules Fully encapsulated Plastic Package Universal Input 85-264 VAC, 50/60 Hz High Efficiency Low Ripple and Noise Overload Protection EMI meets EN 55022, Class B and FCC, Level B 3 Package Styles available: - for PCB Mounting with Solder Pins - for Chassis Mounting with FASTON-Tabs - for Chassis Mounting with Screw Terminals 2 Year Product Warranty
The TMS series switching power supplies offers high power density in a low profile package. This makes these modules the best choice for all space critical applications. A further feature is the easy installation provided by flexible connection systems (solderpins, terminalblock, FASTON-tabs). EMC specifications and safety standards compliance with international requirement qualify the product for worldwide use. SMD-construction and industrial quality grade components guarantee a high reliability of the MicroSwitcher power modules.
Standard Models
PCB-mounting with solder pins TMS 06105 TMS 06112 TMS 06115 TMS 06124 TMS 06212 TMS 06215 TMS 10105 TMS 10112 TMS 10115 TMS 10124 TMS 10212 TMS 10215 TMS 15105 TMS 15112 TMS 15115 TMS 15124 TMS 15212 TMS 15215 TMS 25105 TMS 25112 TMS 25115 TMS 25124 TMS 25212 TMS 25215 TMS 10105F TMS 10112F TMS 10115F TMS 10124F TMS 10212F TMS 10215F TMS 15105F TMS 15112F TMS 15115F TMS 15124F TMS 15212F TMS 15215F TMS 25105F TMS 25112F TMS 25115F TMS 25124F TMS 25212F TMS 25215F TMS 15105C TMS 15112C TMS 15115C TMS 15124C TMS 15212C TMS 15215C TMS 25105C TMS 25112C TMS 25115C TMS 25124C TMS 25212C TMS 25215C Ordercode Chassis mounting Chassis mounting with FASTON-tabs with screw terminals Output Power max. Output 1 Inom 5 VDC 12 VDC 15 VDC 24 VDC +12 VDC +15 VDC 5 VDC 12 VDC 15 VDC 24 VDC +12 VDC +15 VDC / / / / / / / / / / / / 1200 mA 500 mA 400 mA 250 mA 250 mA 200 mA 2000 mA 900 mA 700 mA 450 mA 450 mA 350 mA 3000 mA 1300 mA 1000 mA 650 mA 650 mA 500 mA 4600 mA 2000 mA 1600 mA 1000 mA 1000 mA 800 mA Output 2 Inom
6 Watt
-12 VDC / 250 mA -15 VDC / 200 mA
10 Watt
-12 VDC / 450 mA -15 VDC / 350 mA
15 Watt
5 VDC / 12 VDC / 15 VDC / 24 VDC / +12 VDC/ +15 VDC/ 5 VDC 12 VDC 15 VDC 24 VDC +12 VDC +15 VDC / / / / / /
-12 VDC / 650 mA -15 VDC / 500 mA
25 Watt
1
-12 VDC / 1000 mA 15 VDC / 800 mA
1
10 % Power reduction at 115 VAC operation
http://www.tracopower.com
Page 1
MicroSwitcher
TMS Series 6, 10, 15, 25 Watt
Input Specifications
Input voltage range Input frequency External input fuse (recommended) 85 - 264 VAC (110 -375 VDC) 47 - 63 Hz 1 A slow blow
Output Specifications
Voltage set accuracy Regulation - Input variation - Load variation (10 - 90 %) - Single output models - Dual output models (min. load 10 %) 2% 0.4 % max. 1 % max. 2 % typ. / 5 % max. (symmetric load) 100 mV pp typ. >130 % Inom. (long therm short circuit operation may cause damage to the unit)
Ripple and noise (20Mhz Bandwidth) Overload protection by current limit at
General Specifications
Temperature ranges - Operating - Case temperature - Storage (non operating) Dearating - 5 Vout models - all other models Temperature coefficient Efficiency Humidity (non condensing) Switching frequency Hold-up time I/O-Isolation voltage Leakage current EMI / RFI conducted EMC compliance - Electrostatic discharge ESD - RF field susceptibility - Electrical fast transients/bursts on mainsline - Surge - Vin = 115 VAC - Vin = 230 VAC - 25 C...+60 C ambient temp. max. + 90 C max. - 25 C...+105 C above + 40C: 2.5 % / C above + 50C: 5 % / C 0.02 % / C 78 % typ. 85 % rel max. 100 kHz typ. 20 ms typ. 100 ms typ. 3`000 VAC 0.3 mA RMS typ. / 230 VAC / 50 Hz EN 55022, level B, FCC Part 15 level B IEC / EN 61000-4-2 level 3 6 kV / 8 kV IEC / EN 61000-4-3 10 V / m IEC / EN 61000-4-4 level 3 2 kV IEC / EN 61000-4-5 level 3 1 kV / 2 kV UL 1950, EN 60950, IEC 60950 UL / cUL File E 141988 CELANEX (UL 94-V0) > 250`000 h at 25C
Safety standards Safety approvals Case material Reliability, calculated MTBF (MIL-HDBK-217E)
All specifications valid at nominal input voltage, full load and +25C after warm-up time unless otherwise stated. http://www.tracopower.com Page 2
MicroSwitcher
TMS Series 6, 10, 15, 25 Watt
Outline Dimensions mm (inches) PCB-mounting with solder pins TMS 6/10/15 W
(0.39) 10
10 (0.39)
Dimensions
3
a b
2
1
a b c
TMS 6 50 (1.97) 42 (1.65) 40 (1.57) 20 (0.79) 15.5 (0.61)
TMS 10 55 (2.17) 47 (1.85) 45 (1.77) 24 (0.94) 17.5 (0.69)
TMS 15 64 (2.52) 54 (2.13) 45 (1.77) 24 (0.94) 17.5 (0.69)
Bottom view
4
5
6
d f
f c
f d
7
(0.28)
Pin diameter o 1.0 0.1 (0.04 0.004)
Weight TMS TMS TMS TMS 6 10 15 25 45 g (1.6 oz) 75 g (2.7 oz) 95 g (3.4 oz) 135 g (4.8 oz)
TMS 25 W
(0.39) 10
10 (0.39)
3
2
1
76 (2.99)
(2.60)
Bottom view
66
Pin-Out
Pin Single -V out No Pin +V out AC in AC in FG Dual -V out Common +V out AC in AC in FG FG = field ground
4
(0.69) 17.5
5
6
17.5 (0.69) 28 (1.10) 7
(0.28)
1 2 3 4 5 6
51 (2.01) Pin diameter o 1.0 0.1 (0.04 0.004)
Specifications can be changed without notice http://www.tracopower.com Page 3
MicroSwitcher
TMS Series 6, 10, 15, 25 Watt
Outline Dimensions mm (inches) Chassis mounting with FASTON-tabs TMS 10/15 W F
3.5 (0.14)
4.5 (0.18)
Dimensions
TMS 10 a b c d 75 (2.95) 65 (2.56) 55 (2.17) 47.6 (1.87) TMS 15 84 (3.31) 74 (2.91) 64 (2.52) 55.1 (2.17)
3
a b d c
2
1
Top view
4
5
6
22.5 (089) 20 (0.79) 45 (1.77) Faston no 187 / 4.75 x 0.51 mm
(0.187 x 0.02)
4.5 (0.18)
24 + 1.0 - 0.5
(0.94 + 0.04 ) - 0.02
8.1 (0.32)
Weight TMS 10 TMS 15 TMS 25 80 g (2.8 oz) 100 g (3.5 oz) 150 g (5.3 oz)
3
2
1
96 (3.78)
86 (3.39)
76 (2.99)
(2.70)
Top view
66.1
4.5 (0.18)
TMS 25W F
3.5 (0.14)
3.5 (0.14)
Pin-Out
4
5
6
4.5 (0.18)
Pin 1 2 3 4
1.0 29 + 0.5 -
Single -V out No Tab +V out AC in AC in FG
Dual -V out Common +V out AC in AC in FG
(0.22) 5.5
40 (1.57) 51 (2.01)
5.5 (0.22)
(1.14
+ 0.04 - 0.02
)
8.1 (0.32)
5 6
Faston no 187 / 4.75 x 0.51 mm
(0.187 x 0.02)
FG = field ground
Specifications can be changed without notice http://www.tracopower.com Page 4
MicroSwitcher
TMS Series 6, 10, 15, 25 Watt
Outline Dimensions mm (inches) Chassis mounting with screw terminals
3.5 (0.14) 3.5 (0.14)
TMS 15 W C
3.5 (0.14)
3.5 (0.14)
123
84 (3.31)
74 (2.91)
64 (2.52)
Top view
6
54
4.5
( 0.18)
36 (1.42) 45 (1.77)
4.5 (0.18) 26.5 (1.04)
Weight TMS 15 TMS 25 105 g (3.7 oz) 165 g (5.8 oz)
Input- and output screw terminal block: GMKDS 1.5/3-7.62 (Phoenix)
123
96 (3.78)
86 (3.39)
76 (2.99)
Top view
3.5 (0.14)
TMS 25W C
3.5 (0.14)
3.5 (0.14)
Pin-Out
6
54
3.5 (0.14)
Pin 1 2 3 4
Single -V out No function +V out AC in AC in FG
Dual -V out Common +V out AC in AC in FG
7.5 (0.3)
36 (1.42) 51 (2.01)
7.5 (0.3) 29.5 (1.16)
5 6
Input- and output screw terminal block: GMKDS 1.5/3-7.62 (Phoenix) Specifications can be changed without notice http://www.tracopower.com
FG = field ground
Page 5
MicroSwitcher
TMS Series 6, 10, 15, 25 Watt
DIN-Rail Mounting
Mounting kit * Order code
TMS 10 Series TMS 15 Series TMS-DM10 TMS-DM15 TMS-DM25
DIN rail clip
Mounting plate
TMS 25 Series screws
*includet mounting plate, clip and
Specifications can be changed without notice
Rev. 06/00
Jenatschstrasse 1 * CH-8002 Zurich * Switzerland Tel. +41-1284 2911 * Fax +41-1201 1168 * e-mail: sales@traco.ch * internet: http://www.tracopower.com
Page 6


▲Up To Search▲   

 
Price & Availability of TMS06105

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X