Part Number Hot Search : 
MFE212 2N440 BSTN6113 KBP08 1812B RC64475 DD870 1680F
Product Description
Full Text Search
 

To Download UF4014GP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
Features
* * * * * *
omponents 21201 Itasca Street Chatsworth !"# $
% !"#
UF4014GP THRU UF4016GP
1 Amp Glass Passivated Ultra Fast Recovery Rectifier 1400 to 1600 Volts
DO-41
Low Cost Low Leakage Low Forward Voltage Drop High Current Capability Fast Switching Speed For High Efficiency Glass Passivated Junction
* *
Maximum Ratings
Operating Junction Temperature: -50C to +150C Storage Temperature: -50C to +150C MST Catalog Number UF4014GP UF4016GP Device Marking Maximum Reccurrent Peak Reverse Voltage 1400V 1600V Maximum RMS Voltage 980V 1120V Maximum DC Blocking Voltage 1400V 1400V
D
-----
A Cathode Mark B
Electrical Characteristics @ 25C Unless Otherwise Specified
Average Forward Current Peak Forward Surge Current Maximum Instantaneous Forward Voltage Maximum DC Reverse Current At Rated DC Blocking Voltage Maximum Reverse Recovery Time IF(AV) IFSM 1.0 A 30A TA = 55C 8.3ms, half sine IFM = 1.0A; TA = 25C
D
C
VF
2.5V
DIMENSIONS
IR
10A 100A
TA = 25C TA = 100C
DIM A B C D
INCHES MIN .166 .080 .028 1.000
MAX .205 .107 .034 ---
MM MIN 4.10 2.00 .70 25.40
MAX 5.20 2.70 .90 ---
NOTE
Trr
100ns
IF=0.5A, IR=1.0A, Irr=0.25A
Typical Junction CJ 15pF Measured at Capacitance 1.0MHz, VR=4.0V *Pulse Test: Pulse Width 300sec, Duty Cycle 1%
www.mccsemi.com
UF4014GP thru UF4016GP
Figure 1 Typical Forward Characteristics 20 10 6 4 1.0 2 25C Amps 1 .6 .4 .2 .1 .06 .04 .02 .01 1.7 1.9 2.1 Volts Instantaneous Forward Current - Amperesversus Instantaneous Forward Voltage - Volts 2.3 2.5 2.7 0 .2 Amps .4 .8 1.2 Figure 2 Forward Derating Curve
MCC
.6
Single Phase, Half Wave 60Hz Resistive or Inductive Load 0 50 75 100 C Average Forward Rectified Current - Amperes versus Ambient Temperature - C 125 150 175
Figure 3 Junction Capacitance
100 60 40 20 pF TJ=25C 10 6 4 2 1 .1 .2 .4 1 Volts 2 4 10 20 40 100 200 400 1000
Junction Capacitance - pFversus Reverse Voltage - Volts
www.mccsemi.com
UF4014GP thru UF4016GP
Figure 4 Peak Forward Surge Current 60 50 40 30 Amps 20 10 0 1 4 6 8 10 Cycles Peak Forward Surge Current - Amperesversus Number Of Cycles At 60Hz - Cycles 20 40 60 80 100
MCC
2
Figure 5 Reverse Recovery Time Characteristic And Test Circuit Diagram 50 10 trr +0.5A
0 25Vdc Pulse Generator Note 2 1 Oscilloscope Note 1 -0.25
-1.0 1cm Set Time Base for 20/100ns/cm
Notes: 1. Rise Time = 7ns max. Input impedance = 1 megohm, 22pF 2. Rise Time = 10ns max. Source impedance = 50 ohms 3. Resistors are non-inductive
www.mccsemi.com


▲Up To Search▲   

 
Price & Availability of UF4014GP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X