Part Number Hot Search : 
PT2265 EPA368 CES181J MA100 JZ4730 2SK231 M215H RS203
Product Description
Full Text Search
 

To Download X9252 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 New Feature Dual Interface Low Power + Quad 256-tap + 2-Wire bus + Up/Down interface
Quad Digitally-Controlled (XDCPTM) Potentiometer
FEATURES * Quad solid state potentiometer * 256 wiper tap points-0.4% resolution * 2-wire serial interface for Write, Read, and transfer operations of the potentiometer * Up/down interface for individual potentiometers * Wiper resistance: 40 typical * Non-volatile storage of wiper positions * Power On Recall. Loads saved wiper position on Power-Up. * Standby current < 20A Max * Maximum wiper current: 3mA * VCC: 2.7V to 5.5V operation * 2.8k,10k, 50k, 100k version of total pot resistance * Endurance: 100, 000 data changes per bit per register * 100 yr. data retention * 24-Lead TSSOP DESCRIPTION
X9252
The X9252 integrates 4 digitally controlled potentiometers (XDCP) on a monolithic CMOS integrated circuit. The digitally controlled potentiometers are implemented using 255 resistive elements in a series array. Between each pair of elements are tap points connected to wiper terminals through switches. The position of each wiper on the array is controlled by the user through the Up/Down (U/D) or 2-wire bus interface. The wiper of each potentiometer has an associated volatile Wiper Counter Register (WCR) and four nonvolatile Data Registers (DRs) that can be directly written to and read by the user. The contents of the WCR controls the position of the wiper on the resistor array though the switches. At power-up, the device recalls the contents of the default data registers DR00, DR10, DR20, DR30, to the corresponding WCR. Each DCP can be used as a three-terminal potentiometer or as a two terminal variable resistor in a wide variety of applications including the programming of bias voltages, the implementation of ladder networks, and three resistor programmable networks.
FUNCTIONAL DIAGRAM
VCC A2 A1 A0 SDA SCL Up-Down Interface POWER UP, INTERFACE CONTROL AND STATUS 2-Wire Interface WCR0 DR00 DR01 DR02 DR03 DCP0 WCR1 DR10 DR11 DR12 DR13 DCP1 WCR2 DR20 DR21 DR22 DR23 DCP2 WCR3 DR30 DR31 DR32 DR33 DCP3 RH0 RH1 RH2 RH3
DS0 DS1 CS U/D
VSS
WP
RW0
RL0
RW1
RL1
RW2
RL2
RW3
RL3
REV 1.4.1 7/29/03
www.xicor.com
1 of 21
X9252
PIN CONFIGURATION
TSSOP
DS0 A0 RW3 RH3 RL3 U/D VCC RL0 RH0 RW0 A2 WP 1 2 3 4 5 6 7 8 9 10 11 12 X9252 24 23 22 21 20 19 18 17 16 15 14 13 DS1 SCL RL2 RH2 RW2 CS VSS RW1 RH1 RL1 A1 SDA
ORDERING INFO Ordering Number
X9252YV24-2.7 X9252YV24I-2.7 X9252WV24-2.7 X9252WV24I-2.7 X9252UV24-2.7 X9252UV24I-2.7 X9252TV24-2.7 X9252TV24I-2.7
RTOTAL
2.8k 2.8k 10k 10k 50k 50k 100k 100k
Package
24-lead TSSOP 24-lead TSSOP 24-lead TSSOP 24-lead TSSOP 24-lead TSSOP 24-lead TSSOP 24-lead TSSOP 24-lead TSSOP
Operating Temperature Range
0C to 70C -40C to +85C 0C to 70C -40C to +85C 0C to 70C -40C to +85C 0C to 70C -40C to +85C
REV 1.4.1 7/29/03
www.xicor.com
2 of 21
X9252
PIN ASSIGNMENTS TSSOP pin
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24
Symbol
DS0 A0 RW3 RH3 RL3 U/D VCC RL0 RH0 RW0 A2 WP SDA A1 RL1 RH1 RW1 VSS CS RW2 RH2 RL2 SCL DS1 Device Address for 2-wire bus. Wiper terminal of DCP3. High terminal of DCP3. Low terminal of DCP3.
Brief Description
DCP select for Up/Down interface.
Increment/Decrement for Up/Down interface. System Supply Voltage Low terminal of DCP0. High terminal of DCP0. Wiper terminal of DCP0. Device Address for 2-wire bus. Hardware Write Protect Serial Data Input/Output for 2-wire bus. Device Address for 2-wire bus. Low terminal of DCP1. High terminal of DCP1. Wiper terminal DCP1. System ground Chip select for Up/Down interface. Wiper terminal of DCP2. High terminal of DCP2. Low terminal of DCP2. Serial Clock for 2-wire bus. DCP select for Up/Down interface.
REV 1.4.1 7/29/03
www.xicor.com
3 of 21
X9252
ABSOLUTE MAXIMUM RATINGS Junction Temperature under bias ......-65C to +135C Storage temperature .........................-65C to +150C Voltage at any digital interface pin with respect to VSS.................................. -1V to +7V VCC ............................................................ -1V to +7V Voltage at any DCP pin with respect to VSS ..........................................-1V to VCC Lead temperature (soldering, 10 seconds).........300C IW (10 seconds) ................................................. 6mA RECOMMENDED OPERATING CONDITIONS Temp
Commercial Industrial
COMMENT Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only; the functional operation of the device (at these or any other conditions above those listed in the operational sections of this specification) is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Min.
0C -40C
Max.
+70C +85C
Device
X9252
Supply Voltage (VCC)(4) Limits
2.7V to 5.5V
ANALOG CHARACTERISTICS (Over recommended operating conditions unless otherwise stated.) Limits Symbol
RTOTAL
Parameter
End to end resistance End to end resistance tolerance Power rating
Min.
Typ.(4)
2.8, 10, 50, 100
Max.
Unit
k
Test Conditions
Y, W, U, T versions respectively
-20 0.75 -3.0 50
+20 50 2.0 +3.0 150
% mW % mA Wiper current = See test circuit VCC RTOTAL 25C, each DCP
RTOTAL Matching IW(5) RW
DCP to DCP resistance matching Wiper current Wiper resistance
VTERM
Voltage on any DCP pin Noise
(5)
Vss -120 0.4
Vcc
V dBV % Ref: 1kHz
Resolution Absolute linearity
(1)
-1 -0.3 300 -20 10/10/25 0.1
+1 +0.3
MI(3) MI(3) ppm/C V(RH0)=V(RH1)=V(RH2)=V(RH3)=VCC V(RL0)=V(RL1)=V(RL2)=V(RL3)=VSS
Relative linearity(2) Temperature coefficient of resistance(5) Ratiometric Temperature(5) Coefficient CH/CL/CW IOL Potentiometer Capacitance(5) Leakage on DCP pins
+20 ppm/C pF 10 A See equivalent circuit Voltage at pin from VSS to VCC
REV 1.4.1 7/29/03
www.xicor.com
4 of 21
X9252
D.C. OPERATING CHARACTERISTICS (Over the recommended operating conditions unless otherwise specified.) Symbol
ICC1 ICC2 ICC3 ISB IL VIH VIL VOL
Parameter
VCC supply current (Volatile write/read) VCC supply current (active) VCC supply current (nonvolatile write) VCC current (standby) Leakage current, bus interface pins Input HIGH voltage Input LOW voltage SDA pin output LOW voltage
Min.
Limits Max.
3
Units
mA
Test Conditions
fSCL = 400kHz;SDA = Open; (for 2-Wire, Active, Read and Volatile Write States only) fSCL = 200kHz; (for U/D interface, increment, decrement) fSCL = 400kHz; SDA = Open; (for 2-Wire, Active, Nonvolatile Write State only) VCC = +5.5V; VIN = VSS or VCC; SDA = VCC; (for 2-Wire, Standby State only) Voltage at pin from VSS to VCC
3 5
mA mA
20 -10 VCC x 0.7 -1 10 VCC + 1 VCC x 0.3 0.4
A A V V V
IOL = 3mA
ENDURANCE AND DATA RETENTION Parameter
Minimum endurance Data retention
Min.
100,000 100
Units
Data changes per bit Years
CAPACITANCE Symbol
CIN/OUT CIN(5)
(5)
Test
Input / Output capacitance (SDA) Input capacitance (SCL, WP, DS0, DS1, CS, U/D,
A2, A1 and A0)
Max.
8 6
Units
pF pF
Test Conditions
VOUT = 0V VIN = 0V
POWER-UP TIMING Symbol
tD(5)(9)
Parameter
Power Up Delay from VCC power up (VCC above 2.7V) to wiper position recall completed, and communication interfaces ready for operation.
Max.
2
Units
ms
A.C. TEST CONDITIONS Input Pulse Levels Input rise and fall times Input and output timing threshold level External load at pin SDA
VCC x 0.1 to VCC x 0.9 10ns VCC x 0.5 2.3k to VCC and 100 pF to VSS
REV 1.4.1 7/29/03
www.xicor.com
5 of 21
X9252
2-WIRE INTERFACE TIMING(S) Symbol
fSCL tHIGH tLOW tSU:STA tHD:STA tSU:STO tSU:DAT tHD:DAT tR(5) tF
(5) (5)
Parameter
Clock Frequency Clock High Time Clock Low Time Start Condition Setup Time Start Condition Hold Time Stop Condition Setup Time SDA Data Input Setup Time SDA Data Input Hold Time SCL and SDA Rise Time SCL and SDA Fall Time SCL Low to SDA Data Output Valid Time SDA Data Output Hold Time Pulse Width Suppression Time at SCL and SDA inputs Bus Free Time (Prior to Any Transmission)
Min.
600 1300 600 600 600 100 30
Max.
400
Units
kHz ns ns ns ns ns ns ns
300 300 0.9 0 50 1200 600 600
ns ns s ns ns ns ns ns
tAA tIN
tDH
(5) (5) (5)
tBUF
tSU:WPA
A0, A1, A2 and WP Setup Time A0, A1, A2 and WP Hold Time
tHD:WPA(5)
SDA vs. SCL Timing
tF SCL tSU:STA SDA (Input Timing) SDA (Output Timing) tHD:STA tSU:DAT tHD:DAT tSU:STO tHIGH tLOW tR
tAA
tDH
tBUF
WP, A0, A1, and A2 Pin Timing
START SCL Clk 1 STOP
SDA IN tSU:WP WP, A0, A1, or A2 tHD:WP
REV 1.4.1 7/29/03
www.xicor.com
6 of 21
X9252
INCREMENT/DECREMENT TIMING Limits Symbol
tCI tID tDI tIL tIH tIC tCPHS tCPHNS tIW
(5) (5) (5) (5)
Units Max.
ns ns ns s s s ms s
Parameter
CS to SCL Setup SCL HIGH to U/D, DS0 or DS1 change U/D, DS0 or DS1 to SCL setup SCL LOW period SCL HIGH period SCL inactive to CS inactive (Nonvolatile Store Setup Time) CS deselect time (STORE) CS deselect time (NO STORE) SCL to RW change SCL cycle time
Min.
600 600 600 2.5 2.5 1 10 1
Typ.(4)
100 5
500 500
s s s
tCYC tR, tF
(5)
SCL input rise and fall time
Increment/Decrement Timing
CS tCYC tCI SCL tID tDI tF tIL tIH tIC tCPHS 90% 90% 10% tR
tCPHNS
U/D
DS0, DS1 tIW RW MI (3)
REV 1.4.1 7/29/03
www.xicor.com
7 of 21
X9252
HIGH-VOLTAGE WRITE CYCLE TIMING Symbol
tWC(8)(5)
Parameter
Non-volatile write cycle time
Typ.
5
Max.
10
Units
ms
XDCP TIMING Symbol
tWRL
(5)
Parameter
SCL rising edge to wiper code changed, wiper response time after instruction issued (all load instructions)
Min.
5
Max.
20
Units
s
Notes: (1) Absolute linearity is utilized to determine actual wiper voltage versus expected voltage = [V(RW(n)(actual))-V(RW(n)(expected))]/MI V(RW(n)(expected)) = n(V(RH)-V(RL))/255 + V(RL), with n from 0 to 255. (2) Relative linearity is a measure of the error in step size between taps = [V(RW(n+1))-(V(RW(n)) + MI)]/MI , with n from 0 to 254 (3) 1 Ml = Minimum Increment = [V(RH)-V(RL)]/255. (4) Typical values are for TA = 25C and nominal supply voltage. (5) This parameter is not 100% tested. (6) Ratiometric temperature coefficient = (V(RW)T1(n)-V(RW)T2(n))/[V(RW)T1(n)(T1-T2)] x 106, with T1 & T2 being 2 temperatures, and n from 0 to 255. (7) Measured with wiper at tap position 255, RL grounded, using test circuit. (8) tWC is the minimum cycle time to be allowed for any nonvolatile write by the user, unless Acknowledge Polling is used. It is the time from a valid STOP condition at the end of a write sequence of a 2-wire interface write operation, or from the rising edge of CS of a valid "Store" operation of the Up/Down interface, to the end of the self-timed internal nonvolatile write cycle. (9) The recommended power up sequence is to apply VCC/VSS first, then the potentiometer voltages. During power up, the data sheet parameters for the DCP do not fully apply until tD after VCC reaches its final value. In order to prevent unwanted tap position changes, or an inadvertant store, bring the CS pin high before or concurrently with the VCC pin on power up.
Test Circuit
Equivalent Circuit
RTOTAL RH CH Force Current RW CW CL RL
Test Point
RW
REV 1.4.1 7/29/03
www.xicor.com
8 of 21
X9252
PIN DESCRIPTIONS Bus Interface Pins SERIAL DATA INPUT/OUTPUT (SDA) The SDA is a bidirectional serial data input/output pin for the 2-wire interface. It receives device address, operation code, wiper register address and data from a 2-wire external master device at the rising edge of the serial clock SCL, and it shifts out data after each falling edge of the serial clock SCL. SDA requires an external pull-up resistor, since it's an open drain output. SERIAL CLOCK (SCL) This input is the serial clock of the 2-wire and Up/Down interface. DEVICE ADDRESS (A2-A0) The Address inputs are used to set the least significant 3 bits of the 8-bit 2-wire interface slave address. A match in the slave address serial data stream must be made with the Address input pins in order to initiate communication with the X9252. A maximum of 8 devices may occupy the 2-wire serial bus. CHIP SELECT (CS) When the CS pin is low, increment or decrement operations are possible using the SCL and U/D pins. The 2-wire interface is disabled at this time. When CS is high, the 2-wire interface is enabled. UP OR DOWN CONTROL (U/D) The U/D input pin is held HIGH during increment operations and held LOW during decrement operations. DCP SELECT (DS1-DS0) The DS1-DS0 select one of the four DCPs for an Up/ Down interface operation. HARDWARE WRITE PROTECT INPUT (WP) When the WP pin is set low, "write" operations to non volatile DCP Data Registers are disabled. This includes both 2-wire interface non-volatile "Write", and Up/Down interface "Store" operations. DCP Pins RH0, RL0, RH1, RL1, RH2, RL2, RH3, AND RL3 These pins are equivalent to the terminal connections on mechanical potentiometers. Since there are 4 DCPs, there is one set of RH and RL for each DCP. RW0, RW1, RW2, AND RW3 The wiper pins are equivalent to the wiper terminal of mechanical potentiometers. Since there are four DCPs, there are 4 RW pins.
REV 1.4.1 7/29/03
www.xicor.com
9 of 21
X9252
PRINCIPLES OF OPERATION The X9252 is an integrated circuit incorporating four resistor arrays, their associated registers and counters, and the serial interface logic providing direct communication between the host and the digitally controlled potentiometers. This section provides detail description of the following: - Resistor Array - Up/Down Interface - 2-wire Interface Resistor Array Description The X9252 is comprised of four resistor arrays. Each array contains 255 discrete resistive segments that are connected in series. The physical ends of each array are equivalent to the fixed terminals of a mechanical potentiometer (RHi and RLi inputs). (See Figure 1.) At both ends of each array and between each resistor segment is a switch connected to the wiper (RWi) pin. Figure 1. Detailed Block Diagram of one DCP Within each individual array only one switch may be turned on at a time. These switches are controlled by a Wiper Counter Register (WCR). The 8-bits of the WCR (WCR[7:0]) are decoded to select and enable one of 256 switches (see Table 1). Note that each wiper has a dedicated WCR. When all bits of a WCR are zeroes, the switch closest to the corresponding RL pin is selected. When all bits of a WCR are ones, the switch closest to the corresponding RH pin is selected. The WCR is volatile and may be written directly. There are four non-volatile Data Registers(DR) associated with each WCR. Each DR can be loaded into WCR. All DRs and WCRs can be read or written. Power Up and Down Requirements During power up, CS must be high, to avoid inadvertant "store" operations. At power up, the contents of Data Registers DR00, DR10, DR20, and DR30, are loaded into the corresponding wiper counter register.
i = 0, 1, 2, and 3 Four Non-Volatile Data Registers DRi0, DRi1, DRi2, and DRi3 WCR[7:0] 255 = FF hex 254 253 252 One of 256 Decoder WP SCL SDA A2, A1, A0 CS U/D DS1, DS0 WCR[7:0] = 00 hex 0 RLi RWi Interface Control and Volatile Status Register (SR) (Shared by the Four DCPs) 1 RHi
Volatile 8-bit Wiper Counter Register WCRi
2
REV 1.4.1 7/29/03
www.xicor.com
10 of 21
X9252
UP/DOWN INTERFACE OPERATION The SCL, U/D, CS, DS0 and DS1 inputs control the movement of the wiper along the resistor array. With CS set LOW the device is selected and enabled to respond to the U/D and SCL inputs. HIGH to LOW transitions on SCL will increment or decrement (depending on the state of the U/D input) a wiper counter register selected by DS0 and DS1. The output of this counter is decoded to select one of 256 wiper positions along the resistor array. The value of the counter is stored in nonvolatile Data Registers DRi0 whenever CS transitions HIGH while the SCL and WP inputs are HIGH. "i" indicates the DCP number selected with pins DS1 and DS0. During a "Store" operation bits DRSel1 and DRSel0 in the Status Register must be both "0", which is their power up default value. Other combinations are reserved and must not be used. The system may select the X9252, move the wiper, and deselect the device without having to store the latest wiper position in nonvolatile memory. After the wiper movement is performed as described above and once the new position is reached, the system must keep SCL LOW while taking CS HIGH. The new wiper postion will be maintained until changed by the system or until a power-down/up cycle recalled the previousely stored data. This procedure allows the system to always power-up to a preset value stored in nonvolatile memory; then during system operation minor adjustments could be made. The adjustments might be based on user preference, system parameter changes due to temperaure drift, etc. The state of U/D may be changed while CS remains LOW. This allows the host system to enable the device and then move the wiper up and down until the proper trim is attained. The 2-wire interface is disabled while CS remains LOW. Table 1. DCP Selection for Up/Down Control DS1
0 0 1 1
DS0
0 1 0 1
Selected DCP
DCP0 DCP1 DCP2 DCP3
MODE SELECTION FOR UP/DOWN CONTROL CS
L L H
SCL
U/D
H L X Wiper Up
Mode
Wiper Down Store Wiper Position to nonvolatile memory if WP pin is high. No store, return to standby, if WP pin is low. Standby No Store, Return to Standby Wiper Up (not recommended) Wiper Down (not recommended)
H
X L L L
X X H L
REV 1.4.1 7/29/03
www.xicor.com
11 of 21
X9252
2-WIRE SERIAL INTERFACE Protocol Overview The device supports a bidirectional bus oriented protocol. The protocol defines any device that sends data onto the bus as a transmitter, and the receiving device as the receiver. The device controlling the transfer is called the master and the device being controlled is called the slave. The master always initiates data transfers, and provides the clock for both transmit and receive operations. The X9252 operates as a slave in all applications. All 2-wire interface operations must begin with a START, followed by a Slave Address byte. The Slave Address selects the X9252, and specifies if a Read or Write operation is to be performed. All Communication over the 2-wire interface is conducted by sending the MSB of each byte of data first. Serial Clock and Data Data states on the SDA line can change only while SCL is LOW. SDA state changes while SCL is HIGH are reserved for indicating START and STOP conditions. See Figure 2. On power up of the X9252, the SDA pin is in the input mode. Serial Start Condition All commands are preceded by the START condition, which is a HIGH to LOW transition of SDA while SCL is HIGH. The device continuously monitors the SDA and SCL lines for the START condition and does not respond to any command until this condition has been met. See Figure 2. Serial Stop Condition All communications must be terminated by a STOP condition, which is a LOW to HIGH transition of SDA while SCL is HIGH. The STOP condition is also used to place the device into the Standby power mode after a read sequence. A STOP condition can only be issued after the transmitting device has released the bus. See Figure 2.
Figure 2. Valid Data Changes, Start, and Stop Conditions
SCL
SDA
START
DATA DATA DATA STABLE CHANGE STABLE
STOP
REV 1.4.1 7/29/03
www.xicor.com
12 of 21
X9252
Serial Acknowledge An ACK (Acknowledge), is a software convention used to indicate a successful data transfer. The transmitting device, either master or slave, releases the bus after transmitting eight bits. During the ninth clock cycle, the receiver pulls the SDA line LOW to acknowledge the reception of the eight bits of data. See Figure 3. The device responds with an ACK after recognition of a START condition followed by a valid Slave Address byte. A valid Slave Address byte must contain the Device Type Identifier 0101, and the Device Address bits matching the logic state of pins A2, A1, and A0. See Figure 4. Figure 3. Acknowledge Response From Receiver
SCL from Master
If a write operation is selected, the device responds with an ACK after the receipt of each subsequent eight-bit word. In the read mode, the device transmits eight bits of data, releases the SDA line, and then monitors the line for an ACK. The device continues transmitting data if an ACK is detected. The device terminates further data transmissions if an ACK is not detected. The master must then issue a STOP condition to place the device into a known state.
1
8
9
SDA Output from Transmitter
SDA Output from Receiver START ACK
REV 1.4.1 7/29/03
www.xicor.com
13 of 21
X9252
Slave Address Byte Following a START condition, the master must output a Slave Address Byte (Refer to figure 4.). This byte includes three parts: - The four MSBs (SA7-SA4) are the Device Type Identifier, which must always be set to 0101 in order to select the X9252. - The next three bits (SA3-SA1) are the Device Address bits (AS2-AS0). To access any part of the X9252's memory, the value of bits AS2, AS1, and AS0 must correspond to the logic levels at pins A2, A1, and A0 respectively. - The LSB (SA0) is the R/W bit. This bit defines the operation to be performed on the device being addressed. When the R/W bit is "1", then a Read operation is selected. A "0" selects a Write operation. Figure 4. Slave Address (SA) Format
ACK returned? SA7 0 SA6 SA5 1 0 SA4 1 SA3 AS2 SA2 AS1 SA1 AS0 SA0 R/W YES High Voltage complete. Continue command sequence.
then no ACK is returned. If the high voltage cycle is completed, an ACK is returned and the master can then proceed with a new Read or Write operation. (Refer to figure 5.) Figure 5. Acknowledge Polling Sequence
Byte load completed by issuing STOP. Enter ACK Polling
Issue START
Issue Slave Address Byte (Read or Write)
Issue STOP
NO
Device Type Identifier
Device Address
Read or Write
NO
Slave Address Bit(s)
SA7-SA4 SA3-SA1 SA0
YES
Description
Device Type Identifier Device Address Read or Write Operation Select
PROCEED Continue normal Read or Write command sequence
Issue STOP
Nonvolatile Write Acknowledge Polling After a nonvolatile write command sequence is correctly issued (including the final STOP condition), the X9252 initiates an internal high voltage write cycle. This cycle typically requires 5 ms. During this time, any Read or Write command is ignored by the X9252. Write Acknowledge Polling is used to determine whether a high voltage write cycle is completed. During acknowledge polling, the master first issues a START condition followed by a Slave Address Byte. The Slave Address Byte contains the X9252's Device Type Identifier and Device Address. The LSB of the Slave Address (R/W) can be set to either 1 or 0 in this case. If the device is busy within the high voltage cycle,
2-WIRE SERIAL INTERFACE OPERATION X9252 Digital Potentiometer Register Organization Refer to the Functional Diagram on page 1. There are four Digitally Controlled Potentiometers, referred to as DCPi, i=0,1,2,3. Each potentiometer has one volatile Wiper Control Register(WCR) with the corresponding number, WCRi, i=0,1,2,3. Each potentiometer also has four nonvolatile registers to store wiper position or general data, these are numbered DRi0, DRi1, DRi2 and DRi3, i=0,1,2,3.
REV 1.4.1 7/29/03
www.xicor.com
14 of 21
X9252
The registers are organized in five pages of four, with one page consisting of the WCRi (i=0-3), a second page containing the DRi0 (i=0-3), a third page containing the DRi1, and so forth. These pages can be written to four bytes at at time. In this manner all four potentiometer WCRs can be updated in a single serial write (see "Page Write Operation" on page 17), as well as all four registers of a given page in the DR array. The unique feature of the X9252 device is that writing or reading to a Data Register of a given DCP automatically updates/moves the WCR of that DCP with the content of the DR. In this manner data can be moved from a particular DCP register to that DCP's WCR just by performing a 2-wire read operation. Simultaneously, that data byte can be utilized by the host. Status Register Organization The Status Register (SR) is used in read and write operations to select the appropriate DCP register. Before any DCP register can be accessed, the SR must be set to the correct value. It is accessed by setting the Address Byte to 07h (Write Slave Address, followed by Byte Address 07h). The SR is volatile and defaults to 00h on power up. It is an 8-bit register containing three control bits in the 3 LSBs as follows:
7 6 5 4 3 2 1 0 NVEnable
Table 2. Status Register Contents for WCR and DR Selection for 2-Wire Interface Register Selected
WCRi DRi0 DRi1 DRi2 DRi3
Note:
DRSel1
X 0 0 1 1
DRSel0
X 0 1 0 1
NVEnable
0 1 1 1 1
X means either 0 or 1, i = 0,1,2, or 3
DCP Addressing for 2-wire Interface Once the register number has been selected by a 2wire instruction, then the DCP number is determined by the Address Byte of the following instruction. Note again that this enables a complete page write of the DRs of all four potentiometers at once. The register addresses accessible in the X9252 include: Table 3. Addressing for 2-wire Interface Address Byte Address (hex)
0 1 2 3 4 5 6 7
Contents
DCP 0 DCP 1 DCP 2 DCP 3 Not Used Not Used Not Used Status Register
Reserved
DRSel1 DRSel0
Bits DRSel0 and DRSel1 determine which Data Register of a DCP is selected in a given operation. NVEnable is used to select the volatile WCR if "0", and one of the nonvolatile DCP registers if "1". Table 2 shows this register organization. "Store" operations using the Up/Down interface require that bits DRSel1 and DRSel0 are set to "0".
All other address bits in the Address Byte must be set to "0" during 2-wire write operations and their value should be ignored when read.
REV 1.4.1 7/29/03
www.xicor.com
15 of 21
X9252
Byte Write Operation For any Byte Write operation, the X9252 requires the Slave Address byte, an Address Byte, and a Data Byte (See Figure 6). After each of them, the X9252 responds with an ACK. The master then terminates the transfer by generating a STOP condition. At this time, if the write operation is to a volatile register (WCR, or SR), the X9252 is ready for the next read or write operation. If the write operation is to a nonvolatile register (DR), and the WP pin is high, the X9252 begins the internal write cycle to the nonvolatile memory. During the internal nonvolatile write cycle, the X9252 does not respond to any requests from the master. The SDA output is at high impedance. The SR bits and WP pin determine the register being accessed through the 2-wire interface. See Table 1 on page 11. As noted before, that any write operation to a Data Register (DR), also writes to the WCR of the corresponding DCP. For example, to write 3Ahex to the Data Register 1 of DCP2 the following sequence is required: START Slave Address ACK Address Byte ACK Data Byte ACK STOP START Slave Address ACK Address Byte ACK Data Byte ACK STOP
0101 0000 0000 0111 0000 0011
(Hardware Address = 000, and a Write command) (Indicates Status Register address) (Data Register 1 and NVEnable selected)
0101 0000 0000 0010 0011 1010
(Hardware address = 000, Write command) (Access DCP2) (Write Data Byte 3Ah)
During the sequence of this example, WP pin must be high, and A0, A1, and A2 pins must be low. When completed, the DR21 register will be set to 3Ah, and also the WCR2.
Figure 6. Byte Write Sequence
Write Signals from the Master S t a r t Slave Address Address Byte Data Byte S t o p
Signal at SDA Signals from the Slave
01 01
0
A C K A C K A C K
REV 1.4.1 7/29/03
www.xicor.com
16 of 21
X9252
Page Write Operation As stated previously, the memory is organized as a single Status Register (SR), and four pages of four registers each. Each page contains one Data Register for each DCP. The order of the bytes within a page is DR0i, followed by DR1i, followed by DR2i, and then DR3i, with i being the Data Register number (0, 1, 2, or 3). Normally a page write operation will be used to efficiently update all four data registers and WCR in a single write command, starting at DCP0 and finishing with DCP3. In order to perform a Page Write operation to the memory array, the NVEnable bit in the SR must first be set to "1". A Page Write operation is initiated in the same manner as the byte write operation; but instead of terminating the write cycle after the first data byte is transferred, the master can transmit up to 4 bytes (See Figure 7). After the receipt of each byte, the X9252 responds with an ACK, and the internal DCP address counter is incremented by one. The page address remains Figure 7. Page Write Operation
Write Signals from the Master S t a r t 2constant. When the counter reaches the end of the page (DR3i, 03hex), it "rolls over" and goes back to the first byte of the same page (DR0i, 00hex). For example, if the master writes 3 bytes to a page starting at location DR22, the first 2 bytes are written to locations DR22 and DR32, while the last byte is written to locations DR02. Afterwards, the DCP counter would point to location DR12. If the master supplies more than 4 bytes of data, then new data overwrites the previous data, one byte at a time. The master terminates the loading of Data Bytes by issuing a STOP condition, which initiates the nonvolatile write cycle. As with the Byte Write operation, all inputs are disabled until completion of the internal write cycle. If the WP pin is high, the nonvolatile write cycle doesn't start and the bytes are discarded. Notice that the Data Bytes are also written to the WCR of the corresponding DCPs, therefore in the above example, WCR2, WCR3, and WCR0 are also written.
Data Byte (1)
Data Byte (n)
Signal at SDA
01 01
Signals from the Slave
0
A C K A C K A C K A C K
REV 1.4.1 7/29/03
www.xicor.com
17 of 21
X9252
Move/Read Operation The Move/Read operation simultaneously reads the contents of a Data Register (DR) and moves the contents into the corresponding DCP's WCR. If the DRs of more than one DCP are read, then the WCRs of all those DCPs are updated with the content of their corresponding DR. Move/Read operation consists of a one byte, or three byte instruction followed by one or more Data Bytes (See Figure 8). To read an arbitrary byte, the master initiates the operation issuing the following sequence: a START, the Slave Address byte with the R/W bit set to "0", an Address Byte, a second START, and a second Slave Address byte with the R/W bit set to "1". After each of the three bytes, the X9252 responds with an ACK. Then the X9252 transmits Data Figure 8. Move/Read Sequence Bytes as long as the master responds with an ACK during the SCL cycle following the eigth bit of each byte. The master terminates the Move/Read operation (issuing a STOP condition) following the last bit of the last Data Byte. The first byte being read is determined by the current DCP address and by the Status Register bits, according to Table 2 on page 15. If more than one byte is read, the DCP address is incremented by one after each byte, in the same way as during a Page Write operation. After reaching DCP3, the DCP address "rolls over" to DCP0. On power up, the Address pointer is set to the Data Register 0 of DCP0.
One or more Data Bytes Signals from the Master S t a r t Slave Address with R/W=0 S t a r t Slave Address with R/W=1 S t o p
Address Byte
A C K
A C K
Signal at SDA Signals from the Slave
01 01
0
A C K A C K
01 01
1
A C K First Read Data Byte Last Read Data Byte
Setting the Current Address Random Address Read
Current Address Read
REV 1.4.1 7/29/03
www.xicor.com
18 of 21
X9252
APPLICATIONS INFORMATION Basic Configurations of Electronic Potentiometers
VR +VR
RW
I Three terminal Potentiometer; Variable voltage divider
Two terminal Variable Resistor; Variable current
Application Circuits Noninverting Amplifier
VS + - VO VIN 317 R1 R2 R1 VO (REG)
Voltage Regulator
Iadj R2
VO = (1+R2/R1)VS
VO (REG) = 1.25V (1+R2/R1)+Iadj R2
Offset Voltage Adjustment
R1 VS +5V 100K - + 10K 10K +5V 10K VO TL072 R2
Comparator with Hysterisis
VS - + VO
VUL = {R1/(R1+R2)} VO(max) RLL = {R1/(R1+R2)} VO(min)
} R1
} R2 19 of 21
REV 1.4.1 7/29/03
www.xicor.com
X9252
Application Circuits (continued) Attenuator
C VS R1 - VS R3 R4 R1 = R2 = R3 = R4 = 10k R1 + VO R2 R + - VO
Filter
R2
VO = G VS -1/2 G +1/2
GO = 1 + R2/R1 fc = 1/(2RC)
Inverting Amplifier
R1 R2
Equivalent L-R Circuit
}
VS
}
- + VO
C1 VS
R2 + -
VO = G VS G = - R2/R1
ZIN
R1 R3
ZIN = R2 + s R2 (R1 + R3) C1 = R2 + s Leq (R1 + R3) >> R2
Function Generator
C
- +
R2
R1 - +
} RA } RB
frequency R1, R2, C amplitude RA, RB
REV 1.4.1 7/29/03
www.xicor.com
20 of 21
X9252
PACKAGING INFORMATION
24-Lead Plastic, TSSOP, Package Code V24
.026 (.65) BSC
.169 (4.3) .252 (6.4) BSC .177 (4.5)
.303 (7.70) .311 (7.90)
.047 (1.20) .0075 (.19) .0118 (.30)
.002 (.06) .005 (.15)
.010 (.25) Gage Plane 0-8 .020 (.50) .030 (.75) Detail A (20X) Seating Plane (1.78) (0.42) (0.65) .031 (.80) .041 (1.05) See Detail "A" NOTE: ALL DIMENSIONS IN INCHES (IN PARENTHESES IN MILLIMETERS)
(4.16) (7.72)
ALL MEASUREMENTS ARE TYPICAL
LIMITED WARRANTY
(c)Xicor, Inc. 2003 Patents Pending
Devices sold by Xicor, Inc. are covered by the warranty and patent indemnification provisions appearing in its Terms of Sale only. Xicor, Inc. makes no warranty, express, statutory, implied, or by description regarding the information set forth herein or regarding the freedom of the described devices from patent infringement. Xicor, Inc. makes no warranty of merchantability or fitness for any purpose. Xicor, Inc. reserves the right to discontinue production and change specifications and prices at any time and without notice. Xicor, Inc. assumes no responsibility for the use of any circuitry other than circuitry embodied in a Xicor, Inc. product. No other circuits, patents, or licenses are implied. TRADEMARK DISCLAIMER: Xicor and the Xicor logo are registered trademarks of Xicor, Inc. AutoStore, Direct Write, Block Lock, SerialFlash, MPS, BiasLock and XDCP are also trademarks of Xicor, Inc. All others belong to their respective owners. U.S. PATENTS Xicor products are covered by one or more of the following U.S. Patents: 4,326,134; 4,393,481; 4,404,475; 4,450,402; 4,486,769; 4,488,060; 4,520,461; 4,533,846; 4,599,706; 4,617,652; 4,668,932; 4,752,912; 4,829,482; 4,874,967; 4,883,976; 4,980,859; 5,012,132; 5,003,197; 5,023,694; 5,084,667; 5,153,880; 5,153,691; 5,161,137; 5,219,774; 5,270,927; 5,324,676; 5,434,396; 5,544,103; 5,587,573; 5,835,409; 5,977,585. Foreign patents and additional patents pending. LIFE RELATED POLICY In situations where semiconductor component failure may endanger life, system designers using this product should design the system with appropriate error detection and correction, redundancy and back-up features to prevent such an occurrence. Xicor's products are not authorized for use in critical components in life support devices or systems. 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and whose failure to perform, when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the user. 2. A critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.
REV 1.4.1 7/29/03
www.xicor.com
Characteristics subject to change without notice.
21 of 21


▲Up To Search▲   

 
Price & Availability of X9252

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X