Part Number Hot Search : 
CX1622 AOZ8102 YB25D BA6820 61BDR AHC1G M600H MC68HC9
Product Description
Full Text Search
 

To Download M74HC1520B1R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 M54/M74HC4518 M54/M74HC4520
HC4518 DUAL DECADE COUNTER HC4520 DUAL 4 BIT BINARY COUNTER
.HI .LOWPOWERDI .HI .OUTPUTDRI .SYMMETRI .BALANCEDPROPAGATI .WI .PI
GH SPEED fMAX = 55 MHz (TYP.) at VCC = 5 V SSIPATION ICC = 4 A (MAX.) AT TA = 25 C GH NOISE IMMUNITY VNIH = VNIL = 28 % VCC (MIN.) VE CAPABILITY 10 LSTTL LOADS CAL OUTPUT IMPEDANCE |IOH| = IOL = 4 mA (MIN.) ON DELAYS tPLH = tPHL DE OPERATING VOLTAGE RANGE VCC (OPR) = 2 V TO 6 V N AND FUNCTION COMPATIBLE WITH 4520B/4518B
B1R (Plastic Package)
F1R (Ceramic Package)
M1R (Micro Package)
C1R (Chip Carrier)
ORDER CODES : M54HCXXXXF1R M74HCXXXXM1R M74HCXXXXB1R M74HCXXXXC1R
PIN CONNECTIONS (top view)
DESCRIPTION The M54/74HC4518/4520 are high speed CMOS DUAL 4 BIT BINARY COUNTERS fabricated in sili2 con gate C MOS technology. They have the same high speed performance of LSTTL combined with true CMOS low power consumption. They consists of two identical internally synchronous 4-stage counters. The counter stages are D-type flip-flops having interchangeable Clock and ENABLE inputs for incrementing on either the positive-going or negative-going transition. For single-unit operation the ENABLE input is maintained "high" and the counter advances on each positive-going transition of the CLOCK. The counters are cleared by high levels on their clear lines. The counter can be cascaded in the ripple mode by connecting Q4 to the enable input of the subsequent counter while the clock input of the latter is held permanently low. All inputs are equipped with protection circuits against static discharge and transient excess voltage.
March 1993
NC = No Internal Connection
1/13
M54/M74HC4518/4520
LOGIC DIAGRAM (1/2 HC4518)
LOGIC DIAGRAM (1/2 HC4520)
2/13
M54/M74HC4518/4520
TIMING CHART (HC4518)
TIMING CHART (HC4520)
3/13
M54/M74HC4518/4520
TRUTH TABLE
INPUTS CLOCK L X X L H X
X: Don't Care Z: High Impedance
ENABLE H
CLEAR L L L L L L H
FUNCTION INCREMENT COUNTER INCREMENT COUNTER NO CHANGE NO CHANGE NO CHANGE NO CHANGE Q0 THRU Q3 = L
X
PIN DESCRIPTION
PIN No 1, 9 2, 10 3, 4, 5, 6 7, 15 11, 12, 13, 14 8 16 SYMBOL 1CLOCK, 2CLOCK 1ENABLE, 2ENABLE 1Q0 to 1Q3 1CLEAR, 2CLEAR 2Q0 to 2Q3 GND V CC NAME AND FUNCTION Clock Inputs (LOW to HIGH, Edge-triggered) Clock Enable Inputs Data Outputs Asynchronous Reset Inputs (Active LOW) Data Outputs Ground (0V) Positive Supply Voltage
INPUT AND OUTPUT EQUIVALENT CIRCUIT
IEC LOGIC SYMBOLS
HC4518 HC4520
4/13
M54/M74HC4518/4520
ABSOLUTE MAXIMUM RATINGS
Symbol VCC VI VO IIK IOK IO ICC or IGND PD Tstg TL Supply Voltage DC Input Voltage DC Output Voltage DC Input Diode Current DC Output Diode Current DC Output Source Sink Current Per Output Pin DC VCC or Ground Current Power Dissipation Storage Temperature Lead Temperature (10 sec) Parameter Value -0.5 to +7 -0.5 to VCC + 0.5 -0.5 to VCC + 0.5 20 20 25 50 500 (*) -65 to +150 300 Unit V V V mA mA mA mA mW
o o
C C
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these condition isnotimplied. (*) 500 mW: 65 oC derate to 300 mW by 10mW/oC: 65 oC to 85 oC
RECOMMENDED OPERATING CONDITIONS
Symbol VCC VI VO Top tr, tf Parameter Supply Voltage Input Voltage Output Voltage Operating Temperature: M54HC Series M74HC Series Input Rise and Fall Time Value 2 to 6 0 to VCC 0 to VCC -55 to +125 -40 to +85 0 to 1000 0 to 500 0 to 400 Unit V V V C o C ns
o
VCC = 2 V VCC = 4.5 V VCC = 6 V
5/13
M54/M74HC4518/4520
DC SPECIFICATIONS
Test Conditions Symbol Parameter VCC (V) 2.0 4.5 6.0 2.0 4.5 6.0 V OH High Level Output Voltage 2.0 4.5 6.0 4.5 VOL Low Level Output Voltage 6.0 2.0 4.5 6.0 4.5 6.0 II ICC Input Leakage Current Quiescent Supply Current 6.0 6.0 VI = IO=-20 A VIH or V IL IO=-4.0 mA IO=-5.2 mA VI = IO= 20 A VIH or V IL IO= 4.0 mA IO= 5.2 mA VI = VCC or GND VI = VCC or GND 1.9 4.4 5.9 4.18 5.68 2.0 4.5 6.0 4.31 5.8 0.0 0.0 0.0 0.17 0.18 0.1 0.1 0.1 0.26 0.26 0.1 4 TA = 25 oC 54HC and 74HC Min. Typ. Max. 1.5 3.15 4.2 0.5 1.35 1.8 1.9 4.4 5.9 4.13 5.63 0.1 0.1 0.1 0.37 0.37 1 40 Value -40 to 85 oC -55 to 125 oC 74HC 54HC Min. Max. Min. Max. 1.5 3.15 4.2 0.5 1.35 1.8 1.9 4.4 5.9 4.10 5.60 0.1 0.1 0.1 0.40 0.40 1 80 A A V V 1.5 3.15 4.2 0.5 1.35 1.8 V V Unit
VIH
High Level Input Voltage Low Level Input Voltage
V IL
6/13
M54/M74HC4518/4520
AC ELECTRICAL CHARACTERISTICS (C L = 50 pF, Input t r = tf = 6 ns)
Test Conditions Symbol Parameter VCC (V) 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 for HC4518 for HC4520 6 30 35 TA = 25 C 54HC and 74HC Min. Typ. Max. 30 8 7 72 22 18 65 20 16 23 51 60 25 6 5 20 5 4 21 3 3 5 38 32 75 15 13 75 15 13 50 10 9 10 75 15 13 160 32 27 150 30 26 4.8 24 28 95 19 16 95 19 16 60 12 11 10 110 22 19 75 15 13 10 ns pF pF ns ns
o
Value -40 to 85 oC -55 to 125 oC 74HC 54HC Min. Max. Min. Max. 95 19 16 200 40 34 190 38 33 4 20 24 MHz 110 22 19 240 48 41 225 45 38 ns ns ns Unit
tTLH tTHL tPLH tPHL tPHL
Output Transition Time Propagation Delay Time (CK, CE - Qn) Propagation Delay Time (CLR - Qn) Maximum Clock Frequency Minimum Pulse Width (CK, CE) Minimum Pulse Width (CLR) Minimum Removal Time (CLR) Input Capacitance Power Dissipation Capacitance
fMAX
tW(H) tW(L) tW(L)
tREM
CIN CPD (*)
(*) CPD is defined as the value of the IC's internal equivalent capacitance which is calculated from the operating current consumption without load. (Refer to Test Circuit). Average operting current can be obtained by the following equation. ICC(opr) = CPD *VCC *fIN + ICC/2 (per COUNTER)
7/13
M54/M74HC4518/4520
SWITCHING CHARACTERISTICS TEST WAVEFORMS
TEST CIRCUIT ICC (Opr.)
INPUT WAVEFORM IS THE SAME AS THAT IN CASE OF SWITCHING CHARACTERISTICS TESTS.
8/13
M54/M74HC4518/4520
Plastic DIP16 (0.25) MECHANICAL DATA
mm MIN. a1 B b b1 D E e e3 F I L Z 3.3 1.27 8.5 2.54 17.78 7.1 5.1 0.130 0.050 0.51 0.77 0.5 0.25 20 0.335 0.100 0.700 0.280 0.201 1.65 TYP. MAX. MIN. 0.020 0.030 0.020 0.010 0.787 0.065 inch TYP. MAX.
DIM.
P001C
9/13
M54/M74HC4518/4520
Ceramic DIP16/1 MECHANICAL DATA
mm MIN. A B D E e3 F G H L M N P Q 7.8 2.29 0.4 1.17 0.22 0.51 0.38 17.78 2.79 0.55 1.52 0.31 1.27 10.3 8.05 5.08 0.307 0.090 0.016 0.046 0.009 0.020 3.3 0.015 0.700 0.110 0.022 0.060 0.012 0.050 0.406 0.317 0.200 TYP. MAX. 20 7 0.130 MIN. inch TYP. MAX. 0.787 0.276
DIM.
P053D
10/13
M54/M74HC4518/4520
SO16 (Narrow) MECHANICAL DATA
DIM. MIN. A a1 a2 b b1 C c1 D E e e3 F G L M S 3.8 4.6 0.5 9.8 5.8 1.27 8.89 4.0 5.3 1.27 0.62 8 (max.) 0.149 0.181 0.019 10 6.2 0.35 0.19 0.5 45 (typ.) 0.385 0.228 0.050 0.350 0.157 0.208 0.050 0.024 0.393 0.244 0.1 mm TYP. MAX. 1.75 0.2 1.65 0.46 0.25 0.013 0.007 0.019 0.004 MIN. inch TYP. MAX. 0.068 0.007 0.064 0.018 0.010
P013H
11/13
M54/M74HC4518/4520
PLCC20 MECHANICAL DATA
mm MIN. A B D d1 d2 E e e3 F G M M1 1.27 1.14 7.37 1.27 5.08 0.38 0.101 0.050 0.045 9.78 8.89 4.2 2.54 0.56 8.38 0.290 0.050 0.200 0.015 0.004 TYP. MAX. 10.03 9.04 4.57 MIN. 0.385 0.350 0.165 0.100 0.022 0.330 inch TYP. MAX. 0.395 0.356 0.180
DIM.
P027A
12/13
M54/M74HC4518/4520
Information furnished is believed to be accurate and reliable. However, SGS-THOMSON Microelectronics assumes no responsability for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may results from its use. No license is granted by implication or otherwise under any patent or patent rights of SGS-THOMSON Microelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. SGS-THOMSON Microelectronics products are not authorized for use ascritical components in life support devices or systems without express written approval of SGS-THOMSON Microelectonics. (c) 1994 SGS-THOMSON Microelectronics - All Rights Reserved SGS-THOMSON Microelectronics GROUP OF COMPANIES Australia - Brazil - France - Germany - Hong Kong - Italy - Japan - Korea - Malaysia - Malta - Morocco - The Netherlands Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A
13/13


▲Up To Search▲   

 
Price & Availability of M74HC1520B1R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X