Part Number Hot Search : 
MUR844M2 PC100 MAX3765 16652 LLZ51V C68HC908 RB480KS P6KE6
Product Description
Full Text Search
 

To Download BCM6410 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BCM6410/6420
PRODUCT
(R)
Brief
OF BENEFITS
LOW-POWER, HIGH-DENSITY CENTRAL OFFICE ADSL SOLUTION
BCM6410/6420 FEATURES SUMMARY
* Low-power, high-density Central Office ADSL solution Lowest power per channel: * (worst-case line conditions),less than 1W per channel including the line driver
Highest * channelsdensity two-chip solution implements 12 of full-rate ADSL Smallest modem production ready design is * just 650 mm2 perfootprint: using only eight PCB layers channel, Complete standards support: * G.992.1 (G.dmt) Annex A, B, CANSI T1.413 issue2, ITU & H, ITU G.992.2 (G.lite), ITU G.992.3 (ADSL2) Annex A, B, J (extended upstream), L (RE-ADSL), and ITU G.992.5 (ADSL2+)
* Superior rate-reach performance * Proven worldwide interoperability * System-wide power cut-back techniques deliver in-
service power savings and patented power reduction technologies deliver unmatchable low-power consumption using standard class AB line drivers booting and management (processor-less line cards)
* Complete G.997.1 on chip support enabling remote
Fully soft modem implementation * unprecedented feature richness supports Loop condition * service lines testing and capacity estimation on in-
* Shared clocks and power supplies reduce line card cost * No external devices (e.g., memory) are required * Designed to operate with a wide range of line driver
devices
* Full design-in support provided
BladeRunnerTM Central Office ADSL System
UTOPIA 2
CTRL
BCM6410
SPROM (optional) External Controller (optional)
SYNC TX RX CLK
BCM6420
12-Channel xDSL Integrated AFE IC
AFE Line Interface 12 off AFE Line Interface
12-Channel DSL Digital Transceiver IC
35.328 MHz Clock
BCM6410/6420
OVERVIEW
The BCM6410 and BCM6420 devices are the first of Broadcom's new BladeRunnerTM generation of low-power DSL chipsets designed for very high-density and functionally rich DSLAM and DLC systems. Powered by Broadcom's ultra-high performance FirePathTM communications processor, optimized for xDSL algorithms, the BCM6410's fully programmable digital design serves as a platform for a low-power and high-density digital transceiver IC. BladeRunner's unique PowerCrestTM power optimization reduces line driver power consumption regardless of the line driver used. It also supports system-wide algorithms only available on a purely software-based system. The BCM6410 12-channel DSL digital transceiver IC is supplied in a 27 mm x 27 mm Plastic BGA (336-ball) package. The BCM6420 12-channel xDSL AFE IC is supplied in a 23 mm x 23 mm Plastic BGA (208-ball) package. The firmware for the BCM6410/BCM6420 chipset supports ANSI T1.413 issue 2, ITU G.992.1 Annexes A, B, C, and I, ITU G.992.2 (G.lite), ITU G.992.3 (ADSL2) Annex A, B, J, and L, and ITU G.992.5 (ADSL2+) giving complete support for full- and double-rate ADSL, extended upstream ADSL2, Reach Extended RE-ADSL, and up to 27-Mbps ADSL2+. Future firmware upgrades will track future standards evolution, extend interoperability, and provide higher-layer network functions. Upgrades are supplied to customers as required for all firmware variants, using the same hardware design for all Annexes. CPE InterOperability The BladeRunner solution has proven interoperability with a broad range of ADSL CPEs and supports extended rate-reach performance, as well as dual latency and S = 0.5 operation. Host Messaging Interface Definition The functionality of the BladeRunner chipset is accessed via a flexible messaging interface. This interface is supported on the local processor port connection and over the in-band management link. A detailed and comprehensive definition of this interface is available to customers and full design-in assistance is provided, including example host codes and graphical user interfaces (GUIs).
Reference Line Card Designs Broadcom has designed a number of working line cards with generic system connectivity to suit different form factors and channel counts. These serve as references for customer designs, demonstrate the high channel density capability of the Broadcom solution, verify CPE interoperability, and showcase the viability of low-cost volume production. These boards are readily manufactured in high volume at low cost. Broadcom can provide line card design expertise as an integral part of the design support activity. Evaluation Systems Broadcom has produced several evaluation systems that use the reference line card designs to quickly prototype working multichannel ADSL modems. This allows customers to evaluate the benefits of using Broadcom's BladeRunner ADSL chipset, and provides a development platform for system/product prototyping. Software Development Environment Broadcom has created a sophisticated software development environment with which to design, build and verify the software base for its FirePathTM processor core and its ADSL applications. This environment includes a comprehensive commercially available tool chain of processor simulators, assemblers, optimizing compilers, and debugging tools. The software environment includes a robust real-time operating system and flexible software architecture. Using the tool chain, additional functionality can be added to the chipset's firmware tailored to a customer's specific requirements by Broadcom or by the customer-all the necessary support is provided. Technology White Papers Broadcom has created a comprehensive base of innovative technology during development of its ADSL products, on which white papers are available. This technology relates to new design processes, the FirePath processor architecture, low-power hardware designs, system-wide power management techniques, optimized software algorithms, and unique ADSL trafficcarrying techniques. Ordering Information BCM6410IPB 12-Channel ADSL Digital Transceiver BCM6420IPB 12-Channel xDSL Integrated AFE
Broadcom(R), the pulse logo, BladeRunnerTM, FirePathTM, and Connecting everything(R) are trademarks of Broadcom Corporation and/or its subsidiaries in the United States and certain other countries. All other trademarks are the property of their respective owners.
(R)
BROADCOM CORPORATION 16215 Alton Parkway, P.O. Box 57013 Irvine, California 92619-7013
(c) 2003 by BROADCOM CORPORATION. All rights reserved. 6410/6420-PB02-R-07.01.03
Phone: 949-450-8700 FAX: 949-450-8710 Email: info@broadcom.com Web: www.broadcom.com


▲Up To Search▲   

 
Price & Availability of BCM6410

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X