Part Number Hot Search : 
HC256DMB KBL10 2N5416U4 1N4729AW MH4802 C67078 SP8630B 1N3823
Product Description
Full Text Search
 

To Download AD8631 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 a
FEATURES Single Supply Operation: 1.8 V to 6 V Space-Saving SOT-23, SOIC Packaging Wide Bandwidth: 5 MHz @ 5 V, 4 MHz @ 1.8 V Low Offset Voltage: 4 mV Max, 0.8 mV typ Rail-to-Rail Input and Output Swing 2 V/ s Slew Rate @ 1.8 V Only 225 A Supply Current @ 1.8 V APPLICATIONS Portable Communications Portable Phones Sensor Interface Active Filters PCMCIA Cards ASIC Input Drivers Wearable Computers Battery-Powered Devices New Generation Phones Personal Digital Assistants GENERAL DESCRIPTION
1.8 V, 5 MHz Rail-to-Rail Low Power Operational Amplifiers AD8631/AD8632
PIN CONFIGURATIONS 5-Lead SOT-23 (RT Suffix)
OUT A 1 V- 2 +IN A 3 4 -IN A
AD8631
5 V+
8-Lead SOIC (R Suffix)
OUT A 1 -IN A 2 +IN A 3 V- 4 8 7 V+ OUT B -IN B +IN B
AD8632
6 5
8-Lead SOIC (RM Suffix)
OUT A -IN A +IN A V- 1 8
The AD8631 brings precision and bandwidth to the SOT-23-5 package at single supply voltages as low as 1.8 V and low supply current. The small package makes it possible to place the AD8631 next to sensors, reducing external noise pickup. The AD8631 and AD8632 are rail-to-rail input and output bipolar amplifiers with a gain bandwidth of 4 MHz and typical voltage offset of 0.8 mV from a 1.8 V supply. The low supply current and the low supply voltage makes these parts ideal for battery-powered applications. The 3 V/s slew rate makes the AD8631/AD8632 a good match for driving ASIC inputs, such as voice codecs. The AD8631/AD8632 is specified over the extended industrial (-40 C to +125 C) temperature range. The AD8631 single is available in 5-lead SOT-23 surface-mount packages. The dual AD8632 is available in 8-lead SOIC and SOIC packages.
AD8632
4 5
V+ OUT B -IN B +IN B
REV. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781/329-4700 World Wide Web Site: http://www.analog.com Fax: 781/326-8703 (c) Analog Devices, Inc., 2000
AD8631/AD8632-SPECIFICATIONS
ELECTRICAL CHARACTERISTICS (V = 5 V, V- = 0 V, V
S CM
= 2.5 V, TA = 25 C unless otherwise noted)
Min Typ 0.8 Max 4.0 6 250 500 150 550 5 Unit mV mV nA nA nA nA V dB dB V/mV V/mV V/mV V/ C pA/ C
Parameter INPUT CHARACTERISTICS Offset Voltage Input Bias Current Input Offset Current Input Voltage Range Common-Mode Rejection Ratio Large Signal Voltage Gain
Symbol VOS IB IOS VCM CMRR AVO VOS/T IB/T VOH VOL ISC PSRR ISY
Conditions
-40 C TA +125 C -40 C TA +125 C -40 C TA +125 C 0 V VCM 5 V, -40 C TA +125 C RL = 10 k, 0.5 V < VOUT < 4.5 V RL = 100 k, 0.5 V < VOUT < 4.5 V RL = 100 k, -40 C TA +125 C 0 63 56 100 100 70 25 400 3.5 400 IL = 100 A -40 C TA +125 C IL = 1 mA IL = 100 A -40 C TA +125 C IL = 1 mA Short to Ground, Instantaneous VS = 2.2 V to 6 V, -40 C TA +125 C VOUT = 2.5 V -40 C TA +125 C 1 V < VOUT < 4 V, RL = 10 k 0.1%
Offset Voltage Drift Bias Current Drift OUTPUT CHARACTERISTICS Output Voltage Swing High
4.965 4.7 35 200 10 75 72 90 300 450 650
V V mV mV mA dB dB A A V/s MHz ns Degrees V p-p nV/Hz pA/Hz
Output Voltage Swing Low
Short Circuit Current POWER SUPPLY Power Supply Rejection Ratio Supply Current/Amplifier DYNAMIC PERFORMANCE Slew Rate Gain Bandwidth Product Settling Time Phase Margin NOISE PERFORMANCE Voltage Noise Voltage Noise Density Current Noise Density
Specifications subject to change without notice.
SR GBP TS m en p-p en in
3 5 860 53 0.8 23 1.7
0.1 Hz to 10 Hz f = 1 kHz f = 1 kHz
-2-
REV. 0
AD8631/AD8632 ELECTRICAL CHARACTERISTICS (V = 2.2 V, V- = 0 V, V
S CM
= 1.1 V, TA = 25 C unless otherwise noted)
Min Typ 0.8 Max 4.0 6 250 150 2.2 Unit mV mV nA nA V dB dB V/mV V/mV V V mV mV A A V/s MHz Degrees nV/Hz pA/Hz
Parameter INPUT CHARACTERISTICS Offset Voltage Input Bias Current Input Offset Current Input Voltage Range Common-Mode Rejection Ratio Large Signal Voltage Gain OUTPUT CHARACTERISTICS Output Voltage Swing High Output Voltage Swing Low POWER SUPPLY Supply Current/Amplifier DYNAMIC PERFORMANCE Slew Rate Gain Bandwidth Product Phase Margin NOISE PERFORMANCE Voltage Noise Density Current Noise Density
Specifications subject to change without notice.
Symbol VOS IB IOS VCM CMRR AVO
Conditions
-40 C TA +125 C 0 54 47 50 2.165 1.9
0 V VCM 2.2 V, -40 C TA +125 C RL = 10 k, 0.5 V < VOUT < 1.7 V RL = 100 k IL = 100 A IL = 750 A IL = 100 A IL = 750 A VOUT = 1.1 V -40 C TA +125 C RL = 10 k
70 25 200
VOH VOL
35 200 250 350 500
ISY
SR GBP m en in
2.5 4.3 50 23 1.7
f = 1 kHz f = 1 kHz
REV. 0
-3-
AD8631/AD8632-SPECIFICATIONS
ELECTRICAL CHARACTERISTICS (V = 1.8 V, V- = 0 V, V
S CM
= 0.9 V, TA = 25 C unless otherwise noted)
Min Typ 0.8 Max 4.0 6 250 150 1.8 Unit mV mV nA nA V dB V/mV V/mV V V mV mV dB dB A A V/s MHz Degrees nV/Hz pA/Hz
Parameter INPUT CHARACTERISTICS Offset Voltage Input Bias Current Input Offset Current Input Voltage Range Common-Mode Rejection Ratio Large Signal Voltage Gain OUTPUT CHARACTERISTICS Output Voltage Swing High Output Voltage Swing Low POWER SUPPLY Power Supply Rejection Ratio Supply Current/Amplifier DYNAMIC PERFORMANCE Slew Rate Gain Bandwidth Product Phase Margin NOISE PERFORMANCE Voltage Noise Density Current Noise Density
Specifications subject to change without notice.
Symbol VOS IB IOS VCM CMRR AVO
Conditions
0 C TA 125 C 0 0 V VCM 1.8 V, 0 C TA 125 C RL = 10 k, 0.5 V < VOUT < 1.3 V RL = 100 k, 0.5 V < VOUT < 1.3 V IL = 100 A IL = 750 A IL = 100 A IL = 750 A VS = 1.7 V to 2.2 V, 0 C TA 125 C VOUT = 0.9 V 0 C TA 125 C RL = 10 k 49 40 1.765 1.5 65 20 200
VOH VOL
35 200 68 65 86 225 325 450
PSRR ISY
SR GBP m en in
2 4 49 23 1.7
f = 1 kHz f = 1 kHz
-4-
REV. 0
AD8631/AD8632
ABSOLUTE MAXIMUM RATINGS 1
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6 V Input Voltage2 . . . . . . . . . . . . . . . . . . . . . . . . . . . GND to VS Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . 0.6 V Internal Power Dissipation SOT-23 (RT) . . . . . . . . . . . . See Thermal Resistance Chart SOIC (R) . . . . . . . . . . . . . . . See Thermal Resistance Chart SOIC (RM) . . . . . . . . . . . . See Thermal Resistance Chart Output Short-Circuit Duration . . . . . . . . . . . . . . . . Indefinite Storage Temperature Range R, RM, and RT Packages . . . . . . . . . . . . . -65 C to +150 C Operating Temperature Range AD8631, AD8632 . . . . . . . . . . . . . . . . . . -40 C to +125 C Junction Temperature Range R, RM, and RT Packages . . . . . . . . . . . . . -65 C to +150 C Lead Temperature Range (Soldering, 60 sec) . . . . . . . . 300 C
NOTES 1 Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those listed in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. 2 For supply voltages less than 6 V the input voltage is limited to the supply voltage.
Package Type 5-Lead SOT-23 (RT) 8-Lead SOIC (R) 8-Lead SOIC (RM)
JA
1
JC
Unit C/W C/W C/W
230 158 210
146 43 45
NOTE 1 JA is specified for worst-case conditions, i.e., JA is specified for device soldered in circuit board for SOT-23 and SOIC packages.
ORDERING GUIDE
Model
1
Temperature Range
Package Description 5-Lead SOT-23 8-Lead SOIC 8-Lead SOIC
Package Option RT-5 SO-8 RM-8
Brand AEA AGA
AD8631ART -40 C to +125 C AD8632AR -40 C to +125 C AD8632ARM2 -40 C to +125 C
NOTES 1 Available in 3,000-piece reels only. 2 Available in 2,500-piece reels only.
CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although the AD8631/AD8632 features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
120 VS = 5V VCM = 2.5V TA = 25 C COUNT = 1,133 OP AMPS
QUANTITY OF AMPLIFIERS SUPPLY CURRENT - A
350 TA = 25 C 325
90
300
60
275
250
30
225
0 -4
-3
-2 -1 0 1 2 INPUT OFFSET VOLTAGE - mV
3
4
200
1
2
3 4 SUPPLY VOLTAGE - V
5
6
Figure 1. Input Offset Voltage Distribution
Figure 2. Supply Current per Amplifier vs. Supply Voltage
REV. 0
-5-
AD8631/AD8632 - Typical Characteristics
500 VS = 5V
30 40 VS = 5V TA = 25 C
450
SUPPLY CURRENT - A OPEN-LOOP GAIN - dB
20
GAIN
400
90 10 0 10 20 PHASE 45 0 45 90
350
300
250
30
200 50
25
0
25 50 TEMPERATURE - C
75
100
125
40 100k
10M 1M FREQUENCY - Hz
100M
Figure 3. Supply Current per Amplifier vs. Temperature
Figure 6. Open-Loop Gain vs. Frequency
150 VS = 2.5V TA = 25 C 100
50 40 VS = 2.5V TA = 25 C
INPUT BIAS CURRENT - nA
50
CLOSED-LOOP GAIN - dB
30 20 10 0 10 20
0
50
100
30
150
3
2
0 1 1 COMMON-MODE VOLTAGE - V
2
3
40
10
100
1k
10k 100k FREQUENCY - Hz
1M
10M
100M
Figure 4. Input Bias Current vs. Common-Mode Voltage
Figure 7. Closed-Loop Gain vs. Frequency
140 TA = 25 C 120
0 VS = 2.5V TA = 25 C 20
OUTPUT VOLTAGE - mV
100
CMRR - dB
80 60
40
60
40 SOURCE 20 0 10
100 80
1k 100 LOAD CURRENT - A
10k
10
100
1k 10k 100k FREQUENCY - Hz
1M
10M
Figure 5. Output Voltage to Supply Rail vs. Load Current
Figure 8. CMRR vs. Frequency
-6-
REV. 0
PHASE SHIFT - Degrees
AD8631/AD8632
0 VS = 2.5V TA = 25 C 20
60 VS = 5V TA = 25 C
50
OUTPUT IMPEDANCE -
PSRR
40
40
PSRR - dB
60
PSRR
30
AV = +10
80
20 AV = +1 10
100
120
10
100
1k 10k 100k FREQUENCY - Hz
1M
10M
0
10
100
1k
10k 100k FREQUENCY - Hz
1M
10M
100M
Figure 9. PSRR vs. Frequency
Figure 12. Output Impedance vs. Frequency
60 VS = 5V VCM = 2.5V RL = 10k TA = 25 C VIN = 50mV AV = +1
50 VS =5V TA = 25 C 40
50
OS
40
VOLTAGE NOISE DENSITY - pA/ Hz
OVERSHOOT - %
30
30
20
20 +OS 10
10
0
10 CAPACITANCE - pF
100
0 10
100 1k FREQUENCY - Hz
10k
Figure 10. Overshoot vs. Capacitance Load
Figure 13. Voltage Noise Density vs. Frequency
6 DISTORTION 3% VS = 5V AV = +1 RL = 10k TA = 25 C CL = 15pF
5 VS = 5V TA = 25 C 4
5
4
CURRENT NOISE DENSITY - pA/ Hz
1M
MAXIMUM OUTPUT SWING - V p-p
3
3
2
2
1
1
0 10k
100k FREQUENCY - Hz
0 10
100 1k FREQUENCY - Hz
10k
Figure 11. Output Swing vs. Frequency
Figure 14. Current Noise Density vs. Frequency
REV. 0
-7-
AD8631/AD8632
0 0 0 0 0 0 0 0 0 TIME - 1s/DIV
VOLTAGE - 20mV/DIV
0 VS = 2.5V TA = 25 C 0 0 0 0 0 0 0 TIME - 250ns/DIV VS = 2.5V AV = +1 TA = 25 C CL = 33pF RL = 10k
VOLTAGE - 200nV/DIV
Figure 15. 0.1 Hz to 10 Hz Noise
Figure 17. Small Signal Transient Response
0 VS = 2.5V AV = 1 VIN = SINE WAVE TA = 25 C
VOLTAGE - 500mV/DIV
0 VS = 2.5V AV = +1 TA = 25 C CL = 100pF RL = 10k
0
VOLTAGE - 1V/DIV
0 0 0 0 0 0 0
0 0 0 0 0 0 TIME - 200 s/DIV
TIME - 500ns/DIV
Figure 16. No Phase Reversal
Figure 18. Large Signal Transient Response
THEORY OF OPERATION
The AD863x is a rail-to-rail operational amplifier that can operate at supply voltages as low as 1.8 V. This family is fabricated using Analog Devices' high-speed complementary bipolar process, also called XFCB. The process trench isolates each transistor to minimize parasitic capacitance, thereby allowing high-speed performance. Figure 19 shows a simplified schematic of the AD863x family. The input stage consists of two parallel complementary differential pair: one NPN pair (Q1 and Q2) and one PNP pair (Q3 and Q4). The voltage drops across R7, R8, R9, and R10 are kept low for rail-to-rail operation. The major gain stage of the op amp is a double-folded cascode consisting of transistors Q5, Q6, Q8, and Q9. The output stage, which also operates rail-to-rail, is driven by Q14. The transistors Q13 and Q10 act as level-shifters to give more headroom during 1.8 V operation. As the voltage at the base of Q13 increases, Q18 starts to sink current. When the voltage at the base of Q13 decreases I8 flows through D16 and Q15 increasing the VBE of Q17, then Q20 sources current. The output stage also furnishes gain, which depends on the load resistance, since the output transistors are in common emitter -8-
configuration. The output swing when sinking or sourcing 100 A is 35 mV maximum from each rail. The input bias current characteristics depend on the commonmode voltage (see Figure 4). As the input voltage reaches about 1 V below VCC, the PNP pair (Q3 and Q4) turns off. The 1 k input resistor R1 and R2, together with the diodes D7 and D8, protect the input pairs against avalanche damage. The AD863x family exhibits no phase reversal as the input signal exceeds the supply by more than 0.6 V. Excessive current can flow through the input pins via the ESD diodes D1-D2 or D3-D4, in the event their ~0.6 V thresholds are exceeded. Such fault currents must be limited to 5 mA or less by the use of external series resistance(s).
LOW VOLTAGE OPERATION Battery Voltage Discharge
The AD8631 operates at supply voltages as low as 1.8 V. This amplifier is ideal for battery-powered applications since it can operate at the end of discharge voltage of most popular batteries. Table I lists the Nominal and End-of-Discharge Voltages of several typical batteries.
REV. 0
AD8631/AD8632
VCC R7 R8 R14 Q19 Q7 I7 I8 C4 I3 IN R2 R6 D8 C1 D4 ESD D2 ESD I2 R11 D16 I4 R9 R10 R12 VEE R13 VEE I5 I6 Q15 Q17 D6 Q8 Q9 C2 Q18 Q10 Q13 C3 Q11 VOUT Q14 D9 Q20 VCC
D1
ESD
I1 D3 ESD R3 R4 Q1 D7 R5 Q2 Q4
Q6 Q5
IN R1
Q3
Figure 19. Simplified Schematic
Table I. Typical Battery Life Voltage Range
Battery Lead-Acid Lithium NiMH NiCd Carbon-Zinc
Nominal Voltage (V) 2 2.6-3.6 1.2 1.2 1.5
End-of-Voltage Discharge (V) 1.8 1.7-2.4 1 1 1.1
The rail-to-rail feature of the AD8631 can be observed over the supply voltage range, 1.8 V to 5 V. Traces are shown offset for clarity.
INPUT BIAS CONSIDERATION
RAIL-TO-RAIL INPUT AND OUTPUT
The input bias current (IB) is a non-ideal, real-life parameter that affects all op amps. IB can generate a somewhat significant offset voltage. This offset voltage is created by IB when flowing through the negative feedback resistor RF. If IB is 250 nA (worst case), and RF is 100 k, the corresponding generated offset voltage is 25 mV (VOS = IB RF). Obviously the lower the RF the lower the generated voltage offset. Using a compensation resistor, RB, as shown in Figure 21, can minimize this effect. With the input bias current minimized we still need to be aware of the input offset current (IOS) which will generate a slight offset error. Figure 21 shows three different configurations to minimize IB-induced offset errors.
RF
The AD8631 features an extraordinary rail-to-rail input and output with supply voltages as low as 1.8 V. With the amplifier's supply set to 1.8 V, the input can be set to 1.8 V p-p, allowing the output to swing to both rails without clipping. Figure 20 shows a scope picture of both input and output taken at unity gain, with a frequency of 1 kHz, at VS = 1.8 V and VIN = 1.8 V p-p.
VS = 1.8V VIN = 1.8V p-p
VI
RI
AD8631
VIN
VOUT INVERTING CONFIGURATION
RB = RI RF RI
VOUT
RF
AD8631
VI RB = RI RF RF = RS
VOUT NONINVERTING CONFIGURATION
TIME - 200 s/Div
Figure 20. Rail-to-Rail Input Output
AD8631
VI RS
VOUT UNITY GAIN BUFFER
Figure 21. Input Bias Cancellation Circuits
REV. 0
-9-
AD8631/AD8632
DRIVING CAPACITIVE LOADS Capacitive Load vs. Gain
Most amplifiers have difficulty driving capacitance due to degradation of phase margin caused by additional phase lag from the capacitive load. Higher capacitance at the output can increase the amount of overshoot and ringing in the amplifier's step response and could even affect the stability of the device. The value of capacitive load that an amplifier can drive before oscillation varies with gain, supply voltage, input signal, temperature, among others. Unity gain is the most challenging configuration for driving capacitive load. However, the AD8631 offers reasonably good capacitive driving ability. Figure 22 shows the AD8631's ability to drive capacitive loads at different gains before instability occurs. This graph is good for all VSY.
1M
90kHz INPUT SIGNAL AV = 1 C = 600pF
VOLTAGE - 200mV/DIV
TIME - 2 s/DIV
Figure 24. Driving Capacitive Loads without Compensation
UNSTABLE 100k
CAPACITIVE LOAD - pF
10k
By connecting a series R-C from the output of the device to ground, known as the "snubber" network, this ringing and overshoot can be significantly reduced. Figure 25 shows the network setup, and Figure 26 shows the improvement of the output response with the "snubber" network added.
5V STABLE
1k
100
AD8631
10 1 2 3 4 5 6 GAIN - V/V 7 8 9 10 VIN RX CX CL
VOUT
Figure 22. Capacitive Load vs. Gain
In-the-Loop Compensation Technique for Driving Capacitive Loads
Figure 25. Snubber Network Compensation for Capacitive Loads
When driving capacitance in low gain configuration, the in-the-loop compensation technique is recommended to avoid oscillation as is illustrated in Figure 23.
VIN CF VOLTAGE - 200mV/DIV RF RG
90kHz INPUT SIGNAL AV = 1 C = 600pF
RX
AD8631
CL
VOUT
RX =
RO RG RF
WHERE RO = OPEN-LOOP OUTPUT RESISTANCE CF =
[
1+
1 ACL
[
RF + RG RF
CLRO
TIME - 2 s/DIV
Figure 23. In-the-Loop Compensation Technique for Driving Capacitive Loads
Snubber Network Compensation for Driving Capacitive Loads
Figure 26. Photo of a Square Wave with the Snubber Network Compensation
As load capacitance increases, the overshoot and settling time will increase and the unity gain bandwidth of the device will decrease. Figure 24 shows an example of the AD8631 in a noninverting configuration driving a 10 k resistor and a 600 pF capacitor placed in parallel, with a square wave input set to a frequency of 90 kHz and unity gain.
The network operates in parallel with the load capacitor, CL, and provides compensation for the added phase lag. The actual values of the network resistor and capacitor have to be empirically determined. Table II shows some values of snubber network for large capacitance load.
-10-
REV. 0
AD8631/AD8632
Table II. Snubber Network Values for Large Capacitive Loads A MICROPOWER REFERENCE VOLTAGE GENERATOR
CLOAD 600 pF 1 nF 10 nF
Rx 300 300 90
Cx 1 nF 1 nF 8 nF
Many single-supply circuits are configured with the circuit biased to one-half of the supply voltage. In these cases, a false-ground reference can be created by using a voltage divider buffered by an amplifier. Figure 28 shows the schematic for such a circuit. The two 1 M resistors generate the reference voltages while drawing only 0.9 A of current from a 1.8 V supply. A capacitor connected from the inverting terminal to the output of the op amp provides compensation to allow a bypass capacitor to be connected at the reference output. This bypass capacitor helps establish an ac ground for the reference output.
1.8V TO 5V
TOTAL HARMONIC DISTORTION + NOISE
The AD863x family offers a low total harmonic distortion, which makes this amplifier ideal for audio applications. Figure 27 shows a graph of THD + N, which is ~0.02% @ 1 kHz, for a 1.8 V supply. At unity gain in an inverting configuration the value of the Total Harmonic Distortion + Noise stays consistently low over all voltages supply ranges.
10 INVERTING AV = 1 1
10k 0.022 F
1M
AD8631
100 1F
VREF 0.9V TO 2.5V
THD + N - %
0.1 VS = 1.8V 0.01
1M
1F
Figure 29. A Micropower Reference Voltage Generator
MICROPHONE PREAMPLIFIER
VS = 5V
0.001 10
The AD8631 is ideal to use as a microphone preamplifier. Figure 30 shows this implementation.
100 1k FREQUENCY - Hz 10k 20k
Figure 27. THD + N vs. Frequency Graph
1.8V
R3 220k 1.8V R1 2.2k VIN C1 0.1 F R2 22k
AD8632 Turn-On Time
The low voltage, low power AD8632 features an extraordinary turn on time. This is about 500 ns for VSY = 5 V, which is impressive considering the low supply current (300 A typical per amplifier). Figure 28 shows a scope picture of the AD8632 with both channels configured as followers. Channel A has an input signal of 2.5 V and channel B has the input signal at ground. The top waveform shows the supply voltage and the bottom waveform reflects the response of the amplifier at the output of Channel A.
0
AD8631
ELECTRET MIC VREF = 0.9V AV = R3 R2
VOUT
Figure 30. A Microphone Preamplifier
0
VOLTAGE - 1V/DIV
VS = 5V AV = 1 VIN = 2.5V STEP
R1 is used to bias an electret microphone and C1 blocks dc voltage from the amplifier. The magnitude of the gain of the amplifier is approximately R3/R2 when R2 10 R1. VREF should be equal to 1/2 1.8 V for maximum voltage swing.
Direct Access Arrangement for Telephone Line Interface
0 0V 0 0
0V 0 0 TIME - 200ns/DIV
Figure 28. AD8632 Turn-On Time
Figure 31 illustrates a 1.8 V transmit/receive telephone line interface for 600 transmission systems. It allows full duplex transmission of signals on a transformer-coupled 600 line in a differential manner. Amplifier A1 provides gain that can be adjusted to meet the modem output drive requirements. Both A1 and A2 are configured to apply the largest possible signal on a single supply to the transformer. Amplifier A3 is configured as a difference amplifier for two reasons: (1) It prevents the transmit signal from interfering with the receive signal and (2) it extracts the receive signal from the transmission line for amplification by A4. A4's gain can be adjusted in the same manner as A1's to meet the modem's input signal requirements. Standard resistor values permit the use of SIP (Single In-line Package) format resistor arrays. Couple this with the AD8631/ -11-
REV. 0
AD8631/AD8632
AD8632's 5-lead SOT-23, 8-lead SOIC, and 8-lead SOIC footprint and this circuit offers a compact solution.
P1 Tx GAIN ADJUST
SPICE Model
R2 9.09k 2 A1 3 R1 10k
1 R5 10k
ZO 600 T1 MIDCOM 671-8005
6.2V 6.2V
+1.8V DC R6 10k 6 7 A2 5 10 F R9 10k 2 R10 10k R13 10k R14 14.3k 6 5 A4 R7 10k R8 10k
P2 Rx GAIN ADJUST
R11 10k R12 10k
3
A3
1
RECEIVE RxA
2k 7
C2 0.1 F
A1, A2 = 1/2 AD8632 A3, A4 = 1/2 AD8632
Figure 31. A Single-Supply Direct Access Arrangement for Modems
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
8-Lead Narrow Body SOIC (SO-8)
0.1968 (5.00) 0.1890 (4.80)
8 1 5 4
8-Lead SOIC (RM-8)
0.122 (3.10) 0.114 (2.90)
0.1574 (4.00) 0.1497 (3.80)
0.2440 (6.20) 0.2284 (5.80)
8
5
0.122 (3.10) 0.114 (2.90)
1 4
0.199 (5.05) 0.187 (4.75)
PIN 1 0.0098 (0.25) 0.0040 (0.10)
0.0688 (1.75) 0.0532 (1.35)
0.0196 (0.50) 0.0099 (0.25)
45
PIN 1 0.0256 (0.65) BSC 0.120 (3.05) 0.112 (2.84) 0.006 (0.15) 0.002 (0.05) 0.018 (0.46) SEATING 0.008 (0.20) PLANE 0.043 (1.09) 0.037 (0.94) 0.011 (0.28) 0.003 (0.08) 0.120 (3.05) 0.112 (2.84) 33 27
0.0500 0.0192 (0.49) SEATING (1.27) 0.0098 (0.25) PLANE BSC 0.0138 (0.35) 0.0075 (0.19)
8 0
0.0500 (1.27) 0.0160 (0.41)
0.028 (0.71) 0.016 (0.41)
0.1181 (3.00) 0.1102 (2.80)
0.0669 (1.70) 0.0590 (1.50) PIN 1
5 1 2
4 3
0.1181 (3.00) 0.1024 (2.60)
0.0374 (0.95) BSC 0.0748 (1.90) BSC 0.0512 (1.30) 0.0354 (0.90) 0.0059 (0.15) 0.0019 (0.05) 0.0197 (0.50) 0.0138 (0.35) 0.0571 (1.45) 0.0374 (0.95) SEATING PLANE 10 0
0.0079 (0.20) 0.0031 (0.08)
0.0217 (0.55) 0.0138 (0.35)
-12-
REV. 0
PRINTED IN U.S.A.
5-Lead SOT-23 (RT-5)
C3810-2.5-4/00 (rev. 0)
TO TELEPHONE LINE 1:1
R3 360
2k
C1 0.1 F
TRANSMIT TxA
The SPICE model for the AD8631 amplifier is available and can be downloaded from the Analog Devices' web site at http://www.analog.com. The macro-model accurately simulates a number of AD8631 parameters, including offset voltage, input common-mode range, and rail-to-rail output swing. The output voltage versus output current characteristics of the macro-model is identical to the actual AD8631 performance, which is a critical feature with a rail-to-rail amplifier model. The model also accurately simulates many ac effects, such as gain-bandwidth product, phase margin, input voltage noise, CMRR and PSRR versus frequency, and transient response. Its high degree of model accuracy makes the AD8631 macro-model one of the most reliable and true-to-life models available for any amplifier.


▲Up To Search▲   

 
Price & Availability of AD8631

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X