Part Number Hot Search : 
KBP06 HT6256 C20US MUR860T 8302101 1771503 619CTR UDZS20
Product Description
Full Text Search
 

To Download 71061 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Si4831DY
New Product
Vishay Siliconix
P-Channel 30-V (D-S) MOSFET with Schottky Diode
MOSFET PRODUCT SUMMARY
VDS (V)
-30
rDS(on) (W)
0.045 @ VGS = -10 V 0.090 @ VGS = -4.5 V
ID (A)
"5 "3.5
SCHOTTKY PRODUCT SUMMARY
VKA (V)
30
Vf (V) Diode Forward Voltage
0.53 V @ 3 A
IF (A)
3
S
K
SO-8
A A S G 1 2 3 4 Top View 8 7 6 5 K K D D G
D P-Channel MOSFET
A
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Drain-Source Voltage (MOSFET) Reverse Voltage (Schottky) Gate-Source Voltage (MOSFET) Continuous Drain Current (TJ = 150_C) (MOSFET)a, b 150 C) Pulsed Drain Current (MOSFET) Continuous Source Current (MOSFET Diode Conduction)a, b Average Foward Current (Schottky) Pulsed Foward Current (Schottky) Maximum Power Dissipation (MOSFET)a, b Maximum Power Dissipation (Schottky)a, b Operating Junction and Storage Temperature Range Notes a. Surface Mounted on FR4 Board. b. t v 10 sec. Document Number: 71061 S-61859--Rev. A, 10-Oct-99 www.vishay.com S FaxBack 408-970-5600 TA = 25_C TA = 70_C TA = 25_C TA = 70_C TJ, Tstg PD TA = 25_C TA = 70_C
Symbol
VDS VKA VGS ID IDM IS IF IFM
Limit
-30 30 "20 "5 "3.9 "20 -1.7 3 20 2 1.28 1.83 1.17 -55 to 150
Unit
V
A
W
_C
2-1
Si4831DY
Vishay Siliconix
THERMAL RESISTANCE RATINGS
Parameter
Maximum Junction-to-Ambient (t v 10 sec)a
New Product
Device
MOSFET Schottky MOSFET Schottky MOSFET
Symbol
Typical
52 56
Maximum
62.5 68 100 110 33 40
Unit
RthJA
Maximum Junction-to-Ambient (t = steady state)a
82 91 27
_C/W
Maximum Junction-to-Foot Schottky Notes a. Surface Mounted on FR4 Board. b. t v 10 sec.
RthJF
32
MOSFET SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter Static
Gate Threshold Voltage Gate-Body Leakage Zero Gate Voltage Drain Current On-State Drain Currenta Drain Source On State Resistancea Drain-Source On-State Forward Transconductancea Diode Forward Voltagea VGS(th) IGSS IDSS ID(on) rDS( ) DS(on) gfs VSD VDS = VGS, ID = -250 mA VDS = 0 V, VGS = "20 V VDS = -24 V, VGS = 0 V VDS = -24 V, VGS = 0 V, TJ = 75_C VDS w -5 V, VGS = -10 V VGS = -10 V, ID = -5 A VGS = -4.5 V, ID = -3.5 A VDS = -15 V, ID = -5 A IS = -1.7 A, VGS = 0 V -20 0.036 0.060 9 -0.75 -1.2 0.045 0.090 W S V -1.0 "100 -1 -10 V nA mA A
Symbol
Test Condition
Min
Typ
Max
Unit
Dynamicb
Total Gate Charge Gate-Source Charge Gate-Drain Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Source-Drain Reverse Recovery Time Qg Qgs Qgd td(on) tr td(off) tf trr IF = -1.7 A, di/dt = 100 A/ms VDD = -15 V, RL = 15 W 15 V, ID ^ -1 A, VGEN = -10 V RG = 6 W 1A 10 V, VDS = -15 V VGS = -5 V ID = -5 A 15 V, 5 V, 5 10 4.5 3.6 13 15 37 14 35 25 30 70 30 70 ns 20 nC C
Notes a. Pulse test; pulse width v 300 ms, duty cycle v 2%. b. Guaranteed by design, not subject to production testing.
SCHOTTKY SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter
Forward Voltage Drop
Symbol
VF
Test Condition
IF = 3 A IF = 3 A, TJ = 125_C Vr = 30 V Vr = 30 V, TJ = 75_C Vr = 30 V, TJ = 125_C Vr = 15 V
Min
Typ
0.485 0.42 0.008 0.4 6.5 102
Max
0.53 0.47 0.1 5 20
Unit
V
Maximum R Mi Reverse Leakage Current Lk C
Irm CT
mA A
Junction Capacitance www.vishay.com S FaxBack 408-970-5600
pF
2-2
Document Number: 71061 S-61859--Rev. A, 10-Oct-99
Si4831DY
New Product
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Output Characteristics
20 VGS = 10 thru 5 V 20
Vishay Siliconix
MOSFET
Transfer Characteristics
16 I D - Drain Current (A)
16 I D - Drain Current (A)
12 4V 8
12
8 TC = 125_C 4 25_C -55_C 0
4
3V
0 0 2 4 6 8 10
0
1
2
3
4
5
VDS - Drain-to-Source Voltage (V)
VGS - Gate-to-Source Voltage (V)
On-Resistance vs. Drain Current
0.16 1500
Capacitance
Ciss r DS(on)- On-Resistance ( W ) 1200 C - Capacitance (pF) 0.12
900
0.08
VGS = 4.5 V
600 Coss 300 Crss
VGS = 10 V 0.04
0 0 4 8 12 16 20
0 0 6 12 18 24 30
ID - Drain Current (A)
VDS - Drain-to-Source Voltage (V)
Gate Charge
10 VDS = 10 V ID = 5.7 A V GS - Gate-to-Source Voltage (V) r DS(on)- On-Resistance ( W ) (Normalized) 8 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 -50
On-Resistance vs. Junction Temperature
VGS = 10 V ID = 5.7 A
6
4
2
0 0 4 8 12 16 20
-25
0
25
50
75
100
125
150
Qg - Total Gate Charge (nC)
TJ - Junction Temperature (_C)
Document Number: 71061 S-61859--Rev. A, 10-Oct-99
www.vishay.com S FaxBack 408-970-5600
2-3
Si4831DY
Vishay Siliconix
New Product
MOSFET
On-Resistance vs. Gate-to-Source Voltage
0.20
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Source-Drain Diode Forward Voltage
20
r DS(on)- On-Resistance ( W )
I S - Source Current (A)
10 TJ = 150_C
0.16
0.12
TJ = 25_C
0.08 ID = 5.7 A 0.04
1 0.00 0.25 0.50 0.75 1.00 1.25 1.50
0 0 2 4 6 8 10
VSD - Source-to-Drain Voltage (V)
VGS - Gate-to-Source Voltage (V)
Threshold Voltage
0.8 0.6 V GS(th) Variance (V) 0.4 0.2 -0.0 -0.2 8 -0.4 -0.6 -50 0 -25 0 25 50 75 100 125 150 ID = 250 mA Power (W) 24 40
Single Pulse Power, Junction-to-Ambient
32
16
0.01
0.1
1 Time (sec)
10
30
TJ - Temperature (_C)
Normalized Thermal Transient Impedance, Junction-to-Ambient
2 1 Duty Cycle = 0.5 Normalized Effective Transient Thermal Impedance
0.2 0.1 0.1 0.05 0.02 Single Pulse 0.01 10-4 10-3 10-2 10-1 1
Notes: PDM t1 t2 1. Duty Cycle, D = t1 t2 2. Per Unit Base = RthJA = 82_C/W 3. TJM - TA = PDMZthJA(t) 4. Surface Mounted
10
100
600
Square Wave Pulse Duration (sec)
www.vishay.com S FaxBack 408-970-5600
2-4
Document Number: 71061 S-61859--Rev. A, 10-Oct-99
Si4831DY
New Product
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
2 1 Duty Cycle = 0.5
Vishay Siliconix
MOSFET
Normalized Thermal Transient Impedance, Junction-to-Foot
Normalized Effective Transient Thermal Impedance
0.2
0.1
0.1 0.05 0.02 Single Pulse
0.01 10-4 10-3 10-2 10-1 Square Wave Pulse Duration (sec) 1 10
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Reverse Current vs. Junction Temperature
40 10 I R - Reverse Current (mA) 5
SCHOTTKY
Forward Voltage Drop
I F - Forward Current (A)
1
TJ = 150_C 1
0.1
30 V
10 V
0.01
TJ = 25_C
0.001
0.0001 0 25 50 75 100 125 150
0.1 0 0.2 0.4 0.6 0.8
TJ - Junction Temperature (_C)
VF - Forward Voltage Drop (V)
500
Capacitance
CT - Junction Capacitance (pF)
400
300
200
100
0 0 6 12 18 24 30
VKA - Reverse Voltage (V Document Number: 71061 S-61859--Rev. A, 10-Oct-99 www.vishay.com S FaxBack 408-970-5600
2-5
Si4831DY
Vishay Siliconix
New Product
SCHOTTKY
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Normalized Thermal Transient Impedance, Junction-to-Ambient
2 1 Duty Cycle = 0.5 Normalized Effective Transient Thermal Impedance
0.2 0.1 0.1 0.05 0.02 Single Pulse 0.01 10-4 10-3 10-2 10-1 1
Notes: PDM t1 t2 1. Duty Cycle, D = t1 t2 2. Per Unit Base = RthJA = 91_C/W 3. TJM - TA = PDMZthJA(t) 4. Surface Mounted
10
100
600
Square Wave Pulse Duration (sec)
2 1 Duty Cycle = 0.5
Normalized Thermal Transient Impedance, Junction-to-Foot
Normalized Effective Transient Thermal Impedance
0.2 0.1 0.1 0.05
0.02 Single Pulse 0.01 10-4 10-3 10-2 10-1 Square Wave Pulse Duration (sec) 1 10
www.vishay.com S FaxBack 408-970-5600
2-6
Document Number: 71061 S-61859--Rev. A, 10-Oct-99


▲Up To Search▲   

 
Price & Availability of 71061

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X