Part Number Hot Search : 
TD880 KA3843AM A17555 82000 ADJ51006 709ZCPB 150K0 R7000
Product Description
Full Text Search
 

To Download 2SK2764-01R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SK2764-01R
FAP-IIS Series
> Features
High Speed Switching Low On-Resistance No Secondary Breakdown Low Driving Power High Voltage VGS = 30V Guarantee Repetitive Avalanche Rated
N-channel MOS-FET
800V
4
4A
80W
> Outline Drawing
> Applications
Switching Regulators UPS DC-DC converters General Purpose Power Amplifier
> Maximum Ratings and Characteristics
- Absolute Maximum Ratings (TC=25C), unless otherwise specified
Item Drain-Source-Voltage Continous Drain Current Pulsed Drain Current Gate-Source-Voltage Repetitive or Non-Repetitive (Tch 150C) Avalanche Energy Max. Power Dissipation Operating and Storage Temperature Range Symbol V DS ID I D(puls) V GS I AR E AS PD T ch T stg Rating 800 4 16 30 4 254 80 150 -55 ~ +150 Unit V A A V A mJ W C C
> Equivalent Circuit
- Electrical Characteristics (TC=25C), unless otherwise specified
Item Drain-Source Breakdown-Voltage Gate Threshhold Voltage Zero Gate Voltage Drain Current Gate Source Leakage Current Drain Source On-State Resistance Forward Transconductance Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-On-Time ton (ton=td(on)+tr) Turn-Off-Time toff (ton=td(off)+tf) Avalanche Capability Diode Forward On-Voltage Reverse Recovery Time Reverse Recovery Charge Symbol V (BR)DSS V GS(th) I DSS I R g C C C t t t t I V t Q
GSS DS(on) fs iss oss rss d(on) r d(off) f AV SD rr rr
Test conditions ID=1mA VGS=0V ID=1mA VDS=VGS VDS=800V Tch=25C VGS=0V Tch=125C VGS=30V VDS=0V ID=2A VGS=10V ID=2A VDS=25V VDS=25V VGS=0V f=1MHz VCC=600V ID=4A VGS=10V RGS=10 Tch=25C L = 100H IF=2xIDR VGS=0V Tch=25C IF=IDR VGS=0V -dIF/dt=100A/s Tch=25C
Min. 800 3,5
Typ. 4,0 10 0,2 10 3,19 2 450 75 40 20 40 50 25 1,0 450 3
Max. 4,5 500 1,0 100 4,0
4
Unit V V A mA nA S pF pF pF ns ns ns ns A V ns C
- Thermal Characteristics Item Thermal Resistance
Symbol R th(ch-a) R th(ch-c)
Test conditions channel to air channel to case
Min.
Typ.
Max. 30 1,56
Unit C/W C/W
Collmer Semiconductor - P.O. Box 702708 - Dallas TX - 75370 - 972.233.1589 - 972.233.0481 Fax - www.collmer.com - 11/98
N-channel MOS-FET
800V
4
2SK2764-01R
FAP-IIS Series
Drain-Source On-State Resistance vs. Tch
RDS(on) = f(Tch); ID=2A; VGS=10V
4A
80W
> Characteristics
Typical Output Characteristics
ID=f(VDS); 80s pulse test; TC=25C
Typical Transfer Characteristics
ID=f(VGS); 80s pulse test; VDS=25V; Tch=25C
ID [A]
RDS(ON) []
2
ID [A]
1
3
VDS [V]
Tch [C]
VGS [V]
Typical Drain-Source On-State-Resistance vs. ID
RDS(on)=f(ID); 80s pulse test; TC=25C
Typical Forward Transconductance vs. ID
gfs=f(ID); 80s pulse test; VDS=25V; Tch=25C
Gate Threshold Voltage vs. Tch
VGS(th)=f(Tch); ID=1mA; VDS=VGS
RDS(ON) []
gfs [S]
5
VGS(th) [V]
4
6
ID [A]
ID [A]
Tch [C]
Typical Capacitances vs. VDS
C=f(VDS); VGS=0V; f=1MHz
Avalanche Energy Derating
Eas=f(starting Tch); VCC=80V; IAV=4A
Forward Characteristics of Reverse Diode
IF=f(VSD); 80s pulse test; VGS=0V
C [F]
7
Eas [mJ]
8
IF [A]
9
VDS [V]
Starting Tch [C]
VSD [V]
Allowable Power Dissipation vs. TC
PD=f(Tc)
Safe Operation Area
ID=f(VDS): D=0,01, Tc=25C
Zth(ch-c) [K/W]
Transient Thermal impedance
Zthch=f(t) parameter:D=t/T
PD [W]
10
ID [A]
12
Tc [C]
VDS [V]
t [s]
This specification is subject to change without notice!


▲Up To Search▲   

 
Price & Availability of 2SK2764-01R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X