Part Number Hot Search : 
E6600 10A01 5962F9 MACPE C114Y C1206 ACT4088 LF723RW
Product Description
Full Text Search
 

To Download 2SA1127 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transistor
2SA1127
Silicon PNP epitaxial planer type
For low-frequency and low-noise amplification Complementary to 2SC2634
5.00.2
Unit: mm
4.00.2
q q
Low noise characteristics. High foward current transfer ratio hFE.
s Absolute Maximum Ratings
Parameter Collector to base voltage Collector to emitter voltage Emitter to base voltage Peak collector current Collector current Collector power dissipation Junction temperature Storage temperature Symbol VCBO VCEO VEBO ICP IC PC Tj Tstg
(Ta=25C)
Ratings -60 -55 -7 -200 -100 400 150 -55 ~ +150 Unit V V V mA mA mW C C
13.50.5
5.10.2
s Features
0.45 -0.1 1.27
+0.2
0.45 -0.1
1.27
+0.2
123
2.30.2
2.540.15
1:Emitter 2:Collector 3:Base JEDEC:TO-92 EIAJ:SC-43A
s Electrical Characteristics
Parameter Collector cutoff current Collector to base voltage Collector to emitter voltage Emitter to base voltage Forward current transfer ratio Collector to emitter saturation voltage Base to emitter voltage Transition frequency Noise voltage
(Ta=25C)
Symbol ICBO ICEO VCBO VCEO VEBO hFE
*
Conditions VCB = -10V, IE = 0 VCE = -10V, IB = 0 IC = -10A, IE = 0 IC = -1mA, IB = 0 IE = -10A, IC = 0 VCE = -5V, IC = -2mA IC = -100mA, IB = -10mA VCE = -1V, IC = -30mA VCB = -5V, IE = 2mA, f = 200MHz VCE = -10V, IC = -1mA, GV = 80dB Rg = 100k, Function = FLAT
min
typ -1 - 0.01
max -100 -1
Unit nA A V V V
-60 -55 -7 180 700 - 0.6 -1 200 150
VCE(sat) VBE fT NV
V V MHz mV
*h
FE
Rank classification
R 180 ~ 360 S 260 ~ 520 T 360 ~ 700 hFE
Rank
1
Transistor
PC -- Ta
500 -80 Ta=25C -70 -100 25C Ta=75C -80
2SA1127
IC -- VCE
-120 VCE=-5V
IC -- VBE
Collector power dissipation PC (mW)
450
Collector current IC (mA)
-60 -50 -40 -30 -20
350 300 250 200 150 100 50 0 0 20 40 60 80 100 120 140 160
-180A -160A -140A -120A -100A -80A -60A -40A
Collector current IC (mA)
400
IB=-200A
-25C
-60
-40
-20 -10 0 0 -2 -4 -6 -8 -10 -12 -20A 0 0 - 0.4 - 0.8 -1.2 -1.6 -2.0
Ambient temperature Ta (C)
Collector to emitter voltage VCE (V)
Base to emitter voltage VBE (V)
VCE(sat) -- IC
Collector to emitter saturation voltage VCE(sat) (V)
-100 -30 -10 -3 -1 IC/IB=10 600
hFE -- IC
240 VCE=-5V
fT -- IE
VCB=-5V Ta=25C
Forward current transfer ratio hFE
500 Ta=75C 400 25C
Transition frequency fT (MHz)
-10 -30 -100
200
160
300
-25C
120
- 0.3 - 0.1 - 0.03 - 0.01 - 0.1 - 0.3 25C Ta=75C -25C
200
80
100
40
-1
-3
-10
-30
-100
0 - 0.1 - 0.3
0 -1 -3 1 3 10 30 100
Collector current IC (mA)
Collector current IC (mA)
Emitter current IE (mA)
Cob -- VCB
10 100 IE=0 f=1MHz Ta=25C
NV -- IC
VCE=-10V 90 GV=80dB Function=FLAT 80 70 60 50 40 30 20 10 0 - 0.01 5k 22k Rg=100k
Collector output capacitance Cob (pF)
9 8 7 6 5 4 3 2 1 0 -1
-3
-10
-30
-100
Noise voltage NV (mV)
- 0.03
- 0.1
- 0.3
-1
Collector to base voltage VCB (V)
Collector current IC (mA)
2


▲Up To Search▲   

 
Price & Availability of 2SA1127

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X