PART |
Description |
Maker |
MN103LF54Q |
MN103L Series embedded Panasonic core
|
Panasonic
|
DPX-SC710-14 |
AMD? Embedded R-Series Gaming Platform
|
Advantech Co., Ltd.
|
ECW-181B ECW-181BS1 ECW-181BS1WD ECW-181BS2 ECW-18 |
3.5?/a> WAFER Series Fanless Embedded System With CompactFlash Slot and two 2.5”Drive Bays Inside 3.5 WAFER Series Fanless Embedded System With CompactFlash Slot and two 2.5”Drive Bays Inside 3.5” WAFER Series Fanless Embedded System With CompactFlash Slot and two 2.5”Drive Bays Inside
|
SpectraLinear Inc
|
ADUC814BRU ADUC814ARU ADUC814ARU-REEL ADUC814ARU-R |
MicroConverter/ Small Package 12-Bit ADC with Embedded Flash MCU Circular Connector; No. of Contacts:61; Series:LJT07R; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:25; Circular Contact Gender:Pin; Circular Shell Style:Jam Nut Receptacle; Insert Arrangement:25-61 Circular Connector; No. of Contacts:56; Series:LJT07R; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:25; Circular Contact Gender:Pin; Circular Shell Style:Jam Nut Receptacle; Insert Arrangement:25-4 MicroConverter, Small Package 12-Bit ADC with Embedded Flash MCU 8-BIT, FLASH, 16.78 MHz, MICROCONTROLLER, PDSO28 MicroConverter, Small Package 12-Bit ADC with Embedded Flash MCU MicroConverter的,小包2位ADC,嵌入式闪存MCU MicroConverter?, Small Package 12-Bit ADC with Embedded Flash MCU
|
Analog Devices, Inc. ANALOG DEVICES INC
|
X28LV010J-90 X28LV010J-12 X28LV010J-15 X28LV010P-1 |
MODULE P, GREEN(EMBEDDED CRYPTO PROD) WAFER, IND TEMP(EMBEDDED CRYPTO PROD) 8 PIN PDIP, IND TEMP, GREEN(EMBEDDED CRYPTO PROD) 8 PIN SOIC, IND TEMP, GREEN(EMBEDDED CRYPTO PROD) 128K X 8 EEPROM 3V, 90 ns, PQCC32 PLASTIC, LCC-32 128K X 8 EEPROM 3V, 90 ns, PDIP32 PLASTIC, DIP-32 128K X 8 EEPROM 3V, 90 ns, PDSO40 TSOP-40 128Kx8 EEPROM
|
Integrated Silicon Solution, Inc.
|
HS-26062 HS-2606 |
ULV Intel? Celeron? processor Embedded Engine Board ULV Intel庐 Celeron庐 processor Embedded Engine Board ULV Intel垄莽 Celeron垄莽 processor Embedded Engine Board
|
BOSER Technology Co., Ltd
|
256 600 120 ATL25_432 ATL25 ATL25_976 ATL25_100 AT |
ASIC 专用集成电路 From old datasheet system The ATL25 series gate array and embedded array families from Atmel are fabricated on a 0.25 micron CMOS process with 5 levels of metal. This family features arrays with up to 6.9 million routable gates and 976 pins. The high density and hi
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
EMB-LN9T TF-EMB-LN9T-B10-01 EMB-LN9T-15 |
Embedded Motherboard with Intel Atom N455/D525 Processor Embedded Motherboard
|
AAEON Technology
|
FRC3-CXXX FRC5 FRC-D FRC-E FRC3-AXXX FRC-EXXX FRC- |
(FRC3 Series) High Current Version (FRC5 Series) UL Recognized (FRC-D Series) PCB Connectors (FRC-E Series) PCB Connectors (FRC-J Series) PCB Connectors (DHB Series) Board to Board and Board to Cable Connectors (HU5 Series) Low Profile Header Connectors Intermateable (HTC Series) Grid Hard Metric Connectors (HTC Series) Hard Metric Coding Key (DHD Series) 1.27mm Center Flat Ribbon Cable IDC Connectors (DDMM Series) Socket (DFJ Series) Pitch Stacking Connector (DHE Series) Centerline IDC Connectors
|
DDK
|
28F640P3 PF48F3P0ZB00 PF48F2P0ZB00 PC48F0P0VB00 PC |
Coaxial Cable; Coaxial RG/U Type:6; Impedance:75ohm; Conductor Size AWG:18; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Capacitance:16.2pF/ft; Conductor Material:Steel; Conductor Plating:Copper RoHS Compliant: Yes Photoelectric Sensor; Sensor Input Type:Optical; Sensing Range Max:5m; Sensor Output Type:Relay; Leaded Process Compatible:No; Output Type:Relay; Peak Reflow Compatible (260 C):No; Contact Current Max:3A; Contact Rating:3A Intel StrataFlash Embedded Memory 16M X 16 FLASH 1.8V PROM, 88 ns, PDSO56 Intel StrataFlash Embedded Memory 4M X 16 FLASH 1.8V PROM, 85 ns, PDSO56 Intel StrataFlash Embedded Memory 8M X 16 FLASH 1.8V PROM, 85 ns, PDSO56 COAXIAL CABLE; COAXIAL RG/U TYPE:11; IMPEDANCE 75OHM CONDUCTOR SIZE AWG:14; NO. STRANDS X STRAND SIZE: SOLID; JACKET MATERIAL:POLYVINYLCHLORIDE (PVC); CONDUCTOR MATERIAL:STEEL; CONDUCTOR PLATING COPPER; JACKET COLOR:BLAC 英特尔StrataFlash嵌入式存储器 Intel StrataFlash Embedded Memory 16M X 16 FLASH 1.8V PROM, 88 ns, PBGA64 Intel StrataFlash Embedded Memory 英特尔StrataFlash嵌入式存储器 Circular Connector; No. of Contacts:41; Series:; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:20; Circular Contact Gender:Pin; Circular Shell Style:Wall Mount Receptacle; Insert Arrangement:20-41 英特尔StrataFlash嵌入式存储器 Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT00; No. of Contacts:10; Connector Shell Size:12; Connecting Termination:Solder; Circular Shell Style:Wall Mount Receptacle 英特尔StrataFlash嵌入式存储器 Photoelectric Sensor; Sensor Input Type:Optical; Sensing Range Max:43mm; Sensor Output Type:Relay; Leaded Process Compatible:No; Output Type:Relay; Peak Reflow Compatible (260 C):No; Contact Current Max:3A; Contact Rating:3A 英特尔StrataFlash嵌入式存储器 Strata Flash Memory / 1 Gbit P30 Family CAP 0.01UF 63V 10% MET-POLY-BOX RAD5MM 7.5X6.5X2.5MM BULK 8M X 16 FLASH 1.8V PROM, 85 ns, PBGA88 Circular Connector; Body Material:Aluminum; Series:PT00; No. of Contacts:41; Connector Shell Size:20; Connecting Termination:Crimp; Circular Shell Style:Wall Mount Receptacle; Circular Contact Gender:Socket; Insert Arrangement:20-41 Intel StrataFlash Embedded Memory
|
Intel Corp. http:// Intel, Corp. Intel Corporation
|
ADUC812BS ADUC812 |
Circular Connector; No. of Contacts:37; Series:LJT07R; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:25; Circular Contact Gender:Socket; Circular Shell Style:Jam Nut Receptacle; Insert Arrangement:25-37 Circular Connector; MIL SPEC:MIL-DTL-38999 Series I; Body Material:Metal; Series:LJT; No. of Contacts:37; Connector Shell Size:25; Connecting Termination:Crimp; Circular Shell Style:Jam Nut Receptacle; Body Style:Straight RoHS Compliant: No MicroConverter? Multichannel 12-Bit ADC with Embedded FLASH MCU
|
Analog Devices, Inc.
|