PART |
Description |
Maker |
DPX-SC710-14 |
AMD? Embedded R-Series Gaming Platform
|
Advantech Co., Ltd.
|
MB93461 MB93461-40BGL-GE1 MB93461-40PB-GE1 MB93461 |
FR450 Series VLIW Embedded Microprocessor
|
Fujitsu Media Devices Limited
|
AEC-6967-A2-1010 AEC-6967-A4-1010 AEC-6967-A1-1010 |
Advanced Fanless Embedded Controller With Intel 2nd Generation Core i Series Processors And PCI-Express Expansion
|
AAEON Technology
|
ATU18_680 ATU18 ATU18_160 ATU18_256 ATU18_304 ATU1 |
0.18um ULC Series with Embedded DPRAM Circular Connector; MIL SPEC:MIL-C-5015 E/F/R; Body Material:Aluminum Alloy; Series:MS3102; No. of Contacts:19; Connector Shell Size:22; Connecting Termination:Solder; Circular Shell Style:Box Mount Receptacle; Gender:Male RoHS Compliant: No
|
ATMEL[ATMEL Corporation] Atmel Corp.
|
0804-5000-01 0804-5000-02 |
Embedded SIP right angle mount POWERLINE MODULES SIMPLE Embedded PowerPacket Modules
|
Bel Fuse Inc.
|
ADSP-TS201SABP-6X ADSP-TS201SABP-X ADSP-TS201S ADS |
500 MHz, 24 Mbit, Tiger SHARC embedded processor TigerSHARC-R Embedded Processor 64-BIT, OTHER DSP, PBGA576 500/600 MHz TigerSHARC Processor with 24 Mbit on-chip embedded DRAM 600 MHz, 24 Mbit, Tiger SHARC embedded processor
|
Analog Devices, Inc.
|
256 600 120 ATL25_432 ATL25 ATL25_976 ATL25_100 AT |
ASIC 专用集成电路 From old datasheet system The ATL25 series gate array and embedded array families from Atmel are fabricated on a 0.25 micron CMOS process with 5 levels of metal. This family features arrays with up to 6.9 million routable gates and 976 pins. The high density and hi
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
EMB-LN9T TF-EMB-LN9T-B10-01 EMB-LN9T-15 |
Embedded Motherboard with Intel Atom N455/D525 Processor Embedded Motherboard
|
AAEON Technology
|
ADUC841 ADUC841BCP62-5 ADUC841BCP8-5 ADUC841BCP62- |
MicroConverter? 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU Cable Gland (Clamp); Connector Shell Size:10SL, 12S; Thread Size:5/8-24; Approval Categories:MIL-C-5015; Series:97 RoHS Compliant: Yes Cable Gland (Clamp); Connector Shell Size:14, 14S; Thread Size:3/4-20; Body Material:Zinc Alloy 10-823955-004 MicroConverter 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
|
Analog Devices, Inc. http:// ANALOG DEVICES INC
|
QL4016-4PLM QL4016 QL4016-0CF100C QL4016-0CF100I Q |
16/000 Usable PLD Gate QuickRAM ESP Combining Performance/ Density and Embedded RAM GT 19C 19#16 SKT RECP Circular Connector; MIL SPEC:MIL-C-5015; Body Material:Metal; Series:GT; No. of Contacts:19; Connector Shell Size:22; Connecting Termination:Crimp; Circular Shell Style:Square Flange Receptacle; Body Style:Straight GT 4C 4#16 SKT RECP 16,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM 16000可用门QuickRAM ESP PLD的结合性能,密度和嵌入式内
|
List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc.
|
IDT79RV4650-100DP IDT79RV4650-100DPI IDT79RV4650-1 |
EMBEDDED 64-BIT ORION ? RISC MICROPROCESSOR Low-Cost 64-bit RISController w/DSP Capability DEMAK9S 64-BIT, 100 MHz, RISC PROCESSOR, PQFP208 EMBEDDED 64-BIT ORION RISC MICROPROCESSOR 64-BIT, 200 MHz, RISC PROCESSOR, PQFP208 EMBEDDED 64-BIT ORION RISC MICROPROCESSOR 64-BIT, 150 MHz, RISC PROCESSOR, PQFP208 EMBEDDED 64-BIT ORION RISC MICROPROCESSOR 64-BIT, 133 MHz, RISC PROCESSOR, PQFP208
|
IDT[Integrated Device Technology] Integrated Device Technology, Inc.
|
HS-4701 |
Pentium? 4 Embedded Engine Board Pentium垄莽 4 Embedded Engine Board
|
BOSER Technology Co., Ltd
|