PART |
Description |
Maker |
IRF5NJ540 |
Avalanche Energy Ratings POWER MOSFET N-CHANNEL(Vdss=100V, Rds(on)=0.052ohm, Id=22A*) SURFACE MOUNT (SMD-0.5)100V, N-CHANNEL 100V Single N-Channel Hi-Rel MOSFET in a SMD-0.5 package
|
IRF[International Rectifier]
|
IRFG110 JANTX2N7334 JANTX2N7334N JANTXV2N7334 JANT |
TRANSISTOR | MOSFET | ARRAY | N-CHANNEL | 100V V(BR)DSS | 1A I(D) | DIP POWER MOSFET THRU-HOLE (MO-036AB) 100V Quad N-Channel MOSFET in a MO-036AB package 100V Single N-Channel Hi-Rel MOSFET in a MO-036AB package
|
International Rectifier
|
IRF5Y540CM |
100V Single N-Channel Hi-Rel MOSFET in a TO-257AA package THRU-HOLE (TO-257AA) 100V, N-CHANNEL POWER MOSFET N-CHANNEL(Vdss=100V Rds(on)=0.058ohm Id=18A*) POWER MOSFET N-CHANNEL(Vdss=100V, Rds(on)=0.058ohm, Id=18A*)
|
IRF[International Rectifier]
|
COM140T COM440T COM240T COM340T |
500V 7Amp N-channel MOSFET 100V , 14 Amp, N-Channel MOSFET(100V , 14 A,N沟道MOS场效应管) (COTS) COMMERCIAL OFF-THE-SHELF POWER MOSFETS IN TO-257AA PACKAGE
|
Omnirel ETC[ETC] List of Unclassifed Manufacturers Electronic Theatre Controls, Inc.
|
FQB19N10L FQI19N10L FQB19N10LTM |
100V Logic N-Channel MOSFET(漏源电压00V的逻辑N沟道增强型MOS场效应管) 19 A, 100 V, 0.11 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263 100V N-Channel Logic Level QFET
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
FDD3690 |
100V N-Channel PowerTrench MOSFET 100V N-Channel PowerTrench MOSFET DIODE ZENER SINGLE 1000mW 6.8Vz 37mA-Izt 0.05 10uA-Ir 4Vr DO41-GLASS 5K/REEL 22 A, 100 V, 0.064 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252
|
http:// FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
IRF150 JANTXV2N6764 JANTX2N6764 |
100V Single N-Channel Hi-Rel MOSFET in a TO-204AE package TRANSISTORS N-CHANNEL(Vdss=100V, Rds(on)=0.055ohm, Id= 38A) TRANSISTORS N-CHANNEL(Vdss=100V/ Rds(on)=0.055ohm/ Id= 38A)
|
IRF[International Rectifier]
|
IRHN7150 JANSF2N7268U JANSH2N7268U IRHN3150 IRHN41 |
100V 1000kRad Hi-Rel Single N-Channel TID Hardened MOSFET in a SMD-1 package 100V 600kRad Hi-Rel Single N-Channel TID Hardened MOSFET in a SMD-1 package 100V 300kRad Hi-Rel Single N-Channel TID Hardened MOSFET in a SMD-1 package 100V 100kRad Hi-Rel Single N-Channel TID Hardened MOSFET in a SMD-1 package CORD, COILED, 10MM STUD-4MM SKT, 4M; Length, lead:4m RoHS Compliant: NA RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-1) 抗辐射功率MOSFET表面贴装系统(SMD - 1
|
IRF[International Rectifier] International Rectifier, Corp.
|
FDD3682 FDD3682NL |
N-Channel PowerTrench MOSFET, 100V, 32A, 0.036 ohm 5.5 A, 100 V, 0.036 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252AA N-Channel PowerTrench MOSFET 100V/ 32A/ 36m N-Channel PowerTrench MOSFET 100V, 32A, 36mз N-Channel PowerTrench MOSFET 100V, 32A, 36m?/a>
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor] http://
|