PART |
Description |
Maker |
WES2009 |
Operating system recovery kit for Windows? Embedded 2009 and Windows Embedded 7 operating systems. Kit includes a USB drive.
|
PHOENIX CONTACT
|
27C010RPFI-30 27C010RPFC-25 27C010RPFB-30 27C010RP |
x8 EPROM Evaluation Kit for the MAX3741 Evaluation Kit for the MAX3738 Evaluation Kit for the MAX3748A Evaluation Kit for the MAX3740A Evaluation Kit for the MAX3737 Evaluation Kit for the MAX3744, MAX3745 x8存储 Evaluation Kit for the MAX3747, MAX3747A x8存储
|
Atmel, Corp.
|
25C320-E/ST 25C320T-/ST 25LC320T-/ST 25C320-/P 25C |
CMOS, 10-Bit A/D Converter with Track and Hold Evaluation Kit for the MAX1858, MAX1875, MAX1876 Dual, High-Efficiency, Step-Down Converter with Backup Battery Switchover Evaluation Kit for the MAX1774 SPI Serial EEPROM Evaluation Kit for the MAX1846, MAX1847 3µs, 12-Bit ADC Evaluation Kit for the MAX1776 SPI串行EEPROM
|
Microchip Technology, Inc.
|
KK-0332-30 |
Operating Voltage= 250/440 Vac Operating Current Max= 30 amp/Ph
|
JMK Inc.
|
MM-0637A-100 |
Operating Voltage = 48 Vdc Operating Current (Max) = 100 Amp
|
JMK Inc.
|
ZG-1435-5B |
Operating Voltage = 125/250 Vac Operating Current = 5.0 Ampere
|
JMK Inc.
|
DN6847TE |
Hall IC(Operating Temperature Range Topr = - 40 to -100C, Operating in Alternative Magnetic Field)
|
Panasonic
|
1041 |
Operating Voltage = 250/480 Vac Operating Current Max= 80 & 100 amps
|
JMK Inc.
|
DN6845S |
Hall IC (Operating Supply Voltage Range Vcc=3.6 to 16V, Operating in One Way Magnetic Field)
|
Panasonic
|
DN6846S |
Hall IC (Operating Supply Voltage Range Vcc=3.6 to 16V, Operating in Alternative Magnetic Field)
|
Panasonic
|