PART |
Description |
Maker |
IW4013B |
consists of two identical, independent data-type flip-flops
|
Estek Electronics Co. Ltd
|
AP1511 |
AP1511 consists of step-down switching regulator From old datasheet system
|
Anachip Corporation
|
DMC6830 |
DMC6830 Is A REMOTE CONTROL TRANSMITTER, CONSISTS OF THE OPTIMIZED 4-BIT CPU WITH ROM AND RAM
|
DAEWOO[Daewoo Semiconductor]
|
AM29BL802C_03 AM29BL802C AM29BL802CB80DGE1 AM29BL8 |
Am29BL802C (Known Good Die Supplement) 8 Megabit (512 K x 16-Bit) CMOS 3.0 Volt-only, Burst-mode, Boot Sector Flash Memory-Die Revision 1
|
Advanced Micro Devices SPANSION[SPANSION]
|
H24B2 H24B1 |
THE H24B SERIES CONSISTS OF A GALLIUM ARSENIDE INFRARED EMITTING DIODE COUPLED WITH A SILICON PHOTOTRANSISTOR 1 CHANNEL DARLINGTON OUTPUT OPTOCOUPLER
|
QT[QT Optoelectronics]
|
BL93C46 BL75R06SM |
The BL93C46 provides 1024 bits of serial electrically erasable programmable read only memory BL75R06SM Contactless smart card chip consists of the RF-Interface
|
SHANGHAI BELLING CO., LTD.
|
PC-16T1 |
KPTC 6C 6#20 PIN PLUG Photocoupler(Photocoupler consists of a Gallium Arsenide Infrared Emitting)
|
KODENSHI CORP. Kondenshi Corp
|
L3936 L3936A L3926A L3926AD L3926AN L3916A1 L3916A |
SPEECH AND 14 MEMORY DIALER WITH LED DRIVER The device consists of the speech and the dialer
|
STMicroelectronics N.A.
|
7703403UA 7703401YA 77034042A 7703404MA 7703404NA |
Negative Adjustable Voltage Regulator 15 HZ, 90DB REJECTION BTW 49 & 61 HZ (PRODUCT DIE), -40C to 125C, 8-SOIC 150mil, TUBE 15 HZ, 90DB REJECTION BTW 49 & 61 HZ (PRODUCT DIE), -40C to 125C, 8-MSOP, T/R 15 HZ, 90DB REJECTION BTW 59 & 61 HZ (PRODUCT DIE), -40C to 125C, 8-SOIC 150mil, T/R 60 HZ, 120DB REJECTION AT 240 HZ (PRODUCT DIE), -40C to 125C, 8-MSOP, TUBE 60 HZ, 120DB REJECTION AT 240 HZ (PRODUCT DIE), -40C to 125C, 8-SOIC 150mil, TUBE 60 HZ, 120DB REJECTION AT 240 HZ (PRODUCT DIE), -40C to 125C, 8-MSOP, T/R Low-cost volatile, Digital Potentiometer, -40C to 125C, 8-SOIC 150mil, TUBE PRODUCT TO FREQUENCY CONVERTER WHICH IS USED TO POWER METERING APLICATIONS, -40C to 85C, 24-SSOP 208mil, TUBE 积极可调电压稳压 18 BIT DEL-SIG A/D CONVERTER, -40C to 125C, 6-SOT-23, T/R 积极可调电压稳压 Positive Adjustable Voltage Regulator 积极可调电压稳压 ENERGY METER IC, GAIN 1:16, 500:1 DYNAMIC RANGE, -40C to 85C, 24-SSOP 208mil, T/R 积极可调电压稳压
|
International Rectifier, Corp. TE Connectivity, Ltd. Kingbright, Corp. NIC Components, Corp.
|
2200166 |
Plug-in assembly reduces assembly time and therefore saves costs
|
PHOENIX CONTACT
|
IRFP151 IRFP153 IRFP152 IRF150 IRF152 IRFP150 IRFC |
(IRFP150 - IRFP153) HIGH VOLTAGE POWER MOSFET DIE (IRF150 - IRF153) HIGH VOLTAGE POWER MOSFET DIE
|
International Rectifier IXYS[IXYS Corporation]
|
SIDC03D30SIC2SAWN SIDC03D30SIC2UNSAWN |
Diodes - HV Chips - 300V, 10A die sawn Diodes - HV Chips - 300V, 10A die unsawn
|
Infineon
|