PART |
Description |
Maker |
LT6402CUD-6-PBF LT6402IUD-6-PBF LT6402IUD-6-TR LT6 |
300MHz Low Distortion, Low Noise Differential Amplifier 300MHz Low Distortion, Low Noise Differential Amplifi er/ ADC Driver (AV = 6dB)
|
Linear Technology
|
LM6171 LM6171AIN LM6171BIN LM6171BIM LM6171AIM LM6 |
High Speed Low Power Low Distortion Voltage Feedback Amplifier
|
http://
|
LT1568 |
Low Power, Low Distortion, 5MHz to 27MHz, Pin Confi gurable Filter
|
Linear Dimensions Semiconductor
|
AD8652ARMZ-R2 AD8652ARZ-REEL7 AD8651AR-REEL7 |
50 MHz/ Precision/ Low Distortion/ Low Noise CMOS Amplifiers AB 26C 26#16 SKT RECP 50 MHz, Precision, Low Distortion, Low Noise CMOS Amplifiers OP-AMP, 1700 uV OFFSET-MAX, 50 MHz BAND WIDTH, PDSO8
|
Analog Devices, Inc.
|
LTC6601-2-15 |
Low Power, Low Distortion, 5MHz to 27MHz, Pin Confi gurable Filter/ADC Driver
|
Linear Technology
|
LT1993CUD-2TRPBF LT1993CUD-2PBF LT1993-2 |
700MHz Low Distortion, Low Noise Differential Amplifier/ADC Driver (AV = 10V/V); Package: QFN; No of Pins: 16; Temperature Range: 0°C to 70°C OP-AMP, 10000 uV OFFSET-MAX, PQCC16 800MHz Low Distortion, Low Noise Differential Amplifi er/ADC Driver (AV = 2V/V)
|
Linear Technology, Corp.
|
NESG220034 NESG220034-T1 |
NPN SiGe RF TRANSISTOR FOR UHF-BAND, LOW NOISE, LOW DISTORTION AMPLIFICATION 3-PIN POWER MINIMOLD (34 PKG)
|
Renesas Electronics Corporation
|
AD831 |
Low Distortion Mixer High-Performance, Low Distortion 500-MHz Mixer
|
Analog Devices, Inc.
|
HLMP-UL07 HLMP-UL14 HLMP-UG06 HLMP-UH06 HLMP-DL08 |
T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps T-1 - 3/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps High-Speed Fully Differential Amplifier, /-5 V 8-MSOP-PowerPAD -40 to 85 High-Speed Fully Differential Amplifier, /-5 V 8-MSOP -40 to 85 Super-Fast Ultra-Low Distortion High Speed Amplifier 8-SON -40 to 85 Super-Fast Ultra-Low Distortion High Speed Amplifier 8-SOIC -40 to 85 High-Speed Fully-Differential Amplifiers 8-SOIC 0 to 70 Super-Fast Ultra-Low Distortion High Speed Amplifier with Shutdown 8-MSOP -40 to 85 Super-Fast Ultra-Low Distortion High Speed Amplifier 8-MSOP -40 to 85 Super-Fast Ultra-Low Distortion High Speed Amplifier 8-MSOP-PowerPAD -40 to 85 Aluminum Electrolytic Radial Lead Extremely Low Impedance Capacitor; Capacitance: 470uF; Voltage: 35V; Case Size: 10x31.5 mm; Packaging: Bulk Super-Fast Ultra-Low Distortion High Speed Amplifier with Shutdown 8-SOIC -40 to 85
|
http:// Agilent (Hewlett-Packard) HP[Agilent(Hewlett-Packard)]
|
LT1994CDDTR LT1994IMS8 |
Low Noise, Low Distortion Fully Differential Input/Output Amplifier/Driver; Package: DFN; No of Pins: 8; Temperature Range: 0°C to 70°C OP-AMP, 3000 uV OFFSET-MAX, 70 MHz BAND WIDTH, PDSO8 Low Noise, Low Distortion Fully Differential Input/Output Amplifi er/Driver
|
Linear Technology, Corp.
|
ADA4841-1 |
Low Power, Low Noise and Distortion, Rail-to-Rail Output Amplifier
|
AD
|
EFA080A-70 |
Low Distortion GaAs Power FET
|
Electronic Theatre Controls, Inc. Excelics Semiconductor, Inc. ETC List of Unclassifed Manufacturers
|