PART |
Description |
Maker |
FPF1203LUCX FPF1204BUCX FPF1204UCX FPF12045UCX FPF |
IntelliMAX Ultra-Small, Slew-Rate-Controlled Load Switch
|
Fairchild Semiconductor
|
HA7-2840883 FN3594 HA1-2840_883 HA1-2840883 HA7-28 |
From old datasheet system Very High Slew Rate Wideband Operational Amplifier Very High Slew Rate/ Wideband Operational Amplifier Very High Slew Rate,
Wideband Operational Amplifier(高转换率、宽带运算放大器) Very High Slew Rate, Wideband Operational Amplifier 甚高摆率,宽带运算放大器 Very High Slew Rate, Wideband Operational Amplifier OP-AMP, 6000 uV OFFSET-MAX, 500 MHz BAND WIDTH, CDIP14
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
3885 M38851F3-HP M38850F3-HP M38851F1-HP M38850F1- |
300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit Single 2.7-V High Slew Rate Rail-to-Rail Output Operational Amplifier 5-SOT-23 -40 to 125 CAP 680PF 50V 10% X7R SMD-0402 TR-13 PLATED-NI/SN Single 2.7-V High Slew Rate Rail-to-Rail Output Operational Amplifier 8-SOIC -40 to 125 PLCC Socket; Number of Contacts:32; Terminal Type:PCB Surface Mount; Contact Plating:Tin Over Nickel; Mounting Type:Surface Mount ACCU-F/P CRYSTAL, SM, CX-49G, 8MHZ; Frequency, output:8000kHz; Accuracy: /-50ppm; Temperature, operating range:-10(degree C) to 70(degree C); Capacitance, load:12pF; Crystal case type:10.8 x 4.5; Series:CX49GFWB; Temperature RoHS Compliant: Yes Automotive Catalog 2.7-V High-Slew-Rate Rail-to-Rail Output Operational Amplifier With Shutdown 5-SOT-23 -40 to 125 Dual 2.7-V High-Slew-Rate Rail-to-Rail Output Operational Amplifier 8-PDIP -40 to 125 Dual 2.7-V High-Slew-Rate Rail-to-Rail Output Operational Amplifier 8-SOIC -40 to 125 SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 单芯位CMOS微机 Dual 2.7-V High Slew Rate Rail-To-Rail Output Operational Amplifier 8-MSOP 0 to 70 单芯位CMOS微机 Dual 2.7-V High Slew Rate Rail-To-Rail Output Operational Amplifier 8-TSSOP -40 to 125 单芯位CMOS微机 Dual 2.7-V High Slew Rate Rail-To-Rail Output Operational Amplifier 8-SOIC
|
Renesas Electronics Corporation. Renesas Electronics, Corp. http://
|
MSK707 MSK707E MSK707H |
ULTRA-ACCURATE/HIGH SLEW RATE INVERTING OPERATIONAL AMPLIFIER
|
M.S. Kennedy Corporation
|
IDT723632 IDT723622 IDT723642 IDT723622L30PF IDT72 |
Quad, High Slew Rate, Single-Supply, Op Amp 14-TSSOP 0 to 70 Quad, High Slew Rate, Single-Supply, Op Amp 14-TSSOP -40 to 105 HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS 14-SOIC 0 to 70 1K X 36 BI-DIRECTIONAL FIFO, 15 ns, PQFP120 CMOS SyncBiFIFOO 256 x 36 x 2, 512 x 36 x 2, 1024 x 36 x 2 512 X 36 BI-DIRECTIONAL FIFO, 15 ns, PQFP132
|
Integrated Device Technology, Inc.
|
ADM483EAR-REEL ADM483EARZ ADM483EARZ-REEL ADM483EA |
±15 kV ESD Protected, Slew Rate Limited, 5 V, RS-485 Transceiver 15,-15 kV ESD Protected, Slew Rate
|
Analog Devices
|
GS1528BCTAE3 GS1528BCKAE3 |
HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
|
Gennum Corporation
|
GS9068A GS1528A |
GS1528A / GS9068A HD-LINX-R II Multi-Rate Dual Slew-Rate Cable Driver
|
Gennum Corporation
|
GS1528A GS9068ACKAE3 GS1528ACKAE3 GS9068A |
GS1528A / GS9068A HD-LINX-R II Multi-Rate Dual Slew-Rate Cable Driver
|
GENNUM[Gennum Corporation]
|
TCK102G |
1A Load Switch IC with Slew Rate Control Driver
|
Toshiba Semiconductor
|