PART |
Description |
Maker |
DF1-PD2428SCFB DF1B-10S-2.5R DF1B-11S-2.5R DF1B-12 |
MOSFET N-CH 600V 36A SOT-227B 2.5毫米间距连接器的离散线连接与UL(产品符 CSA标准 MOSFET N-CH 1KV 24A SOT-227B 2.5毫米间距连接器的离散线连接与UL(产品符 CSA标准 MOSFET N-CH 1KV 36A SOT-227B 2.5毫米间距连接器的离散线连接与UL(产品符 CSA标准 MOSFET N-CH 500V 44A SOT-227B 2.5毫米间距连接器的离散线连接与UL(产品符 CSA标准 MOSFET N-CH 500V 80A SOT-227B 2.5毫米间距连接器的离散线连接与UL(产品符 CSA标准 2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard) 2.5毫米间距连接器的离散线连接与UL(产品符 CSA标准 CAT6 SOL PC PVC BLU 50FT PVC SOLID PATCH CORD MOSFET N-CH 500V 48A SOT-227B MOSFET N-CH 200V 180A SOT-227B MOSFET N-CH 300V 130A SOT-227B MOSFET N-CH 500V 64A SOT-227 MOSFET N-CH 70V 200A SOT-227B
|
http:// HIROSE ELECTRIC Co., Ltd. Hirose Electric USA, INC. HIROSE[Hirose Electric]
|
ZXMP6A13FTC ZXMP6A13F ZXMP6A13FTA |
P-channel MOSFET 60V P-CHANNEL ENHANCEMENT MODE MOSFET MOSFET P-CH 60V 900MA SOT-23 900 mA, 60 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
ZETEX[Zetex Semiconductors] Electronic Theatre Controls, Inc. Zetex Semiconductor PLC
|
PIC18F4520TI_SO PIC18F2420TE_PSTQP PIC18F2420TE/PS |
MOSFET N-CH 70V 76A TO-247AD 28/40/44-Pin增强型闪存微控制器位A / D和纳瓦技10 CABLE ASSEMBLY; MHV MALE TO SHV PLUG ; 93 OHM, RG62A/U COAX; 12" CABLE LENGTH 28/40/44-Pin增强型闪存微控制器位A / D和纳瓦技0 28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology 28/40/44-Pin增强型闪存微控制器位A / D和纳瓦技0 MOSFET N-CH 800V 27A TO-264AA MOSFET N-CH 200V 58A TO-247AD MOSFET N-CH 200V 120A TO-264AA ADAPTER BNC R/A FEMALE-MALE Din Rail; External Width:7.5mm; Length:2m; Body Material:Steel MOSFET N-CH 70V 110A TO-264AA MOSFET N-CH 900V 6A TO-247AD MOSFET N-CH 600V 48A TO-264 MOSFET N-CH 500V 48A TO-264AA MOSFET N-CH 600V 44A TO-264AA MOSFET N-CH 100V 180A TO-264AA Connector; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes
|
Microchip Technology, Inc. Microchip Technology Inc.
|
NTE2946 NTE2944 |
30V N-Channel PowerTrench MOSFET 30V的N沟道的PowerTrench MOSFET MOSFET N-Channel, Enhancement Mode High Speed Switch
|
NTE Electronics, Inc. NTE[NTE Electronics]
|
IXTA10N60P IXTP10N60P IXTI10N60P |
MOSFET N-CH 600V 10A D2-PAK 10 A, 600 V, 0.74 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB PolarHV Power MOSFET
|
Infineon Technologies AG IXYS CORP IXYS Corporation
|
VRF150 VRF15010 VRF150MP |
RF MOSFET (VDMOS) for 50V operation; P(out) (W): 150; P(in) (W): 15; Gain (dB): 10; VDD (V): 50; Coss (pF): 240; Case Style: M174 VHF BAND, Si, N-CHANNEL, RF POWER, MOSFET RF POWER VERTICAL MOSFET
|
Microsemi, Corp. Microsemi Corporation
|
IRFP260PBF IRF6618TRPBF IRF6618PBF |
HEXFET? Power MOSFET DirectFET?Power MOSFET ? DirectFET㈢Power MOSFET ㈢ HEXFET㈢ Power MOSFET
|
International Rectifier
|
IRF6217PBF IRF6217TRPBF IRF6217PBF-15 |
Reset Switch for Active Clamp Reset DC to DC converters SMPS MOSFET HEXFET?Power MOSFET SMPS MOSFET HEXFET㈢Power MOSFET
|
International Rectifier
|
AUIRF1404Z AUIRF1404ZL AUIRF1404ZS |
HEXFET垄莽 Power MOSFET HEXFET? Power MOSFET 160 A, 40 V, 0.0037 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-262AA Low On-Resistance
|
International Rectifier List of Unclassifed Man...
|
IRFIB7N50A IRFIB7N50APBF |
6.6 A, 500 V, 0.52 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET(Vdss=500V, Rds(on)max=0.52ohm, Id=6.6A) HEXFET? Power MOSFET 500V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package
|
IRF[International Rectifier]
|
FAN5009M FAN5009MX |
Dual Bootstrapped 12V MOSFET Driver HALF BRDG BASED MOSFET DRIVER, PDSO8 Synchronous DC-DC MOSFET Driver
|
Fairchild Semiconductor, Corp.
|