PART |
Description |
Maker |
IRF240SMD |
N.CHANNEL POWER MOSFET N-Channel Power MOSFET(Vdss:200V,Id(cont):13.9A,Rds(on):0.18Ω)(N沟道功率MOS场效应管(Vdss:200V,Id(cont):13.9A,Rds(on):0.18Ω)) N沟道功率MOSFET(减振钢板基本:200伏,身份证(续)3.9A,的Rds(on):0.18Ω)(不适用马鞍山沟道功率场效应管(减振钢板基本00伏,身份证(续)3.9A时,RDS(对):0.18Ω))
|
SemeLAB SEME-LAB[Seme LAB] Air Cost Control
|
NJU26105 |
AGC/eala BASS/T.cont/PEQ/Vol./HPF / QFP32-R1
|
JRC
|
0528932095 |
0.5 FPC CONN ASSY ZIF SMT RA(BTM CONT) E/O -LEAD FREE-
|
Molex Electronics Ltd.
|
STK4111V |
VAR 20 JOULES CONT 81V MAX 175V/50A MOV 模拟IC
|
Sanyo Electric Co., Ltd.
|
0541323297 0541323397 |
0.5 FPC CONN ASSY ZIF SMT RA(BTM CONT) E/O -LEAD FREE-
|
Molex Electronics Ltd.
|
AS3834 AS3834-ZSOT AS3834-ZTQT |
4 channel high-precision LED cont rol ler for 3D-LCD backl ight wi th
|
ams AG
|
APT1101RSFLL |
Volts:1100V RDS(ON)1Ohms ID(cont):13Amps|FREDFETs ( fast body diode)
|
|
3-84953-0 |
FPC ( Flexible Printed Circuit ) Connectors; 1MM FPC HORZ.TOP CONT.ASSY 30P ( AMP )
|
Tyco Electronics
|
APT5523BFLL APT5523SFLL |
Volts:550V RDS(ON)0.23Ohms ID(cont):24Amps|FREDFETs ( fast body diode) 电压50V的RDS(ON.23Ohms身份证(续):二十四安培| FREDFETs(快速体二极管)
|
Microsemi, Corp.
|
2N4118A SST4119 2N4117A 2N4119A PN4117A PN4118A PN |
N-Channel JFETs IC FTDI2232L USB/SERIAL 48-LQFP MOSFET, DUAL PP SO-8MOSFET, DUAL PP SO-8; Transistor type:MOSFET; Transistor polarity:Dual P; Voltage, Vds max:12V; Case style:SO-8; Current, Id cont:4.8A; Current, Idm pulse:-20A; Power, Pd:1.1W; Resistance, Rds on:0.035R; SMD:1; MOSFET, DUAL PP SO-8MOSFET, DUAL PP SO-8; Transistor type:MOSFET; Transistor polarity:Dual P; Voltage, Vds max:20V; Case style:SO-8; Current, Id cont:3.6A; Current, Idm pulse:40A; Power, Pd:1.1W; Resistance, Rds on:0.06R; SMD:1;
|
VISAY[Vishay Siliconix] Vishay Intertechnology,Inc.
|
HYB18L2561 HYE25L256160AC-7.5 HYE25L256160AF-7.5 H |
HEX DIE SET,.052/.068/.100/.21 RT ANG PCB CONT .40/1.295 BULK BJAWBMSpecialty DRAMs Mobile-RAM BJAWBMSpecialty DRAM的移动RAM
|
http:// INFINEON[Infineon Technologies AG]
|