PART |
Description |
Maker |
PCH-27-103L PCH-27-104L PCH-27-105L PCH-27-106L PC |
Axial Lead Power Chokes Power inductor, 10% tol, RoHS 1 ELEMENT, 1200 uH, GENERAL PURPOSE INDUCTOR Power inductor, 10% tol, RoHS 1 ELEMENT, 120 uH, GENERAL PURPOSE INDUCTOR Power inductor, 10% tol, RoHS 1 ELEMENT, 12000 uH, GENERAL PURPOSE INDUCTOR Power inductor, 10% tol, RoHS 1 ELEMENT, 10000 uH, GENERAL PURPOSE INDUCTOR Power inductor, 10% tol, RoHS 1 ELEMENT, 100 uH, GENERAL PURPOSE INDUCTOR Power inductor, 10% tol, RoHS 1 ELEMENT, 1000 uH, GENERAL PURPOSE INDUCTOR Power inductor, 10% tol, RoHS 1 ELEMENT, 1500 uH, GENERAL PURPOSE INDUCTOR Power inductor, 10% tol, RoHS 1 ELEMENT, 150 uH, GENERAL PURPOSE INDUCTOR Power inductor, 10% tol, RoHS 1 ELEMENT, 10 uH, GENERAL PURPOSE INDUCTOR Power inductor, 10% tol, RoHS 1 ELEMENT, 15 uH, GENERAL PURPOSE INDUCTOR Power inductor, 10% tol, RoHS 1 ELEMENT, 27 uH, GENERAL PURPOSE INDUCTOR Power inductor, 10% tol, RoHS 1 ELEMENT, 12 uH, GENERAL PURPOSE INDUCTOR Power inductor, 10% tol, RoHS 1 ELEMENT, 5.6 uH, GENERAL PURPOSE INDUCTOR Power inductor, 10% tol, RoHS 1 ELEMENT, 8.2 uH, GENERAL PURPOSE INDUCTOR Power inductor, 10% tol, RoHS 1 ELEMENT, 18 uH, GENERAL PURPOSE INDUCTOR Power inductor, 10% tol, RoHS 1 ELEMENT, 220 uH, GENERAL PURPOSE INDUCTOR Power inductor, 10% tol, RoHS 1 ELEMENT, 8200 uH, GENERAL PURPOSE INDUCTOR Power inductor, 10% tol, RoHS 1 ELEMENT, 6.8 uH, GENERAL PURPOSE INDUCTOR Power inductor, 10% tol, RoHS 1 ELEMENT, 18000 uH, GENERAL PURPOSE INDUCTOR Power inductor, 10% tol, RoHS 1 ELEMENT, 680 uH, GENERAL PURPOSE INDUCTOR Power inductor, 10% tol, RoHS 1 ELEMENT, 82 uH, GENERAL PURPOSE INDUCTOR Power inductor, 10% tol, RoHS 1 ELEMENT, 4.7 uH, GENERAL PURPOSE INDUCTOR Power inductor, 10% tol, RoHS 1 ELEMENT, 6800 uH, GENERAL PURPOSE INDUCTOR Power inductor, 10% tol, RoHS 1 ELEMENT, 68 uH, GENERAL PURPOSE INDUCTOR Power inductor, 10% tol, RoHS 1 ELEMENT, 3.9 uH, GENERAL PURPOSE INDUCTOR Power inductor, 10% tol, RoHS 1 ELEMENT, 820 uH, GENERAL PURPOSE INDUCTOR Power inductor, 10% tol, RoHS 1 ELEMENT, 2700 uH, GENERAL PURPOSE INDUCTOR Power inductor, 10% tol, RoHS 1 ELEMENT, 180 uH, GENERAL PURPOSE INDUCTOR Power inductor, 10% tol, RoHS 1 ELEMENT, 15000 uH, GENERAL PURPOSE INDUCTOR Power inductor, 10% tol, RoHS 1 ELEMENT, 39 uH, GENERAL PURPOSE INDUCTOR Power inductor, 10% tol, RoHS 1 ELEMENT, 2200 uH, GENERAL PURPOSE INDUCTOR
|
Coilcraft lnc. Coilcraft, Inc. COILCRAFT INC
|
BUW36 BUY69A BUY69B BUX48 BUX80 BDX87 BDX88 BDW51 |
Leaded Power Transistor Darlington Power Transistors 15 A, 45 V, PNP, Si, POWER TRANSISTOR, TO-3 INDUCTOR PWR UNSHIELD 470UH SMT Certification- 5.2kVDC Isolation- Power Sharing- Pin Compatible with RH & RK Series, SIP DC-DC Converters- UL94V-0 Package M Leaded Power Transistor General Purpose
|
Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
43045-1208 43045-1806 43045-1608 43045-2406 43045- |
Header; No. of Contacts:12; Pitch Spacing:3mm; No. of Rows:2; Series:Micro-Fit; Connector Body Material:Polymer; Mounting Type:PC Board; Terminal Type:Right Angle Surface Mount RoHS Compliant: Yes POWER CONNECTOR 430451806 POWER CONNECTOR 430451608 POWER CONNECTOR Microfit 3.0 RA SMT/Clip DR Tin 24 Ckt POWER CONNECTOR 430450206 POWER CONNECTOR
|
Molex, Inc.
|
IPU10N03LA Q67042-S4238 IPD10N03LA IPS10N03LA IPF1 |
OptiMOS®2 - Power packages OptiMOS2 Power-Transistor OptiMOS2功率晶体 30 A, 25 V, 0.0104 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-251AA
|
INFINEON[Infineon Technologies AG]
|
2SD1719 |
Power Device - Power Transistors - General-Purpose power amplification Silicon NPN triple diffusion planar type
|
Panasonic Semiconductor
|
2SC5993 |
Power Device - Power Transistors - Television/Display For power amplification For TV VM circuit
|
PANASONIC[Panasonic Semiconductor]
|
2SD1267A |
Power Device - Power Transistors - General-Purpose power amplification
|
Panasonic
|
2SD1254 |
Power Device - Power Transistors - General-Purpose power amplification
|
Panasonic
|
2SD1444A |
Power Device - Power Transistors - General-Purpose power amplification
|
Panasonic
|
|