PART |
Description |
Maker |
NPTB00004 |
Gallium Nitride 28V, 5W RF Power Transistor
|
M/A-COM Technology Solutions, Inc. M/A-COM Technology Solution...
|
NPT2019 |
Gallium Nitride 48V, 25W, DC-6 GHz HEMT
|
M/A-COM Technology Solutions, Inc.
|
NPT2021-DC-2P2GHZ-50W NPT2021-15 |
Gallium Nitride 48V, 50W, DC-2.2 GHz HEMT
|
M/A-COM Technology Solutions, Inc. M/A-COM Technology Solu...
|
WP710A10ID5V |
The High Efficiency Red source color devices are made with Gallium Arsenide Phosphide on Gallium Phosphide Orange Light Emitting Diode.
|
Kingbright Corporation
|
L680 DGSK8-025A DGS3-025AS DGS4-025A |
Gallium Arsenide Schottky Rectifier 5.4 A, 250 V, GALLIUM ARSENIDE, RECTIFIER DIODE, TO-220AC Gallium Arsenide Schottky Rectifier 5.4 A, 250 V, GALLIUM ARSENIDE, RECTIFIER DIODE, TO-220AB From old datasheet system
|
IXYS, Corp. IXYS[IXYS Corporation]
|
W4NRD0X-0000 W4NRD8C-U000 W4NXD8C-0000 W4NXD8C-L00 |
Diameter: 50.8mm; LCW substrates; silicon carbide substrates. For high frequency power devices, high power devices, high temperature devices, optoelectronic devices, III-V nitride deposition Diameter: 50.8mm; ultra-low mircopipe density; silicon carbide substrates. For high frequency power devices, high power devices, high temperature devices, optoelectronic devices, III-V nitride deposition Diameter: 50.8mm; standatd mircopipe density; silicon carbide substrates. For high frequency power devices, high power devices, high temperature devices, optoelectronic devices, III-V nitride deposition Diameter: 50.8mm; low mircopipe density; silicon carbide substrates. For high frequency power devices, high power devices, high temperature devices, optoelectronic devices, III-V nitride deposition Diameter: 50.8mm; select mircopipe density; silicon carbide substrates. For high frequency power devices, high power devices, high temperature devices, optoelectronic devices, III-V nitride deposition Diameter: 76.2mm; LCW type; 6H-silicon carbide. For high frequency power devices, high power devices, high temperature devices, optoelectronic devices, III-V nitride deposition Diameter: 50.8mm; LCW type; 6H-silicon carbide. For high frequency power devices, high power devices, high temperature devices, optoelectronic devices, III-V nitride deposition Diameter: 50.8mm; lsemi-insulating (prototype); 6H-silicon carbide. For high frequency power devices, high power devices, high temperature devices, optoelectronic devices, III-V nitride deposition
|
CREE POWER
|
DGSK40-025A |
Gallium Arsenide Schottky Rectifier 18 A, 250 V, GALLIUM ARSENIDE, RECTIFIER DIODE, TO-220AB
|
IXYS, Corp.
|
RFP-250375N6X50-2 |
Aluminum Nitride Terminations
|
Anaren Microwave
|
MGR1018_D ON1879 MGR1018 |
Power Manager Gallium Arsenide Power Rectifier From old datasheet system GALLIUM ARSENIDE RECTIFIER 10 AMPERES 180 VOLTS
|
MOTOROLA[Motorola, Inc] ON Semi
|
GS150TC25104 GS150TA25104 GS150TI25104 |
Gallium Arsenide Schottky Rectifier 4 A, 250 V, GALLIUM ARSENIDE, RECTIFIER DIODE
|
IXYS Corporation
|
RFP-100200N4Z50-2 |
Aluminum Nitride Terminations 10 Watts, 50ohm
|
Anaren Microwave
|
|