PART |
Description |
Maker |
25C040-P 25AA040-P 25LC040-P 25C040X-ST 25C040IN 2 |
Evaluation Kit for the MAX1748, MAX1779 Evaluation Kit for the MAX16803 Evaluation Kit for the MAX1760 High-Voltage, Step-Down DC-DC Controller in µMAX 500mA Low-Dropout Linear Regulator in UCSP Industry-Standard, 12-Bit ADC with Reference Evaluation Kit for the MAX1757, MAX1758 60mA, SOT23 Inverting Charge Pump with Shutdown Evaluation Kit for the MAX1700, MAX1701 125mA, Frequency-Selectable, Switched-Capacitor Voltage Converters Evaluation Kit for the MAX1684, MAX1685 Evaluation Kit for the MAX1698 Evaluation Kit for the MAX1692 Evaluation Kit for the MAX1703 Evaluation Kit for the MAX1820, MAX1821 Complete, 100ksps, 8-Channel, 12-Bit Data Acquisition Systems SPI串行EEPROM High-Voltage, 350mA, Adjustable Linear High-Brightness LED (HB LED) Driver SPI串行EEPROM Evaluation Kit for the MAX1744, MAX1745 SPI串行EEPROM SPI Serial EEPROM SPI串行EEPROM
|
Microchip Technology, Inc.
|
MAX1583XETB MAX1583YETB MAX1583ZETB MAX1583EVKIT M |
White LED Camera-Flash MAX1583 Evaluation Kit 1 A, 24 V, evaluation kit 500 mA, 24 V, evaluation kit 250 mA, 24 V, evaluation kit
|
MAXIM - Dallas Semiconductor
|
25C320-E/ST 25C320T-/ST 25LC320T-/ST 25C320-/P 25C |
CMOS, 10-Bit A/D Converter with Track and Hold Evaluation Kit for the MAX1858, MAX1875, MAX1876 Dual, High-Efficiency, Step-Down Converter with Backup Battery Switchover Evaluation Kit for the MAX1774 SPI Serial EEPROM Evaluation Kit for the MAX1846, MAX1847 3µs, 12-Bit ADC Evaluation Kit for the MAX1776 SPI串行EEPROM
|
Microchip Technology, Inc.
|
PECLDL-10-1 PECLDL-10-4 PECLDL-10-7 PECLDL-10-9 PE |
LTC3824 Evaluation Kit LT3844EFE Evaluation Kit LT3476EUHF Evaluation Kit LTC3835EGN-1 Evaluation Kit 延迟线|可编程| 1线| 1 -技术咨询|混合|双酯| 32脚|塑料 DELAY LINE|PROGRAMMABLE|1-LINE|1-TAP|HYBRID|DIP|32PIN|PLASTIC 延迟线|可编程| 1线| 1 -技术咨询|混合|双酯| 32脚|塑料
|
Advanced Power Electronics, Corp.
|
5962-8751503JX 5962-8751502JX 5962-8751504JX 5962- |
Evaluation Kit for the MAX8716 Dynamically Adjustable 6-Bit VID Step-Down Controller Low-Cost, Linear-Regulator LCD Panel Power Supplies Evaluation Kit for the MAX8717 Simplified Multichemistry SMBus Battery Charger Interleaved High-Efficiency, Dual Power-Supply Controllers for Notebook Computers High-Voltage, Low-Power Linear Regulators for Notebook Computers Evaluation Kit for the MAX8713 x8 EPROM x8存储
|
API Delevan
|
MAX5417LEVKIT |
Evaluation Kit/Evaluation System for the MAX5417_, MAX5418_, and MAX5419_
|
MAXIM - Dallas Semiconductor
|
MAX5954LEVCMAXQUSB |
Evaluation Kit/Evaluation System for the MAX5954L/MAX5954A
|
MAXIM - Dallas Semiconductor
|
MAX6683EVKIT MAX6652EVKIT |
Evaluation System/Evaluation Kit for the MAX6652/MAX6683
|
Maxim
|
EV6020 |
Evaluation Kit User Manual Evaluation Board
|
CML Microcircuits CONSUMER MICROCIRCUITS LIMITED
|
5962-8760802PX |
Evaluation Kit/Evaluation System for the MAX9853 采样/跟踪和保持放大器
|
TE Connectivity, Ltd.
|
DS1701K |
1-Wire Temperature Sensor Evaluation Kit 1-Wire Thermal Device Evaluation Kit
|
MAXIM - Dallas Semiconductor DALLAS[Dallas Semiconductor]
|