PART |
Description |
Maker |
CLY32-00 CLY32-05 CLY32-10 CLY32 |
Standard Recovery Rectifier; Forward Current:25A; Forward Current Average:15.9A; Forward Current Avg Rectified, IF(AV):15.9A; Forward Surge Current Max, Ifsm:350A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes 伊雷尔C波段砷化镓功率场效应 HiRel C-Band GaAs Power-MESFET
|
INFINEON[Infineon Technologies AG]
|
251UL80S20 251UL 251UL100S10 251UL100S15 251UL100S |
2000V Fast Recovery Diode in a DO-205AB (DO-9) package 2000V快恢复二极管中的DO - 205AB(请 9)封 1600V Fast Recovery Diode in a DO-205AB (DO-9) package 1600V快恢复二极管中的DO - 205AB(请 9)封 2500V Fast Recovery Diode in a DO-205AB (DO-9) package 1000V Fast Recovery Diode in a DO-205AB (DO-9) package 1200V Fast Recovery Diode in a DO-205AB (DO-9) package 1800V Fast Recovery Diode in a DO-205AB (DO-9) package 1400V Fast Recovery Diode in a DO-205AB (DO-9) package 250 AMP Fast Recovery Power Silicon Rectifiers Standard Recovery Rectifier; Forward Current:20A; Forward Current Average:12.7A; Forward Current Avg Rectified, IF(AV):12.7A; Forward Surge Current Max, Ifsm:300A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes 250安培快速恢复电力硅整流 16 Characters x 2 Lines, 5x7 Dot Matrix Character and Cursor 250安培快速恢复电力硅整流 Standard Recovery Rectifier; Forward Current:15A; Forward Current Average:9.5A; Forward Current Avg Rectified, IF(AV):9.5A; Forward Surge Current Max, Ifsm:225A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes 250安培快速恢复电力硅整流
|
OlympicControls, Corp. Cree, Inc. IRF[International Rectifier] http:// International Rectifier, Corp.
|
Q62703-Q3170 Q62703-Q3176 Q62703-Q3177 Q62703-Q355 |
Hyper 3 mm T1 LED Non Diffused Hyper-Bright LED Hyper 3 mm T1 LED/ Non Diffused Hyper-Bright LED FILTER CHIP 26 OHM 6A 0603 Standard Recovery Rectifier; Forward Current:25A; Forward Current Average:15.9A; Forward Current Avg Rectified, IF(AV):15.9A; Forward Surge Current Max, Ifsm:350A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes 50842042 Hyper 3 mm T1 LED, Non Diffused Hyper-Bright LED T-1 SINGLE COLOR LED, SUPER RED, 3 mm Hyper 3 mm T1 LED, Non Diffused Hyper-Bright LED 3毫米T1的LED,不扩散超高亮LED Hyper 3 mm T1 LED, Non Diffused Hyper-Bright LED 毫米T1的LED,不扩散超高亮LED Hyper 3 mm T1 LED, Non Diffused Hyper-Bright LED T-1 SINGLE COLOR LED, ORANGE, 3 mm
|
Siemens Semiconductor G... SIEMENS[Siemens Semiconductor Group] SIEMENS AG
|
AK2570 |
Feed-Forward APC for Laser Diode Modules Feed Forward APC LSI for LD Module
|
AKM Asahi Kasei Microsystems
|
DL-3148-023 |
LED Mount; Bulb Size:T-1; LED Color:High Efficiency Red; Luminous Intensity:30mcd; Viewing Angle:45 ; Forward Current:30mA; Forward Voltage:2V; Operating Temperature Range:-40 C to 85 C; Leaded Process Compatible:Yes RoHS Compliant: Yes AlGalnP Laser Diode
|
Sanyo Electric Co.,Ltd. SANYO[Sanyo Semicon Device]
|
BD241CFP |
Transient Surge Protection Thyristor; Package/Case:MS-013; Current, It av:2.2A; Reel Quantity:1500; Capacitance:80pF; Current Rating:2.2A; Forward Current:5A; Forward Voltage:200V; Holding Current:150mA 晶体管|晶体管|叩| 100V的五(巴西)总裁| 3A条一(c)| TO - 220AB现有
|
Samsung Semiconductor Co., Ltd.
|
DPA422PN DPA423GN DPA425GN DPA424PN DPA425PN DPA42 |
DC-DC Forward Converter Design Guide Application Note AN-31 DPA-Switch DC-DC Forward Converter Design Guide
|
Power Integrations, Inc. Power Integrations, Inc...
|
595-2101-002F 595-2701-007F 595-2701-013F |
LED Lamp; Bulb Size:2mm; LED Color:Red; Luminous Intensity:25ucd; Viewing Angle:40 ; Forward Current:20mA; Forward Voltage:1.7V; Operating Temperature Range:-30 C to C; Color:Red; LED Gas Type:AlGaAs RoHS Compliant: Yes SINGLE COLOR LED, RED, 1.8 mm LED Lamp; Bulb Size:2mm; LED Color:Yellow; Luminous Intensity:41mcd; Forward Current:20mA; Forward Voltage:2.02V; Operating Temperature Range:-30 C to 85 C; Color:AllnGaP Yellow; Leaded Process Compatible:Yes RoHS Compliant: Yes SINGLE COLOR LED, YELLOW, 1.8 mm
|
Dialight PLC DIALIGHT CORP
|
610-3132-120 610-4132-120 |
LED Lamp; LED Color:Red; Luminous Intensity:250ucd; Forward Current:15mA; Forward Voltage:6V; Operating Temperature Range:-25 C to 85 C; Color:Red; Leaded Process Compatible:No; Lens Style:(H x W) 36.83 x 15 mm; Lens Width:10 RoHS Compliant: No SINGLE COLOR LED, RED, 11.94 mm
|
Dialight Corporation
|