PART |
Description |
Maker |
PEB22554-HT |
POT 10K OHM 9MM HORZ PLA BUSHING
|
SIEMENS AG
|
0015800149 15-80-0149 A-70567-0277 |
2.54mm (.100) Pitch C-Grid庐 Header, Through Hole without Peg, Dual Row, Vertical, Shrouded, High Temperature, 14 Circuits, 0.38渭m (15渭) Gold, (Au) Selective Pla 2.54mm (.100) Pitch C-Grid? Header, Through Hole without Peg, Dual Row, Vertical, Shrouded, High Temperature, 14 Circuits, 0.38μm (15μ) Gold, (Au) Selective Plating
|
Molex Electronics Ltd.
|
A-70567-0363 15-80-1501 0015801501 |
2.54mm (.100) Pitch C-Grid庐 Header, Through Hole without Peg, Dual Row, Vertical, Shrouded, High Temperature, 50 Circuits, 0.76渭m (30渭) Gold, (Au) Selective Pla 2.54mm (.100) Pitch C-Grid? Header, Through Hole without Peg, Dual Row, Vertical, Shrouded, High Temperature, 50 Circuits, 0.76μm (30μ) Gold, (Au) Selective Plating
|
Molex Electronics Ltd.
|
PCH-27-103L PCH-27-104L PCH-27-105L PCH-27-106L PC |
Axial Lead Power Chokes Power inductor, 10% tol, RoHS 1 ELEMENT, 1200 uH, GENERAL PURPOSE INDUCTOR Power inductor, 10% tol, RoHS 1 ELEMENT, 120 uH, GENERAL PURPOSE INDUCTOR Power inductor, 10% tol, RoHS 1 ELEMENT, 12000 uH, GENERAL PURPOSE INDUCTOR Power inductor, 10% tol, RoHS 1 ELEMENT, 10000 uH, GENERAL PURPOSE INDUCTOR Power inductor, 10% tol, RoHS 1 ELEMENT, 100 uH, GENERAL PURPOSE INDUCTOR Power inductor, 10% tol, RoHS 1 ELEMENT, 1000 uH, GENERAL PURPOSE INDUCTOR Power inductor, 10% tol, RoHS 1 ELEMENT, 1500 uH, GENERAL PURPOSE INDUCTOR Power inductor, 10% tol, RoHS 1 ELEMENT, 150 uH, GENERAL PURPOSE INDUCTOR Power inductor, 10% tol, RoHS 1 ELEMENT, 10 uH, GENERAL PURPOSE INDUCTOR Power inductor, 10% tol, RoHS 1 ELEMENT, 15 uH, GENERAL PURPOSE INDUCTOR Power inductor, 10% tol, RoHS 1 ELEMENT, 27 uH, GENERAL PURPOSE INDUCTOR Power inductor, 10% tol, RoHS 1 ELEMENT, 12 uH, GENERAL PURPOSE INDUCTOR Power inductor, 10% tol, RoHS 1 ELEMENT, 5.6 uH, GENERAL PURPOSE INDUCTOR Power inductor, 10% tol, RoHS 1 ELEMENT, 8.2 uH, GENERAL PURPOSE INDUCTOR Power inductor, 10% tol, RoHS 1 ELEMENT, 18 uH, GENERAL PURPOSE INDUCTOR Power inductor, 10% tol, RoHS 1 ELEMENT, 220 uH, GENERAL PURPOSE INDUCTOR Power inductor, 10% tol, RoHS 1 ELEMENT, 8200 uH, GENERAL PURPOSE INDUCTOR Power inductor, 10% tol, RoHS 1 ELEMENT, 6.8 uH, GENERAL PURPOSE INDUCTOR Power inductor, 10% tol, RoHS 1 ELEMENT, 18000 uH, GENERAL PURPOSE INDUCTOR Power inductor, 10% tol, RoHS 1 ELEMENT, 680 uH, GENERAL PURPOSE INDUCTOR Power inductor, 10% tol, RoHS 1 ELEMENT, 82 uH, GENERAL PURPOSE INDUCTOR Power inductor, 10% tol, RoHS 1 ELEMENT, 4.7 uH, GENERAL PURPOSE INDUCTOR Power inductor, 10% tol, RoHS 1 ELEMENT, 6800 uH, GENERAL PURPOSE INDUCTOR Power inductor, 10% tol, RoHS 1 ELEMENT, 68 uH, GENERAL PURPOSE INDUCTOR Power inductor, 10% tol, RoHS 1 ELEMENT, 3.9 uH, GENERAL PURPOSE INDUCTOR Power inductor, 10% tol, RoHS 1 ELEMENT, 820 uH, GENERAL PURPOSE INDUCTOR Power inductor, 10% tol, RoHS 1 ELEMENT, 2700 uH, GENERAL PURPOSE INDUCTOR Power inductor, 10% tol, RoHS 1 ELEMENT, 180 uH, GENERAL PURPOSE INDUCTOR Power inductor, 10% tol, RoHS 1 ELEMENT, 15000 uH, GENERAL PURPOSE INDUCTOR Power inductor, 10% tol, RoHS 1 ELEMENT, 39 uH, GENERAL PURPOSE INDUCTOR Power inductor, 10% tol, RoHS 1 ELEMENT, 2200 uH, GENERAL PURPOSE INDUCTOR
|
Coilcraft lnc. Coilcraft, Inc. COILCRAFT INC
|
45912-0030 0459120030 |
12.90mm (.508) Pitch EXTreme PowerEdge? Mixed Power/Signal Card Edge Connector, Double Sided, 4 Segments (Power, Signal, Power, Power Sequence), Press-Fit
|
Molex Electronics Ltd.
|
45912-0026 0459120026 |
12.90mm (.508) Pitch EXTreme PowerEdge? Mixed Power/Signal Card Edge Connector, Double Sided, 4 Segments (Power, Power, Signal, Power Sequence), Press-Fit
|
Molex Electronics Ltd.
|
43045-1208 43045-1806 43045-1608 43045-2406 43045- |
Header; No. of Contacts:12; Pitch Spacing:3mm; No. of Rows:2; Series:Micro-Fit; Connector Body Material:Polymer; Mounting Type:PC Board; Terminal Type:Right Angle Surface Mount RoHS Compliant: Yes POWER CONNECTOR 430451806 POWER CONNECTOR 430451608 POWER CONNECTOR Microfit 3.0 RA SMT/Clip DR Tin 24 Ckt POWER CONNECTOR 430450206 POWER CONNECTOR
|
Molex, Inc.
|
POWER-32D POWER-22D POWER-12D |
(POWER-12D/-22D/-32D) Low power off-line switching power supply control chip
|
Xin Ke
|
TA8260AH |
Max Power 40 W BTL 4CH Audio Power IC Max Power 40 W BTL 】 4CH Audio Power IC Max Power 40 W BTL x 4CH Audio Power IC RAC15-TA(-E)(-ST) Series - Powerline Regulated AC-DC Converters; Output Voltage (Vdc): 5V; Auxilary Voltage (Vdc): 12V; Features: Compact AC-DC Power
|
Toshiba Semiconductor Toshiba Corporation
|
2SD1719 |
Power Device - Power Transistors - General-Purpose power amplification Silicon NPN triple diffusion planar type
|
Panasonic Semiconductor
|
|