PART |
Description |
Maker |
MAX5360 MAX5360LEUK MAX5360MEUK MAX5360NEUK MAX536 |
4 V,low-cost, low-power, 6-bit DAC with 2-wire serial interface Low-Cost, Low-Power 6-Bit DACs with 2-Wire Serial Interface in SOT23 Package 低成本,低功耗,6位DAC,带线串行接口,采用SOT23封装 Low-Cost, Low-Power 6-Bit DACs with 2-Wire Serial Interface in SOT23 Package SERIAL INPUT LOADING, 20 us SETTLING TIME, 6-BIT DAC, PDSO5 Low-Cost / Low-Power 6-Bit DACs with 2-Wire Serial Interface in SOT23 Package Low-Cost Low-Power 6-Bit DACs with 2-Wire Serial Interface in SOT23 Package 2 V,low-cost, low-power, 6-bit DAC with 2-wire serial interface
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
AD558S AD558T AD558KP AD558SD AD558 AD558TD AD558J |
DACPORT Low Cost Complete uP-Compatible 8-Bit DAC DACPORT Low Cost, Complete uP-Compatible 8-Bit DAC Voltage-output 8-bit digital-to-analog converter, including output amplifier, full microprocessor interface and precision
|
AD[Analog Devices]
|
AD421 AD421BR EVAL-AD421EB AD421BN AD421BRRL EVAL- |
Loop-Powered 4 mA to 20 mA DAC Loop-Powered 4-20 mA DAC 18-Bit/ 2.5 LSB INL/ 570 kSPS SAR ADC 1 MSPS/ 12-Bit ADCs Evaluation Board for 1MSPS/ 12-Bit ADC SigmaDSP 3-Channel/ 26-Bit Signal Processing DAC Low Cost/ Low Power CMOS General Purpose Analog Front End EvaluationBoardforLowCost/LowPower/ CMOSGerneralPurposeDualAnalogFrontEnd Evaluation Board for 12-bit high speed/ low power/ successive-approximation ADC Evaluation Board AD1555/1556 24-Bit ADC 1.8 V/ Micro-Power/ 8/10/12-Bit ADCs in 6 Lead SOT-23 Evaluation Board for 1MSPS/ 12-/ 10-Bit ADCs 2.35 V to 5.25 V/ 1 MSPS/ 12-/10-/8-Bit ADCs in 6-Lead SC70 Multichannel 24-Bit/ 192 kHz/ DAC 2 ADC/ 8 DAC/ 96 kHz/ 24-Bit Codec Low Cost/ Low Power CMOS General-Purpose Dual Analog Front End AD73360L Evaluation Board/ Six Input Channel Analog Front End 3MSPS/ 12-Bit SAR ADC 2 ADC/ 6 DAC/ 96KHZ 24 BIT CODEC Differential Input/ Dual 2 MSPS/ 12-Bit/ 3-Channel SAR ADC Software Selectable True Bipolar Input/ 2-Channel/ 12-Bit Plus Sign ADC Differential Input/ 1MSPS/ 12-Bit ADC in SO-8 and S0-8 Evaluation Board for 10-bit high speed/ low power/ successive-approximation ADC 32-Channel/ 14-Bit Voltage-Output DAC 3MSPS/ 14-Bit SAR ADC
|
AD` AD[Analog Devices] ATMEL Corporation Analog Devices, Inc. http://
|
AD7533 AD7533AQ AD7533BQ AD7533CQ AD7533JN AD7533J |
10-Bit, Multiplying DAC CMOS LOW COST 10-BIT MULTIPLYING DAC PARALLEL, WORD INPUT LOADING, 0.8 us SETTLING TIME, 10-BIT DAC, PDIP16 CMOS LOW COST 10-BIT MULTIPLYING DAC DUAL, PARALLEL, WORD INPUT LOADING, 0.8 us SETTLING TIME, 10-BIT DAC, PQCC20
|
Intersil Corporation AD[Analog Devices] Analog Devices, Inc. ANALOG DEVICES INC
|
AD557 AD557JP AD557JN |
DACPORT/ Low-Cost Complete mP-Compatible 8-Bit DAC DACPORT, Low-Cost Complete mP-Compatible 8-Bit DAC DACPORT, Low-Cost Complete μP-Compatible 8-Bit DAC(完备的电压输位D/A转换
|
Analog Devices, Inc.
|
MAX5202ACUB MAX5203ACUB MAX5200ACUB MAX5201ACUB MA |
Low-Cost, Voltage-Output, 16-Bit DACs with Internal Reference in MAX Low-Cost, Voltage-Output, 16-Bit DACs with Internal Reference in μMAX Low-Cost, Voltage-Output, 16-Bit DACs with Internal Reference in µMAX SERIAL INPUT LOADING, 25 us SETTLING TIME, 16-BIT DAC, PDSO10 Low-Cost, Voltage-Output, 16-Bit DACs with Internal Reference in ??AX
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
5962F9584501VYC 5962H9584501VYC 5962R9584501VYC 59 |
2-Wire, Serial, 8-Bit DACs with Rail-to-Rail Outputs 5-Pin, Multiple-Input, Programmable Reset ICs Low-Cost, Low-Power, 8-Bit DACs with 2-Wire Serial Interface in SOT23 Low-Cost, Voltage-Output, 16-Bit DACs in µMAX 5V, Low-Power, Voltage-Output, Serial 12-Bit DACs Low-Cost, Voltage-Output, 16-Bit DACs with Internal Reference in µMAX Low-Cost, Low-Power, 8-Bit DACs with 3-Wire Serial Interface in SOT23 Low-Cost, Voltage-Output, 16-Bit DACs with Internal Reference in µMAX x8的SRAM x8 SRAM x8的SRAM
|
Analog Devices, Inc. California Micro Devices Corporation
|
MS63321 |
16-Bit Stereo Audio DAC & Headphone Driver Mute and Power Down Function Component Less, Low Cost
|
MOSA ELECTRONICS
|
AD557JN AD557JP AD557 |
DACPORT, Low-Cost Complete mP-Compatible 8-Bit DAC
|
AD[Analog Devices]
|
MAX9202 MAX9202ESD MAX9202EUD MAX9201ESE MAX9203ES |
Low-Cost, 7ns, Low-Power Voltage Comparators COMPARATOR, 7500 uV OFFSET-MAX, 7 ns RESPONSE TIME, PDSO8 Low-Cost, 7ns, Low-Power Voltage Comparators 低成本7ns、低功耗电压比较器 Low-Cost 7ns Low-Power Voltage Comparators
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
TC3403 TC3403VPE |
The TC3403 is a low cost, low power analog-to-digital converter based on Microchip’s Sigma-Delta technology. It will perform 16-bit conversions (15-bit plus sign) at up to eight per second. The TC3403 is optimized for use as a microc 1.8V Low Power, Quad Input, 16-Bit Sigma-Delta A/D Converter with a Power Fault Monitor and Microprocessor Reset Circuit
|
Microchip Microchip Technology Inc.
|
|