PART |
Description |
Maker |
CPDF12V0U-HF |
Halogen Free ESD Diodes, V-C=24V, V-ESD=30kV SMD ESD Protection Diode
|
Comchip Technology
|
CPDUR9V0LP-HF |
Halogen Free ESD Diodes, V-C=16V, V-ESD=8kV Low Capacitance ESD SMD Protection Diode
|
Comchip Technology
|
CPDF3V3UP-HF |
Halogen Free ESD Diodes, V-C=5.5V, V-ESD=15kV SMD ESD Protection Diode
|
Comchip Technology
|
MAX3000 MAX3000E MAX3000EEUP MAX3001EAUP MAX3001EE |
1.2V to 5.5V, /-15kV ESD-protected, 0.1mA, 35Mbp, 8-channel level translator 1.2V to 5.5V, 15kV ESD-Protected, 0.1UA, 35Mbps, 8-Channel Level Translators 1.2V to 5.5V, ±15kV ESD-Protected, 0.1µA, 35Mbps, 8-Channel Level Translators 1.2V to 5.5V / 15kV ESD-Protected / 0.1A / 35Mbps / 8-Channel Level Translators 1.2V to 5.5V, ±15kV ESD-Protected, 0.1UA, 35Mbps, 8-Channel Level Translators 1.2V to 5.5V, 15kV ESD-Protected, 0.1A, 35Mbps, 8-Channel Level Translators 1.2V to 5.5V, 【15kV ESD-Protected, 0.1レA, 35Mbps, 8-Channel Level Translators 1.2V to 5.5V, 【15kV ESD-Protected, 0.1UA, 35Mbps, 8-Channel Level Translators 1.2V to 5.5V 15kV ESD-Protected 0.1UA 35Mbps 8-Channel Level Translators RES 2.55K-OHM 1% 0.1W 100PPM THICK-FILM SMD-0603 5K/REEL-7IN-PA Fixed-Point Digital Signal Processor 532-FCBGA 6 Pin, DIP, Phototransistor Detector w/ Base, CTR 30 min @ 1mA, 5V Optocoupler 1.2V to 5.5V, 5kV ESD-Protected, 0.1UA, 35Mbps, 8-Channel Level Translators 1.2V5.5Vamp;plusmn;15kV ESD保护.1µA5Mbps通道电平转换 1.2V to 5.5V, ??5kV ESD-Protected, 0.1UA, 35Mbps, 8-Channel Level Translators
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
ESD9X3.3S ESD9X3.3ST5 ESD9X5.0ST5 |
ESD Protection Diodes(ESD淇??浜??绠? ESD Protection Diodes(ESD保护二极 ESD保护二极管(防静电保护二极管 ESD Protection Single Diode In Ultra Small SOD-923 Package
|
ON Semiconductor ONSEMI
|
CPDK24V-HF CPDK12V-HF CPDK5V0-HF |
Halogen Free ESD Diodes, V-C=47V, V-ESD=8kV Halogen Free ESD Diodes, V-C=25V, V-ESD=8kV Halogen Free ESD Diodes, V-C=15V, V-ESD=8kV
|
Comchip Technology
|
CPDVR083V3U |
ESD Suppressor Array, V-C=5.5V, V-PV=15kV, V-BD=0V SMD ESD Protection Diode
|
Comchip Technology
|
CPDVR065V0U-HF |
Halogen Free ESD Array, V-C=11V, V-PV=15kV, V-BD=0V SMD ESD Protection Diode
|
Comchip Technology
|
CPDQR24V0U-HF |
Halogen Free ESD Diodes, V-C=50V, V-ESD=15kV
|
Comchip Technology
|
CPDUR12V0U-HF |
Halogen Free ESD Diodes, V-C=19V, V-ESD=30kV
|
Comchip Technology
|
|