PART |
Description |
Maker |
MAX1112-MAX1113 MAX1113EEET MAX1113CEET MAX1112EAP |
5V, Low-Power, Multi-Channel, Serial 8-Bit ADCs 8-CH 8-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO20 5V, Low-Power, Multi-Channel, Serial 8-Bit ADCs 5V,低功耗,多通道,串位ADC 5V / Low-Power / Multi-Channel / Serial 8-Bit ADCs
|
Maxim Integrated Products, Inc.
|
CS5361 CS5361-BZ |
114dB, 192kHz, multi-bit audio A/D converter 111 dB, 192 kHz, Multi-Bit Audio A/D Converter
|
Cirrus Logic
|
AM41LV3204MT10IT |
Stacked Multi-chip Package (MCP) 32 Mbit (4 M x 8 bit/2 M x 16-bit) Flash Memory and 4 Mbit (512K x 8-Bit/256 K x 16-Bit) Static RAM
|
Advanced Micro Devices, Inc.
|
CS5525/26 |
16-Bit/20-Bit Multi-Range A/D Converters with 4-Bit Latch
|
Cirrus Logic
|
AM41DL6408G AM41DL6408G70IS AM41DL6408G70IT AM41DL |
64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 8 Mbit (1 M x 8-Bit/512 K x 16-Bit) Static RAM Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
|
AMD[Advanced Micro Devices] SPANSION[SPANSION]
|
AK4396VF AKD4396 AK4396 |
Advanced Multi-Bit 192kHz 24-Bit ツヒ DAC
|
AKM[Asahi Kasei Microsystems]
|
AK439303 |
Advanced Multi-Bit 96kHz 24-Bit ツヒ DAC
|
Asahi Kasei Microsystems
|
AKD4393 AK4393 AK4393VF |
ADVANCED MULTI-BIT 96KHZ 24-BIT DAC
|
Asahi Kasei Microsystems Asahi Kasei Microsystem...
|
AM42DL640AG85IS AM42DL640AG AM42DL640AG25IT AM42DL |
Stacked Multi-Chip Package (MCP) Flash Memory and SRAM 64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only 64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 16 Mbit (1 M x 16-Bit) Static RAM
|
SPANSION Advanced Micro Devices
|
AM49DL320BGB701T AM49DL320BGT701T AM49DL320BGT701S |
Stacked Multi-Chip Package (MCP) Flash Memory and SRAM 32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous 堆叠式多芯片封装(MCP)闪存和SRAM2兆位个M × 8 2米x 16位).0伏的CMOS只,同时 Stacked Multi-Chip Package (MCP) Flash Memory and SRAM 32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous 堆叠式多芯片封装(MCP)闪存和SRAM2兆位4个M × 8 2米x 16位).0伏的CMOS只,同时 32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 32 Mbit (2M x 16-Bit) Pseudo Static RAM SPECIALTY MEMORY CIRCUIT, PBGA73
|
Spansion, Inc. Spansion Inc. ADVANCED MICRO DEVICES INC Advanced Micro Devices, Inc.
|
AM42DL16X4D AM42DL1614DB85IT AM42DL1614DT85IT AM42 |
Am29DL16xD 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (256 K x 16-Bit) Static RAM Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
|
AMD[Advanced Micro Devices] SPANSION[SPANSION]
|
AK4395 AK4395VF AKD4395 |
Advanced Multi-Bit 192kHz 24-Bit ## DAC ADVANCED MULTI-BIT 192KHZ 24-BIT DAC
|
AKM[Asahi Kasei Microsystems]
|