PART |
Description |
Maker |
SB300-09R |
90V/ 30A Rectifier 90V 30A Rectifier 90V, 30A Rectifier Schottky Barrier Diode (Twin Type Cathode Common)
|
SANYO[Sanyo Semicon Device]
|
SB80-09J |
Schottky Barrier Diode (Twin Type Cathode Common) 90V, 8A Rectifier 90V/ 8A Rectifier
|
SANYO[Sanyo Semicon Device]
|
SBA100-04Y SBA100-04YSMP-FD |
10 A, 40 V, SILICON, RECTIFIER DIODE SMP-FD, 3 PIN Schottky Barrier Diode (Twin Type Cathode Common) 40V, 10A Rectifier 40V 10A Rectifier 40V/ 10A Rectifier
|
SANYO Semiconductor Co., Ltd. SANYO[Sanyo Semicon Device]
|
VC-710-DFF-GFM-200.000 VC-710 VC-710-DFC-GFA-125.0 |
CRYSTAL 20.0000 MHZ 18PF SMD 压控晶体振荡 CONNECTOR ACCESSORY 连接器附 Voltage Controlled Crystal Oscillator 压控晶体振荡 RECTIFIER SCHOTTKY DUAL 10A 45V 125A-ifsm 0.7V-vf 0.1mA-ir TO-220AB 50/TUBE 压控晶体振荡 RECTIFIER SCHOTTKY SINGLE 10A 40V 150A-ifsm 0.84V-vf 0.1mA-ir TO220AC 50/TUBE RECTIFIER SCHOTTKY SINGLE 10A 45V 150A-ifsm 0.84V-vf 0.1mA-ir TO220AC 50/TUBE RECTIFIER SCHOTTKY SINGLE 10A 50V 150A-ifsm 0.95V-vf 0.1mA-ir TO220AC 50/TUBE RECTIFIER SCHOTTKY DUAL 10A 40V 125A-ifsm 0.7V-vf 0.1mA-ir TO-220AB 50/TUBE XTAL CER SMT 6X3.5 2PAD AB 6C 6#16 SKT PLUG
|
Electronic Theatre Controls, Inc. ETC[ETC] Vectron International, Inc
|
ADP1173AN-12 ADP1173AN-33 ADP1173AR-33 ADP1173 ADP |
Micropower DC-DC Converter RECTIFIER SCHOTTKY SINGLE 1A 80V 25A-ifsm 0.8V-vf 0.5mA-ir DO-41 5K/AMMO 1.5 A SWITCHING REGULATOR, 32 kHz SWITCHING FREQ-MAX, PDIP8 RECTIFIER SCHOTTKY DUAL 40A 60V 375A-ifsm 0.7V-vf 1mA-ir TO-3P 30/TUBE RECTIFIER SCHOTTKY SINGLE 1A 90V 25A-ifsm 0.8V-vf 0.5mA-ir DO-41 5K/REEL-13
|
http:// Analog Devices, Inc.
|
SBA50-09Y |
Schottky Barrier Diode (Twin Type Cathode Common) 90V, 5A Rectifier
|
Sanyo Semicon Device
|
10TQ045S 10TQ040S 10TQ030S 10TQ035 10TQ 10TQ045 10 |
SCHOTTKY RECTIFIER 肖特基整流器 35V 10A Schottky Discrete Diode in a D2-Pak package 35V0A条肖特基二极管的分立的一D2 - PAK封装 40V 10A Schottky Discrete Diode in a D2-Pak package 35V 10A Schottky Discrete Diode in a TO-220AC package 45V 10A Schottky Discrete Diode in a TO-220AC package 45V 10A Schottky Discrete Diode in a D2-Pak package
|
International Rectifier, Corp. SIEMENS AG IRF[International Rectifier]
|
SBA250-09R |
Schottky Barrier Diode (Twin Type Cathode Common) 90V, 25A Rectifier Schottky Barrier Diode (Twin Type ・ Cathode Common) 90V/ 25A Rectifier
|
SANYO[Sanyo Semicon Device]
|
MBR10100CT MBR10200CT |
10A SCHOTTKY BARRIER DIODE Dual High Voltage Schottky Rectifier
|
Tak Cheong Electronics (Holdings) Co.,Ltd
|